Part Number Hot Search : 
Z5232 01926 MAX2450 74F244SC 9052RD P3937 B1160CA AE1EUN
Product Description
Full Text Search
 

To Download AS7C33256NTF3236A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 November 2004
(R)
AS7C33256NTF32A AS7C33256NTF36A
3.3V 256Kx32/36 Flowthrough Synchronous SRAM with NTDTM
Features
* Organization: 262,144 words x 32 or 36 bits * NTDTM architecture for efficient bus operation * Fast clock to data access: 7.5/8.5/10 ns * Fast OE access time: 3.5/4.0 ns * Fully synchronous operation * Flow-through mode * Asynchronous output enable control * Available in 100-pin TQFP * Byte write enables * Clock enable for operation hold * Multiple chip enables for easy expansion * 3.3 core power supply * 2.5V or 3.3V I/O operation with separate VDDQ * 30 mW typical standby power * Self-timed write cycles * Interleaved or linear burst modes * Snooze mode for standby operation
Logic Block Diagram
A[17:0] 18 D
Address register Burst logic
Q
18
CLK CE0 CE1 CE2 R/W BWa BWb BWc BWd ADV / LD LBO ZZ
D
Q 18
Write delay addr. registers
CLK
Control logic
CLK
Write Buffer
CLK
256K x 32/36 SRAM Array
DQ[a,b,c,d]
32/36
D
Data Q Input Register
CLK
32/36 32/36 32/36
32/36 CLK CEN OE
Output Buffer
32/36 OE
DQ[a,b,c,d]
Selection Guide
-75 Minimum cycle time Maximum clock access time Maximum operating current Maximum standby current Maximum CMOS standby current (DC) 8.5 7.5 300 120 30 -85 10 8.5 280 110 30 -10 12 10 240 100 30 Units ns ns mA mA mA
11/8/04, v. 1.1
Alliance Semiconductor
P. 1 of 18
Copyright (c) Alliance Semiconductor. All rights reserved.
AS7C33256NTF32A AS7C33256NTF36A
(R)
8 Mb Synchronous SRAM products list1,2
Org 512KX18 256KX32 256KX36 512KX18 256KX32 256KX36 512KX18 256KX32 256KX36 512KX18 256KX32 256KX36 512KX18 256KX32 256KX36 Part Number AS7C33512PFS18A AS7C33256PFS32A AS7C33256PFS36A AS7C33512PFD18A AS7C33256PFD32A AS7C33256PFD36A AS7C33512FT18A AS7C33256FT32A AS7C33256FT36A AS7C33512NTD18A AS7C33256NTD32A AS7C33256NTD36A AS7C33512NTF18A AS7C33256NTF32A AS7C33256NTF36A Mode PL-SCD PL-SCD PL-SCD PL-DCD PL-DCD PL-DCD FT FT FT NTD-PL NTD-PL NTD-PL NTD-FT NTD-FT NTD-FT Speed 166/133 MHz 166/133 MHz 166/133 MHz 166/133 MHz 166/133 MHz 166/133 MHz 7.5/8.5/10 ns 7.5/8.5/10 ns 7.5/8.5/10 ns 166/133 MHz 166/133 MHz 166/133 MHz 7.5/8.5/10 ns 7.5/8.5/10 ns 7.5/8.5/10 ns
1 Core Power Supply: VDD = 3.3V + 0.165V 2 I/O Supply Voltage: VDDQ = 3.3V + 0.165V for 3.3V I/O VDDQ = 2.5V + 0.125V for 2.5V I/O PL-SCD PL-DCD FT NTD1-PL NTD-FT : : : : : Pipelined Burst Synchronous SRAM - Single Cycle Deselect Pipelined Burst Synchronous SRAM - Double Cycle Deselect Flow-through Burst Synchronous SRAM Pipelined Burst Synchronous SRAM with NTDTM Flow-through Burst Synchronous SRAM with NTDTM
1. NTD: No Turnaround Delay. NTDTM is a trademark of Alliance Semiconductor Corporation. All trademarks mentioned in this document are the property of their respective owners.
11/8/04, v. 1.1
Alliance Semiconductor
P. 2 of 18
AS7C33256NTF32A AS7C33256NTF36A
(R)
Pin arrangement for TQFP (top view)
A A CE0 CE1 BWd BWc BWb BWa CE2 VDD VSS CLK R/W CEN OE ADV/LD NC
DQPc/NC DQc0 DQc1 VDDQ VSSQ DQc2 DQc3 DQc4 DQc5 VSSQ VDDQ DQc6 DQc7 VDD NC VSS DQd0 DQd1 VDDQ VSSQ DQd2 DQd3 DQd4 DQd5 VSSQ VDDQ DQd6 DQd7 DQPd/NC
NC
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30
100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81
A A
80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51
A
TQFP 14x20mm
DQPb/NC DQb7 DQb6 VDDQ VSSQ DQb5 DQb4 DQb3 DQb2 VSSQ VDDQ DQb1 DQb0 Vss NC VDD ZZ DQa7 DQa6 VDDQ VSSQ DQa5 DQa4 DQa3 DQa2 VSSQ VDDQ DQa1 DQa0 DQP/NC
11/8/04, v. 1.1
LBO A A A A A1 A0 NC NC VSS VDD NC NC A A A A A A A
Note: Pins 1, 30, 51 , and 80 are NC for x32
31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
Alliance Semiconductor
P. 3 of 18
AS7C33256NTF32A AS7C33256NTF36A
(R)
Functional description
The AS7C33256NTF32A/36A family is a high performance CMOS 8 Mbit Synchronous Static Random Access Memory (Flowthrough SRAM) organized as 262,144 words x 32 or 36 bits and incorporates a LATE Write. This variation of the 8Mb sychronous SRAM uses the No Turnaround Delay (NTDTM) architecture, featuring an enhanced write operation that improves bandwidth over pipelined burst devices. In a normal flowthrough burst device, the write data, command, and address are all applied to the device on the same clock edge. If a read command follows this write command, the system must wait for one 'dead' cycle for valid data to become available. This dead cycle can significantly reduce overall bandwidth for applications requiring random access or readmodify-write operations. NTDTM devices use the memory bus more efficiently by introducing a write latency which matches one-cycle flow-through read latency. Write data is applied one cycle after the write command and address, allowing the read pipeline to clear. With NTDTM, write and read operations can be used in any order without producing dead bus cycle. Assert R/W low to perform write cycles. Byte write enable controls write access to specific bytes, or can be tied low for full 32/36 bit writes. Write enable signals, along with the write address, are registered on a rising edge of the clock. Write data is applied to the device one clock cycle later. Unlike some asynchronous SRAMs, output enable OE does not need to be toggled for write operations; it can be tied low for normal operations. Outputs go to a high impedance state when the device is de-selected by any of the three chip enable inputs. Use the ADV (burst advance) input to perform burst read, write and deselect operations. When ADV is high, external addresses, chip select, R/W pins are ignored, and internal address counters increment in the count sequence specified by the LBO control. Any device operations, including burst, can be stalled using the CEN=1, the clock enable input. The AS7C33256NTF32A and AS7C33256NTF36A operate with a 3.3V 5% power supply for the device core (VDD). DQ circuits use a separate power supply (VDDQ) that operates across 3.3V or 2.5V ranges. These devices are available in a 100-pin 14x20 mm TQFP package
Capacitance
Parameter Input capacitance I/O capacitance
*Guaranteed not tested
Symbol CIN* CI/O*
Test conditions Vin = 0V Vin = Vout = 0V
Min -
Max 5 7
Unit pF pF
TQFP thermal resistance
Description Thermal resistance (junction to ambient)1 Thermal resistance (junction to top of case)1
1 This parameter is sampled
Conditions Test conditions follow standard test methods and procedures for measuring thermal impedance, per EIA/JESD51 1-layer 4-layer
Symbol JA JA JC
Typical 40 22 8
Units C/W C/W C/W
11/8/04, v. 1.1
Alliance Semiconductor
P. 4 of 18
AS7C33256NTF32A AS7C33256NTF36A
(R)
Signal descriptions
Signal CLK CEN A, A0, A1 DQ[a,b,c,d] CE0, CE1, CE2 ADV/LD R/W BW[a,b,c,d] OE LBO ZZ NC I/O Properties Description I I I I/O I I I I I I I CLOCK SYNC SYNC SYNC SYNC SYNC SYNC SYNC ASYNC STATIC ASYNC Clock. All inputs except OE, LBO, and ZZ are synchronous to this clock. Clock enable. When de-asserted high, the clock input signal is masked. Address. Sampled when all chip enables are active and ADV/LD is asserted. Data. Driven as output when the chip is enabled and OE is active. Synchronous chip enables. Sampled at the rising edge of CLK, when ADV/LD is asserted. Are ignored when ADV/LD is high. Advance or Load. When sampled high, the internal burst address counter will increment in the order defined by the LBO input value. (refer to table on page 2) When low, a new address is loaded. A high during LOAD initiates a READ operation. A low during LOAD initiates a WRITE operation. Is ignored when ADV/LD is high. Byte write enables. Used to control write on individual bytes. Sampled along with WRITE command and BURST WRITE. Asynchronous output enable. I/O pins are not driven when OE is inactive. Selects Burst mode. When tied to VDD or left floating, device follows Interleaved Burst order. When driven Low, device follows linear Burst order. This signal is internally pulled High. Snooze. Places device in low power mode; data is retained. Connect to GND if unused. No connects. Note that pin 84 will be used for future address expansion to 16Mb density.
Snooze Mode
SNOOZE MODE is a low current, power-down mode in which the device is deselected and current is reduced to ISB2. The duration of SNOOZE MODE is dictated by the length of time the ZZ is in a High state. The ZZ pin is an asynchronous, active high input that causes the device to enter SNOOZE MODE. When the ZZ pin becomes a logic High, ISB2 is guaranteed after the time tZZI is met. After entering SNOOZE MODE, all inputs except ZZ become disabled and all outputs go to High-Z. Any operation pending when entering SNOOZE MODE is not guaranteed to successful complete. Therefore, SNOOZE MODE (READ or WRITE) must not be initiated until valid pending operations are completed. similarly, when exiting SNOOZE MODE during tPUS, only a DESELECT or READ cycle should be given while the SRAM is transitioning out of SNOOZE MODE.
Burst Order
Interleaved Burst Order LBO=1 A1 A0 A1 A0 A1 A0 A1 A0 Starting Address First increment Second increment Third increment 00 01 10 11 01 00 11 10 10 11 00 01 11 10 01 00 Starting Address First increment Second increment Third increment Linear Burst Order LBO=0 A1 A0 A1 A0 A1 A0 A1 A0 00 01 10 11 01 10 11 00 10 11 00 01 11 00 01 10
11/8/04, v. 1.1
Alliance Semiconductor
P. 5 of 18
AS7C33256NTF32A AS7C33256NTF36A
(R)
Synchronous truth table[5,6,7,8,9,11]
CE0 CE1 CE2 ADV/LD R/W BWn OE CEN Address source CLK Operation DQ Notes
H X X X L X L X L X L X X
X X L X H X H X H X H X X
X H X X L X L X L X L X X
L L L H L H L H L H L H X
X X X X H X H X L X L X X
X X X X X X X X L L H H X
X X X X L L H H X X X X X
L L L L L L L L L L L L H
NA NA NA NA Next Next Next
L to H L to H L to H L to H L to H L to H L to H
DESELECT Cycle DESELECT Cycle DESELECT Cycle CONTINUE DESELECT Cycle READ Cycle (Begin Burst) READ Cycle (Continue Burst) DUMMY READ (Continue Burst) WRITE CYCLE (Begin Burst) WRITE CYCLE (Continue Burst)
High-Z High-Z High-Z High-Z Q Q 1,10 2 3 1,3,10 2,3 1,2,3, 10 4 1
External L to H
External L to H NOP/DUMMY READ (Begin Burst) High-Z External L to H D D High-Z High-Z -
High-Z 1,2,10
External L to H NOP/WRITE ABORT (Begin Burst) Next L to H WRITE ABORT (Continue Burst) INHIBIT CLOCK
Current L to H
Key: X = Don't Care, H = HIGH, L = LOW. BWn = H means all byte write signals (BWa, BWb, BWc, and BWd) are HIGH. BWn = L means one or more byte write signals are LOW. Notes: 1 CONTINUE BURST cycles, whether READ or WRITE, use the same control inputs. The type of cycle performed (READ or WRITE) is chose in the initial BEGIN BURST cycle. A CONINUE DESELECT cycle can only be entered if a DESELECT CYCLE is executed first. 2 DUMMY READ and WRITE ABORT cycles can be considered NOPs because the device performs no external operation. A WRITE ABORT means a WRITE command is given, but no operation is performed. 3 OE may be wired LOW to minimize the number of control signal to the SRAM. The device will automatically turn off the output drivers during a WRITE cycle. OE may be used when the bus turn-on and turn-off times do not meet an application's requirements. 4 If an INHIBIT CLOCK command occurs during a READ operation, the DQ bus will remain active (Low-Z). If it occurs during a WRITE cycle, the bus will remain in High-Z. No WRITE operations will be performed during the INHIBIT CLOCK cycle. 5 BWa enables WRITEs to byte "a" (DQa pins/balls); BWb enables WRITEs to byte "b" (DQb pins/balls); BWc enables WRITEs to byte "c" (DQc pins/ balls); BWd enables WRITEs to byte "d" (DQd pins/balls). 6 All inputs except OE and ZZ must meet setup and hold times around the rising edge (LOW to HIGH) of CLK. 7 Wait states are inserted by setting CEN HIGH. 8 This device contains circuitry that will ensure that the outputs will be in High-Z during power-up. 9 The device incorporates a 2-bit burst counter. Address wraps to the initial address every fourth BURST CYCLE. 10 The address counter is incremented for all CONTINUE BURST cycles. 11 ZZ pin is always Low.
11/8/04, v. 1.1
Alliance Semiconductor
P. 6 of 18
AS7C33256NTF32A AS7C33256NTF36A
(R)
State Diagram for NTD SRAM
Read Burst Read Read
Dse l Re ad
Burst Read Dsel
Burst
Dsel Dsel
l Dse
ad Re
W r it e
Read Write
Write
Write
Burst
ite Wr Burst
Write
Burst Write
Dsel Burst
Absolute maximum ratings1
Parameter Power supply voltage relative to GND Input voltage relative to GND (input pins) Input voltage relative to GND (I/O pins) Power dissipation DC output current Storage temperature (plastic) Temperature under bias (Junction) Symbol VDD, VDDQ VIN VIN PD IOUT Tstg Tbias Min -0.5 -0.5 -0.5 - - -65 -65 Max +4.6 VDD + 0.5 VDDQ + 0.5 1.8 50 +150 +150 Unit V V V W mA
o
C
oC
1 Stresses greater than those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions outside those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions may affect reliability.
Recommended operating conditions at 3.3V I/O
Parameter Supply voltage for inputs Supply voltage for I/O Ground supply Symbol VDD VDDQ Vss Min 3.135 3.135 0 Nominal 3.3 3.3 0 Max 3.465 3.465 0 Unit V V V
Recommended operating conditions at 2.5V I/O
Parameter Supply voltage for inputs Supply voltage for I/O Ground supply Symbol VDD VDDQ Vss Min 3.135 2.375 0 Nominal 3.3 2.5 0 Max 3.465 2.625 0 Unit V V V
11/8/04, v. 1.1
Alliance Semiconductor
P. 7 of 18
AS7C33256NTF32A AS7C33256NTF36A
(R)
DC electrical characteristics for 3.3V I/O operation
Parameter Input leakage current1 Output leakage current Input high (logic 1) voltage Input low (logic 0) voltage Output high voltage Output low voltage Sym |ILI| |ILO| VIH VIL VOH VOL Conditions VDD = Max, 0V < VIN < VDD OE VIH, VDD = Max, 0V < VOUT < VDDQ Address and control pins I/O pins Address and control pins I/O pins IOH = -4 mA, VDDQ = 3.135V IOL = 8 mA, VDDQ = 3.465V Min -2 -2 2* 2* -0.3** -0.5** 2.4 - Max 2 2 VDD+0.3 VDDQ+0.3 0.8 0.8 - 0.4 Unit A A V V V V
1 LBO, and ZZ pins have an internal pull-up or pull-down, and input leakage = 10 A.
DC electrical characteristics for 2.5V I/O operation
Parameter Input leakage current Output leakage current Input high (logic 1) voltage Input low (logic 0) voltage Output high voltage Output low voltage Sym |ILI| |ILO| VIH VIL VOH VOL Conditions VDD = Max, 0V < VIN < VDD OE VIH, VDD = Max, 0V < VOUT < VDDQ Address and control pins I/O pins Address and control pins I/O pins IOH = -4 mA, VDDQ = 2.375V IOL = 8 mA, VDDQ = 2.625V X tCYC Min -2 -2 1.7* 1.7* -0.3** -0.3** 1.7 - Max 2 2 VDD+0.3 VDDQ+0.3 0.7 0.7 - 0.7 Unit A A V V V V V V
*V max < VDD +1.5V for pulse width less than 0.2 IH ** VIL min = -1.5 for pulse width less than 0.2 X tCYC
IDD operating conditions and maximum limits
Parameter Operating power supply current1 Sym ICC ISB Standby power supply current ISB1 ISB2 Conditions CE0 < VIL, CE1 > VIH, CE2 < VIL, f = fMax, IOUT = 0 mA, ZZ < VIL All VIN 0.2V or > VDD - 0.2V, Deselected, f = fMax, ZZ < VIL Deselected, f = 0, ZZ < 0.2V, all VIN 0.2V or VDD - 0.2V Deselected, f = fMax, ZZ VDD - 0.2V, all VIN VIL or VIH -75 -85 280 110 30 30 -10 240 100 30 30 Unit
300 120 30 30
mA
mA
1 ICC given with no output loading. ICC increases with faster cycle times and greater output loading.
11/8/04, v. 1.1
Alliance Semiconductor
P. 8 of 18
AS7C33256NTF32A AS7C33256NTF36A
(R)
Timing characteristics over operating range
-75 Parameter Cycle time Clock access time Output enable low to data valid Clock high to output low Z Data Output invalid from clock high Output enable low to output low Z Output enable high to output high Z Clock high to output high Z Output enable high to invalid output Clock high pulse width Clock low pulse width Address and Control setup to clock high Data setup to clock high Write setup to clock high Chip select setup to clock high Address hold from clock high Data hold from clock high Write hold from clock high Chip select hold from clock high Clock enable setup to clock high Clock enable hold from clock high ADV setup to clock high ADV hold from clock high
1 See "AC test conditions" on page 15.
-85 7.5 3.5 3.5 4.0 10 - - 2.5 2.5 0 - - 0 3.0 3.0 2.0 2.0 2.0 2.0 0.5 0.5 0.5 0.5 2.0 0.5 2.0 0.5 - 8.5 4.0 - - - 4.0 5.0 - - - - - - - - - - - - - - - 12 - - 2.5 2.5 0 - - 0 3.0 3.0 2.0 2.0 2.0 2.0 0.5 0.5 0.5 0.5 2.0 0.5 2.0 0.5
-10 Notes1 - 10 4.0 - - - 4.0 5.0 - - - - - - - - - - - - - - - ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns 5 5 6 6 6, 7 6, 8 6 6 6, 7 6, 8 6 6 6 6 2,3,4 2 2,3,4 2,3,4 2,3,4
Sym tCYC tCD tOE tLZC tOH tLZOE tHZOE tHZC tOHOE tCH tCL tAS tDS tWS tCSS tAH tDH tWH tCSH tCENS tCENH tADVS tADVH
Min Max Min Max Min Max Unit 8.5 2.5 2.5 0.0 0.0 2.8 2.8 2.0 2.0 2.0 2.0 0.5 0.5 0.5 0.5 2.0 0.5 2.0 0.5
Snooze Mode Electrical Characteristics
Description Conditions Symbol Min Max Units
Current during Snooze Mode ZZ active to input ignored ZZ inactive to input sampled ZZ active to SNOOZE current ZZ inactive to exit SNOOZE current
ZZ > VIH
ISB2 tPDS tPUS tZZI tRZZI
30 2 2 2 0
mA cycle cycle cycle
11/8/04, v. 1.1
Alliance Semiconductor
P. 9 of 18
AS7C33256NTF32A AS7C33256NTF36A
(R)
Key to switching waveforms
Rising input Falling input don't care Undefined
Timing waveform of read cycle
tCH CLK tCENS tCENH tCL tCYC
CEN
tAS Address A1
tAH A2 A3
tWS tWH R/W tCSS CE0,CE2 tCSH
CE1 tADVS tADVH ADV/LD
OE tOE Dout tLZOE
Q(A1)
tHZOE
Q(A2) Q(A2Y`01) Q(A2Y`10) Q(A2Y`11) Q(A3) Q(A3Y`01)
Command
READ Q(A1)
DSEL
READ Q(A2)
BURST BURST READ READ READ Q(A2Y11) Q(A2Y01) Q(A2Y10) BURST
STALL
READ Q(A3)
BURST READ Q(A3Y01)
11/8/04, v. 1.1
Alliance Semiconductor
P. 10 of 18
AS7C33256NTF32A AS7C33256NTF36A
(R)
Timing waveform of write cycle
tCH CLK tCENS tCENH tCL tCYC
CEN
tAS Address A1
tAH A2 A3
R/W
BWn tCSS CE0,CE2 tCSH
CE1 tADVS tADVH ADV/LD
OE tDS Din tHZOE Dout
Q(n-1)
tDH
D(A3)
D(A1)
D(A2) D(A2Y`01) D(A2Y`10) D(A2Y`11)
D(A3Y`01)
Command
WRITE D(A1)
DSEL
WRITE D(A2)
BURST BURST BURST WRITE WRITE WRITE D(A2Y01) D(A2Y10) D(A2Y11)
STALL
WRITE D(A3)
BURST WRITE D(A3Y01)
11/8/04, v. 1.1
Alliance Semiconductor
P. 11 of 18
AS7C33256NTF32A AS7C33256NTF36A
(R)
Timing waveform of read/write cycle
tCH CLK tCENS CEN tAS ADDRESS tWS R/W tWS BWn tCSS CE0, CE2 tCSH tWH
A1
tCL
tCYC
tCENH
tAH
A2 A3 A4 A5 A6 A7
tWH
CE1 tADVS ADV/LD tADVH
OE tCD tDS tDH D/Q
D(A1) D(A2)
tHZOE tOH
Q(A3) Q(A4)
tLZC
D(A2Y01)
tOE
tHZC
Q(A4Y01)
D(A5)
Q(A6)
D(A7)
tLZOE Command WRITE D(A1) WRITE D(A2) BURST WRITE D(A2Y01) READ Q(A3) READ Q(A4) BURST READ Q(A4Y01) WRITE D(A5) READ Q(A6) WRITE D(A7) DSEL
Note: Y = XOR when LBO = high/no connect. Y = ADD when LBO = low.
11/8/04, v. 1.1
Alliance Semiconductor
P. 12 of 18
AS7C33256NTF32A AS7C33256NTF36A
(R)
NOP, stall and deselect cycles
CLK CEN
CE1
CE0, CE2
ADV/LD
R/W
BWn
Address
A1
A2
A3
D/Q
Q(A1)
Q(A1Y01)
Q(A1Y10)
D(A2)
Command
READ Q(A1)
BURST STALL Q(A1Y01)
BURST DSEL Q(A1Y10)
BURST DSEL
WRITE D(A2)
BURST BURST WRITE NOP D(A2Y10) NOP D(A2Y01) D(A3)
Note: Y = XOR when LBO = high/no connect; Y = ADD when LBO = low. OE is low.
11/8/04, v. 1.1
Alliance Semiconductor
P. 13 of 18
AS7C33256NTF32A AS7C33256NTF36A
(R)
Timing waveform of snooze mode
CLK tPUS ZZ setup cycle ZZ tZZI ZZ recovery cycle
Isupply
ISB2 tRZZI
All inputs (except ZZ)
Deselect or Read Only
Deselect or Read Only
Normal operation Cycle Dout High-Z
11/8/04, v. 1.1
Alliance Semiconductor
P. 14 of 18
AS7C33256NTF32A AS7C33256NTF36A
(R)
AC test conditions
* Output Load: see Figure B, except for tLZC, tLZOE, tHZOE, tHZC see Figure C. * Input pulse level: GND to 3V. See Figure A. * Input rise and fall time (Measured at 0.3V and 2.7V): 2 ns. See Figure A. * Input and output timing reference levels: 1.5V.
+3.0V 90% 90% 10% Dout Z0=50 50 VL=1.5V 353/1538 30 pF* DOUT Thevenin equivalent: +3.3V for 3.3V I/O; /+2.5V for 2.5V I/O 319/1667 5 pF* GND *including scope and jig capacitance
10% GND
Figure A: Input waveform
Figure B: Output load (A)
Figure C: Output load(B)
Notes
1 2 3 4 5 6 7 8 9 For test conditions, see AC Test Conditions, Figures A, B, C. This parameter measured with output load condition in Figure C This parameter is sampled and not 100% tested. tHZOE is less than tLZOE; and tHZC is less than tLZC at any given temperature and voltage. tHZCN is a`no load' parameter to indicate exactly when SRAM outputs have stopped driving. ICC given with no output loading. ICC increases with faster cycle times and greater output loading. Transitions are measured 500 mV from steady state voltage. Output loading specified with CL = 5 pF as in Figure C. tCH measured as high above VIH, and tCL measured as low below VIL This is a synchronous device. All addresses must meet the specified setup and hold times for all rising edges of CLK. All other synchronous inputs mus meet the setup and hold times with stable logic levels for all rising edges of CLK when chip is enabled.
11/8/04, v. 1.1
Alliance Semiconductor
P. 15 of 18
AS7C33256NTF32A AS7C33256NTF36A
(R)
Package Dimensions 100-pin quad flat pack (TQFP)
Hd D b
TQFP Min Max
A1 A2 b c D E e Hd He L L1 0.05 1.35 0.22 0.09 13.80 19.80 15.80 21.80 0.45 0 0.15 1.45 0.38 0.20 14.20 20.20 16.20 22.20 0.75 7
e
He E
0.65 nominal
c L1 L A1
A2
1.00 nominal
Dimensions in millimeters
11/8/04, v. 1.1
Alliance Semiconductor
P. 16 of 18
AS7C33256NTF32A AS7C33256NTF36A
(R)
Ordering information
Package TQFP TQFP TQFP TQFP Width x32 x32 x36 x36 -75 AS7C33256NTF32A-75TQC AS7C33256NTF32A-75TQI AS7C33256NTF36A-75TQC AS7C33256NTF36A-75TQI -85 AS7C33256NTF32A-85TQC AS7C33256NTF32A-85TQI AS7C33256NTF36A-85TQC AS7C33256NTF36A-85TQI -10 AS7C33256NTF32A-10TQC AS7C33256NTF32A-10TQI AS7C33256NTF36A-10TQC AS7C33256NTF36A-10TQI
Note: Add suffix `N' to he above part numbers for Lead Free Parts (Ex. AS7C33256NTF32A-85TQCN)
Part numbering guide
AS7C 1 33 2 256 3 NTF 4 32/36 5 A 6 -XX 7 TQ 8 C/I 9 X 10
1.Alliance Semiconductor SRAM prefix 2.Operating voltage: 33 = 3.3V 3.Organization: 256 = 256K 4.NTF = No Turn-around Delay, Flowthrough mode 5.Organization: 32 = x32; 36 = x36 6.Production version: A = first production version 7.Clock access time [-75 = 7.5 ns; -85 = 8.5 ns; -10 = 10 ns] 8.Package type: TQ = TQFP. 9.Operating temperature: C = commercial (0 C to 70 C); I = industrial (-40 C to 85 C)
10. N = Lead free part
11/8/04, v. 1.1
Alliance Semiconductor
P. 17 of 18
AS7C33256NTF32A AS7C33256NTF36A
(R)
Alliance Semiconductor Corporation (R) 2575, Augustine Drive, Santa Clara, CA 95054 Tel: 408 - 855 - 4900 Fax: 408 - 855 - 4999 www.alsc.com
Copyright (c) Alliance Semiconductor All Rights Reserved Part Number:AS7C33256NTF32A AS7C33256NTF36A Document Version: v. 1.1
(c) Copyright 2003 Alliance Semiconductor Corporation. All rights reserved. Our three-point logo, our name and Intelliwatt are trademarks or registered trademarks of Alliance. All other brand and product names may be the trademarks of their respective companies. Alliance reserves the right to make changes to this document and its products at any time without notice. Alliance assumes no responsibility for any errors that may appear in this document. The data contained herein represents Alliance's best data and/or estimates at the time of issuance. Alliance reserves the right to change or correct this data at any time, without notice. If the product described herein is under development, significant changes to these specifications are possible. The information in this product data sheet is intended to be general descriptive information for potential customers and users, and is not intended to operate as, or provide, any guarantee or warrantee to any user or customer. Alliance does not assume any responsibility or liability arising out of the application or use of any product described herein, and disclaims any express or implied warranties related to the sale and/or use of Alliance products including liability or warranties related to fitness for a particular purpose, merchantability, or infringement of any intellectual property rights, except as express agreed to in Alliance's Terms and Conditions of Sale (which are available from Alliance). All sales of Alliance products are made exclusively according to Alliance's Terms and Conditions of Sale. The purchase of products from Alliance does not convey a license under any patent rights, copyrights; mask works rights, trademarks, or any other intellectual property rights of Alliance or third parties. Alliance does not authorize its products for use as critical components in life-supporting systems where a malfunction or failure may reasonably be expected to result in significant injury to the user, and the inclusion of Alliance products in such lifesupporting systems implies that the manufacturer assumes all risk of such use and agrees to indemnify Alliance against all claims arising from such use.


▲Up To Search▲   

 
Price & Availability of AS7C33256NTF3236A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X