Part Number Hot Search : 
00223 SI9135 4AR01 KBU401 20060 SM8030 SRAF820 OH10004
Product Description
Full Text Search
 

To Download AP2000A-00 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AP2000A-00
SILICON PIN DIODE CHIP
DESCRIPTION:
The AP2000A-00 is a Planar Silicon PIN Diode Chip Designed for Medium Speed Switching Applications Up to 18 GHz.
FEATURES INCLUDE:
* Low Capacitance - 0.10 pF Typical * Fast Switching - 15 nS Typical * SiO2 Passivation
PACKAGE STYLE CHP152
MAXIMUM RATINGS
IF VR PDISS TJ TSTG JC
O O
100 mA 120 V 0.5 W @ TA = 25 C -65 C to +175 C -65 C to +200 C 45 C/W
O O O O
0.002" 0.001"
0.015" 0.002" SQ. Anode = Pad Cathode = Bottom Side
CHARACTERISTICS
SYMBOL
VBR CJ RS TL trr IR = 10 A VR = 10 V IF = 10 mA IF = 10 mA IF = 20 mA
TA = 25 C
O
NONE
TEST CONDITIONS
f = 1.0 MHz f = 100 MHz IR = 6.0 mA VR = 10 V
MINIMUM
120
TYPICAL
MAXIMUM
0.10
UNITS
V pF nS nS
1.0 150
1.5 15
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1202 * FAX (818) 765-3004
Specifications are subject to change without notice.
REV. A
1/1


▲Up To Search▲   

 
Price & Availability of AP2000A-00

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X