Part Number Hot Search : 
R2040 XO3090 00505 BBY56 TSS3G47S H1100 SNC204 AX93167
Product Description
Full Text Search
 

To Download AM108 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Silicon Miniature Single-Phase Bridge
COMCHIP
www.comchiptech.com
AM 100/150 Thru AM1010/1510
Voltage: 50 - 1000 Volts Current: 1.0 - 1.5 Amp
AM
Features
Ratings to 1000V PRV Surge overloadrating - 30/50 amperes peak Ideal for printed circuit board Reliable construction utilizing molded plastic Mounting position: Any
Mechanical Data
Case: Reliable low cost construction utilizing molded plastic technique results in inexpensive product Terminals: Lead solderable per MIL-STD-202, Method 208 Polarity: Polarity symbols marking on body Weight: 0.05 ounce, 1.3 grams Available with 0.50 inch leads (P/N add suffix "S")
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, Resistive or inductive load.
For capacitive load, derate current by 20%. Maximum Recurrent Peak Reverse Voltage Maximum RMS Bridge input Voltage Maximum DC Blocking Voltage AM100 Maximum Average Forward Rectified AM100 Current at T A = 50C AM150 Peak Forward Surge Current, 8.3ms single half AM100 sine-wave superimposed on rated load AM150 Maximum Forward Voltage Drop per Bridge Element at 1.0A DC Maximum Reverse Current at Rated T A = 25C DC Blocking Voltage per element T A = 100C I2t Rating for fusing ( t< 8.35ms) Typical Junction capacitance per leg (Note 1) CJ Typical Thermal resistance per leg (Note 2) RJA Typical Thermal resistance per leg (Note 2) RJL Operating Temperature Range T J Storage Temperature Range T A AM100 AM150 50 35 50 AM101 AM151 100 70 100 AM102 AM152 200 140 200 AM104 AM154 400 280 400 1.0 1.5 30 50 1.0 10.0 1.0 10 24 36 13 -55 to +125 -55 to +150 AM106 AM156 600 420 600 AM108 AM1010 UNITS AM158 AM1510 800 1000 V 560 700 V 800 1000 V A A V uA mA A2S pF C/W C C
NOTES: 1. Measured at 1 MHz and applied reverse voltage of 4.0 Volts 2. Thermal resistance from junction to ambient and from junction to lead m ounted on P.C.B. with 0.47x 0.47"(12 x 12mm) copper pads
MDS0306001A
Page 1
Silicon Miniature Single-Phase Bridge
COMCHIP
www.comchiptech.com
Rating and Characteristic Curves (AM100/150 T HRU AM1010/1510)
50
FORWARD SURGE CURRENT, AMPERES pk(HALF SINE-WAVE)
40
30
AM150 SERIES
OUTPUT CURRENT AMPERES
2.0 1.5 1.0 0.5 0
0 50 100 150
AM150 SERIES AM100 SERIES
20
10
AM100 SERIES
0 2 4 6 10 20 40 60 100
NUMBER OF CYCLES AT 60Hz
AMBIENT TEMPERATURE,C
Fig. 1-MAXIMUM NON-REPETITIVE SURGE CURRENT
5
Fig. 2-DERATING CURVE FOR OUTPUT RECTIFIED CURRENT
INSTANTANEOUS FWD CURRENT, AMPERES
INSTANTANEOUS REVERSE CURRENT, MICROAMPERES
4 3 2 1 .9 .8 .7 .5 .3 .2 .1 .07 .05 .03 .02 .01 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4
TYPICAL DISTRIBUTION
MEDIAN
10
T A = 100C
1.0
.1
T A = 25 C
.01
0 20 40 60 80 100 120 140
INSTANTANEOUS FWD VOLTAGE, VOLTS
PERCENT OF PEAK REVERSE VOLTAGE
Fig. 3-TYPICAL FORWARD CHARACTERISTICS(25 C)
Fig. 4-TYPICAL REVERSE CHARACTERISTICS
MDS0306001A
Page 2


▲Up To Search▲   

 
Price & Availability of AM108

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X