Part Number Hot Search : 
5962R S2103 KA5H0265 FA764 LS130 AB01B DL5405 BSS51
Product Description
Full Text Search
 

To Download AK5392 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ASAHI KASEI
[AK5392]
AK5392
Enhanced Dual Bit 24Bit ADC
General Description The AK5392 is a 24bit, 128x oversampling 2ch A/D Converterfor professional digital audio systems. The modulator in the AK5392 uses the new developed Enhanced Dual Bit architecture. This new architecture achieves the wider dynamic range, while keeping much the same superior distortion characteristics as conventional Single Bit way. The AK5392 performs 116dB dynamic range, so the device is suitable for professional studio equipments such as digital mixer, digital VTR etc. Features


Enhanced Dual Bit ADC Sampling Rate: 1kHz54kHz Full Differential Inputs S/(N+D): 105dB DR: 116dB S/N: 116dB High Performance Linear Phase Digital Anti-Alias filter * Passband: 021.768kHz(@fs=48kHz) * Ripple: 0.001dB * Stopband: 110dB Digital HPF & Offset Calibration for Offset Cancel Master Clock: 256/384fs Power Supply: 5V5%(Analog), 35.25V(Digital) Power Dissipation: 470mW Package: 28pin SOP
0188-E-01 -1-
1997/11
ASAHI KASEI
[AK5392]
Ordering Guide
AK5392-VS AKD5392 -10+70C 28pin SOP
AK5392 Evaluation Board
Pin Layout
Compatibility with AK5391
1. Changed Specs Parameter HPF Output Resolution DR Input Offset AK5391 No 20/24bit 113dB Required AK5392 Yes 24bit 116dB Not required
2. Pin Compatibility The following pin functions are changed from AK5391. AK5392 supports 24bit only. Pin No. 2 19 27 AK5391 VREFLSEL24 VREFRAK5392 GNDL HPFE GNDR
0188-E-01 -2-
1997/11
ASAHI KASEI
[AK5392]
PIN/FUNCTION No. 1 Pin Name VREFL I/O O Function Lch Reference Voltage Pin, 3.75V Normally connected to GNDL with a 10uF electrolytic capacitor and a 0.1uF ceramic capacitor Lch Reference Ground Pin, 0V Lch Common Voltage Pin, 2.5V Lch Analog positive input Pin Lch Analog negative input Pin Zero Calibration Control Pin This pin controls the calibration reference signal. "L":VCOML and VCOMR "H":Analog Input Pins(AINL,AINR) Digital Power Supply Pin, 3.3V Digital Ground Pin, 0V Calibration Active Signal Pin "H" means the offset calibration cycle is in progress. Offset calibration starts when RST goes "H". CAL goes "L" after 8704 LRCK cycles. Reset Pin When "L", Digital section is powered-down. Upon returning "H", an offset calibration cycle is started. An offset calibration cycle should always be initiated after power-up. Serial Interface Mode Select Pin MSB first, 2's compliment. SMODE2 SMODE1 MODE LRCK L L Slave mode : MSB justified : H/L L H Master mode : Similar to I2S : H/L H L Slave mode : I2S : L/H H H Master mode : I2S : L/H Left/Right Channel Select Clock Pin LRCK goes "H" at SMODE2="L" and "L" at SMODE2="H" during reset when SMODE1 "H".
2 3 4 5 6
GNDL VCOML AINL+ AINLZCAL
O I I I
7 8 9
VD DGND CAL
O
10
RST
I
11 12
SMODE2 SMODE1
I I
13
LRCK
I/O
0188-E-01 -3-
1997/11
ASAHI KASEI
[AK5392]
14
SCLK
I/O
15 16
SDATA FSYNC
O I/O
17
CLK
I
18
CMODE
I
19
HPFE
I
20 21 22 23 24 25 26 27 28
TEST BGND AGND VA AINRAINR+ VCOMR GNDR VREFR
I I I O O
Serial Data Clock Pin Data is clocked out on the falling edge of SCLK. Slave mode: SCLK requires more than 48fs clock. Master mode: SCLK outputs a 128fs clock. SCLK stays "L" during reset. Serial Data Output Pin MSB first, 2's complement. SDATA stays "L" during reset. Frame Synchronization Signal Pin Slave mode: When "H", the data bits are clocked out on SDATA. Master mode: FSYNC outputs 2fs clock. FSYNC stays "L" during reset. Master Clock Input Pin CMODE="H":384fs CMODE="L":256fs Master Clock Select Pin "L": CLK=256fs (12.288MHz @fs=48kHz) "H": CLK=384fs (18.432MHz @fs=48kHz) High Pass Filter Enable Pin "L": Disable "H": Enable Test Pin Should be connected DGND. Substrate Ground Pin, 0V Analog Ground Pin, 0V Analog Supply Pin, 5V Rch Analog negative input Pin Rch Analog positive input Pin Rch Common Voltage Pin, 2.5V Rch Reference Ground Pin, 0V Rch Reference Voltage Pin, 3.75V Normally connected to GNDR with a 10uF electrolytic capacitor and a 0.1uF ceramic capacitor
0188-E-01 -4-
1997/11
ASAHI KASEI
[AK5392]
ABSOLUTE MAXIMUM RATINGS (AGND,BGND,DGND=0V; Note 1 ) Parameter Analog Digital |BGND-DGND| (Note 2 ) Input Current, Any Pin Except Supplies Analog Input Voltage Digital Input Voltage Ambient Temperature (power applied) Storage Temperature Note: 1 . All voltages with respect to ground. 2 . AGND and BGND must be same voltage. WARNING: Operation at or beyond these limits may result in permanent damage to the device. Normal operation is not guaranteed at these extremes. Power Supplies: Symbol VA VD min -0.3 -0.3 -0.3 -0.3 -10 -65 max 6.0 6.0 0.3 10 VA+0.3 VD+0.3 70 150 Units V V V mA V V
GND
IIN VINA VIND Ta Tstg
C C
RECOMMENDED OPERATING CONDITIONS (AGND,BGND,DGND=0V; Note 1 ) Parameter Power Supplies: (Note 3 ) Analog Digital
Symbol VA VD
min 4.75 3.0
typ 5.0 3.3
max 5.25 5.25
Units V V
Notes: 1 . All voltages with respect to ground. 3 . The power up sequence between VA and VD is not critical.
* AKM assumes no responsibility for the usage beyond the conditions in this data sheet.
0188-E-01 -5-
1997/11
ASAHI KASEI
[AK5392]
ANALOG CHARACTERISTICS (Ta=25C; VA=5.0V; VD=3.3V; AGND,BGND,DGND=0V; fs=48kHz; Signal Frequency=1kHz; 24bit Output; Measurement frequency=10Hz20kHz; unless otherwise specified) Parameter Resolution Analog Input Characteristics: S/(N+D) (Note 4 ) -1dBFS -20dBFS -60dBFS 98 112 112 110 105 93 53 116 116 120 0.1 200 1 10 50 2.51 5 dB dB dB dB dB dB dB ppm/C LSB24 LSB24 LSB24/C mV V k min typ 24 max Units Bits
S/N (A-Weighted) Dynamic Range (A-Weighted,-60dBFS) Interchannel Isolation Interchannel Gain Mismatch Gain Drift Offset Error after calibration, HPF=OFF after calibration, HPF=ON Offset Drift (HPF=OFF) Offset Calibration Range (HPF=OFF) Input Voltage (AIN+)-(AIN-) Input Impedance Power Supplies Power Supply Current VA VD Power Dissipation Power Supply Rejection
0.5 150 1000 2.66
2.36 3
(Note 5 )
90 6 470 70
130 9 680
mA mA mW dB
Notes: 4 . The ratio of the rms value of the signal to the rms sum of all the spectral components from 20Hz to 20kHz, without A-weight. Full power input signal is -0.5dBFS. 5 . DC to 26kHz. 110dB(typ) beyond 26kHz.
0188-E-01 -6-
1997/11
ASAHI KASEI
[AK5392]
FILTER CHARACTERISTICS (Ta=25C; VA=5.0V5%; VD=3.05.25V; fs=48kHz) Parameter ADC Digital Filter(Decimation LPF): Passband Stopband Passband Ripple Stopband Attenuation Group Delay Distortion Group Delay ADC Digital Filter(HPF): Freqency response (Note 6 ) -3dB -0.5dB -0.1dB FR 1.0 2.9 6.5 Hz Hz Hz (Note 6 ) (Note 6 ) (Note 7 ) (Note 8 ) PB SB PR SA 0 26.232 110 0 38.7 21.768 0.001 kHz kHz dB dB us 1/fs Symbol min typ max Units
GD
GD
Notes: 6 . The passband and stopband frequencies scale with fs. PB=0.4535fs, SB=0.5465fs 7 . The analog modulator samples the input at 6.144MHz for an output word rate of 48kHz. There is no rejection of input signals which are multiples of the sampling frequency (that is: there is no rejection for n x 6.144MHz21.768kHz, where n=1,2,3...). 8 . The calculating delay time which occurred by digital filtering. This time is from the input of analog signal to setting the 24bit data of both channels to the output register. 40.7/fs at HPF:ON.
DIGITAL CHARACTERISTICS (Ta=25C; VA=5.0V5%; VD=3.05.25V) Parameter High-Level Input Voltage Low-Level Input Voltage High-Level Output Voltage Iout=-20uA Low-Level Output Voltage Iout=20uA Input Leakage Current Symbol VIH VIL VOH VOL Iin min 70%VD VD-0.1 typ max 30%VD 0.1 10 Units V V V V uA
0188-E-01 -7-
1997/11
ASAHI KASEI
[AK5392]
SWITCHING CHARACTERISTICS (Ta=25C; VA=5.0V5%; VD=3.05.25V; CL=20pF) Parameter Control Clock Frequency Master Clock 256fs: Pulse width Low Pulse width High 384fs: Pulse width Low Pulse width High Serial Data Output Clock (SCLK) Channel Select Clock (LRCK) duty cycle Serial Interface Timing (Note 9 ) Slave Mode(SMODE1="L") SCLK Period SCLK Pulse Width Low Pulse width High SCLK falling to LRCK Edge (Note 10 ) LRCK Edge to SDATA MSB Valid SCLK falling to SDATA Valid SCLK falling to FSYNC Edge Master Mode(SMODE1="H") SCLK Frequency duty cycle FSYNC Frequency duty cycle SCLK falling to LRCK Edge LRCK Edge to FSYNC rising SCLK falling to SDATA Valid SCLK falling to FSYNC Edge Reset/Calibration timing RST Pulse width RST falling to CAL rising RST rising to CAL falling (Note 11 ) RST rising to SDATA Valid (Note 11 ) Symbol fCLK tCLKL tCLKH fCLK tCLKL tCLKH fSLK fs Min 0.256 29 29 0.384 20 20 1 25 Typ 12.288 Max 13.824 Units MHz ns ns MHz ns ns MHz kHz %
18.432
20.736
6.144 48
6.912 54 75
tSLK tSLKL tSLKH tSLR tDLR tDSS tSF fSLK fFSYNC tSLR tLRF tDSS tSF tRTW tRCR tRCF tRTV
144.7 65 65 -45
-45 128fs 50 2fs 50 -20 1 -20 150
45 45 45 45
ns ns ns ns ns ns ns Hz % Hz % ns tslk ns ns ns ns 1/fs 1/fs
20 45 20
50 8704 8960
Notes: 9 . Refer to Serial Data interface. 10 . Specified LRCK edges not to coincide with the rising edges of SCLK. 11 . The number of the LRCK rising edges after RST brought high. The value is in master mode. In slave mode it becomes one LRCK clock(1/fs) longer.
0188-E-01 -8-
1997/11
ASAHI KASEI
[AK5392]
Timing Diagram
0188-E-01 -9-
1997/11
ASAHI KASEI
[AK5392]
0188-E-01 - 10 -
1997/11
ASAHI KASEI
[AK5392]
OPERATION OVERVIEW
System Clock Input
The external clocks which are required to operate the AK5392 are MCLK, LRCK(fs),SCLK. MCLK should be synchronized with LRCK but the phase is free of care. MCLK can be either 256fs or 384fs by setting CMODE pin. When the 384fs is selected, the internal master clock becomes 256fs(=384fs*2/3). Table 1 illustrates standard audio word rates and corresponding frequencies used in the AK5392. As the AK5392 includes the phase detect circuit for LRCK, the AK5392 is reset automatically when the synchronization is out of phase by changing the clock frequencies. Therefore, the reset is only needed for power-up.
fs 32.0kHz 44.1kHz 48.0kHz
MCLK 256fs 8.1920MHz 11.2896MHz 12.2880MHz 384fs 12.2880MHz 16.9344MHz 18.4320MHz
SCLK(128fs) 4.0960MHz 5.6448MHz 6.1440MHz
Table 1 . Examples of System Clock
Serial Data Interface
AK5392 supports four serial data formats which can be selected via SMODE1 and SMODE2 pins(Table 2 ). The data format is MSB-first, 2's complement.
Figure Figure 1 Figure 2 Figure 3 Figure 4
SMODE2 L L H H
SMODE1 L H L H
Mode Slave Mode Master Mode I2S Slave Mode I2S Master Mode
LRCK Lch=H, Rch=L Lch=H, Rch=L Lch=L, Rch=H Lch=L, Rch=H
Table 2 . Serial I/F Format
0188-E-01 - 11 -
1997/11
ASAHI KASEI
[AK5392]
0188-E-01 - 12 -
1997/11
ASAHI KASEI
[AK5392]
Offset Calibration
When RST pin goes to "L", the digital section is powered-down. Upon returning "H", an offset calibration cycle is started. An offset calibration cycle should always be initiated after power-up. During the offset calibration cycle, the digital section of the part measures and stores the values of calibration input of each channel in registers. The calibration input value is subtracted from all future outputs. The calibration input may be obtained from either the analog input pins (AIN+/-) or the VCOM pins depending on the state of the ZCAL pin. With ZCAL "H", the analog input pin voltages are measured, and with ZCAL "L", the VCOM pin voltages are measured. The CAL output is "H" during calibration.
Digital High Pass Filter
The AK5392 also has a digital high pass filter for DC offset cancel. The cut-off frequency of the HPF is 1Hz at fs=48kHz and also scales with sampling rate(fs).
0188-E-01 - 13 -
1997/11
ASAHI KASEI
[AK5392]
SYSTEM DESIGN Figure 5 shows the system connection diagram. An evaluation board[AKD5392] is available which demonstrates the optimum layout, power supply arrangements and measurement results.
Figure 5 . Typical Connection Diagram
0188-E-01 - 14 -
1997/11
ASAHI KASEI 1. Grounding and Power Supply Decoupling
[AK5392]
The AK5392 requires careful attention to power supply and grounding arrangements. Analog ground and digital ground should be separate and connected together near to where the supplies are brought onto the printed circuit board. Decoupling capacitors should be as near to the AK5392 as possible,with the small value ceramic capacitor being the nearest. 2. On-chip voltage reference and VCOM The reference voltage for A/D converter is a fifferemtial voltage between the VREFL/R output voltage and the GNDL/R input voltage. The GNDL/R are connected to AGND and a 10uF electrolytic capacitor parallel with a 0.1uF ceramic capacitor between the VREFL/R and the GNDL/R eliminate the effects of high frequency noise. Especially a ceramic capacitor should be as near to the pins as possible. And all digital signals, especially clocks, should be kept away from the VREFL/R pins in order to avoid unwanted coupling into the AK5392. No load current may be taken from the VREFL/R pins. VCOM is a common voltage of the analog signal. In order to eliminate the effects of high frequency noise, a 0.22uF ceramic capacitor should be connected as near to the VCOM pin as possible. And all signals, especially clocks, should be kept away from the VCOM pin in order to avoid unwanted coupling into the AK5392. No load current may be drawn from the VCOM pin. 3. Analog Inputs Analog signal is differentially input into the modulator via the AIN+ and the AIN- pins. The input voltage is the difference between AIN+ and AIN- pins. The full-scale of each pin is nominally 2.5Vpp(typ). The AK5392 can accept input voltages from AGND to VA. The ADC output data format is 2's complement The output code is 7FFFFFH(@24bit) for input above a positive full scale and 800000H(@24bit) for input below a negative full scale. The ideal code is 000000H(@24bit) with no input signal. The DC offset is removed by the offset calibration.
The AK5392 samples the analog inputs at 128fs(6.144MHz @fs=48kHz). The digital filter rejects noise above the stop band except for multiples of 128fs. A simple RC filter may be used to attenuate any noise around 128fs and most audio signals do not have significant energy at 128fs. The AK5392 accepts +5V supply voltage. Any voltage which exceeds the upper limit of VA+0.3V and lower limit of AGND-0.3V and any current beyond 10mA for the analog input pins(AIN+/-) should be avoided. Excessive currents to the input pins may damage the device. Hence input pins must be protected from signals at or beyond these limits. Use caution specially in case of using 15V in other analog circuits.
0188-E-01 - 15 -
1997/11
ASAHI KASEI
[AK5392]
Figure 6 shows a input buffer circuit example. This is a full-differential input buffer circuit with an inverted-amp (gain: -10dB). The capacitor of 2200pF between VREF+/- decreases the clock feed through noise of modulator. And the resistor of 51 ohms is inserted in order to stabilize the op-amps before the ADC. This circuit is also a low pass filter with cut-off frequency of about 220kHz. In this example, the internal offset is removed by self calibration. The evaluation board should be refered about the detail.
Figure 6 . Differential Input Buffer Example
0188-E-01 - 16 -
1997/11
ASAHI KASEI
[AK5392]
PACKAGE
z 28pin SOP (Unit: mm)
Package & Lead frame material
Package molding compound : Lead frame material : Lead frame surface treatment : Epoxy Cu Solder plate
0188-E-01 - 17 -
1997/11
ASAHI KASEI
[AK5392]
MARKING
Contents of XXXBYYYYC XXXB: Lot #(X:numbers,B:alphabet) YYYYC: Date Code(Y:numbers,C:alphabet)
0188-E-01 - 18 -
1997/11
IMPORTANT NOTICE
zThese products and their specifications are subject to change without notice. Before considering any use or application, consult the Asahi Kasei Microsystems Co., Ltd. (AKM) sales office or authorized distributor concerning their current status. zAKM assumes no liability for infringement of any patent, intellectual property, or other right in the application or use of any information contained herein. zAny export of these products, or devices or systems containing them, may require an export license or other official approval under the law and regulations of the country of export pertaining to customs and tariffs, currency exchange, or strategic materials. zAKM products are neither intended nor authorized for use as critical components in any safety, life support, or other hazard related device or system, and AKM assumes no responsibility relating to any such use, except with the express written consent of the Representative Director of AKM. As used here: (a) A hazard related device or system is one designed or intended for life support or maintenance of safety or for applications in medicine, aerospace, nuclear energy, or other fields, in which its failure to function or perform may reasonably be expected to result in loss of life or in significant injury or damage to person or property. (b) A critical component is one whose failure to function or perform may reasonably be expected to result, whether directly or indirectly, in the loss of the safety or effectiveness of the device or system containing it, and which must therefore meet very high standards of performance and reliability. zIt is the responsibility of the buyer or distributor of an AKM product who distributes, disposes of, or otherwise places the product with a third party to notify that party in advance of the above content and conditions, and the buyer or distributor agrees to assume any and all responsibility and liability for and hold AKM harmless from any and all claims arising from the use of said product in the absence of such notification.


▲Up To Search▲   

 
Price & Availability of AK5392

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X