Part Number Hot Search : 
ELM188 DS1963 IRFS840A 20150 TSZ2J 1060CT V560MC10 C400A
Product Description
Full Text Search
 

To Download AGB3300 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AGB3300
50W High Linearity Low Noise Wideband Gain Block
FEATURES
* * * * * * * * * 250-3000 MHz Frequency Range +43 dBm Output IP3 Low Noise Figure: 2 dB at 900 MHz 14.5 dB Gain at 900 MHz (matched) +22 dBm P1dB SOT-89 Package Single +5V Supply Low Power: 700 mW Case Temperature: -40 to +85 oC Data Sheet - Rev 2.1
APPLICATIONS
* * * * *
Cellular Base Stations for CDMA, TDMA, GSM, PCS and CDPD systems
Fixed Wireless MMDS/WLL WLAN, HyperLAN CATV
S24 Package SOT-89
PRODUCT DESCRIPTION
The AGB3300 is one of a series of GaAs MESFET amplifiers designed for use in applications requiring high linearity, low noise and low distortion. With a high output IP3, low noise figure and wide band operation, the AGB3300 is ideal for 50W
wireless infrastructure applications such as Cellular Base Stations, MMDS, and WLL. Offered in a low cost SOT-89 surface mount package, the AGB3300 requires a single +5V supply, and typically consumes 700 mW of power.
RF Input
RF Output / Bias
Figure 1: Block Diagram
06/2003
AGB3300
GND 4
1 RFIN
2 GND
Figure 2: Pin Out
3 RFOUT
Table 1: Pin Description
PIN 1 2 3 4
N AME RFIN GND RFOUT GND
D ESC R IPTION RF Input Ground RF Output / Bi as Ground
2
Data Sheet - Rev 2.1 06/2003
AGB3300
ELECTRICAL CHARACTERISTICS
Table 2: Absolute Minimum and Maximum Ratings
PAR AMETER D evi ce Voltage RF Input Power Storage Temperature C hannel Temperature
MIN 0 -40 -
MAX +8 +15 +150 +150
U N IT VD C dB m C C
Stresses in excess of the absolute ratings may cause permanent damage. Functional operation is not implied under these conditions. Exposure to absolute ratings for extended periods of time may adversely affect reliability.
Table 3: Operating Ranges
PAR AMETER Operati ng Frequency: f D evi ce Voltage: VDD C ase Temperature: Tc
MIN 250 -40
TYP +5 -
MAX 3000 +6 +85
U N IT MHz VD C
o
C
The device may be operated safely over these conditions; however, parametric performance is guaranteed only over the conditions defined in the electrical specifications.
Data Sheet - Rev 2.1 06/2003
3
AGB3300
Table 4: Electrical Specifications - Unmatched 50W Test Circuit (TA = +25 C, VDD = +5 VDC, f = 900 MHz, see Figure 3)
PAR AMETER Gai n: S21 Input Return Loss: S11 Output Return Loss: S22 Output IP3
(1)
MIN 12.4 +38 110
TYP 13.0 -6 -20 +43 2.0 +21 140
MAX 50 170
U N IT dB dB dB dB m dB dB m
o
Noi se Fi gure Output 1dB C ompressi on: P1dB Thermal Resi stance: qJC Supply C urrent
C /W mA
Notes: (1) OIP3 is measured with two tones: 900 MHz and 901 MHz, +5dBm output per tone.
VSUPPLY Bypass RF Choke
DC Block RF Input
AGB3300
DC Block VDD RF Output
Figure 3: Unmatched 50W Test Circuit
4
Data Sheet - Rev 2.1 06/2003
AGB3300
PERFORMANCE DATA
Figures 4 through 8 contain data for the device as tested in the unmatched 50W test circuit shown in Figure 3. Unless otherwise indicated, VDD = +5 VDC. Figure 4: OIP3 vs. Frequency (in Unmatched 50W Test Circuit) Figure 5: OIP3 vs. Temperature (in Unmatched 50W Test Circuit)
50
50
45
45
OIP3 (dBm)
OIP3 (dBm)
Output Power = +5 dBm TA = +25 oC
40
40
35
35
30
30
Output Power = +5 dBm Frequency = 900 MHz
25 0 300 600 900 1200 1500 1800 2100 2400 2700 3000
25 -50 -25 0 25 50 75 100
Frequency (MHz)
Temperature (oC)
16 14
Figure 6: Gain vs. Frequency (in Unmatched 50W Test Circuit)
14
Figure 7: Gain vs. Temperature (in Unmatched 50W Test Circuit)
13.5
12
13
10
Gain (dB)
Gain (dB)
8 6
12.5
12
4
11.5
2 0 0 300 600 900 1200 1500 1800 2100 2400 2700 3000 TA = +25 C
o
Frequency = 900 MHz
11 -50 -25 0 25 50
o
75
100
Frequency (MHz)
Temperature ( C)
0 -5 -10
Figure 8: Return Loss vs. Frequency (in Unmatched 50W Test Circuit)
Return Loss (dB)
-15 -20 -25 -30 -35 -40 0 300 600 900 1200 1500 1800 2100 2400 2700 3000 S11 S22 TA = +25 o C
Frequency (MHz)
Data Sheet - Rev 2.1 06/2003
5
AGB3300
APPLICATION INFORMATION 900 MHz Application
(824 - 960 MHz)
VSUPPLY 0.01uF 3.3
Coilcraft 0805CS series
22nH 22pF RF Input 5.6nH
TOKO LL1608 series Capacitors are Murata GRM39 series. AGB3300
330pF VDD RF Output
Figure 9: 900 MHz Application Circuit (50W Terminations)
Table 5: 900 MHz Application Performance
PAR AMETER Gai n: S21 Input Return Loss: S11 Output Return Loss: S22 Output IP3
(1)
Figure 10: Output 3rd-Order Intercept vs. Power (VSUPPLY = +5 VDC, 900 MHz Application Circuit)
50
TYP 14.5 -20 -11 +43 2 +22
U N IT dB
OIP3 (dBm)
45
dB dB dB m dB dB m
40
35
Noi se Fi gure Output 1dB C ompressi on: P1dB
30
Note: (1) OIP3 is measured with two tones: 900 MHz and 901 MHz, +5dBm output per tone.
25 0 2 4 6 8 10 12 14 16
Output Power per tone (dBm)
Figure 11: Gain vs. Frequency (VSUPPLY = +5 VDC, 900 MHz Application Circuit)
16 14 12
Figure 12: Return Loss vs. Frequency (VSUPPLY = +5 VDC, 900 MHz Application Circuit)
5 0 -5
Return Loss (dB)
Gain (dB)
10 8 6 4 2 0 0 300 600 900 1200 1500 1800 2100 2400 2700 3000
-10 -15 -20 -25 -30 -35 -40 0 300 600 900 1200 1500 1800 2100 2400 2700 3000 S11 S22
Frequency (MHz)
Frequency (M Hz)
6
Data Sheet - Rev 2.1 06/2003
AGB3300
VSUPPLY
1900 MHz Application
(1710 - 1990 MHz)
0.01uF
Coilcraft 0805CS series
10nH 2.7nH RF Input 3.3nH
Capacitors are Murata GRM39 series. Inductors < 10nH are TOKO LL1608 series.
2pF
AGB3300
2pF VDD 4.7nH RF Output
Figure 13: 1900 MHz Application Circuit (50W Terminations)
Table 6: 1900 MHz Application Performance
PAR AMETER Gai n: S21 Input Return Loss: S11 Output Return Loss: S22 Output IP3
(1)
Figure 14: Output 3rd-Order Intercept vs. Power (VSUPPLY = +5 VDC, 1900 MHz Application Circuit)
50
TYP 11.5 -9 -10 43 2.3 +23
U N IT dB dB
OIP3 (dBm)
45
dB dB m dB dB m
40
35
Noi se Fi gure Output 1dB C ompressi on: P1dB
30
Note: (1) OIP3 is measured with two tones: 1900 MHz and 1901 MHz, +5dBm output per tone.
25 0 2 4 6 8 10 12 14 16 18
Output Power per tone (dBm)
Figure 15: Gain vs. Frequency (VSUPPLY = +5 VDC, 1900 MHz Application Circuit)
16 14 12
Figure 16: Return Loss vs. Frequency (VSUPPLY = +5 VDC, 1900 MHz Application Circuit)
5 0 -5
Return Loss (dB)
-10 -15 -20 -25 -30 -35 -40 S11 S22 0 300 600 900 1200 1500 1800 2100 2400 2700 3000
Gain (dB)
10 8 6 4 2 0 0 300 600 900 1200 1500 1800 2100 2400 2700 3000
Frequency (MHz)
Frequency (MHz)
Data Sheet - Rev 2.1 06/2003
7
AGB3300
2500 MHz Application
(2400 - 2690 MHz)
VSUPPLY 0.01uF
Coilcraft 1008CS series
47nH 6.8pF RF Input 1.5pF
AGB3300
6pF VDD 0.8pF RF Output
Capacitors are Garrett Electronics 0805 series.
Figure 17: 2500 MHz Application Circuit (50W Terminations)
Table 7: 2500 MHz Application Performance
PAR AMETER Gai n: S21 Input Return Loss: S11 Output Return Loss: S22 Output IP3
(1)
Figure 18: Output 3rd-Order Intercept vs. Power (VSUPPLY = +5 VDC, 2500 MHz Application Circuit)
50
TYP 10 -10 -15 +42.5 2.7 +22
U N IT dB
OIP3 (dBm)
45
dB dB dB m dB dB m
40
35
Noi se Fi gure Output 1dB C ompressi on: P1dB
30
Note: (1) OIP3 is measured with two tones: 2500 MHz and 2501 MHz, +5dBm output per tone.
25 0 2 4 6 8 10 12 14 16
Output Power per tone (dBm)
Figure 19: Gain vs. Frequency (VSUPPLY = +5 VDC, 2500 MHz Application Circuit)
16 14 12 10 8 6 4 2 0 0 300 600 900 1200 1500 1800 2100 2400 2700 3000
Figure 20: Return Loss vs. Frequency (VSUPPLY = +5 VDC, 2500 MHz Application Circuit)
5 0 -5
Return Loss (dB)
-10 -15 -20 -25 -30 -35 -40 0 300 600 900 1200 1500 1800 2100 2400 2700 3000
S11 S22
Gain (dB)
Frequency (MHz)
F r e q u e n c y (MH z )
8
Data Sheet - Rev 2.1 06/2003
AGB3300 Bias Circuit A schematic of the basic, unmatched bias circuit for the AGB Series Gain Blocks is shown in Figure 21. The RF input and output terminations are 50W. Inductor L1 provides DC power from VSUPPLY and serves as an RF choke to maintain desired AC performance. The input capacitor C1 and output capacitor C2 are RF blocks that isolate DC current from adjacent circuits. Capacitor C3 is used as an RF bypass that minimizes noise from the supply. In some applications, a feedback resistor R1 may be added in series with L1, as shown in Figure 22, for improved stability or to serve as a voltage drop for operation from higher supply voltages. Matching for RF Performance The AGB3300 Gain Block amplifier can be used in many fixed wireless frequency bands, such as the 824-894 MHz U.S. cellular bands, the 1850-1990 MHz PCS band, the 880-960 MHz GSM band, the 24002500 MHz ISM band, and the 2500-2686 MHz MMDS band. Reactive matching circuits may be designed for both the input and output, in order to optimize the RF performance for a particular application. For example, gain, linearity (OIP3) and return loss may be improved over a particular frequency band of interest. Recommended matching circuits for various applications, as well as wideband S-parameters to use in the simulation of custom designs, are included in this data sheet. For a particular application not addressed in the data sheet, please consult with an ANADIGICS Sales Reperesentative or Application Engineer. Evaluation Boards A versatile evaluation board that enables users to measure actual device performance has been developed for the AGB Series Gain Blocks. The generic layout allows the user to implement a wide variety of matching circuits, in order to assess performance for a particular application. The evaluation board is 1.0 square, and is fabricated on 0.031 thick FR-4 material. Figures 23 and 24 show the via hole locations and the layout pattern on both sides of the evaluation board. The vias have a 0.010 diameter and are plated through. To request an evaluation board, please contact an ANADIGICS Sales Reperesentative or Application Engineer.
RF Output
VSUPPLY
C3 L1 C1 RF Input Gain Block VDD C2
Figure 21: Unmatched Bias Circuit
VSUPPLY C3 R1
ESD Sensitivity Electrostatic discharges can cause permanent damage to this device. Electrostatic discharges accumulate on test equipment and the human body, and can discharge without detection. Although the AGB3300 has some internal ESD protection, proper precautions and handling are strongly recommended. Refer to the ANADIGICS application note on ESD precautions. S-Parameter Data Table 8 depicts the raw Magnitude and Angle data for an unmatched AGB3300 over the 50 to 3000 MHz frequency range of operation. Data is shown in 100 MHz steps, with a characteristic impedance of 50 Ohms, VDD =+5V, and at TA = +25 oC. 9
L1 C1 RF Input Gain Block VDD C2 RF Output
Figure 22: Bias Circuit with Optional Feedback / Voltage Drop Resistor
Data Sheet - Rev 2.1 06/2003
AGB3300
Figure 23: Evaluation Board - Front (not to scale)
Figure 24: Evaluation Board - Back (X-ray) (not to scale)
10
Data Sheet - Rev 2.1 06/2003
AGB3300 Table 8: AGB3300 S-Parameters in Unmatched 50 Ohm Test Fixture (TA = +25 oC, VDD = +5 VDC)
FR E Q (MH z ) 50 100 200 300 400 500 600 700 800 900 1000 1100 1200 1300 1400 1500 1600 1700 1800 1900 2000 2100 2200 2300 2400 2500 2600 2700 2800 2900 3000 S11 (dB MAG) -6.507 -6.516 -6.499 -6.462 -6.321 -6.193 -6.069 -5.918 -5.799 -5.673 -5.536 -5.445 -5.285 -5.19 -5.156 -5.013 -4.973 -4.901 -4.864 -4.746 -4.758 -4.733 -4.72 -4.66 -4.661 -4.67 -4.626 -4.665 -4.662 -4.596 -4.666 S11 (AN G) -12.154 -21.537 -37.572 -56.814 -75.224 -90.589 -108.151 -125.263 -138.915 -154.339 -169.301 178.252 164.881 151.443 139.857 127.266 115.149 104.933 93.099 81.62 71.768 60.555 49.351 40.498 29.484 19.357 10.28 -0.209 -10.192 -19.107 -29.431 S 21 (dB MAG) 14.964 14.938 14.848 14.678 14.466 14.25 13.984 13.707 13.394 13.041 12.708 12.392 12.037 11.685 11.422 11.046 10.714 10.468 10.137 9.833 9.484 9.188 8.907 8.584 8.432 8.131 7.875 7.63 7.261 7.164 6.893 S 21 (AN G) 176.966 165.739 151.75 135.918 120.64 107.667 92.666 78.515 66.311 52.299 38.708 27.223 13.929 1.033 -10.447 -23.162 -35.782 -46.033 -58.549 -70.871 -80.859 -93.112 -104.888 -115.301 -127.035 -137.912 -148.337 -159.328 -171.146 178.737 166.983 S 12 (dB MAG) -23.579 -23.564 -23.387 -23.178 -22.937 -22.678 -22.296 -21.947 -21.649 -21.261 -21.075 -20.812 -20.56 -20.492 -20.149 -20.1 -19.864 -19.514 -19.576 -19.265 -19.384 -19.29 -19.006 -19.022 -18.507 -18.696 -18.497 -18.372 -18.689 -17.696 -17.839 S 12 (AN G) -3.305 -5.944 -10.36 -16.337 -22.557 -28.753 -35.997 -43.455 -50.872 -58.948 -66.809 -75.068 -83.033 -92.649 -100.693 -109.435 -120.033 -126.161 -135.294 -145.479 -152.04 -163.395 -171.556 179.522 171.397 164.208 154.449 147.906 136.067 127.671 118.77 S 22 (dB MAG) -31.971 -31.461 -29.431 -26.939 -24.401 -22.759 -21.099 -19.896 -19.241 -18.584 -17.833 -17.221 -16.652 -16.25 -16.075 -15.862 -15.582 -15.199 -14.922 -14.533 -14.52 -14.288 -14.322 -13.985 -13.94 -13.689 -13.64 -13.403 -13.335 -13.292 -13.19 S 22 (AN G) -85.979 -93.498 -106.651 -123.756 -139.597 -149.93 -165.124 -175.768 173.368 160.892 148.221 138.722 128.112 118.653 108.597 98.578 86.244 78.227 68.761 60.412 52.482 43.001 32.986 24.914 16.121 7.138 -0.294 -9.789 -18.904 -27.542 -37.144 K Factor 1.220 1.221 1.207 1.194 1.172 1.151 1.121 1.093 1.079 1.059 1.051 1.040 1.026 1.035 1.022 1.032 1.031 1.007 1.033 1.010 1.055 1.067 1.065 1.084 1.046 1.091 1.090 1.102 1.178 1.067 1.119
Data Sheet - Rev 2.1 06/2003
11
AGB3300 PACKAGE OUTLINE
Figure 25: S24 Package Outline - SOT-89
Figure 26: Branding Specification 12
Data Sheet - Rev 2.1 06/2003
AGB3300
NOTES
Data Sheet - Rev 2.1 06/2003
13
AGB3300
NOTES
14
Data Sheet - Rev 2.1 06/2003
AGB3300
NOTES
Data Sheet - Rev 2.1 06/2003
15
AGB3300
ORDERING INFORMATION
PAR T N U MB ER AGB3300S24Q1 TEMPER ATU R E R AN GE -40 to +85C PAC K AGE D ESC R IPTION SOT-89 Package C OMPON EN T PAC K AGIN G 1,000 pi ece Tape and Reel
ANADIGICS, Inc.
141 Mount Bethel Road Warren, New Jersey 07059, U.S.A. Tel: +1 (908) 668-5000 Fax: +1 (908) 668-5132 URL: http://www.anadigics.com E-mail: Mktg@anadigics.com IMPORTANT NOTICE
ANADIGICS, Inc. reserves the right to make changes to its products or to discontinue any product at any time without notice. The product specifications contained in Advanced Product Information sheets and Preliminary Data Sheets are subject to change prior to a products formal introduction. Information in Data Sheets have been carefully checked and are assumed to be reliable; however, ANADIGICS assumes no responsibilities for inaccuracies. ANADIGICS strongly urges customers to verify that the information they are using is current before placing orders.
ANADIGICS products are not intended for use in life support appliances, devices or systems. Use of an ANADIGICS product in any such application without written consent is prohibited.
WARNING
16
Data Sheet - Rev 2.1 06/2003


▲Up To Search▲   

 
Price & Availability of AGB3300

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X