Part Number Hot Search : 
AN801 1C474M0 2N5046 F1210 XR2203 S2301 MTP4435 FS4000
Product Description
Full Text Search
 

To Download 4N33300W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GENERAL PURPOSE 6-PIN PHOTODARLINGTON OPTOCOUPLERS
DESCRIPTION
The 4N29, 4N30, 4N31, 4N32, 4N33 have a gallium arsenide infrared emitter optically coupled to a silicon planar photodarlington.
4N29
4N30
4N31
4N32
4N33
FEATURES
* High sensitivity to low input drive current * Meets or exceeds all JEDEC Registered Specifications * VDE 0884 approval available as a test option -add option .300. (e.g., 4N29.300)
SCHEMATIC
ANODE 1
6 BASE
APPLICATIONS
* * * * * Low power logic circuits Telecommunications equipment Portable electronics Solid state relays Interfacing coupling systems of different potentials and impedances.
CATHODE 2 5 COLLECTOR N/C 3 4 EMITTER
ABSOLUTE MAXIMUM RATINGS
Parameter TOTAL DEVICE Storage Temperature Operating Temperature Lead Solder Temperature Total Device Power Dissipation @ TA = 25C Derate above 25C EMITTER Continuous Forward Current Reverse Voltage
(TA = 25C Unless otherwise specified.) Symbol TSTG TOPR TSOL PD IF VR IF(pk) PD BVCEO BVCBO BVECO PD IC Value -55 to +150 -55 to +100 260 for 10 sec 250 3.3 80 3 3.0 150 2.0 30 30 5 150 2.0 150 Units C C C mW mW/C mA V A mW mW/C V V V mW mW/C mA
Forward Current - Peak (300 s, 2% Duty Cycle) LED Power Dissipation @ TA = 25C Derate above 25C DETECTOR Collector-Emitter Breakdown Voltage Collector-Base Breakdown Voltage Emitter-Collector Breakdown Voltage Detector Power Dissipation @ TA = 25C Derate above 25C Continuous Collector Current
4/25/00
200038B
GENERAL PURPOSE 6-PIN PHOTODARLINGTON OPTOCOUPLERS
4N29
ELECTRICAL CHARACTERISTICS
4N30
4N31
4N32
4N33
(TA = 25C Unless otherwise specified.)
INDIVIDUAL COMPONENT CHARACTERISTICS
Parameter EMITTER *Input Forward Voltage *Reverse Leakage Current *Capacitance DETECTOR V *Collector-Emitter Breakdown Voltage *Collector-Base Breakdown Voltage *Emitter-Collector Breakdown Voltage *Collector-Emitter Dark Current DC Current Gain Test Conditions (IF = 10 mA) (VR = 3.0 V) (VF = 0 V, f = 1.0 MHz) (IC = 100 A, IB = 0) (IC = 100 A, IE = 0) (IE = 100 A, IB = 0) (VCE = 10 V, Base Open) (VCE = 5.0 V, IC = 500 A) Symbol VF IR C BVCEO BVCBO BVECO ICEO hFE 30 30 5.0 Min Typ 1.2 0.001 150 60 100 8 1 5000 100 V V nA Max 1.5 100 Unit V A pF
TRANSFER CHARACTERISTICS
DC Characteristic *Collector Output Current(1,2) (4N32, 4N33) (4N29, 4N30) (IF = 10 mA, VCE = 10 V, IB = 0) IC (CTR) (4N31) *Saturation Voltage(2) (4N29, 4N30, 4N32, 4N33) (4N31) (IF = 8.0 mA, IC = 2.0 mA) VCE(sat) Test Conditions Symbol Min 50 (500) 10 (100) 5 (50) 1.0 1.2 V mA (%) Typ Max Units
TRANSFER CHARACTERISTICS
AC Characteristic Turn-on Time(3) (4N32, 4N33) (4N29, 4N30, 4N31) Bandwidth(4,5) Turn-off Time(3) Test Conditions (IF = 200 mA, IC = 50 mA, VCC = 10 V) (Fig.7) Symbol ton toff BW 30 Min Typ Max 5.0 100 40 KHz s Units
ISOLATION CHARACTERISTICS
Characteristic Input-Output Isolation Voltage(6) (4N29, 4N30, 4N31, 4N32, 4N33) *(4N32) *(4N33) Isolation Resistance(6) Isolation Capacitance(6) (VI-O = (II-O Test Conditions 1 A, Vrms, t = 1 min.) VDC VDC (VI-O = 500 VDC) , f = 1 MHz) RISO CISO VISO Symbol Min 5300 2500 1500 1011 0.8 pf Typ Max Units Vac(rms) V
4/25/00
200038B
GENERAL PURPOSE 6-PIN PHOTODARLINGTON OPTOCOUPLERS
4N29
Fig. 1 Output Current vs. Input Current
CTR - CURRENT TRANSFER RATIO (NORMALIZED)
4N30
4N31
4N32
4N33
Fig. 2 Current Transfer Ratio vs. Ambient Temperature
CTR - CURRENT TRANSFER RATIO (NORMALIZED)
10
TA = 0C, 25C TA = 70C TA = 100C TA = -55C 1
1
NORMALIZED TO: CTR @ IF = 10 mA TA = 25C VCE = 5 V 0.1 0.1 1 10 100
NORMALIZED TO: CTR @ IF = 10 mA TA = 25C VCE = 10 V 0.1 -80 -60 -40 -20 0 20 40 60 80 100 120
IF - LED INPUT CURRENT (mA)
TA - AMBIENT TEMPERATURE (C)
Fig. 3 Collector Current vs. Collector-Emitter Voltage
NORMALIZED TO: IF = 1 mA VCE = 5 V
Fig. 4 Dark Current vs. Ambient Temperature
ICEO - COLLECTOR-EMITTER DARK CURRENT (nA)
10000 VCE = 10 V 1000
16
IC - COLLECTOR CURRENT (NORMALIZED)
14
12
IF = 10 mA
10 IF = 5 mA
100
8
10
6
1
4
IF = 2 mA
2
0.1
IF = 1 mA
0 0 1 2 3 4 5 6 7 8 9 10
0.01
0
20
40
60
80
100
VCE- COLLECTOR -EMITTER VOLTAGE (V)
TA - AMBIENT TEMPERATURE (C)
Fig. 5 Turn-On Time vs. Input Current
1000 RL = 1 k VCC = 10 V 100 RL = 100 1000
Fig. 6 Turn-Off Time vs. Input Current
TON - TIME (s)
10
RL = 10
TOFF - TIME (s)
100
RL = 1 k
RL = 100 10 RL = 10
1
VCC = 10 V 1 0.1 0.1 1 10 100 0.1 1 10 100
IF - LED INPUT CURRENT (mA)
IF - LED INPUT CURRENT (mA)
4/25/00
200038B
GENERAL PURPOSE 6-PIN PHOTODARLINGTON OPTOCOUPLERS
4N29 4N30 4N31 4N32 4N33
TYPICAL ELECTRO-OPTICAL CHARACTERISTIC CURVES
(25C Free air temperature unless otherwise specified) (Cont.)
Test Circuit
Waveforms
VCC = 10 V I C = 50 mA INPUT RL I F = 200 mA INPUT PULSE WIDTH <1 ms ton 10% 90% tr toff tf
INPUT PULSE
OUTPUT
OUTPUT PULSE
Fig. 7 Switching Time Test Circuit and Waveforms
Notes * Indicates JEDEC registered data. 1. The current transfer ratio(IC/IF) is the ratio of the detector collector current to the LED input current with VCE @ 10 V. 2. Pulse test: pulse width = 300s, duty cycle 2.0% . 3. For test circuit setup and waveforms, refer to figure 7.. 4. IF adjusted to IC = 2.0 mA and IC = 0.7 mA rms. 5. The frequency at which IC is 3dB down from the 1 KHz value. 6. For this test, LED pins 1 and 2 are common, and phototransistor pins 4,5 and 6 are common.
4/25/00
200038B
GENERAL PURPOSE 6-PIN PHOTODARLINGTON OPTOCOUPLERS
4N29
Package Dimensions (Through Hole)
PIN 1 ID.
4N30
4N31
4N32
4N33
Package Dimensions (Surface Mount)
0.350 (8.89) 0.330 (8.38)
3 0.270 (6.86) 0.240 (6.10)
2
1
PIN 1 ID.
0.270 (6.86) 0.240 (6.10)
SEATING PLANE
0.350 (8.89) 0.330 (8.38) 0.070 (1.78) 0.045 (1.14)
4
5
6
0.070 (1.78) 0.045 (1.14)
0.300 (7.62) TYP
0.200 (5.08) 0.115 (2.92)
0.200 (5.08) 0.165 (4.18) 0.020 (0.51) MIN 0.016 (0.40) 0.008 (0.20) 0.022 (0.56) 0.016 (0.41) 0.300 (7.62) TYP 0.020 (0.51) MIN 0.100 (2.54) TYP
0.016 (0.41) 0.008 (0.20)
0.154 (3.90) 0.100 (2.54)
0.016 (0.40) MIN 0.315 (8.00) MIN 0.405 (10.30) MAX
0.022 (0.56) 0.016 (0.41) 0.100 (2.54) TYP
0 to 15
Lead Coplanarity : 0.004 (0.10) MAX
Package Dimensions (0.4"Lead Spacing)
Recommended Pad Layout for Surface Mount Leadform
0.270 (6.86) 0.240 (6.10)
0.070 (1.78)
0.060 (1.52)
0.350 (8.89) 0.330 (8.38) 0.070 (1.78) 0.045 (1.14)
0.415 (10.54)
0.100 (2.54) 0.030 (0.76)
SEATING PLANE
0.295 (7.49)
0.200 (5.08) 0.115 (2.92)
0.154 (3.90) 0.100 (2.54)
0.004 (0.10) MIN
0.016 (0.40) 0.008 (0.20)
0.022 (0.56) 0.016 (0.41) 0.100 (2.54) TYP
0 to 15 0.400 (10.16) TYP
NOTE All dimensions are in inches (millimeters)
Call QT Optoelectronics for more information or the phone number of your nearest distributor.
United States 800-533-6786 * France 33 [0] 1.45.18.78.78 * Germany 49 [0] 89/96.30.51 * United Kingdom 44 [0] 1296 394499 * Asia/Pacific 603-7248193
www.qtopto.com
4/25/00
200038B
GENERAL PURPOSE 6-PIN PHOTODARLINGTON OPTOCOUPLERS
4N29
ORDERING INFORMATION
Option
S SD W 300 300W 3S 3SD
4N30
4N31
4N32
4N33
Order Entry Identifier
.S .SD .W .300 .300W .3S .3SD
Description
Surface Mount Lead Bend Surface Mount; Tape and reel 0.4" Lead Spacing VDE 0884 VDE 0884, 0.4" Lead Spacing VDE 0884, Surface Mount VDE 0884, Surface Mount, Tape & Reel
QT Carrier Tape Specifications ("D" Taping Orientation)
12.0 0.1 4.85 0.20 4.0 0.1 0.30 0.05 4.0 0.1 O1.55 0.05 1.75 0.10
7.5 0.1 13.2 0.2 16.0 0.3 9.55 0.20
0.1 MAX
10.30 0.20
O1.6 0.1
User Direction of Feed
NOTE All dimensions are in millimeters
Call QT Optoelectronics for more information or the phone number of your nearest distributor.
United States 800-533-6786 * France 33 [0] 1.45.18.78.78 * Germany 49 [0] 89/96.30.51 * United Kingdom 44 [0] 1296 394499 * Asia/Pacific 603-7248793
www.qtopto.com
4/25/00
200038B
MARKING INFORMATION
1
4N29 V XX YY K
3 4 5
2 6
Definitions
1 2 3 4 5 6 Fairchild logo Device number VDE mark (Note: Only appears on parts ordered with VDE option - See order entry table) Two digit year code, e.g., `03' Two digit work week ranging from `01' to `53' Assembly package code
Reflow Profile (Black Package, No Suffix)
300 Temperature (C) 250 200 150 100 50 0 0 0.5 1 1.5 2 2.5 3 225 C peak
215C, 10-30 s
Time above 183C, 60-150 sec
Ramp up = 3C/sec 3.5 4 4.5
* Peak reflow temperature: 225C (package surface temperature) * Time of temperature higher than 183C for 60-150 seconds * One time soldering reflow is recommended
Time (Minute)
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks.
ACExTM FAST ActiveArrayTM FASTrTM BottomlessTM FPSTM CoolFETTM FRFETTM CROSSVOLTTM GlobalOptoisolatorTM DOMETM GTOTM EcoSPARKTM HiSeCTM E2CMOSTM I2CTM EnSignaTM i-LoTM FACTTM ImpliedDisconnectTM FACT Quiet SeriesTM
ISOPLANARTM LittleFETTM MICROCOUPLERTM MicroFETTM MicroPakTM MICROWIRETM MSXTM MSXProTM OCXTM OCXProTM OPTOLOGIC Across the board. Around the world.TM OPTOPLANARTM PACMANTM The Power Franchise POPTM Programmable Active DroopTM
Power247TM PowerEdgeTM PowerSaverTM PowerTrench QFET QSTM QT OptoelectronicsTM Quiet SeriesTM RapidConfigureTM RapidConnectTM SerDesTM SILENT SWITCHER SMART STARTTM SPMTM
StealthTM SuperFETTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 SyncFETTM TinyLogic TINYOPTOTM TruTranslationTM UHCTM UltraFET VCXTM
DISCLAIMER FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 2. A critical component is any component of a life 1. Life support devices or systems are devices or support device or system whose failure to perform can systems which, (a) are intended for surgical implant into be reasonably expected to cause the failure of the life the body, or (b) support or sustain life, or (c) whose support device or system, or to affect its safety or failure to perform when properly used in accordance with instructions for use provided in the labeling, can be effectiveness. reasonably expected to result in significant injury to the user. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Product Status Formative or In Design Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design.
Preliminary
First Production
No Identification Needed
Full Production
Obsolete
Not In Production
This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.
Rev. I13


▲Up To Search▲   

 
Price & Availability of 4N33300W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X