Part Number Hot Search : 
DP8303 ADV7179 SMAJ26A AM29L TCZX8V2 ADT5115T ATA6285 T46R0
Product Description
Full Text Search
 

To Download 2SK2648 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SK2648-01
N-CHANNEL SILICON POWER MOSFET
FUJI POWER MOSFET
Outline Drawings
TO-3P
FAP-2S Series
Features
High speed switching Low on-resistance No secondary breadown Low driving power Avalanche-proof
Applications
Switching regulators UPS (Uninterruptible Power Supply) DC-DC converters
Maximum ratings and characteristicAbsolute maximum ratings
(Tc=25C unless otherwise specified)
Item Drain-source voltage Continuous drain current Pulsed drain current Gate-source voltage Repetitive or non-repetitive Maximum Avalanche Energy Max. power dissipation Operating and storage temperature range Symbol VDS ID ID(puls] VGS IAR *2 EAS *1 PD Tch Tstg Ratings 800 9 36 35 9 241 150 +150 -55 to +150 Unit V A A V A mJ W C C < *2 Tch=150C
Equivalent circuit schematic
Drain(D)
Gate(G) Source(S)
*1 L=5.46mH, Vcc=80V
Electrical characteristics (Tc =25C unless otherwise specified)
Item Drain-source breakdown voltaget Gate threshold voltage Zero gate voltage drain current Gate-source leakage current Drain-source on-state resistance Forward transcondutance Input capacitance Output capacitance Reverse transfer capacitance Turn-on time ton Turn-off time toff Avalanche capability Diode forward on-voltage Reverse recovery time Reverse recovery charge Symbol V(BR)DSS VGS(th) IDSS IGSS RDS(on) gfs Ciss Coss Crss td(on) tr td(off) tf IAV VSD trr Qrr Test Conditions ID=1mA VGS=0V ID=1mA VDS=VGS VDS=800V VGS=0V VGS=35V VDS=0V ID=4.5A VGS=10V ID=4.5A VDS=25V VDS=25V VGS=0V f=1MHz VCC=600V ID=9A VGS=10V RGS=10 L=100 H Tch=25C IF=2xIDR VGS=0V Tch=25C IF=IDR VGS=0V -di/dt=100A/s Tch=25C Tch=25C Tch=125C
Min.
800 3.5
Typ.
Max.
Units
V V A mA nA S pF
4.0 4.5 10 500 0.2 1.0 10 100 1.28 1.50 3.0 6.0 1200 1800 180 270 90 140 30 50 110 170 100 150 65 100 9 1.0 1.5 950 12
ns
A V ns C
Thermalcharacteristics
Item Thermal resistance Symbol Rth(ch-c) Rth(ch-a) Test Conditions channel to case channel to ambient
Min.
Typ.
Max.
0.83 35.0
Units
C/W C/W
1
2SK2648-01
Characteristics
Power Dissipation PD=f(Tc)
10
2
FUJI POWER MOSFET
Safe operating area
ID=f(VDS):D=0.01,Tc=25C
200
150
10
1
t=0.01 s 1s DC 10s 100s
PD [W]
100
ID [A]
10
0
1ms
t t D= T T
50
10ms 100ms
0
0
50
100
150
10
-1
10
0
10
1
10
2
10
3
Tc [ C]
o
VDS [V]
Typical output characteristics
ID=f(VDS):80s Pulse test,Tch=25C
20
Typical transfer characteristic
ID=f(VGS):80s Pulse test,VDS=25V,Tch=25C
VGS=20V 15 10V 8V 10
1
ID [A]
7V 6.5V 6V 5.5V 5V 0 5 10 15 20 25 30 35
ID [A]
10
10
0
5
10
-1
0
10
-2
0
1
2
3
4
5
6
7
8
9
10
VDS [V]
VGS [V]
Typical forward transconductance
gfs=f(ID):80s Pulse test,VDS=25V,Tch=25C
15
Typical drain-source on-state resistance
RDS(on)=f(ID):80s Pulse test, Tch=25C
VGS= 5V 5.5V 6V
10
1
6.5V
7V
10
10
0
RDS(on) [ ]
5
gfs [s]
8V 10V
20V
10
-1
0
10
-1
10
0
10
1
0
5
10
15
20
ID [A]
ID [A]
2
2SK2648-01
FUJI POWER MOSFET
Drain-source on-state resistance RDS(on)=f(Tch):ID=4.5A,VGS=10V
Gate threshold voltage VGS(th)=f(Tch):ID=1mA,VDS=VGS
6.0
4
5.0 max. 4.0 typ. min. 3.0
RDS(on) [ ]
max. 2 typ.
VGS(th) [V]
2.0
1.0
0 -50 0 50 100 150
o
0.0
-50
0
50
100
o
150
Tch [ C]
Tch [ C]
Typical gate charge characteristic
VGS=f(Qg):ID=9A,Tch=25C
800 700 Vcc=640V 600 500 400V 400 300 200 160V 100 0 20 15 40
10n
Typical capacitances C=f(VDS):VGS=0V,f=1MHz
V 35 60 =1 cc 0V V 40 0V 30 64
1n
25
Ciss
VDS [V]
VGS [V]
C [F]
Coss
100p
Crss
10 5 0 180
10p 10
0
20
40
60
80
100
120
140
160
-2
10
-1
10
0
10
1
10
2
Qg [nC]
VDS [V]
Forward characteristic of reverse of diode
IF=f(VSD):80s Pulse test,VGS=0V
10
1
Tch=25 C typ.
o
IF [A]
10
0
10
-1
10
-2
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
VSD [V]
3
2SK2648-01
FUJI POWER MOSFET
10
1
Transient thermal impedande Zthch=f(t) parameter:D=t/T
Zthch-c [K/W]
10
0
D=0.5 0.2 10
-1
0.1 0.05 0.02 0 0.01
-4 -3 -2 -1
t D= T t T
10 -5 10
-2
10
10
10
10
10
0
10
1
t [s]
4


▲Up To Search▲   

 
Price & Availability of 2SK2648

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X