Part Number Hot Search : 
CP15313 EKLDL072 SI2308DS 2SA1804O 2N3879 CM2801 27C1024 HSH10T
Product Description
Full Text Search
 

To Download 2SD1499 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Power Transistors
2SD1499
Silicon NPN triple diffusion planar type
For high power amplification Complementary to 2SB1063
0.70.1 10.00.2 5.50.2 2.70.2 4.20.2
Unit: mm
4.20.2
s Features
q q q q
Extremely satisfactory linearity of the forward current transfer ratio hFE Wide area of safe operation (ASO) High transition frequency fT Full-pack package which can be installed to the heat sink with one screw (TC=25C)
Ratings 100 100 5 8 5 40 2 150 -55 to +155 Unit V V V A A W C C
7.50.2
16.70.3
3.10.1
4.0
1.40.1
1.30.2
14.00.5
Solder Dip
0.5 +0.2 -0.1 0.80.1
s Absolute Maximum Ratings
Parameter Collector to base voltage Collector to emitter voltage Emitter to base voltage Peak collector current Collector current Collector power TC=25C dissipation Ta=25C Junction temperature Storage temperature Symbol VCBO VCEO VEBO ICP IC PC Tj Tstg
2.540.25 5.080.5 1 2 3
1:Base 2:Collector 3:Emitter TO-220 Full Pack Package(a)
s Electrical Characteristics
Parameter Collector cutoff current Emitter cutoff current
(TC=25C)
Symbol ICBO IEBO hFE1 hFE2* hFE3 VBE VCE(sat) fT Cob Conditions VCB = 100V, IE = 0 VEB = 3V, IC = 0 VCE = 5V, IC = 20mA VCE = 5V, IC = 1A VCE = 5V, IC = 3A VCE = 5V, IC = 3A IC = 3A, IB = 0.3A VCE = 5V, IC = 0.5A, f = 1MHz VCB = 10V, f = 1MHz 20 90 20 60 20 1.8 2.0 V V MHz pF 200 min typ max 50 50 Unit A A
Forward current transfer ratio
Base to emitter voltage Collector to emitter saturation voltage Transition frequency Collector output capacitance
*h
FE2
Rank classification
Q 60 to 120 P 100 to 200
Rank hFE2
1
Power Transistors
PC -- Ta
80 10 (1) TC=Ta (2) With a 100 x 100 x 2mm Al heat sink (3) Without heat sink (PC=2.0W) TC=25C 7
2SD1499
IC -- VCE
8 VCE=5V 25C
IC -- VBE
Collector power dissipation PC (W)
70 60 50 40 30 20 10 0 0 20 40 (2) (1)
Collector current IC (A)
Collector current IC (A)
8 IB=100mA 6 80mA 60mA 4 40mA 2 20mA 10mA
6 5 4 3 2 1 0
TC=100C
-25C
(3) 0 60 80 100 120 140 160 0 2 4 6 8 10 12 0 0.4 0.8 1.2 1.6 2.0
Ambient temperature Ta (C)
Collector to emitter voltage VCE (V)
Base to emitter voltage VBE (V)
VCE(sat) -- IC
Collector to emitter saturation voltage VCE(sat) (V)
100 IC/IB=10 30 10 3 1 0.3 0.1 0.03 0.01 0.01 0.03 TC=100C 25C 10000
hFE -- IC
1000 VCE=5V 300 100 30 10 3 1 0.3 0.1 0.01 0.03
fT -- IC
VCE=5V f=1MHz TC=25C
Forward current transfer ratio hFE
1000 300 100 30 10 3 1 0.01 0.03 TC=100C 25C
-25C
-25C
0.1
0.3
1
3
10
0.1
0.3
1
3
10
Transition frequency fT (MHz)
3000
0.1
0.3
1
3
10
Collector current IC (A)
Collector current IC (A)
Collector current IC (A)
Area of safe operation (ASO)
100 30 102 Non repetitive pulse TC=25C
Rth(t) -- t
(1) Without heat sink (2) With a 100 x 100 x 2mm Al heat sink (1)
10 ICP 3 1 DC 0.3 0.1 0.03 0.01 1 3 10 30 100 300 1000 IC 10ms t=1ms
Thermal resistance Rth(t) (C/W)
Collector current IC (A)
10
(2)
1
10-1
10-2 10-3
10-2
10-1
1
10
102
103
104
Collector to emitter voltage VCE
(V)
Time t (s)
2


▲Up To Search▲   

 
Price & Availability of 2SD1499

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X