Part Number Hot Search : 
SD1602E MOB36C UPD65000 CP2133 RGL1A AI329CA 62033 04365
Product Description
Full Text Search
 

To Download 2SD11332SD1134 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SD1133, 2SD1134
Silicon NPN Triple Diffused
Application
Low frequency power amplifier complementary pair with 2SB857 and 2SB858
Outline
Absolute Maximum Ratings (Ta = 25C)
Ratings Item Collector to base voltage Collector to emitter voltage Emitter to base voltage Collector current Collector peak current Collector power dissipation Junction temperature Storage temperature Note: 1. Value at TC = 25C. Symbol VCBO VCEO VEBO IC I C(peak) PC * Tj Tstg
1
2SD1133 70 50 5 4 8 40 150 -45 to +150
2SD1134 70 60 5 4 8 40 150 -45 to +150
Unit V V V A A W C C
2SD1133, 2SD1134
Electrical Characteristics (Ta = 25C)
2SD1133 Item Collector to base breakdown voltage Collector to emitter breakdown voltage Emitter to base breakdown voltage Collector cutoff current Symbol V(BR)CBO V(BR)CEO V(BR)EBO I CBO
1
2SD1134 Max -- -- -- 1 320 -- 1 1 -- Min 70 60 5 -- 60 35 -- -- -- Typ -- -- -- -- -- -- -- -- 7 Max -- -- -- 1 320 -- 1 1 -- V V MHz Unit V V V A Test conditions I C = 10 A, IE = 0 I C = 50 mA, RBE = I E = 10 A, IC = 0 VCB = 50 V, IE = 0 VCE = 4V I C = 1 A*2 I C = 0.1 A*2 I C = 2 A, IB = 0.2 A*2 VCE = 4 V, IC = 1 A*2 VCE = 4 V, IC = 0.5 A*2
Min 70 50 5 -- 60 35 -- -- --
Typ -- -- -- -- -- -- -- -- 7
DC current transfer ratio hFE1* hFE2 Collector to emitter saturation voltage Base to emitter voltage Gain bandwidth product
VCE(sat) VBE fT
Notes: 1. The 2SD1133 and 2SD1134 are grouped by h FE1 as follows. 2. Pulse test. B 60 to 120 C 100 to 200 D 160 to 320
2
2SD1133, 2SD1134
3
2SD1133, 2SD1134
4
2SD1133, 2SD1134
When using this document, keep the following in mind: 1. This document may, wholly or partially, be subject to change without notice. 2. All rights are reserved: No one is permitted to reproduce or duplicate, in any form, the whole or part of this document without Hitachi's permission. 3. Hitachi will not be held responsible for any damage to the user that may result from accidents or any other reasons during operation of the user's unit according to this document. 4. Circuitry and other examples described herein are meant merely to indicate the characteristics and performance of Hitachi's semiconductor products. Hitachi assumes no responsibility for any intellectual property claims or other problems that may result from applications based on the examples described herein. 5. No license is granted by implication or otherwise under any patents or other rights of any third party or Hitachi, Ltd. 6. MEDICAL APPLICATIONS: Hitachi's products are not authorized for use in MEDICAL APPLICATIONS without the written consent of the appropriate officer of Hitachi's sales company. Such use includes, but is not limited to, use in life support systems. Buyers of Hitachi's products are requested to notify the relevant Hitachi sales offices when planning to use the products in MEDICAL APPLICATIONS.
5


▲Up To Search▲   

 
Price & Availability of 2SD11332SD1134

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X