![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
2SC5470 Silicon NPN Triple Diffused Character Display Horizntal Deflection Output 3rd. Edition December 1997 Target Specification Features * High breakdown voltage VCBO = 1500 V * High speed switching tf = 0.15 sec (typ.) at fH = 64kHz Outline 2SC5470 Absolute Maximum Ratings (Ta = 25C) Item Collector to base voltage Collector to emitter voltage Emitter to base voltage Collector current Collector peak current Collector power dissipation Junction temperature Storage temperature Note: 1. Value at Tc = 25C Symbol VCBO VCEO VEBO IC ic(peak) PC Tj Tstg Note1 Ratings 1500 700 6 20 40 150 150 -55 to +150 Unit V V V A A W C C Electrical Characteristics (Ta = 25C) Item Collector to emitter breakdown voltage Emitter to base breakdown voltage Collector cutoff current DC current transfer ratio DC current transfer ratio Symbol V(BR)CEO V(BR)EBO I CES hFE1 hFE2 Min 700 6 -- 10 3.5 -- -- -- -- Typ -- -- -- -- -- -- -- 0.2 0.15 Max -- -- 500 40 6.5 5 1.5 0.4 -- V V s s Unit V V A Test Conditions I C = 10mA, RBE = I E = 10mA, IC = 0 VCE = 1500V, RBE = 0 VCE = 5 V, IC = 1A VCE = 5 V, IC = 10A I C = 12A, IB = 4A I C = 12A, IB = 4A I CP = 8A, IB1 = 3A f H = 31.5kHz I CP = 8A, IB1 = 2A f H = 64kHz Collector to emitter saturation VCE(sat) voltage Base to emitter saturation voltage Fall time Fall time VBE(sat) tf tf 2 2SC5470 Package Dimensions Unit: mm 3 2SC5470 When using this document, keep the following in mind: 1. This document may, wholly or partially, be subject to change without notice. 2. All rights are reserved: No one is permitted to reproduce or duplicate, in any form, the whole or part of this document without Hitachi's permission. 3. Hitachi will not be held responsible for any damage to the user that may result from accidents or any other reasons during operation of the user's unit according to this document. 4. Circuitry and other examples described herein are meant merely to indicate the characteristics and performance of Hitachi's semiconductor products. Hitachi assumes no responsibility for any intellectual property claims or other problems that may result from applications based on the examples described herein. 5. No license is granted by implication or otherwise under any patents or other rights of any third party or Hitachi, Ltd. 6. MEDICAL APPLICATIONS: Hitachi's products are not authorized for use in MEDICAL APPLICATIONS without the written consent of the appropriate officer of Hitachi's sales company. Such use includes, but is not limited to, use in life support systems. Buyers of Hitachi's products are requested to notify the relevant Hitachi sales offices when planning to use the products in MEDICAL APPLICATIONS. 4 |
Price & Availability of 2SC5470
![]() |