Part Number Hot Search : 
QH1N1R2 DUG12C SB840FCT 73600 TEA2021 TMR4810 ZMY160 2SD866AP
Product Description
Full Text Search
 

To Download 2SC5018 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transistor
2SC5018
Silicon NPN triple diffusion planar type
Unit: mm
For high breakdown voltage high-speed switching
0.7
6.90.1 4.0
2.50.1 (0.8)
(1.0) (0.2) 4.50.1
s Features
* High collector to base voltage VCBO * High emitter to base voltage VEBO
0.65 max.
(1.0)
s Absolute Maximum Ratings Ta = 25C
Parameter Collector to base voltage Collector to emitter voltage Emitter to base voltage Peak collector current Collector current Collector power dissipation * Junction temperature Storage temperature Symbol VCBO VCEO VEBO ICP IC PC Tj Tstg Rating 500 400 7 1.5 0.8 1 150 -55 to +150 cm2 Unit V V V A A W C C
1 2 3 0.45+0.10 -0.05 2.50.5 2.50.5
14.50.5
1.050.05
0.45+0.10 -0.05
1: Emitter 2: Collector 3: Base MT-2-A1 Package
Note) *: Printed circuit board: Copper foil area of 1 or more, and the board thickness of 1.7 mm for the collector portion
s Electrical Characteristics Ta = 25C
Parameter Collector cutoff current Emitter cutoff current Forward current transfer ratio Collector to emitter saturation voltage * Base to emitter saturation voltage * Transition frequency Turn-on time Storage time Fall time Note) *: Pulse measurement Symbol ICBO IEBO hFE1 hFE2 * VCE(sat) VBE(sat) fT ton tstg tf Conditions VCB = 500 V, IE = 0 VEB = 7 V, IC = 0 VCE = 5 V, IC = 10 mA VCE = 5 V, IC = 300 mA IC = 100 mA, IB = 10 mA IC = 100 mA, IB = 10 mA VCB = 10 V, IE = -50 mA, f = 10 MHz IC = 200 mA, IB1 = 40 mA IB2 = -40 mA, VCC = 150 V 50 10 0.1 0.8 20 0.7 4.0 0.4 0.5 1.0 V V MHz s s s Min Typ Max 100 100 300 Unit A A
(0.5)
Publication date: April 2002
SJC00173BED
1
2SC5018
PC Ta
1.2
IC VCE
Collector to emitter saturation voltage VCE(sat) (V)
120 Ta = 25C IB = 1.0 mA 100 100 30 10 3 1 0.3 0.1 0.03 0.01 0.01 0.03
VCE(sat) IC
IC / IB = 10
Collector power dissipation PC (W)
1.0
Collector current IC (mA)
Printed circut board: Copper foil area of 1 cm2 or more, and the board thickness of 1.7 mm for the collector portion.
0.9 mA 80 0.8 mA 0.7 mA 0.6 mA 60 0.5 mA 0.4 mA 40 0.3 mA 0.2 mA 20 0.1 mA
0.8
Ta = 75C
0.6
25C -25C
0.4
0.2
0
0
40
80
120
160
0
0
2
4
6
8
10
12
0.1
0.3
1
3
10
Ambient temperature Ta (C)
Collector to emitter voltage VCE (V)
Collector current IC (A)
VBE(sat) IC
100
hFE IC
200 VCE = 5 V
Base to emitter saturation voltage VBE(sat) (V)
IC / IB = 10
Forward current transfer ratio hFE
30 10 3 1 0.3 0.1 0.03 0.01 0.01 0.03 Ta = -25C 75C 25C
160
Ta = 75C 25C -25C
120
80
40
0.1
0.3
1
3
10
0 0.001 0.003 0.01 0.03
0.1
0.3
1
Collector current IC (A)
Collector current IC (A)
2
SJC00173BED
Request for your special attention and precautions in using the technical information and semiconductors described in this material
(1) An export permit needs to be obtained from the competent authorities of the Japanese Government if any of the products or technologies described in this material and controlled under the "Foreign Exchange and Foreign Trade Law" is to be exported or taken out of Japan. (2) The technical information described in this material is limited to showing representative characteristics and applied circuit examples of the products. It does not constitute the warranting of industrial property, the granting of relative rights, or the granting of any license. (3) The products described in this material are intended to be used for standard applications or general electronic equipment (such as office equipment, communications equipment, measuring instruments and household appliances). Consult our sales staff in advance for information on the following applications: * Special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combustion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the products may directly jeopardize life or harm the human body. * Any applications other than the standard applications intended. (4) The products and product specifications described in this material are subject to change without notice for reasons of modification and/or improvement. At the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date Product Standards in advance to make sure that the latest specifications satisfy your requirements. (5) When designing your equipment, comply with the guaranteed values, in particular those of maximum rating, the range of operating power supply voltage and heat radiation characteristics. Otherwise, we will not be liable for any defect which may arise later in your equipment. Even when the products are used within the guaranteed values, redundant design is recommended, so that such equipment may not violate relevant laws or regulations because of the function of our products. (6) When using products for which dry packing is required, observe the conditions (including shelf life and after-unpacking standby time) agreed upon when specification sheets are individually exchanged. (7) No part of this material may be reprinted or reproduced by any means without written permission from our company.
Please read the following notes before using the datasheets
A. These materials are intended as a reference to assist customers with the selection of Panasonic semiconductor products best suited to their applications. Due to modification or other reasons, any information contained in this material, such as available product types, technical data, and so on, is subject to change without notice. Customers are advised to contact our semiconductor sales office and obtain the latest information before starting precise technical research and/or purchasing activities. B. Panasonic is endeavoring to continually improve the quality and reliability of these materials but there is always the possibility that further rectifications will be required in the future. Therefore, Panasonic will not assume any liability for any damages arising from any errors etc. that may appear in this material. C. These materials are solely intended for a customer's individual use. Therefore, without the prior written approval of Panasonic, any other use such as reproducing, selling, or distributing this material to a third party, via the Internet or in any other way, is prohibited.
2001 MAR


▲Up To Search▲   

 
Price & Availability of 2SC5018

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X