Part Number Hot Search : 
8085AH 03600 SGA6286Z R5F2L388 OM7671ST C46CM1 7289NSC 3103G
Product Description
Full Text Search
 

To Download 2SB1209 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transistor
2SB1209
Silicon PNP triple diffusion planer type
For low-frequency amplification
Unit: mm
6.90.1 1.5 2.50.1 1.0
s Features
q q q
1.5 R0.9 R0.9
0.4
2.40.2 2.00.2 3.50.1
High collector to base voltage VCBO. High collector to emitter voltage VCEO. Low collector to emitter saturation voltage VCE(sat).
1.0
0.450.05 1
1.00.1
R
0. 7
0.85
Parameter Collector to base voltage Collector to emitter voltage Emitter to base voltage Peak collector current Collector current Collector power dissipation Junction temperature Storage temperature
*
Symbol VCBO VCEO VEBO ICP IC PC* Tj Tstg
Ratings -400 -400 -5 -200 -100 1 150 -55 ~ +150 1cm2
Unit V V V mA mA W C C
1:Base 2:Collector 3:Emitter
2.5 2.5 3 2
EIAJ:SC-71 M Type Mold Package
Printed circuit board: Copper foil area of thickness of 1.7mm for the collector portion
or more, and the board
s Electrical Characteristics
Parameter Collector to base voltage Collector to emitter voltage Emitter to base voltage Forward current transfer ratio Collector to emitter saturation voltage Base to emitter saturation voltage Transition frequency Collector output capacitance
(Ta=25C)
Symbol VCBO VCEO VEBO hFE VCE(sat) VBE(sat) fT Cob Conditions IC = -100A, IE = 0 IC = -500A, IB = 0 IE = -100A, IC = 0 VCE = -5V, IC = -30mA IC = -10mA, IB = -1mA IC = -50mA, IB = -5mA VCB = -30V, IE = 20mA, f = 200MHz VCB = -30V, IE = 0, f = 1MHz 50 9 min -400 -400 -5 40 - 0.6 -1.5 V V MHz pF typ max Unit V V V
1.250.05
s Absolute Maximum Ratings
(Ta=25C)
0.550.1
4.10.2
4.50.1
1
Transistor
PC -- Ta
1.6 -120 Printed circut board: Copper foil area of 1cm2 or more, and the board thickness of 1.7mm for the collector portion. Ta=25C -100 -100
2SB1209
IC -- VCE
-120 VCE=-5V 25C
IC -- VBE
Collector power dissipation PC (W)
1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 0 20
Collector current IC (mA)
Collector current IC (mA)
Ta=75C -80
-80
-60
- 0.9mA - 0.8mA - 0.7mA - 0.6mA - 0.5mA - 0.4mA
IB=-1mA
-60
-40
- 0.3mA - 0.2mA
-40 -25C -20
-20
- 0.1mA
0 40 60 80 100 120 140 160 0 -2 -4 -6 -8 -10 -12
0 0 - 0.2 - 0.4 - 0.6 - 0.8 -1.0
Ambient temperature Ta (C)
Collector to emitter voltage VCE (V)
Base to emitter voltage VBE (V)
VCE(sat) -- IC
Collector to emitter saturation voltage VCE(sat) (V)
-100 -30 -10 -3 TC=75C -1 25C -25C IC/IB=10 240
hFE -- IC
120 VCE=-5V
fT -- I E
VCB=-30V TC=25C
Forward current transfer ratio hFE
200 Ta=75C 160
Transition frequency fT (MHz)
-10 -30 -100
100
80
120
25C
60
- 0.3 - 0.1 - 0.03 - 0.01 - 0.1 - 0.3
-25C 80
40
40
20
-1
-3
-10
-30
-100
0 - 0.1 - 0.3
0 -1 -3 1 3 10 30 100 300 1000
Collector current IC (mA)
Collector current IC (mA)
Emitter current IE (mA)
Cob -- VCB
30
Area of safe operation (ASO)
IE=0 f=1MHz Ta=25C -1000 -300 Single pulse Ta=25C ICP t=100ms IC t=1s -30 -10 -3 -1 t=10ms
Collector output capacitance Cob (pF)
25
20
15
10
5 - 0.3 0 1 3 10 30 100 - 0.1 -1
Collector current IC (A)
-100
-3
-10
-30
-100 -300 -1000
Collector to base voltage VCB (V)
Collector to emitter voltage VCE (V)
2
Request for your special attention and precautions in using the technical information and semiconductors described in this material
(1) An export permit needs to be obtained from the competent authorities of the Japanese Government if any of the products or technologies described in this material and controlled under the "Foreign Exchange and Foreign Trade Law" is to be exported or taken out of Japan. (2) The technical information described in this material is limited to showing representative characteristics and applied circuit examples of the products. It does not constitute the warranting of industrial property, the granting of relative rights, or the granting of any license. (3) The products described in this material are intended to be used for standard applications or general electronic equipment (such as office equipment, communications equipment, measuring instruments and household appliances). Consult our sales staff in advance for information on the following applications: * Special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combustion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the products may directly jeopardize life or harm the human body. * Any applications other than the standard applications intended. (4) The products and product specifications described in this material are subject to change without notice for reasons of modification and/or improvement. At the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date Product Standards in advance to make sure that the latest specifications satisfy your requirements. (5) When designing your equipment, comply with the guaranteed values, in particular those of maximum rating, the range of operating power supply voltage and heat radiation characteristics. Otherwise, we will not be liable for any defect which may arise later in your equipment. Even when the products are used within the guaranteed values, redundant design is recommended, so that such equipment may not violate relevant laws or regulations because of the function of our products. (6) When using products for which dry packing is required, observe the conditions (including shelf life and after-unpacking standby time) agreed upon when specification sheets are individually exchanged. (7) No part of this material may be reprinted or reproduced by any means without written permission from our company.
Please read the following notes before using the datasheets
A. These materials are intended as a reference to assist customers with the selection of Panasonic semiconductor products best suited to their applications. Due to modification or other reasons, any information contained in this material, such as available product types, technical data, and so on, is subject to change without notice. Customers are advised to contact our semiconductor sales office and obtain the latest information before starting precise technical research and/or purchasing activities. B. Panasonic is endeavoring to continually improve the quality and reliability of these materials but there is always the possibility that further rectifications will be required in the future. Therefore, Panasonic will not assume any liability for any damages arising from any errors etc. that may appear in this material. C. These materials are solely intended for a customer's individual use. Therefore, without the prior written approval of Panasonic, any other use such as reproducing, selling, or distributing this material to a third party, via the Internet or in any other way, is prohibited.
2001 MAR


▲Up To Search▲   

 
Price & Availability of 2SB1209

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X