Part Number Hot Search : 
SML12 51003 705MC4 ICS20 Q980002 MUR115 LC83015 CMF85A
Product Description
Full Text Search
 

To Download 1N5822 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LESHAN RADIO COMPANY, LTD.
1N5820-1N5822
SCHOTTKY BARRIER DIODES
TYPE
Maximum Peak Reverse Voltage PRV V PK
Maximum Average Rectified Current @ Half-Wave Resistive Load 60Hz IO @ TL AAV C
Maximum Forward Peak Surge Current @ 8.3ms Superimposed IFM(Surge) A PK
Maximum Reverse Current @ PRV @ TA=25C IR mAdc I FM A
PK
Maximum Forward Voltage @ TA=25C V V
Package Dimensions
FM PK
1N5820 1N5821 1N5822
20 30 40
3.0
95 95 95
80
2.0 2.0 2.0
3.0
0.475 0.500 0.525
DO - 201AD
1.0(25.4) MIN
.375(9.5) .335(8.5)
1.0(25.4) MIN
.052(1.3) DIA .048(1.2)
.220(5.6) DIA .197(5.0)
DO - 201AD
5A-1/2
LESHAN RADIO COMPANY, LTD.
1N5820-1N5822 SCHOTTKY DIODE RATING & CHARACTERISTIC CURVES
FIG. 1 - FORWARD CURRENT DERATING CURVE
AVERAGE FORWARD CURRENT,(A)
FIG.2 - MAXIMUM NON-REPETITIVE FOWARD SURGE CURRENT
80
4
PEAK FORWARD SURGE CURRENT,(A)
70 60 50 40 30 20 10 1 2 4 6
3 2 1 0 0 20 40 60 80 100 120 140
TJ=T JMAX. 8.3ms Single Half Sine-Wave (JEDEC Method)
Resistive or inductive load 0.375"(9.5mm)lead length
LEAD TEMPE RATURE, (C)
8 10
20
40
60 80100
NUMBER OF CYCLES AT 60Hz
FIG. 3 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
50
INSTANTANEOUS FORWARD CURRENT,(A)
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS
10 TJ=125 C 1.0
10
TJ=125 C
1
INSTANTANEOUS REVERSE CURRENT, (A)
TJ=75 C .1
.1
TJ=25 C
.01
TJ=25 C
.01
Pulse Width=300s 1% Duty Cycle 0 .2 .4 .6 .8 1 1.2 1.4 1.6
.001 0 20 40 60 80 100 INSTANTANEOUS FORWARD VOLTAGE, (V) PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
FIG. 5 - TYPICAL JUNCTION CAPACITANCE
1,000 TJ =25C f =1.0MHz Vsig = 50mVp-p
FIG. 6 - TYPICAL TRANSIENT THERMAL IMPEDANCE
100
TRANSIENT THERMAL IMPEDANCE,(C/W)
JUNCTION CAPACITANCE,(pF)
10
100
1
10 .1 1 10 100
.1 .01 .1 1 10 100
REVERSE VOLTAGE,(V)
t, PULSE DURATION, sec.
5A-2/2


▲Up To Search▲   

 
Price & Availability of 1N5822

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X