Part Number Hot Search : 
GI7918A KU325N RL102GP SMDJ90A 34063 00022 V630M 74AHC1
Product Description
Full Text Search
 

To Download 10035 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 100354 Low Power 8-Bit Register with Cut-Off Drivers
October 1989 Revised August 2000
100354 Low Power 8-Bit Register with Cut-Off Drivers
General Description
The 100354 contains eight D-type edge triggered, master/ slave flip-flops with individual inputs (Dn), true outputs (Qn), a clock input (CP), an output enable pin (OEN), and a common clock enable pin (CEN). Data enters the master when CP is LOW and transfers to the slave when CP goes HIGH. When the CEN input goes HIGH it overrides all other inputs, disables the clock, and the Q outputs maintain the last state. A Q output follows its D input when the OEN pin is LOW. A HIGH on OEN holds the outputs in a cut-off state. The cutoff state is designed to be more negative than a normal ECL LOW level. This allows the output emitter-followers to turn off when the termination supply is -2.0V, presenting a high impedance to the data bus. This high impedance reduces termination power and prevents loss of low state noise margin when several loads share the bus. The 100354 outputs are designed to drive a doubly terminated 50 transmission line (25 load impedance). All inputs have 50 k pull-down resistors.
Features
s Cut-off drivers s Drives 25 load s Low power operation s 2000V ESD protection s Voltage compensated operating range = -4.2V to -5.7V s Available to industrial grade temperature range
Ordering Code:
Order Number 100354PC 100354QC 100354QI Package Number N24E V28A V28A Package Description 24-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-010, 0.400 Wide 28-Lead Plastic Lead Chip Carrier (PLCC), JEDEC MO-047, 0.450 Square 28-Lead Plastic Lead Chip Carrier (PLCC), JEDEC MO-047, 0.450 Square Industrial Temperature Range (-40C to +85C)
Devices also available in Tape and Reel. Specify by appending the suffix letter "X" to the ordering code.
Logic Symbol
Connection Diagrams
24-Pin DIP
Pin Descriptions
Pin Names D0-D7 CEN CP OEN Q0-Q7 Description Data Inputs Clock Enable Input Clock Input (Active Rising Edge) Output Enable Input Data Outputs 28-Pin PLCC
(c) 2000 Fairchild Semiconductor Corporation
DS010610
www.fairchildsemi.com
100354
Truth Table
Inputs Dn L H X X X X
H = HIGH Voltage Level L = LOW Voltage Level NC = No Change X = Don't Care Cutoff = Lower-than-LOW State = LOW-to-HIGH Transition
Outputs CP
CEN L L X X H X

L H X X
OEN L L L L L H
Qn L H NC NC NC Cutoff
Logic Diagram
www.fairchildsemi.com
2
100354
Absolute Maximum Ratings(Note 1)
Storage Temperature (TSTG) Maximum Junction Temperature (TJ) VEE Pin Potential to Ground Pin Input Voltage (DC) Output Current (DC Output HIGH) ESD (Note 2)
-65C to +150C +150C -7.0V to +0.5V
VEE to +0.5V
Recommended Operating Conditions
Case Temperature (TC) Commercial Industrial Supply Voltage (VEE) 0C to +85C
-40C to +85C -5.7V to -4.2V
-100 mA 2000V
Note 1: The "Absolute Maximum Ratings" are those values beyond which the safety of the device cannot be guaranteed. The device should not be operated at these limits. The parametric values defined in the Electrical Characteristics tables are not guaranteed at the absolute maximum rating. The "Recommended Operating Conditions" table will define the conditions for actual device operation. Note 2: ESD testing conforms to MIL-STD-883, Method 3015.
Commercial Version DC Electrical Characteristics (Note 3)
VEE = -4.2V to -5.7V, VCC = VCCA = GND, TC = 0C to +85C Symbol VOH VOL VOHC VOLC VOLZ VIH VIL IIL IIH IEE Parameter Output HIGH Voltage Output LOW Voltage Output HIGH Voltage Output LOW Voltage Cutoff LOW Voltage Input HIGH Voltage Input LOW Voltage Input LOW Current Input HIGH Current Power Supply Current -202 -209 -105 -105 mA -1165 -1830 0.50 240 Min -1025 -1830 -1035 -1610 -1950 -870 -1475 Typ -955 -1705 Max -870 -1620 Units mV mV mV mV mV A A VIN =VIH (Max) or VIL (Min) VIN = VIH (Min) or VIL (Max) VIN = VIH (Min) or VIL (Max) Guaranteed HIGH Signal for All Inputs Guaranteed LOW Signal for All Inputs VIN = VIL (Min) VIN = VIH (Max) Inputs Open VEE = -4.2V to -4.8V VEE = -4.2V to -5.7V Conditions Loading with 25 to -2.0V Loading with 25 to -2.0V OEN = HIGH
Note 3: The specified limits represent the "worst case" value for the parameter. Since these values normally occur at the temperature extremes, additional noise immunity and guardbanding can be achieved by decreasing the allowable system operating ranges. Conditions for testing shown in the tables are chosen to guarantee operation under "worst case" conditions.
3
www.fairchildsemi.com
100354
Commercial Version (Continued) DIP AC Electrical Characteristics
VEE = -4.2V to -5.7V, VCC = VCCA = GND Symbol fMAX tPLH tPHL tPZH tPHZ tTLH tTHL tS Parameter Toggle Frequency Propagation Delay CP to Output Propagation Delay OEN to Output Transition Time 20% to 80%, 80% to 20% Setup Time Dn CEN (Disable Time) CEN (Release Time) tH tPW(H) Hold Time Dn Pulse Width HIGH CP 1.10 0.40 1.10 0.10 2.00 1.10 0.40 1.10 0.10 2.00 1.10 0.40 1.10 0.10 2.00 ns ns Figures 1, 6 Figures 1, 4 ns Figures 2, 5 TC = 0C Min 250 1.40 1.60 1.00 0.45 3.00 4.20 2.70 2.00 Max TC = +25C Min 250 1.40 1.60 1.00 0.45 3.00 4.20 2.70 2.00 Max TC = +85C Min 250 1.50 1.60 1.00 0.45 3.10 4.20 2.70 2.00 Max MHz ns ns ns Figures 1, 4 Figures 1, 4 (Note 4) Figures 3, 7 (Note 4) Figures 1, 4 Units Conditions
Note 4: The propagation delay specified is for single output switching. Delays may vary up to 300 ps with multiple outputs switching.
PLCC AC Electrical Characteristics
VEE = -4.2V to -5.7V, VCC = VCCA = GND Symbol fMAX tPLH tPHL tPZH tPHZ tTLH tTHL tS Parameter Toggle Frequency Propagation Delay CP to Output Propagation Delay OEN to Output Transition Time 20% to 80%, 80% to 20% Setup Time Dn CEN (Disable Time) CEN (Release Time) tH tPW(H) tOSHL Hold Time Dn Pulse Width HIGH CP Maximum Skew Common Edge Output-to-Output Variation Clock to Output Path tOSLH Maximum Skew Common Edge Output-to-Output Variation Clock to Output Path tOST Maximum Skew Opposite Edge Output-to-Output Variation Clock to Output Path tPS Maximum Skew Pin (Signal) Transition Variation Clock to Output Path
Note 5: The propagation delay specified is for single output switching. Delays may vary up to 300 ps with multiple outputs switching. Note 6: Output-to-Output Skew is defined as the absolute value of the difference between the actual propagation delay for any outputs within the same packaged device. The specifications apply to any outputs switching in the same direction either HIGH-to-LOW (tOSHL), or LOW-to-HIGH (tOSLH), or in opposite directions both HL and LH (tOST). Parameters tOST and tPS guaranteed by design.
TC = 0C Min 250 1.40 1.60 1.00 0.45 2.80 4.00 2.50 1.90 Max
TC = +25C Min 250 1.40 1.60 1.00 0.45 2.80 4.00 2.50 1.90 Max
TC = +85C Min 250 1.50 1.60 1.00 0.45 2.90 4.00 2.50 1.90 Max
Units MHz ns ns ns
Conditions Figures 1, 4 Figures 1, 4 (Note 5) Figures 3, 7 (Note 5) Figures 1, 4
1.00 0.30 1.00 0.00 2.00
1.00 0.30 1.00 0.00 2.00
1.00 0.30 1.00 0.00 2.00 ns ns Figures 1, 6 Figures 1, 4 ns Figures 2, 5
280
280
280
ps
(Note 6)
340
340
340
ps
(Note 6)
340
340
340
ps
(Note 6)
250
250
250
ps
(Note 6)
www.fairchildsemi.com
4
100354
Industrial Version PLCC DC Electrical Characteristics (Note 7)
VEE=-4.2V to -5.7V, VCC= VCCA= GND, TC=-40C to +85C TC = -40C Symbol Parameter Min Max VOH VOL VOHC VOLC VOLZ VIH VIL IIL IIH IEE Output HIGH Voltage Output LOW Voltage Output HIGH Voltage Output LOW Voltage Cutoff LOW Voltage Input HIGH Voltage Input LOW Voltage Input LOW Current Input HIGH Current Power Supply Current -202 -209 -105 -105 -202 -209 -105 -105 mA -1170 -1830 0.50 240 -1085 -1830 -1095 -1565 -1900 -870 -1480 -1165 -1830 0.50 240 -870 -1575 TC = 0 to +85C Min -1025 -1830 -1035 -1610 -1950 -870 -1475 Max -870 -1620 Units mV mV mV mV mV A A Conditions VIN =VIH (Max) or VIL (Min) VIN = VIH (Min) or VIL (Max) VIN = VIH (Min) or VIL (Max) Guaranteed HIGH Signal for All Inputs Guaranteed LOW Signal for All Inputs VIN = VIL (Min) VIN = VIH (Max) Inputs Open VEE = -4.2V to -4.8V VEE = -4.2V to -5.7V Loading with 50 to -2.0V Loading with 50 to -2.0V OEN = HIGH
Note 7: The specified limits represent the "worst case" value for the parameter. Since these values normally occur at the temperature extremes, additional noise immunity and guardbanding can be achieved by decreasing the allowable system operating ranges. Conditions for testing shown in the tables are chosen to guarantee operation under "worst case" conditions.
PLCC AC Electrical Characteristics
VEE = -4.2V to -5.7V, VCC = VCCA = GND Symbol fMAX tPLH tPHL tPZH tPHZ tTLH tTHL tS Parameter Toggle Frequency Propagation Delay CP to Output Propagation Delay OEN to Output Transition Time 20% to 80%, 80% to 20% Setup Time Dn CEN (Disable Time) CEN (Release Time) tH tPW(H) Hold Time Dn Pulse Width High CP 1.00 0.30 1.00 0.00 2.00 1.00 0.30 1.00 0.00 2.00 1.00 0.30 1.00 0.00 2.00 ns ns Figures 1, 6 Figures 1, 4 ns Figures 2, 5 TC = -40C Min 250 1.40 1.50 1.00 0.45 2.80 4.10 2.50 1.90 Max TC = +25C Min 250 1.40 1.60 1.00 0.45 2.80 4.00 2.50 1.90 Max TC = +85C Min 250 1.50 1.60 1.00 0.45 2.90 4.00 2.50 1.90 Max Units MHz ns ns ns Conditions Figures 1, 4 Figures 1, 4 (Note 8) Figures 3, 5 (Note 8) Figures 1, 4
Note 8: The propagation delay specified is for single output switching. Delays may vary up to 300 ps with multiple outputs switching.
5
www.fairchildsemi.com
100354
Test Circuitry
FIGURE 1. Toggle Frequency Test Circuit
FIGURE 2. AC Test Circuit
FIGURE 3. AC Test Circuit
Notes: VCC, VCCA = +2V, VEE = -2.5V L1 and L2 = equal length 50 impedance lines RT = 50 terminator internal to scope Decoupling 0.1 F from GND to VCC and VEE All unused outputs are loaded with 25 to GND CL = Fixture and stray capacitance 3 pF
www.fairchildsemi.com
6
100354
Switching Waveforms
FIGURE 4. Propagation Delay (Clock) and Transition Times
FIGURE 5. Setup and Pulse Width Times
Notes: tS is the minimum time before the transition of the clock that information must be present at the data input. tH is the minimum time after the transition of the clock that information must remain unchanged at the data input.
FIGURE 6. Data Setup and Hold Time
Note: The output AC measurement point for cut-off propagation delay testing = the 50% voltage point between active VOL and VOH.
FIGURE 7. Cutoff Times
7
www.fairchildsemi.com
100354
Physical Dimensions inches (millimeters) unless otherwise noted
24-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-010, 0.400 Wide Package Number N24E
www.fairchildsemi.com
8
100354 Low Power 8-Bit Register with Cut-Off Drivers
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
28-Lead Plastic Lead Chip Carrier (PLCC), JEDEC MO-047, 0.450 Square Package Number V28A
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and Fairchild reserves the right at any time without notice to change said circuitry and specifications. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user. 9 2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. www.fairchildsemi.com
www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of 10035

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X