Part Number Hot Search : 
Z15D681 S6B0724A BUK75 POINT MUR1620 001TB 1N4751 2SD1496
Product Description
Full Text Search
 

To Download XC74UL00AA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 x CMOS 2-Input NAND Gate x High Speed Operation tpd=5ns TYP x Operating Voltage Range 2V~5.5V x Low Power Consumption 1A MAX
s Applications
q Palmtops q Digital Equipment
s General Description
The XC74UL00AA is a 2-input CMOS NAND gate, manufactured using silicon gate CMOS fabrication. CMOS low power circuit operation makes high speed LS-TTL operations achieveable. With a wave forming buffer connected internally, stabilized output can be achieved as the circuit offers high noise immunity. As the XC74UL00AA is integrated into mini molded, SSOT-25 and SOT-25 packages, high density mounting is possible.
s Features
High Speed Operation: tpd=5ns TYP Operating Voltage Range: 2V~5.5V Low Power Consumption: 1A MAX Space Saving Package: SSOT-25 and SOT-25
s Pin Configuration
B 1 5 VCC
s Function
INPUT A L L H H B L H L H OUTPUT Y H H H L
A
2
o
GND
3
4
Y
H=High level, L=Low level
SSOT-25/SOT-25
(TOP VIEW)
s Absolute Maximum Ratings
PARAMETER Power Supply Voltage Input Voltage Output Voltage Input Diode Current Output Diode Current Output Current VCC ,GND Current Continuous Total Power Dissipation Storage Temperature
Note: Voltage is all Ground standardized.
Ta=-40C~85: RATINGS -0.5 ~ +6.0 -0.5 ~ +6.0 -0.5 ~ VCC +0.5 -20 20 25 50 150 -65 ~ +150 UNITS V V V mA mA mA mA mW :
Ordering Information
XC74UL xxxxxx
ab
SYMBOL VCC VIN VOUT IIK IOK IOUT ICC, IGND Pd Tstg
DESIGNATOR a
DESCRIPTION Package Type N=SSOT-25 M=SOT-25
b
Device Orientation R=Embossed Tape (Orientation of Device:Right) L=Embossed Tape (Orientation of Device:Left)
s DC Electrical Characteristics
PARAMETER SYMBOL VCC(V) 2.0 VIH Input Voltage VIL 3.0 5.5 2.0 3.0 5.5 2.0 3.0 VOH 4.5 3.0 Output Voltage 4.5 2.0 3.0 VOL 4.5 3.0 Input Current Quiescent Supply Current IIN ICC 4.5 5.5 5.5 VIN=VCC or GND VIN=VCC or GND, IOUT=0A VIN=VIH IOL=4mA IOL=8mA VIN=VIH or VIL IOH=-4mA IOH=-8mA IOL=50A IOH=-50A CONDITIONS Ta=25: 1.5 2.1 3.85 1.9 2.9 4.4 2.58 3.94 -0.1 2.0 3.0 4.5 0.5 0.9 1.65 Ta=-40~85: 1.5 2.1 3.85 1.9 2.9 4.4 2.48 0.5 0.9 1.65 V V V MIN TYP MAX MIN MAX UNITS
- 3.80 0.1 0.1 0.1 0.1 0.36 0.1 0.1 0.44 A V
0.36 - 0.44 0.1 -1.0 1.0 1.0 10.0
s Switching Electrical Characteristics
tr=tf=3ns PARAMETER SYMBOL CL 15pF tPLH VCC(V) 3.3 5.0 50pF Propagation Delay Time 15pF tPHL 50pF Input Capacitance Power Dissipation Capacitance CIN Cpd 3.3 5.0 3.3 5.0 3.3 5.0 5.0 VIN=VCC or GND No Load, f=1MHz CONDITIONS Ta=25: 3.7 2.7 3.6 3.3 2.5 3.5 2 9.3 7.9 5.5 7.5 7.9 5.5 7.5 10 Ta=-40~85: 1 1 1 1 1 1 1 1 9.5 6.5 13 8.5 9.5 6.5 13 8.5 10 ns pF pF ns ns MIN TYP MAX MIN MAX UNITS ns
o
5.4 11.4
4.6 11.4
s Recommended Operating Conditions
PARAMETER Supply Voltage Input Voltage Output Voltage Operating Temperature SYMBOL VCC VIN VOUT Topr IOH Output Current IOL Input Rise and Fall Time tr, tf VCC(V) 3.0 4.5 3.0 4.5 3.3 5.0 CONDITIONS 2 ~ 5.5 0 ~ 5.5 0 ~ VCC -40 ~ +85 -4 -8 4 8 0 ~ 100 0 ~ 20 UNITS V V V : mA
ns/V
s Waveforms
tr
tf
VCC
90% 90%
Input
50% 50%
10%
10%
GND VOH
PRR=1MHz duty cycle 50% tr=tf=3ns
50%
50%
Output VOL
tPHL tPLH
s Typical Application Circuit
VCC
o
Output Pulse Generator CL ZOUT=50 Input
Note: open output when measuring supply current


▲Up To Search▲   

 
Price & Availability of XC74UL00AA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X