|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
w Dual 10-bit 40MSPS ADC DESCRIPTION The WM2125 is a dual channel 10-bit 40MSPS ADC which consumes only 240mW from a single 3.3V supply. The device is optimised for communications applications that require close matching between channels and a wide input bandwidth. Input signals are differential for improved noise performance. Both A and B input channels are sampled simultaneously and are processed through matched signal paths and 10-bit multistage pipeline ADC. A number of different input clock / output data formats are supported including 20-bits wide at the sampling rate or 10-bits wide at twice the sampling rate, with additional clock outputs supplied by the device to latch the output data. System design and power requirements are further simplified by the provision of an on-chip precision voltage reference. Alternatively, external references can be used if higher precision references are required. WM2125 FEATURES * * * Two 10-bit resolution ADCs 40MSPS conversion rate Programmable clock / output data formats - 10-bit multiplexed or 20-bit wide output - Input clock at sample rate or twice sample rate for multiplexed output - Output clocks for output data sampling Precision internal voltage references Hardware mode selection Wide input bandwidth - 300MHz Low power - 240mW typical at 3.3V supplies Powerdown mode to less than 1mW 48-pin TQFP package * * * * * * APPLICATIONS * I/Q demodulation for - Wireless Local Loop (WLL) - Set Top Box (STB) - Cable Modem IF and Baseband Digitisation Test Instrumentation Medical Imaging * * * BLOCK DIAGRAM AVDD AVSS TP SELB MODE CONFIGURATION CONTROL TIMING CONTROL CLK COUT COUTB DRVDD AP AN 10-Bit ADC DRVSS BP BN 10-Bit ADC DATA OUTPUT FORMAT AND OUTPUT BUFFERS DA[9:0] DB[9:0] OEB STBY PRECISION REFERENCE CIRCUITS PWDN_REF CML DVDD WM2125 REFT REFB DVSS WOLFSON MICROELECTRONICS LTD www.wolfsonmicro.com Product Preview, November 2001, Rev 1.1 Copyright 2001 Wolfson Microelectronics Ltd. WM2125 PIN CONFIGURATION MODE DVDD AVDD AVDD SELB DVSS AVSS STBY OEB CLK AN AP Advanced Information ORDERING INFORMATION DEVICE WM2125CFT TEMP. RANGE 0 to +70oC -40 to +85 C o PACKAGE 48-pin TQFP 48-pin TQFP DRVDD DB9 DB8 DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 DRVSS 1 2 3 4 5 6 7 8 9 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 AVSS BN BP PWDNREF CML REFT REFB TP AVSS AVDD COUT COUTB WM2125IFT 10 11 25 12 13 14 15 16 17 18 19 20 21 22 23 24 DA9 DA8 DA7 DA6 DA5 DA4 DA3 DA2 DA1 DA0 PIN DESCRIPTION PIN 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 NAME DRVDD DB9 DB8 DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 DRVSS DRVDD DA9 DA8 DA7 DA6 DA5 DA4 DA3 DA2 DA1 DA0 DRVSS COUTB COUT AVDD TYPE Supply Digital Output Digital Output Digital Output Digital Output Digital Output Digital Output Digital Output Digital Output Digital Output Digital Output Ground Supply Digital Output Digital Output Digital Output Digital Output Digital Output Digital Output Digital Output Digital Output Digital Output Digital Output Ground Digital Output Digital Output Supply DESCRIPTION Positive digital output driver supply Digital output for Q channel in dual bus mode bit 9 (msb) Digital output for Q channel in dual bus mode bit 8 Digital output for Q channel in dual bus mode bit 7 Digital output for Q channel in dual bus mode bit 6 Digital output for Q channel in dual bus mode bit 5 Digital output for Q channel in dual bus mode bit 4 Digital output for Q channel in dual bus mode bit 3 Digital output for Q channel in dual bus mode bit 2 Digital output for Q channel in dual bus mode bit 1 Digital output for Q channel in dual bus mode bit 0 (lsb) Negative digital output driver supply Positive digital output driver supply Digital output for I (dual bus mode), I/Q (single bus mode) bit 9 (msb) Digital output for I (dual bus mode), I/Q (single bus mode) bit 8 Digital output for I (dual bus mode), I/Q (single bus mode) bit 7 Digital output for I (dual bus mode), I/Q (single bus mode) bit 6 Digital output for I (dual bus mode), I/Q (single bus mode) bit 5 Digital output for I (dual bus mode), I/Q (single bus mode) bit 4 Digital output for I (dual bus mode), I/Q (single bus mode) bit 3 Digital output for I (dual bus mode), I/Q (single bus mode) bit 2 Digital output for I (dual bus mode), I/Q (single bus mode) bit 1 Digital output for I (dual bus mode), I/Q (single bus mode) bit 0 (lsb) Negative digital output driver supply Inverted latch clock output for digital outputs Latch clock output for digital outputs Positive Analogue Supply PP Rev 1.1 November 2001 2 w DRVDD DRVSS Advanced Information PIN 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 CLK 48 OEB Digital Input NAME AVSS TP REFB REFT CML PWDNREF BP BN AVSS AVDD AP AM AVSS AVDD STBY DVSS SELB DVDD MODE Analogue Input/Output Analogue Input/Output Analogue Output Digital Input Analogue Input Analogue Input Ground Supply Analogue Input Analogue Input Ground Supply Digital Input Ground Digital Input Supply Digital Input Digital Input TYPE Ground Negative Analogue Supply DESCRIPTION WM2125 This pin must be connected to DVDD. It should not be left floating. ADC bottom reference ADC top reference ADC reference common mode level output Powerdown control for internal ADC reference generator Positive input for the B signal channel Negative input for the B signal channel Negative Analogue Supply Positive Analogue Supply Positive input for the A signal channel Negative input for the A signal channel Negative Analogue Supply Positive Analogue Supply Standby control Negative Digital Supply Selects either single bus data output or dual bus data output. A LOW selects dual bus data output. Positive Digital Supply Selects the COUT and COUTB output mode. Conversion clock. The input is sampled on each rising edge of CLK when using a 40MHz input and alternate rising edges when using an 80MHz clock. Output enable. A LOW on this terminal will enable the data output bus, COUT and COUTB ABSOLUTE MAXIMUM RATINGS Absolute Maximum Ratings are stress ratings only. Permanent damage to the device may be caused by continuously operating at or beyond these limits. Device functional operating limits and guaranteed performance specifications are given under Electrical Characteristics at the test conditions specified. ESD Sensitive Device. This device is manufactured on a CMOS process. It is therefore generically susceptible to damage from excessive static voltages. Proper ESD precautions must be taken during handling and storage of this device. CONDITION Digital supply voltage, DVDD to DVSS Digital output driver supply voltage, DRVDD to DRVSS Analogue supply voltage, AVDD to AVSS Maximum ground difference between AVSS, DVSS and DRVSS Voltage range digital inputs Voltage range analogue inputs (includes CLK pin) Operating temperature range, TA Storage temperature Lead temperature (1.6mm from case for 10 seconds) MIN -0.5V -0.5V -0.5V -0.5V DVSS - 0.5V AVSS - 0.5V -45C -65C MAX +3.6V +3.6V +3.6V +0.5V DVDD + 0.5V AVDD + 0.5V +85C +150C +300C w PP Rev 1.1 November 2001 3 WM2125 RECOMMENDED OPERATING CONDITIONS PARAMETER Power Supply Digital supply range Digital output driver supply range Analogue supply range Ground Analogue and Reference Inputs Reference Input Voltage (top) Reference Input Voltage (bottom) Reference Voltage Differential Reference Input Resistance Reference Input Current Analogue Input Voltage (differential) Analogue Input Voltage (single ended) Note 1 Analogue Input Capacitance Clock Input Note 2 Analogue Outputs CML Voltage CML Output Resistance Digital Inputs High-Level Input Voltage Low-Level Input Voltage Input Capacitance Clock Period Pulse Duration Clock Period Pulse Duration Notes 1. 2. Applies only when the signal reference input connects to CML. Clock pin is referenced to AVDD/AVSS. Clock HIGH or LOW Clock HIGH or LOW 12.5 5.25 25 11.25 2.4 DGND 5 AVDD/2 2.3 VREFT VREFB VREFT-VREFB RREF IREF VIN VIN CI -1 CML - 1.0 8 FCLK = 1MHz to 80MHz FCLK = 1MHz to 80MHz FCLK = 1MHz to 80MHz FCLK = 80MHz FCLK = 80MHz 1.9 0.95 0.95 2.0 1.0 1.0 1650 0.62 DVDD DRVDD AVDD DVSS, DRVSS, AVSS 3.0 3.0 3.0 3.3 3.3 3.3 0 SYMBOL TEST CONDITIONS MIN NOM Advanced Information MAX 3.6 3.6 3.6 UNIT V V V V 2.15 1.1 1.1 V V V mA V 1 CML + 1.0 V pF V V k DVDD 0.8 V V pF ns ns ns ns ELECTRICAL CHARACTERISTICS Test Conditions: over recommended operation conditions with FCLK = 80MHz and use of internal voltage references, and PGA gain = 0dB, unless otherwise stated. PARAMETER DC Accuracy Integral nonlinearity Differential nonlinearity Zero error (Note 3) Full-Scale error Gain error Missing codes References REFT output voltage REFB output voltage Differential Reference Voltage VREFTO VREFBO REFTRERB Absolute Min/Max Values Valid and Tested for AVDD = 3.3V 1.9 0.95 0.95 2.0 1.0 1.0 2.1 1.05 1.05 V V V INL DNL nternal References (Note 1) nternal References (Note 2) AVDD = DVDD = DRVDD = 3.3V External References (Note3) -1.5 -0.9 0.4 0.5 0.12 0.28 0.24 +1.5 +1.0 1.5 1.5 1.5 LSB LSB % of FS % of FS % of FS SYMBOL TEST CONDITIONS MIN TYP MAX UNIT No missing codes guaranteed w PP Rev 1.1 November 2001 4 Advanced Information WM2125 Test Conditions: over recommended operation conditions with FCLK = 80MHz and use of internal voltage references, and PGA gain = 0dB, unless otherwise stated. PARAMETER Power Supplies IDD Operating Supply Current AVDD = DVDD = DRVDD = 3.3V, CL = 10pF, VIN = 3.5MHz, -1dBFS DRVDD DVDD PD PD(STBY) tPD tWU External Reference PWDN_REF = L PWDN_REF = H STDBY = H, CLK held HIGH or LOW AVDD 56 1.7 15 240 220 95 550 40 62 2.2 26 290 240 150 mW uW ms us mA SYMBOL TEST CONDITIONS MIN TYP MAX UNIT Power Dissipation Standby Power Power-Up Time for all references from Standby Wake up Time Digital Inputs High-Level Input Current on Digital Inputs incl. CLK Low-Level Input Current on Digital Inputs incl. CLK Digital Outputs High-Level Output Voltage IIH IIL AVDD = DVDD = DRVDD = 3.6V -1 -1 +1 +1 uA uA VOH AVDD = DVDD = DRVDD = 3.0V at IOH = 50uA, Digital Outputs Forced HIGH AVDD = DVDD = DRVDD = 3.0V at IOH = 50uA, Digital Outputs Forced LOW 2.8 2.96 V Low-Level Output Voltage Output Capacitance High-Impedance State Output Current to High-Level High-Impedance State Output Current to Low-Level VOL CO IOZH IOZL 0.04 5 0.2 V pF AVDD = DVDD = DRVDD = 3.6V CLOAD = 10pF, Single-Bus Mode CLOAD = 10pF, Dual-Bus Mode -1 -1 3 5 +1 +1 uA uA ns ns Data Output Rise and Fall Time Notes 1. INL refers to the deviation of each individual code from a line drawn from zero to full-scale. The point used as zero occurs 1/2LSB before the first code transition. The full-scale point is defined as a level 1/2LSB beyond the last code transition. The deviation is measured from the center of each particular code to the best fit line between these two points. An ideal ADC exhibits code transitions that are exactly 1LSB apart. DNL is the deviation from this ideal value. Therefore this measure indicates how uniform the transfer function step sizes are. The ideal step size is defined here as the step size for the device under test, (i.e., (the last transition level-first transition level)/(2n-2)). Using this definition for DNL separates the effects of gain and offset error. A minimum DNL better than -1LSB ensures no mission codes. Zero is defined as the difference in analogue input voltage - between the ideal voltage and the actual voltage - that will switch the ADC output from code 0 to code 1. The ideal voltage level is determined by adding the voltage corresponding to 1/2LSB to the bottom reference level. The voltage corresponding to 1LSB is found from the difference of top and bottom references divided by the number of ADC output levels (1024). Full scale error is defined as the difference in analogue input voltage - between the ideal voltage and the actual voltage - that will switch the ADC output from code 1022 to 1023. The ideal voltage level is determined by subtracting the voltage corresponding to 1.5LSB from the top reference level. The voltage corresponding to 1LSB is found from the difference of top and bottom references divided by the number of ADC output levels (1024). 2. 3. w PP Rev 1.1 November 2001 5 WM2125 DYNAMIC PERFORMANCE (NOTE 1) Advanced Information Test Conditions: TA = TMIN to TMAX, AVDD = DVDD = DRVDD = 3.3V, fIN = -1dBFS, Internal Reference, fCLK = 80MHz, fS = 40MSPS, Differential Input Range = 2Vp-p, and PGA Gain = 0dB, unless otherwise noted. PARAMETER Dynamic Performance fIN = 3.5MHz Effective number of bits ENOB fIN = 10.5MHz fIN = 20MHz fIN = 3.5MHz Spurious free dynamic range SFDR fIN = 10.5MHz fIN = 20MHz fIN = 3.5MHz Total harmonic distortion THD fIN = 10.5MHz fIN = 20MHz fIN = 3.5MHz Signal to noise ratio SNR fIN = 10.5MHz fIN = 20MHz fIN = 3.5MHz Signal to noise and distortion ratio Analogue Input Bandwidth 2-Tone Intermodulation Distortion A/B Channel Crosstalk A/B Channel Offset Mismatch A/B Channel Full-Scale Error Mismatch Notes 1. 2. These specifications refer to a 25 series resistor and 15pF differential capacitor between A/B+ and A/B- inputs; any source impedance will bring the bandwidth down. Analogue input bandwidth is defined as the frequency at which the sampled input signal is 3dB down on unity gain and is limited by the input switch impedance. IMD SINAD fIN = 10.5MHz fIN = 20MHz See Note 2 F1 = 9.5MHz, F2 = 9.9MHz 57 69 9.3 9.7 9.7 9.6 75 73 70.5 -71 -71 -68 60.5 60.5 60 60 60 60 300 -68 -75 0.016 0.025 1.75 1.0 MHz dBc dBc % of FS % of FS dB dB -66 dB dB bits SYMBOL TEST CONDITIONS MIN TYP MAX UNIT w PP Rev 1.1 November 2001 6 Advanced Information WM2125 TIMING REQUIREMENTS PARAMETER Input Clock Rate Conversion Rate Clock Duty Cycle (40MHz) Clock Duty Cycle (80MHz) Output Delay Time Mux Setup Time Mux Hold Time Output Setup Time Pipeline Delay (latency, channels A and B) Pipeline Delay (latency, channels A and B) Pipeline Delay (latency, channel A) Pipeline Delay (latency, channel B) Pipeline Delay (latency, channel A) Pipeline Delay (latency, channel B) Output Hold Time Aperture Delay Time Aperture Jitter Disable Time, OEB Rising to Hi-Z Enable Time, OEB Falling to Valid Data Notes 1. All internal operations are performed at a 40MHz clock rate. td(o) ts(m) th(m) ts(o) td(pipe) td(pipe) td(pipe) td(pipe) td(pipe) td(pipe) th(o) td(a) tj(a) tdis ten CL = 10pF CL = 10pF MODE = 0, SELB = 0 MODE = 1, SELB = 0 MODE = 0, SELB = 1 MODE = 0, SELB = 1 MODE = 1, SELB = 1 MODE = 1, SELB = 1 CL = 10pF 1.5 CL = 10pF 9 1.7 9 SYMBOL fCLK TEST CONDITIONS MIN 1 1 45 42 50 50 9 10.4 2.1 10.4 8 4 8 9 8 9 2.2 3 1.5 5 5 8 8 TYP MAX 80 40 55 58 14 UNIT MHz MSPS % % ns ns ns ns CLK Cycles CLK Cycles CLK Cycles CLK Cycles CLK Cycles CLK Cycles ns ns ps, rms ns ns TIMING OPTIONS OPERATING MODE 80MHz Input Clock, Dual-Bus Output, COUT = 40MHz 40MHz Input Clock, Dual-Bus Output, COUT = 40MHz 80MHz Input Clock, Single-Bus Output, COUT = 40MHz 80MHz Input Clock, Single-Bus Output, COUT = 80MHz MODE 0 1 0 1 SELB 0 0 1 1 TIMING DIAGRAM FIGURE 1 2 3 4 w PP Rev 1.1 November 2001 7 WM2125 TIMING DIAGRAMS Advanced Information Figure 1 Timing Diagram, Dual Bus Output - Option 1 Figure 2 Timing Diagram, Dual Bus Output - Option 2 w PP Rev 1.1 November 2001 8 Advanced Information WM2125 Figure 3 Timing Diagram, Single Bus Output - Option 1 Figure 4 Timing Diagram, Single Bus Output - Option 2 w PP Rev 1.1 November 2001 9 WM2125 TYPICAL CHARACTERISTICS o Advanced Information At TA = 25 C, AVDD = DVDD = DRVDD = 3.3V, fIN = -0.5dBFS, Internal Reference, fCLK = 80MHz, fS = 40MSPS, Differential Input Range = 2Vp-p, 25 series resistor, and 15pF differential capacitor at A/B+ and A/B- inputs, unless otherwise stated. w PP Rev 1.1 November 2001 10 Advanced Information WM2125 w PP Rev 1.1 November 2001 11 WM2125 DEVICE OPERATION INTRODUCTION Advanced Information The WM2125 implements a dual high-speed 10-bit, 40MSPS converter in a cost-effective CMOS process. The differential inputs on each channel are sampled simultaneously. Signal inputs are differential and the clock signal is single-ended. The clock signal is either 80MHz or 40MHz, depending on the device configuration set by the user. Powered from 3.3V, the dual-pipeline design architecture ensures low-power operation and 10-bit resolution. The digital inputs are 3.3V TTL/CMOS compatible. Internal voltage references are included for both bottom and top voltages. Alternatively, the user may apply externally generated reference voltages. In doing so, the input range can be modified to suit the application. The ADC is a 5-stage pipelined ADC with four stages of fully-differential switched capacitor subADC/MDAC pairs and a single sub-ADC in stage five. All stages deliver two bits of the final conversion result. A digital error correction is used to compensate for modest comparator offsets in the sub-ADCs. SAMPLE AND HOLD AMPLIFIER Figure 6 shows the internal SHA/SHPGA architecture. The circuit is balanced and fully differential for good supply noise rejection. The sampling circuit has been kept as simple as possible to obtain good performance for high-frequency input signals. Figure 5. SHA/SHPGA Architecture The analogue input signal is sampled on capacitors CSP and CSN while the internal device clock is LOW. The sampled voltage is transferred to capacitors CHP and CHN and held on these while the internal device clock is HIGH. The SHA can sample both single-ended and differential input signals. The load presented to the AIN pin consists of the switched input sampling capacitor CS (approximately 2pF) and its various stray capacitances. A simplified equivalent circuit for the switched capacitor input is shown in Figure 7. The switched capacitor circuit is modelled as a resistor RIN . fCLK is the clock frequency, which is 40MHz at full speed, and CS is the sampling capacitor. The use of 25 series resistors and a differential 15pF capacitor at the A/B+ and A/B- inputs is recommended to reduce noise. w PP Rev 1.1 November 2001 12 Advanced Information WM2125 Figure 6 Equivalent Circuit for the Switched Capacitor Input ANALOGUE INPUT, DIFFERENTIAL CONNECTION The analogue input of the WM2125 is a differential architecture that can be configured in various ways depending on the signal source and the required level of performance. A fully differential connection will deliver the best performance from the converter. The analogue inputs must not go below AVDD or above AVDD. The inputs can be biased with any common-mode voltage provided that the minimum and maximum input voltages stay within the range AVSS to AVDD. It is recommended to bias the inputs with a common-mode voltage around AVDD/2. This can be accomplished easily with the output voltage source CML, which is equal to AVDD/2. CML is made available to the user to help simplify circuit design. This output voltage source is not designed to be a reference or to be loaded but makes an excellent DC bias source and stays well within the analogue input common-mode voltage range over temperature. Table 3 lists the digital outputs for the corresponding analogue input voltages. DIFFERENTIAL INPUT VIN = (A/B+) - (A/B-), REFT - REFB = 1V, PGA = 0dB Analogue Input Voltage VIN = +1V VIN = 0V VIN = -1V Digital Output Code 3FFH 200H 000H Table 1 Output Format for Differential Configuration DC-COUPLED DIFFERENTIAL ANALOGUE INPUT CIRCUIT Driving the analogue input differentially can be achieved in various ways. Figure 8 gives an example where a single-ended signal is converted into a differential signal by using a fully differential amplifier. The input voltage applied to VOCM of the amplifier shifts the output signal into the desired common- mode level. VOCM can be connected to CML of the WM2125, the common-mode level is shifted to AVDD /2. Figure 7 Single Ended to Differential Conversion w PP Rev 1.1 November 2001 13 WM2125 AC-COUPLED DIFFERENTIAL ANALOGUE INPUT CIRCUIT Advanced Information Driving the analogue input differentially can be achieved by using a transformer coupling, as illustrated in Figure 9. The centre tap of the transformer is connected to the voltage source CML, which sets the common-mode voltage to AV DD /2. No buffer is required at the output of CML since the circuit is balanced and no current is drawn from CML. Figure 8 AC-Coupled Differential Input with Transformer ANALOGUE INPUT, SINGLE ENDED CONFIGURATION For a single-ended configuration, the input signal is applied to only one of the two inputs. The signal applied to the analogue input must not go below AVSS or above AVDD. The inputs can be biased with any common-mode voltage provided that the minimum and maximum input voltage stays within the range AV SS to AVDD. It is recommended to bias the inputs with a common-mode voltage around AVDD/2. This can be accomplished easily with the output voltage source CML, which is equal to AVDD/2. An example for this is shown in Figure 10. Figure 9 AC-Coupled, Single-Ended Configuration The signal amplitude to achieve full-scale is 2Vp-p. The signal, which is applied at A/B+ is centred at the bias voltage. The input A/B- is also centred at the bias voltage. The CML output is connected via a 4.7k resistor to bias the input signal. There is a direct DC-coupling from CML to A/B- while this input is AC-decoupled through the 10uF and 0.1uF capacitors. The decoupling minimizes the coupling of A/B+ into the A/B- path. Table 4 lists the digital outputs for the corresponding analogue input voltages. w PP Rev 1.1 November 2001 14 Advanced Information WM2125 Single Ended Input, REFT-REFB = 1V PGA = 0dB Analogue Input Voltage V(A/B+) = VCML +1V V(A/B+) = VCML V(A/B+) = VCML - 1V Digital Output Code 3FFH 200H 000H Table 2 Output Format for Single Ended Configuration REFERENCE TERMINALS The WM2125's input range is determined by the voltages on its REFB and REFT pins. The WM2125 has an internal voltage reference generator that sets the ADC reference voltages REFB = 1V and REFT = 2V. The internal ADC references must be decoupled to the PCB AVSS plane. The recommended decoupling scheme is shown in Figure 11. The common-mode reference voltages should be 1.5V for best ADC performance. Figure 10 Recommended External Decoupling for the Internal ADC Reference External ADC references can also be chosen. The WM2125 internal references must be disabled by tying PWDN_REF HIGH before applying the external reference sources to the REFT and REFB pins. The common-mode reference voltages should be 1.5V for best ADC performance. Figure 11 External ADC Reference Configuration DIGITAL INPUTS Digital inputs are CLK, SCLK, SDI, CSB, STDBY, PWDN_REF, and OEB. These inputs don't have a pull-down resistor to ground, therefore, they should not be left floating. The CLK signal at high frequencies should be considered as an `analogue' input. CLK should be referenced to AVDD and AVSS to reduce noise coupling from the digital logic. Overshoot/undershoot should be minimized by proper termination of the signal close to the WM2125. An important cause of performance degradation for a high-speed ADC is clock jitter. Clock jitter w PP Rev 1.1 November 2001 15 WM2125 Advanced Information causes uncertainty in the sampling instant of the ADC, in addition to the inherent uncertainty on the sampling instant caused by the part itself, as specified by its aperture jitter. There is a theoretical relationship between the frequency (f) and resolution (2 N ) of a signal that needs to be sampled on one hand, and on the other hand the maximum amount of aperture error dtmax that is tolerable. It is given by the following relation: dtmax= 1 f 2(N+1) As an example, for a 10-bit converter with a 20MHz input, the jitter needs to be kept less than 7.8ps in order not to have changes in the LSB of the ADC output due to the total aperture error. DIGITAL OUTPUTS The output of WM2125 is an unsigned binary or Binary Two's Complement code. Capacitive loading on the output should be kept as low as possible (a maximum loading of 10pF is recommended) to ensure best performance. Higher output loading causes higher dynamic output currents and can, therefore, increase noise coupling into the part's analogue front end. To drive higher loads, the use of an output buffer is recommended. When clocking output data from WM2125, it is important to observe its timing relation to COUT. Please refer to the timing section for detailed information on the pipeline latency in the different modes. For safest system timing, COUT and COUTB should be used to latch the output data (see Figures 1 to 4). In Figure 4, COUT can be used by the receiving device to identify whether the data presently on the bus is from channel A or B. LAYOUT, DECOUPLING AND GROUNDING RULES Proper grounding and layout of the PCB on which the WM2125 is populated is essential to achieve the stated performance. It is advised to use separate analogue and digital ground planes that are spliced underneath the IC. The WM2125 has digital and analogue pins on opposite sides of the package to make this easier. Since there is no connection internally between analogue and digital grounds, they have to be joined on the PCB. It is advised to do this at one point in close proximity to the WM2125. As for power supplies, separate analogue and digital supply pins are provided on the part (AVDD /DVDD ). The supply to the digital output drivers is kept separate as well (DRVDD ). Lowering the voltage on this supply to 3.0V instead of the nominal 3.3V improves performance because of the lower switching noise caused by the output buffers. Due to the high sampling rate and switchedcapacitor architecture, the WM2125 generates transients on the supply and reference lines. Proper decoupling of these lines is, therefore, essential. SERIAL INTERFACE A falling edge on CSB enables the serial interface, allowing the 16-bit control register date to be shifted (MSB first) on subsequent falling edges of SCLK. The data is loaded into the control register on the first rising edge of SCLK after its 16th falling edge or CSB rising, whichever occurs first. CSB rising before 16 falling SCLK edges have been counted is an error and the control register will not be updated. The maximum update rate is: f update max = NOTES f SCLK 20MHz = = 1.25MHz 16 16 1. Integral Nonlinearity (INL) -- Integral nonlinearity refers to the deviation of each individual code from a line drawn from zero to full-scale. The point used as zero occurs _ LSB before the first code transition. The full-scale point is defined as a level _ LSB beyond the last code transition. The deviation is measured from the centre of each particular code to the true straight line between these two endpoints. 2. Differential Nonlinearity (DNL) -- An ideal ADC exhibits code transitions that are exactly 1LSB apart. DNL is the deviation from this ideal value. Therefore, this measure indicates how uniform the transfer function step sizes are. The ideal step size is defined here as the step size for the device n under test (i.e., (last transition level - first transition level)/(2 - 2)). Using this definition for DNL w PP Rev 1.1 November 2001 16 Advanced Information WM2125 separates the effects of gain and offset error. A minimum DNL better than -1LSB ensures no missing codes. 3. Zero and Full-Scale Error -- Zero error is defined as the difference in analogue input voltage-- between the ideal voltage and the actual voltage--that will switch the ADC output from code 0 to code 1. The ideal voltage level is determined by adding the voltage corresponding to _ LSB to the bottom reference level. The voltage corresponding to 1LSB is found from the difference of top and bottom references divided by the number of ADC output levels (1024). Full-scale error is defined as the difference in analogue input voltage--between the ideal voltage and the actual voltage--that will switch the ADC output from code 1022 to code 1023. The ideal voltage level is determined by subtracting the voltage corresponding to 1.5LSB from the top reference level. The voltage corresponding to 1LSB is found from the difference of top and bottom references divided by the number of ADC output levels (1024). 4. Analogue Input Bandwidth -- The analogue input bandwidth is defined as the max. frequency of a 1dBFS input sine that can be applied to the device for which a extra 3dB attenuation is observed in the reconstructed output signal. 5. Output Timing -- Output timing td(o) is measured from the 1.5V level of the CLK input falling edge to the 10%/90% level of the digital output. The digital output load is not higher than 10pF. Output hold time t h(o) is measured from the 1.5V level of the COUT input rising edge to the 10%/90% level of the digital output. The digital output is load is not less than 2pF. Aperture delay td(A) is measured from the 1.5V level of the CLK input to the actual sampling instant. The OEB signal is asynchronous. OEB timing tdis is measured from the VIH(MIN) level of OEB to the high-impedance state of the output data. The digital output load is not higher than 10pF. OEB timing ten is measured from the VIL(MAX) level of OEB to the instant when the output data reaches VOH(min) or VOL(max) output levels. The digital output load is not higher than 10pF. 6. Pipeline Delay (latency) -- The number of clock cycles between conversion initiation on an input sample and the corresponding output data being made available from the ADC pipeline. Once the data pipelines full, new valid output data is provided on every clock cycle. The first valid data is available on the output pins after the latency time plus the output delay time td(o) through the digital output buffers. Note that a minimum td(o) is not guaranteed because data can transition before or after a CLK edge. It is possible to use CLK for latching data, but at the risk of the prop delay varying over temperature, causing data to transition one CLK cycle earlier or later. The recommended method is to use the latch signals COUT and COUTB which are designed to provide reliable setup and hold times with respect to the data out. 7. Wake-Up Time -- Wake-up time is from the power-down state to accurate ADC samples being taken, and is specified for external reference sources applied to the device and an 80MHz clock applied at the time of release of STDBY. Cells that need to power up are the bandgap, bias generator, SHAs, and ADCs. 8. Power-Up Time -- Power-up time is from the power-down state to accurate ADC samples being taken with an 80MHz clock applied at the time of release of STDBY. Cells that need to power up are the bandgap, internal reference circuit, bias generator, SHAs, and ADCs w PP Rev 1.1 November 2001 17 WM2125 PACKAGE DIMENSIONS FT: 48 PIN TQFP (7 x 7 x 1.0 mm) Advanced Information DM004.C b e 25 36 37 24 E1 E 48 13 1 12 c D1 D L A A2 A1 -Cccc C SEATING PLANE Symbols A A1 A2 b c D D1 E E1 e L ccc REF: Dimensions (mm) MIN NOM MAX --------1.20 0.05 ----0.15 0.95 1.00 1.05 0.17 0.22 0.27 0.09 ----0.20 9.00 BSC 7.00 BSC 9.00 BSC 7.00 BSC 0.50 BSC 0.45 0.60 0.75 o o o 0 3.5 7 Tolerances of Form and Position 0.08 JEDEC.95, MS-026 NOTES: A. ALL LINEAR DIMENSIONS ARE IN MILLIMETERS. B. THIS DRAWING IS SUBJECT TO CHANGE WITHOUT NOTICE. C. BODY DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTRUSION, NOT TO EXCEED 0.25MM. D. MEETS JEDEC.95 MS-026, VARIATION = ABC. REFER TO THIS SPECIFICATION FOR FURTHER DETAILS. w PP Rev 1.1 November 2001 18 Advanced Information WM2125 IMPORTANT NOTICE Wolfson Microelectronics Ltd (WM) reserve the right to make changes to their products or to discontinue any product or service without notice, and advise customers to obtain the latest version of relevant information to verify, before placing orders, that information being relied on is current. All products are sold subject to the WM terms and conditions of sale supplied at the time of order acknowledgement, including those pertaining to warranty, patent infringement, and limitation of liability. WM warrants performance of its products to the specifications applicable at the time of sale in accordance with WM's standard warranty. Testing and other quality control techniques are utilised to the extent WM deems necessary to support this warranty. Specific testing of all parameters of each device is not necessarily performed, except those mandated by government requirements. In order to minimise risks associated with customer applications, adequate design and operating safeguards must be used by the customer to minimise inherent or procedural hazards. WM assumes no liability for applications assistance or customer product design. WM does not warrant or represent that any license, either express or implied, is granted under any patent right, copyright, mask work right, or other intellectual property right of WM covering or relating to any combination, machine, or process in which such products or services might be or are used. WM's publication of information regarding any third party's products or services does not constitute WM's approval, license, warranty or endorsement thereof. Reproduction of information from the WM web site or datasheets is permissable only if reproduction is without alteration and is accompanied by all associated warranties, conditions, limitations and notices. Representation or reproduction of this information with alteration voids all warranties provided for an associated WM product or service, is an unfair and deceptive business practice, and WM is not responsible nor liable for any such use. Resale of WM's products or services with statements different from or beyond the parameters stated by WM for that product or service voids all express and any implied warranties for the associated WM product or service, is an unfair and deceptive business practice, and WM is not responsible nor liable for any such use. ADDRESS: Wolfson Microelectronics plc Westfield House 26 Westfield Road Edinburgh EH11 2QW United Kingdom Tel :: +44 (0)131 272 7000 Fax :: +44 (0)131 272 7001 Email :: sales@wolfsonmicro.com w PP Rev 1.1 November 2001 19 |
Price & Availability of WM2125 |