Part Number Hot Search : 
A72910 MMBT3906 66000 752C041 TA2151FN 40N06 LS353 MAX662
Product Description
Full Text Search
 

To Download UR8HC007-001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 JunoTM UR8HC007-001 Input Device and Power Management Companion IC for Jupiter Devices
HID & SYSTEM MANAGEMENT PRODUCTS, H/PC IC FAMILY DESCRIPTION JunoTM 01 is a member of a series of multi-functional companion ICs for Jupiter and other devices running Microsoft(R) Windows(R) CE and utilizing RISC-based processors. The IC interfaces the system via either asynchronous serial or the Serial Peripheral Interface (SPI) and provides keyboard scanning, special general purpose I/O (GPIO) and unique system power management capabilities. The Zero-PowerTM JunoTM will power down even between key presses. Semtech's proprietary circuitry (patent pending) allows the IC to power down even when PS/2 devices are connected and active. Typical power consumption is less than 1 A, a first for embedded ICs. The JunoTM provides continuous operation between 3 and 5V and scans a fully programmable 8 X 16 keyboard matrix. The IC is equipped with three Zero-PowerTM PS/2 ports for the hot-plug connection of an external PS/2 keyboard and mouse as well as an internal PS/2 mouse, including those with MouseWheels. In addition, the JunoTM offers special general purpose I/O (GPIO), ideal for use for lid functions, power switches, ring indicators, docking signals, battery measurement, LEDs, etc. The integration of features, many of them programmable, on one IC increases flexibility and reduces component count and cost. FEATURES * Typically consumes less than 1 A * Scans a fully programmable 8 X 16 matrix that supports Japanese, English and European keyboards * Operates continuously between 3 and 5 Volts * Offers unique power management capabilities that work in harmony with Windows(R) CE's power modes * Always runs in "Stop" mode without data or event loss * Provides three Zero-PowerTM PS/2 ports for the hot-plug connection of external keyboards/mice & internal mouse, including MouseWheels * Uses proprietary circuitry, so "Stop" mode is entered even when PS/2 devices are connected and active * Available in 1.7mm high package to accommodate slim designs PIN ASSIGNMENTS * Jupiter devices/Professional PCs * H/PCs, Web Phones, & G3 Terminals * GPIO pins provide interrupt at both falling and rising edge of signals, ideal for lid functions, power, ring indicators, docking signals, battery measurement, etc. * Has additional GPIO available for LEDs, switches, etc. * Offers internal control of LCD brightness/contrast, audio, etc. as well as four 10-bit A/D channels for power management monitoring * Cost-effective, reducing overall system costs by integrating features that would typically require multiple additional components * Provides programmable features that allow for maximum design differentiation without customization * Other JunoTM versions offer control of internal pointing device
APPLICATIONS
SS/RTS WKUP EPX6 EPX7 EPX8 EPX4 C0 C1 C2 C3 C4 C5 C6 C7 C8 C9 C10 C11 C12 C13
60 61
PWM1 PWM0 R7 R6 R5 R4 R3 R2 R1 R0 VDD AVREF AVSS EPX10 EPX9 EPX1 EPX0 GIO33/AD3 GIO32/AD2 GIO31/AD1
41 40
C14 C15 EPX3 EPX2 GIO14/SW14 GIO15/SW15 GIO00/LED0 GIO01/LED1 GIO02/LED2 GIO03/LED3 VSS OSCO OSCI PS2EN HSUS RESET VSS1 LID PWROK MOSI/RXD
UR8HC007-001-FQ
80 1
GIO30/AD0 GIO17/SW17 GIO16/SW16 EX1CLK EX0CLK IPCLK EX1DAT EX0DAT IPDAT EPX5 DA GIO21/SW1/INT1 GIO20/SW0/INT0 GIO13/SW13 GIO12/SW12 GIO11/SW11 GIO10/SW10 ATN/CTS SCLK/ISEL MISO/TXD
21
Juno is a trademark of Semtech Corporation. All other trademarks belong to their respective companies.
20
Copyright @1998-2001 Semtech Corporation DOC8-007-001-DS-108
1
www.semtech.com
ORDERING CODE
Package options Pitch in mm's 80-pin, Plastic LQFP 0.5 Other materials Type Document Technical Reference Manual JunoTM Evaluation Kit Evaluation Kit XX = Optional for customization XXX = Denotes revision number TA = 0C to +75C UR8HC007-001-XX-FQ Part number DOC8-007-001-TR-XXX EVK8-007-001-XXX
FUNCTIONAL DIAGRAM
SCLK / ISEL MOSI/RxD MISO/TxD SS/RTS
Dual Mode Serial Communications Port
Keyboard Matrix Scanner
ROW 0-7 COL 0-15 10
ATN/CTS
Embedded Pointer
PWROK LID HSUS Power Management Unit
Configuration Status and Control Registers
HID Manager
External PS/2 Port 2
Clock Data
3
Analog Outputs 14 bit PWM0 14 bit PWM1 8 bit D/A
External PS/2 Port 1
Clock Data
4
Analog Inputs 10 bit A/D (Shared with GI03)
Internal PS/2 Pointer
Clock Data
GPIO
GIO30-33 / A/D0-3 GIO00-03 / LED0-3 GIO10-17 / SW / INT GIO20-21 /
INT0-1
4
4
8
2
Copyright (c)1998-2001 Semtech Corporation DOC8-007-001-DS-108
2
www.semtech.com
PIN DEFINITIONS
Pin Numbers Mnemonic Power Supply VDD AVREF AVSS VSS VSS1 Reset _RESET QFP 71 72 73 30 24 Type PWR AI PWR PWR PWR Name and Function Positive Supply Voltage Positive analog reference voltage Ground: analog signal Ground: negative supply voltage Auxiliary Ground; must be tied to pin 30 Controller hardware reset pin: when at Low-level, this pin holds the UR8HC007in a reset state. This pin must be held at a logic-low until Power Supply voltage (VDD) reaches the minimum operating level (2.7V). Oscillator input: connect ceramic resonator with built-in load capacitors or CMOS clock from external oscillator 4 MHz operating frequency Oscillator Output: connect ceramic resonator with built-in load capacitors or keep open if external oscillator is used
25
I
Oscillator pins OSCI
28
I
_OSCO
29
O
Keyboard / Event Wake-up _WKUP
59
I/pD
Wake-up: wakes up the chip if there is a key press in the scanned keyboard matrix (Active-Low) or drives the pin High when running
Scanned matrix pins ROW0-ROW7 COL0-COL7 COL8-COL11 COL12-COL13 COL14-COL15 PS/2 ports PS2EN
62-55 54-47 38-35 27-26 79-78 27
I O
Row matrix outputs Column matrix outputs
O
IPDAT IPCLK EX0DAT EX0CLK EX1DAT EX1CLK
9 6 8 5 7 4
I5V/nD5V I5V/nD5V I5V/nD5V I5V/nD5V I5V/nD5V I5V/nD5V
Control output: when Low, disables PS/2 communications by holding the PS/2 Clock lines low PS/2 Data line for Internal Pointing Device PS/2 Clock line for Internal Pointing Device PS/2 Data line for External Device 0 PS/2 Clock line for External Device 0 PS/2 Data line for External Device 1 PS/2 Clock line for External Device 1
Copyright (c)1998-2001 Semtech Corporation DOC8-007-001-DS-108
3
www.semtech.com
PIN DEFINITIONS (CON'T)
Pin Numbers Mnemonic General Purpose Input/Ouput GIO0 GIO00/LED0-GIO3/LED3 GIO1 GIO10/SW10-GIO15/SW15 QFP Type Name and Function
34-31
I/O
General purpose input/output pin, LED driver
General purpose input/output pin, Switch input GIO16/SW16-GIO17/SW17 I5V/nD5V General purpose input/output pin, Switch input Note: In order to have a Negative Edge Interrupt capability for SW10 - SW17, the corresponding Switch Inputs should also be connected to the extended resistive network acting on the _WKUP pin. Switch closure must be tied to Ground; the IC will remain in high power consumption mode until all the switches are released. GIO2 GIO20/SW0/INT0 13-12 I/O, IInt General purpose input/output pin, GIO20/SW0/INT0 Switch Input. Capable of Interrupt on both Positive and Negative edges GIO3 - analog input GIO30/AD0 1 I/O/Ai General purpose input/output pin, A/D input 0 GIO31/AD1 80 I/O/Ai General purpose input/output pin, A/D input 1 GIO32/AD2 79 I/O/Ai General purpose input/output pin, A/D input 2 GIO33/AD3 78 I/O/Ai General purpose input/output pin, A/D input 3 Analog output PWM0 62 O Channel 0 of Pulse Width Modulator PWM1 61 O Channel 1 of Pulse Width Modulator DA 11 Ao D/A output (Range: AVSS to AVREF) Reserved for embedded pointing device EPX0 77 I/O/Ai Driver, A/D EPX1 76 I/O/Ai Driver, A/D EPX2 37 I/O Control, Driver EPX3 38 I/O Control, Driver EPX4 55 I/O Control, Driver EPX5 10 I/O/Ao Control, Driver, Analog Adjustment EPX6 58 I/Ipup/O Left Button EPX7 57 I/Ipup/O Middle Button EPX8 56 I/Ipup/O Right Button EPX9 75 I/O/Ai Driver, A/D EPX10 74 I/O/Ai Driver, A/D System status monitoring _LID 23 IInt Lid closed signal from the lid switch (Active-Low). Capable of Interrupt on both Positive and Negative edges PWROK 22 IInt Power OK signal. Capable of Interrupt on both Positive and Negative edges
17-14 36-35 3-2
I/O
Copyright (c)1998-2001 Semtech Corporation DOC8-007-001-DS-108
4
www.semtech.com
PIN DEFINITIONS (CON'T)
Mnemonic _HSUS Pin Numbers QFP Type 26 I Name and Function Host_Suspended signal (Active-Low). When Low, indicates that Host Computer System is in Power-reduced or Stop mode.
Communication interface _SS/_RTS
60
I_Int
_ATN/_CTS
18
O
MISO/TXD
20
I/O / O
MOSI/RXD
21
I
SCLK/ISEL
19
I
Slave_Select (SPI Mode) or Ready_To_Send (Asynchronous Serial Mode). Active-Low signal Input. Low-level indicates that the Host System has data for the UR8HC007001 peripheral device or the Host System is ready to accept data from the UR8HC007-001 peripheral device. Capable of Interrupt on Negative edge. Pin 60 and pin 18 should both be "Low" for data exchange to occur. Attention (SPI Mode) or Clear_To_Send (Asynchronous Serial Mode ). Active-Low signal Output. Low-level indicates that the UR8HC007-001 peripheral device has data for the Host System or the UR8HC007 peripheral device is ready to accept data from the Host System. Pin 18 and pin 60 should both be "Low" for data exchange to occur. Master-In-Slave-Out (SPI Mode) or Transmit Data (Asynchronous Serial Mode, Idle = "High" = 1) Master-Out-Slave-In (SPI Mode) or Receive Data (Asynchronous Serial Mode) Serial Clock (SPI Mode) or Interface Select (Asynchronous Serial Mode). Tie "Low" to select Asynchronous Serial Mode. In SPI Mode, use the following Clock sequence: Idle-High / Negative-Edge (Shift Data) \ PositiveEdge (Latch Data), Idle-High.
Note 1: An underscore in front of the pin mnemonic denotes an active low signal.
Copyright (c)1998-2001 Semtech Corporation DOC8-007-001-DS-108
5
www.semtech.com
JUNOTM FAMILY COMMUNICATIONS INTERFACE The JunoTM family of controllers implements two modes of serial communications: The "Synchronous Peripheral Interface" (SPI) mode and the "Asynchronous Serial Interface" (ASI). The SPI is a synchronous bidirectional, multi-slave interface that supports bit rates up to 500 Kb/s. Several Hosts and companion chips implement the SPI protocol in order to communicate with a wide range of peripherals such as EEPROMs, A/D converters, MCUs and other system components. Alternatively, the SPI may be implemented through software on the Host side. The JunoTM family implements the _ATN as an additional hand-shake signal in order to support low power operation of the bus. The ASI is an asynchronous interface (UART type) that operates at a fixed baud rate of 62.5 Kb/s.
Host UR8HC007
CTS CTS
The diagrams below describe the SPI and ASI communications interfaces, respectively.
SPI Communications Interface
MOSI MISO
Host (master)
SCLK _SS _ATN _SS
USAR JunoTM (slave)
SLAVE 2
ASI Communications Interface
Both interfaces are implemented through the same set of four pins. The IC determines the mode of communication with the Host during power-up by reading the value of the SCLK/ISEL pin. If the pin is tied low, the ASI mode is enabled. If it is high, the SPI interface is enabled. Please refer to the JunoTM Technical Reference Manual for a description of handshake and critical timing parameters for each interface.
RTS
RTS
RxD
RxD
TxD
TxD
ISEL
GND
Copyright (c)1998-2001 Semtech Corporation DOC8-007-001-DS-108
6
www.semtech.com
PROTOCOLS, COMMANDS AND REPORTS
Overview
The JunoTM UR8HC007 implements and supports four types of transaction messages. 1. Commands from the UR8HC007 to the Host system 2. Commands from the Host system to the UR8HC007 3. Human Input Device (HID) reports to the system 4. Event Alert messages to the system The protocol is fundamentally implemented through a set of general packet commands that allow handling and reporting of each individual controller register and each bit within each register. In this manner, the system achieves maximum flexibility in manipulating the operation of the UR8HC007 controller.
General Message Structure
Communications between the JunoTM UR8HC007 and the Host processor are implemented using a set of packet protocols and commands. The general structure of a message is shown in the following diagram:
Protocol Header Command/Report Identifier Message Body (if applicable)
LRC
General Message Format
The Protocol Header identifies the type of transaction. The following table lists the available protocols. Protocol Headers
Protocols used in commands issued by the Host Protocol Simple Commands Write Register bit Read Register bit Write Register Read Register Write Block Read Block Protocols used in responses, reports and alerts issued by the controller Protocol Simple Commands Report Register bit & Event Alerts Report Register Report Block Pointing Device Data Report Keyboard Device Data Report
Header 80H 81H 82H 83H 84H 85H 86H
Header 80H 81H 83H 85H 87H 88H
Copyright (c)1998-2001 Semtech Corporation DOC8-007-001-DS-108
7
www.semtech.com
PROTOCOLS, COMMANDS AND REPORTS, (CON'T)
HID Data Report
The Pointing Device Data Reports format covers both absolute (where applicable) and relative positioning devices. In addition, it provides support for MouseWheel-type of input devices.
General Commands Format
For protocols used by either the host or the UR8HC007, a set of simple commands is implemented. These support the basic communication protocol and handle reset and errors in transmission. A simple command would have the following structure:
Header (80H) Command Code LRC
Keyboard Data Report
The Keyboard Data Reports return changes on the keyboard matrix or the External PS/2 keyboard device. Keys are uniquely identified according to the Key Number table listed in Appendix A of the JunoTM Technical Reference Manual. The Key Up or Key Release numbers comprise the logic OR of the Key Number and 80H.
Simple Command Structure
Following is a summary of the simple commands used by both the Host and the UR8HC007: Simple Commands Summary
Command Initialize Initialization Complete Protocol Simple Simple Simple Cmd Code 20H 21H 25H Description Forces the recipient to enter the known default power-on state Issued as a hand-shake response only to the "Initialize" command. Issued upon error in the reception of a package. The recipient will resend the last transmitted packet
LRC (Longitudinal Redundancy Check)
The LRC is calculated for the whole packet, including the Protocol Header. The LRC is calculated by first taking the bitwise exclusive OR of all bytes from the message. If the most significant bit (MSB) of the LRC is set, the LRC is modified by clearing the MSB and changing the state of the next most significant bit. Thus, the Packet Check Byte will never consist of a valid LRC with the most significant bit set.
Resend Request
Copyright (c)1998-2001 Semtech Corporation DOC8-007-001-DS-108
8
www.semtech.com
REGISTERS The JunoTM implements a set of internal registers that can be used to control and monitor the operation of the various functional units of the controller IC. These registers can be accessed through the Read/Write Register commands described in the Commands chapter of the JunoTM Technical Reference Manual. The register architecture of the JunoTM allows for maximum flexibility and expandability of the controller operation. At the same time, by using the default values for each register, a system can utilize all the basic functionality of the IC controller with minimum Host driver intervention. Registers' Page Organization
Register Offset 00 01
Registers' Page 0 0
255 Page Number Register Register Offset 00 01 Control and Status Registers
Page Number Register
1
Registers' Page 1
Scanned Matrix and Alternate Layout Keys Registers
255
Page Number Register
Figure 1: Registers' Page Organization
Copyright (c)1998-2001 Semtech Corporation DOC8-007-001-DS-108
9
www.semtech.com
POWER MANAGEMENT MODES OF OPERATION The UR8HC007 has three modes of operation relating to its power consumption. The "Stop" mode is the lowest power consumption mode. In this mode, the crystal is stopped and the IC consumes only 1 A of leakage current. This is the default mode to which the IC will revert any time an event or a signal condition does not force it to exit this mode. The "Wait" mode is entered each time it is necessary for a timer to be running in order to perform a system function. Such functions include the LED blinking mode and the use of one of the PWM channels. Typical power consumption in this mode is several hundred As. The "Run" mode is entered briefly, only to process an event or while an interrupt-generating signal condition persists. The controller IC will remain in this mode only for as long a signal prohibits it from reentering a lower power consumption mode or for as long as it is necessary to process a Host-related transaction (a few milliseconds).
POWER MANAGEMENT The JunoTM UR8HC007 family of controllers implements two power management methods: system-coordinated power management and Self Power ManagementTM (SPM). System-coordinated power management primarily determines the tasks performed and the type of reports communicated to the Host. The JunoTM monitors the system states through the PWROK (Power OK), _LID (Lid closed) and _HSUS (Host suspended) lines. In addition to these signal inputs, the UR8HC007 family provides a set of registers, described in the "Registers" chapter of the JunoTM Technical Reference Manual, that can be used by the host to control the PM-related performance of the controller through software. According to the status of these lines (or register settings), the JunoTM will enable or disable specific tasks and reports suited to the current power and system management state of the Host. Self Power ManagementTM describes a method implemented by the JunoTM controller that, independently of any system intervention, results in the lowest power consumption possible within the given parameters of its operation. Through Self Power ManagementTM, the JunoTM controllers are capable of typically operating at only 1 A, independent of the state of the system. Self Power ManagementTM primarily determines the actual power consumption of the controller IC. The JunoTM implements the Semtech-patented Self Power ManagementTM method to achieve the minimum power consumption possible, independent of the Host power management state. Even when the Host is in the active state, the IC can still operate most of the time at only 1 A, even with external PS/2 devices attached to it.
Critical Suspend
PWROK=0
PWROK=1 AND _LID=0
PWROK=1 AND _LID=1 AND _HSUS=1
PWROK=0 PWROK=1 AND _LID=1 AND _HSUS=0
PWROK=0
PWROK=1 AND _LID=0
Lid Closed*
PWROK=1 AND _LID=1 AND _HSUS=1
PWROK=1 AND _LID=1 AND _HSUS=0
PWROK=1 AND _LID=0
Host Suspend
PWROK=1 AND _LID=1 AND _HSUS=1
SPM
PWROK=1 AND _LID=1 AND _HSUS=0
Figure 2: USAR JunoTM State Diagram
Copyright (c)1998-2001 Semtech Corporation DOC8-007-001-DS-108
10
www.semtech.com
ZERO-POWERTM OPERATION OF PS/2 PORTS The JunoTM implements the Semtech-patented "Message lossless wake-upTM" method to operate all three PS/2 ports. This method enables the controller to interface with devices attached to its PS/2 ports while still operating in the "Stop" mode. Typical power consumption of the PS/2 ports is therefore 1 A. If a PS/2 device reports a data packet, the controller will exit the "Stop" mode for as long as it takes to process the device message and relay the information, if necessary, to the Host system. This operation is done transparently to the Host, without any message loss or any response delays from the input devices. This unique technology allows computers to operate at their minimum power consumption state even with PS/2 devices attached. Systems that employ an internal pointing device, such as a touch pad or a force stick, can benefit the most from this feature, since the pointing device will force the controller to exit its "Stop" mode only when there is data to be reported.
PS/2 PORTS The UR8HC007-001 provides three PS/2 ports for the hot-plug connection of an external keyboard, an external mouse and an internal mouse. All of the internal and external devices are active at all times. Data from both the external and internal keyboards and mice are merged and seamlessly presented to the system.
5-Volt Tolerant PS/2 ports
The UR8HC007 controller can be powered by a power supply between 3 and 5 Volts (+/- 10%). Even when the USAR controller is powered by a 3Volt supply, the three PS/2 ports can directly interface with 5-Volt powered devices -- without the need of any external level-shifting circuitry. The Host can enable or disable all the external PS/2 ports simultaneously, in sync with the 5-Volt power plane that powers them. Alternatively, it can select any PS/2 port selectively, through the "HID enable/disable control" register.
PS/2 Mouse Handling
The JunoTM provides a port for the connection of an internal PS/2 mouse. This port supports MouseWheel functionality. An internal mouse connected to a system's PS/2 port consumes a significant amount of power as it must always be "on." A mouse connected to one of Juno'sTM PS/2 ports consumes minimal power because the JunoTM will power down even when the internal mouse is connected and active.
Copyright (c)1998-2001 Semtech Corporation DOC8-007-001-DS-108
11
www.semtech.com
HID MANAGER The UR8HC007 Human Input Device (HID) Manager is responsible for the configuration and handling of HID devices that are embedded or attached to the controller. The HID Manager has the following responsibilities: 1. Enabling and disabling embedded and attached input devices through the "HID enable/disable control" register 2. Formatting and relaying input device reports to the Host 3. Controlling the configuration and operation of both embedded and attached input devices The HID Manager consists of the four functional blocks: the PS/2 Port Manager; the Keyboard Manager; the Pointing Device Manager; and the Direct Port Manager. The function of each Manager is explained in full in the JunoTM Technical Reference Manual. OTHER JUNOTM SERIES MEMBERS Other members of the JunoTM series of companion ICs offers advanced, ergonomic control of an internal pointing device. Enabled pointing devices include touch pads, touch screens or force sticks. If the application requires an internal pointing device, using a pointingenabled JunoTM will eliminate the need for a dedicated mouse encoder IC.
KEYBOARD ENCODING The UR8HC007-001 will encode an 8-row by 16-column keyboard matrix. OEMs may reprogram the matrix by sending commands to the IC from the system. The JunoTM supports English, Japanese and European keyboards. In addition, the IC supports both sticky keys and notebook-style keyboards. The keyboard below, the Fujitsu FKB7654, is the default keyboard for the UR8HC007-001.
E sc F1 F2 F3 F4 F5 F6 F7 F8 F9 F1 0 F1 1 F1 2
SL NL Pa u Br k Ins Prt D el Srq
! 1 t ab cap l ock shi f t ct rl Q
@ 2 W A Z
# 3 E S X
$ 4 R D C
% 5 T F V
^ 6 Y G B
& 7
7
* 8 U
4
8
( 9 I
5
9
) 0 O
6
_ P
3
+ = { [ } ]
~
bk sp e n te r
H N
J
1
K M
0
2
L < , alt
: ; > .
.
+
" ' ? /
/
| \ s h ift
fn
a lt
sZ c e pa
c trl
pgup
pgup pgup pgup
Fujitsu FKB7654
GENERAL PURPOSE INPUT OUTPUT The JunoTM provides many GPIO pins which enable OEMs to easily differentiate their products. Four GPIO ports provide interrupt at both falling and rising edge of signals. Two of these pins are dedicated for use as a Lid indicator and Digital power monitor. The other two may be used for a ring indicator, docking signal, soft power button, etc. Three GPIO pins provide A/D input and are ideal for battery measurement. Three GPIO pins provide two Pulse Width Modulation (PWM) channels and one D/A channel and may be used for analog control functions such as LCD brightness/contrast or audio volume control. Four GPIO pins with high drive ability are set aside as LED drivers or I/O. Eight GPIO pins can be used as system control outputs or inputs, for example, for switches.
Copyright (c)1998-2001 Semtech Corporation DOC8-007-001-DS-108
12
www.semtech.com
SAMPLE SCHEMATIC FOR THE UR8HC007-001-FQ
IPPWR
IPDAT
IPCLK
EX1CLK EX1DAT
EX0CLK EX0DAT
R3 10k
GND 47pF 47pF C3
TO / FROM KEYBOARD MATRIX
+5V
R2 10k
C2
7
8
9 _WKUP Q1 TD_PNP 1 R1 10k C B A INH Z1 Z0 Y1 Y0 9 10 11 6 3 5 1 2 13 12 8 7 6 5 4 3 2
4 15 14
Z VDD Y X
VEE U2 74HCT4053 VSS
X1 X0
+5V
16
4 EX1CLK 7 EX1DAT 5 EX0CLK 8 EX0DAT 6 IPCLK 9 IPDAT 27 PS2EN
39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54
C15 C14 C13 C12 C11 C10 C9 C8 C7 C6 C5 C4 C3 C2 C1 C0
63 64 65 66 67 68 69 70
WKUP
R7 R6 R5 R4 R3 R2 R1 R0
59
V+
RN1 10k
GIO PORT 0
GIO03 GIO02 GIO01 GIO00 GIO17 GIO16 GIO15 GIO14 GIO13 GIO12 GIO11 GIO10 GIO21 GIO20 GIO33 GIO32 GIO31 GIO30
GIO03/LED3 GIO02/LED2 GIO01/LED1 GIO00/LED0 GIO17/SW17 GIO16/SW16 GIO15/SW15 GIO14/SW14 GIO13/SW13 GIO12/SW12 GIO11/SW11 GIO10/SW10 GIO21/SW1/INT1 GIO20/SW0/INT0 GIO33/AD3 GIO32/AD2 GIO31/AD1 GIO30/AD0
OSCO
29
UR8HC007-001-FQ
ANALOG OUT GIO PORT 3 GIO PORT 2
2 3 35 36 14 15 16 17 12 13 78 79 80 1
GIO PORT 1
OSCI
28
VSS1 VSS AVSS
24 30 73
RESET
25
Y1
4.00 MHz
31 32 33 34
PWM1 PWM0 DA
61 62 11
PWM1 PWM0 DA LID PWROK HSUS
SS/RTS ATN/CTS MISO/TXD MOSI/RXD SCLK/ISEL
AVREF VDD
72 71 2 V+
.1F
C1
1
EPx10 EPx9
EPx8 EPx7 EPx6
EPx5 EPx4 EPx3 EPx2 EPx1 EPx0
U3 VOLT_DET
74 75
56 57 58
10 55 38 37 76 77
23 22 26
60 18 20 21 19
Q2 TD_NPN 3
1 SPDT
POWER_OK NOT_HOST_SUSPENDED
LID CLOSED
RESERVED FO R EMBEDD DED POINTER V+
FROM CHIPSET AND/OR POWER SUPPLY
ASYNCRONOUS INTERFACE SYNCR ONOUS INTER FACE
SYNCRONOUS S ERIAL CLOCK MASTER_OUT / SLAVE_IN or RxD MASTER_IN / SLAVE_OUT or TxD _ATTENTION or _CTS _SLAVE_S ELECT or _RTS
Copyright (c)1998-2001 Semtech Corporation DOC8-007-001-DS-108
13
www.semtech.com
COMMUNICATION INTERFACE
LID OPEN 2 S W 1
3
INTERNAL PS/2 POINTE POINTER
TO PAGE 2 PS/2 I/O
JUNOTM ELECTRICAL CHARACTERISTICS
Absolute maximum ratings (VSS = 0V, Ambient Temperature TA is in the range TLOW to THIGH) Parameter Symbol Value -0.3 to +7.0 Supply Voltage VDD Input voltage All pins except 2-9 VIN -0.3 to VDD+0.3 Pins 2-9 (PS/2 ports XXXDAT, XXXCLK, GIO16/SW16, GIO17/SW17) VIN -0.3 to +5.8 Output current Total peak for all pins IOH (Peak) -80 80 IOL (Peak) Total average for all pins IOH (Avg) -40 40 IOL (Avg) All pins except 31-34 Peak for each pin IOH (Peak) -10 IOL (Peak) 10 Average for each pin IOH (Avg) -5 IOL (Avg) 5 Pins 31-34 (GIO00/LED0 - GIO03/LED3) Peak for each pin IOH (Peak) -10 IOL (Peak) 20 -5 Average for each pin IOH (Avg) IOL (Avg) 15 Temperature range -20 to 85 Operating Temperature TLOW to THIGH Storage Temperature TSTG -40 to 125
Unit V V
V
mA mA
mA mA
mA mA C C
Copyright (c)1998-2001 Semtech Corporation DOC8-007-001-DS-108
14
www.semtech.com
POWER CONSUMPTION WHILE OPERATING THE PWM CHANNELS Users should consider the built-in PWM channels for generating slowly changing DC control voltages. Since continuous clocking is necessary for the PWM operations, the only penalty for using the built-in PWM channels is the requirement for the chip to operate at least in the Reduced Power Mode, with typical Current Consumption of 750 A. NOTES FOR ELECTRICALS JUNOTM ELECTRICAL CHARACTERISTICS, (CON'T)
Recommended Operating Conditions, Digital Section (VSS = 0V, Ambient Temperature TA is in the range TLOW to THIGH) Parameter Symbol Min Typ Max 2.7 3.0 5.5 Supply voltage VDD Input logic high voltage VDD 0.8VDD All pins except 2-9 VIH Pins 2-9 (PS/2 ports xxxDAT, xxxCLK, GIO16/SW16, GIO17/SW17) VIH 0.8VDD 5.5 Input logic low voltage 0 0.2VDD All pins except 28 VIL Pin 28 (OSCI) VIL 0 0.16VDD Input current IIL / IIL -5.0 0 5.0 VI = VSS, VDD) Input Pull-up Current (pins 56-58 / IP6-IP8, -120 -10 IPUP VI = VSS) Output voltage VDD-1.0 VOH IOH = -1.0 mA VOL 0.4 IOL = 1.6 mA Current Consumption (see note 1 below) Full Speed Mode (Fosc=4MHz) IDD 3.5 7.0 Reduced Power Mode 750 (Fosc=4MHz) IDD Stop Mode (Interrupts active, Fosc=0) 1.0 (TA = 25C) IDD .1 10(TA = 85C ) Recommended operating conditions, analog section (VSS = 0V, Ambient Temperature TA is in the range TLOW to THIGH) Parameter Symbol Min Typ Max Analog Signal Ground AVSS 0 Analog Reference Voltage AVREF 2.7 VDD VDD A/D Resolution 10 A/D Absolute Accuracy 4 A/D Analog Input Voltage Range VIA AVSS AVREF A/D Analog Input Current IIA 5.0 Analog Reference Current (see note 2) (A/D is active) IAVREF 200 D/A Resolution 8 D/A Absolute Accuracy 2.5 D/A Output Impedance RO 1 2.5 4.0 Analog Reference Current (see note 3) (D/A is active, Output = Full Scale) IAVREF 3.2 Note 1: please see left Note 2: please see left Note 3: please see left
Copyright (c)1998-2001 Semtech Corporation DOC8-007-001-DS-108
Note1:
Current Consumption values do not include any loading on the Output pins or Analog Reference Current for the built-in A/D or D/A modules.
Unit V
V
Note 2:
Since the built-in A/D module consumes current only during short periods of time (when A/D conversion is actually requested), the Analog Reference Current for the built-in A/D module is not a significant contributor to the overall power consumption.
V
V V A
A V V
Note 3:
The Analog Reference Current for the built-in D/A module correlates linearly to the Output Voltage. For D/A output of 0V, the Analog Reference Current is null. For D/A outputs approaching Full Scale (AVREF), the maximum Analog Reference Current is indicated in this Table. This current is a significant contributor to the overall power consumption.
mA A
A
Unit V V Bits LSb V A
A Bits % KOhms
mA
15
www.semtech.com
MECHANICALS FOR THE UR8HC007 LQFP PACKAGE
HD D
80 61
1
60
20
41
HE
E
A
21 40
L1 F e
A2
A1
L Detail F
b y
Symbol MD A A1 A2 b c D E e HD HE L L1 y b2 I2 MD ME
I2 Recommended Mount Pad
Dimension in Millimeters Min Nom Max - - 1.7 0.1 0.2 0 - - 1.4 0.13 0.18 0.28 0.105 0.125 0.175 11.9 12.0 12.1 11.9 12.0 12.1 - 0.5 - 13.8 14.0 14.2 13.8 14.0 14.2 0.3 0.5 0.7 1.0 - - - - 0.1 - 0 10 - - 0.225 - - 1.0 - - 12.4 - - 12.4
e
b2
Copyright (c)1998-2001 Semtech Corporation DOC8-007-001-DS-108
16
ME
www.semtech.com
c
BILL OF MATERIALS FOR THE UR8HC007-001-FQ
Quantity 1 2 1 3 1 1 2 Manufacturer Generic Generic Harris Generic CTS AVX ALCO Part# C1296-104-X50 C1206-470-N50 CD74HCT4053M R1206-103-TF-5 745-101-R103CT-ND PBRC-4.00BR ADE-03 Description .1uF Ceramic Chip Cap, Z5U, SMT, 1206 47 pF Ceramic Chip Cap, NPO orX7R, SMT, Size:1206 SMT Triple 2-ch Ana Mult/Dem 10K Resistor, 5% Thick Film, SMT, 1206 10K, 8 resistors, bussed, 10 pins, SMT 4.00MHz Ceramic Resonator w/Caps, SMT Switch, 3 Position Dip, THD
Copyright (c)1998-2001 Semtech Corporation DOC8-007-001-DS-108
17
www.semtech.com
For sales information and product literature, contact: HID & System Mgmt Division Semtech Corporation 568 Broadway New York, NY 10012 hidinfo@semtech.com http://www.semtech.com 212 226 2042 Telephone 212 226 3215 Telefax
Semtech Western Regional Sales 805-498-2111 Telephone 805-498-3804 Telefax Semtech Central Regional Sales 972-437-0380 Telephone 972-437-0381 Telefax Semtech Eastern Regional Sales 203-964-1766 Telephone 203-964-1755 Telefax Semtech Asia-Pacific Sales Office +886-2-2748-3380 Telephone +886-2-2748-3390 Telefax Semtech Japan Sales Office +81-45-948-5925 Telephone +81-45-948-5930 Telefax Semtech Korea Sales Sales +82-2-527-4377 Telephone +82-2-527-4376 Telefax Northern European Sales Office +44 (0)2380-769008 Telephone +44 (0)2380-768612 Telefax Southern European Sales Office +33 (0)1 69-28-22-00 Telephone +33 (0)1 69-28-12-98 Telefax Central European Sales Office +49 (0)8161 140 123 Telephone +49 (0)8161 140 124 Telefax
Copyright (c)1998-2001 Semtech Corporation. All rights reserved. Juno is a trademark of Semtech Corporation. Semtech is a registered trademark of Semtech Corporation. All other trademarks belong to their respective companies. INTELLECTUAL PROPERTY DISCLAIMER This specification is provided "as is" with no warranties whatsoever including any warranty of merchantability, fitness for any particular purpose, or any warranty otherwise arising out of any proposal, specification or sample. A license is hereby granted to reproduce and distribute this specification for internal use only. No other license, expressed or implied to any other intellectual property rights is granted or intended hereby. Authors of this specification disclaim any liability, including liability for infringement of proprietary rights, relating to the implementation of information in this specification. Authors of this specification also do not warrant or represent that such implementation(s) will not infringe such rights.
Copyright (c)1998-2001 Semtech Corporation DOC8-007-001-DS-108
18
www.semtech.com


▲Up To Search▲   

 
Price & Availability of UR8HC007-001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X