Part Number Hot Search : 
1205D VN0808 PD140 SSP1N60B SMS1242 EST1CF 28F80 S5T8808A
Product Description
Full Text Search
 

To Download STGW20NB60KD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 STGW20NB60KD
N-CHANNEL 20A - 600V - TO-247 SHORT CIRCUIT PROOF PowerMESHTM IGBT
TYPE STGW20NB60KD
s s s s s s s s s
VCES 600 V
VCE(sat) < 2.8 V
IC 20 A
HIGH INPUT IMPEDANCE (VOLTAGE DRIVEN) LOW ON-VOLTAGE DROP (Vcesat) LOW ON-LOSSES LOW GATE CHARGE HIGH CURRENT CAPABILITY OFF LOSSES INCLUDE TAIL CURRENT VERY HIGH FREQUENCY OPERATION SHORT CIRCUIT RATED LATCH CURRENT FREE OPERATION
3 2 1
TO-247
DESCRIPTION INTERNAL SCHEMATIC DIAGRAM Using the latest high voltage technology based on a patented strip layout, STMicroelectronics has designed an advanced family of IGBTs, the PowerMESHTM IGBTs, with outstanding performances. The suffix "K" identifies a family optimized for high frequency motor control applications with short circuit withstand capability.
APPLICATIONS s HIGH FREQUENCY MOTOR CONTROLS s U.P.S. s WELDING EQUIPMENTS
ORDERING INFORMATION
SALES TYPE STGW20NB60KD MARKING GW20NB60KD PACKAGE TO-247 PACKAGING TUBE
August 2003
1/8
STGW20NB60KD
ABSOLUTE MAXIMUM RATINGS
Symbol VCES VECR VGE IC IC ICM ( ) Tsc PTOT Tstg Tj Parameter Collector-Emitter Voltage (VGS = 0) Emitter-Collector Voltage Gate-Emitter Voltage Collector Current (continuous) at TC = 25C Collector Current (continuous) at TC = 100C Collector Current (pulsed) Short Circuit Withstand Total Dissipation at TC = 25C Derating Factor Storage Temperature Max. Operating Junction Temperature Value 600 20 20 40 20 80 10 150 1.2 - 55 to 150 Unit V V V A A A
s
W W/C C
THERMAL DATA
Rthj-case Rthj-amb Thermal Resistance Junction-case Max Thermal Resistance Junction-ambient Max 0.83 50 C/W C/W
ELECTRICAL CHARACTERISTICS (TCASE = 25 C UNLESS OTHERWISE SPECIFIED) OFF
Symbol VBR(CES) ICES IGES Parameter Collectro-Emitter Breakdown Voltage Collector cut-off (VGE = 0) Gate-Emitter Leakage Current (VCE = 0) Test Conditions IC = 250 A, VGE = 0 VCE = Max Rating, TC = 25 C VCE = Max Rating, TC = 125 C VGE = 20V , VCE = 0 Min. 600 10 100 100 Typ. Max. Unit V A A nA
ON (1)
Symbol VGE(th) VCE(sat) Parameter Gate Threshold Voltage Collector-Emitter Saturation Voltage Test Conditions VCE = VGE, IC = 250A VGE = 15V, IC = 20 A VGE = 15V, IC = 20 A, Tj =125C Min. 5 2.3 1.9 Typ. Max. 7 2.8 Unit V V V
DYNAMIC
Symbol gfs Cies Coes Cres Qg Qge Qgc tscw Parameter Forward Transconductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Total Gate Charge Gate-Emitter Charge Gate-Collector Charge Short Circuit Withstand Time VCE = 480V, IC = 20 A, VGE = 15V Vce = 0.5 BVces , VGE = 15 V, Tj = 125C , RG = 10 10 Test Conditions VCE = 25 V , IC =20 A VCE = 25V, f = 1 MHz, VGE = 0 Min. Typ. 8 1560 190 38 85 14.4 51 115 Max. Unit S pF pF pF nC nC nC s
2/8
STGW20NB60KD
SWITCHING ON
Symbol td(on) tr (di/dt)on Eon Parameter Turn-on Delay Time Rise Time Turn-on Current Slope Turn-on Switching Losses Test Conditions VCC = 480 V, IC = 20 A RG = 10 , VGE = 15 V VCC= 480 V, IC = 20 A RG=10 VGE = 15 V,Tj = 125C Min. Typ. 40 36 350 650 Max. Unit ns ns A/s J
SWITCHING OFF
Symbol tc tr(Voff) td(off) tf Eoff(**) Ets tc tr(Voff) td(off) tf Eoff(**) Ets Parameter Cross-over Time Off Voltage Rise Time Delay Time Fall Time Turn-off Switching Loss Total Switching Loss Cross-over Time Off Voltage Rise Time Delay Time Fall Time Turn-off Switching Loss Total Switching Loss Vcc = 480 V, IC = 20 A, RGE = 10 , VGE = 15 V Tj = 125 C Test Conditions Vcc = 480 V, IC = 20 A, RGE = 10 , VGE = 15 V Min. Typ. 130 25 105 95 0.5 0.6 175 46 130 150 0.70 1.05 Max. Unit ns ns ns ns mJ mJ ns ns ns ns mJ mJ
COLLECTOR-EMITTER DIODE
Symbol If Ifm Vf trr Qrr Irrm Parameter Forward Current Forward Current pulsed Forward On-Voltage Reverse Recovery Time Reverse Recovery Charge Reverse Recovery Current If = 10 A If = 10 A, Tj = 125 C If = 10 A ,VR = 27 V, Tj =125C, di/dt = 100A/s 1.27 1 80.5 181 4.5 Test Conditions Min. Typ. Max. 20 80 2.0 Unit A A V V ns nC A
Note: 1. Pulsed: Pulse duration = 300 s, duty cycle 1.5 %. 2. Pulse width limited by max. junction temperature. (**)Losses include Also the Tail (Jedec Standardization)
3/8
STGW20NB60KD
Thermal Impedance Switching Off Safe Operating Area
Output Characteristics
Transfer Characteristics
Normalized Gate Threshold Voltage vs Temp.
Transconductance
4/8
STGW20NB60KD
Collector-Emitter On Voltage vs Temperature Gate-Charge vs Gate-Emitter Voltage
Capacitance Variations
Normalized Break-down Voltage vs Temp.
Collector-Emitter on Voltage vs Collector Current
Turn-Off Energy Losses vs Temperature
5/8
STGW20NB60KD
Total Switch Losses vs Collector Current Diode Forward Voltage
Fig. 1: Gate Charge test Circuit
Fig. 2: Test Circuit For Inductive Load Switching
6/8
STGW20NB60KD
TO-247 MECHANICAL DATA
mm. MIN. 4.85 2.20 1.0 2.0 3.0 0.40 19.85 15.45 5.45 14.20 3.70 18.50 3.55 4.50 5.50 3.65 5.50 0.140 0.177 0.216 14.80 4.30 0.560 0.14 0.728 0.143 0.216 TYP MAX. 5.15 2.60 1.40 2.40 3.40 0.80 20.15 15.75 MIN. 0.19 0.086 0.039 0.079 0.118 0.015 0.781 0.608 0.214 0.582 0.17 inch TYP. MAX. 0.20 0.102 0.055 0.094 0.134 0.03 0.793 0.620
DIM. A A1 b b1 b2 c D E e L L1 L2 oP oR S
7/8
STGW20NB60KD
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. (c) The ST logo is a registered trademark of STMicroelectronics (c) 2003 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco Singapore - Spain - Sweden - Switzerland - United Kingdom - United States. (c) http://www.st.com
8/8


▲Up To Search▲   

 
Price & Availability of STGW20NB60KD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X