Part Number Hot Search : 
VAL1Z L4805CX ST3854 TA1193A H560438 W0805 39861 11084
Product Description
Full Text Search
 

To Download ST2600CRSERIES Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bulletin I25199 rev. B 02/00
ST2600C..R SERIES
PHASE CONTROL THYRISTORS Hockey Puk Version
Features
Double side cooling High surge capability High mean current Fatigue free
2630A
Typical Applications
DC motor controls Controlled DC power supplies AC controllers
Major Ratings and Characteristics
Parameters
IT(AV) @ TC IT(AV) @ Ths IT(RMS) @ Ths ITSM @ 50Hz @ 60Hz I2t @ 50Hz @ 60Hz VDRM /VRRM tq TJ typical max.
(R-PUK)
Units
A C A C A C A A KA2s KA2s V s C
ST2600C..R
2220 80 2630 55 4800 25 46000 48200 10580 9640 2000 to 3000 400 125
www.irf.com
1
ST2600C..R Series
Bulletin I25199 rev. B 02/00
ELECTRICAL SPECIFICATIONS Voltage Ratings
Type number Voltage Code
20 22 ST2600C..R 24 26 28 30
V DRM/V RRM, max. repetitive peak and off-state voltage V
2000 2200 2400 2600 2800 3000
VRSM , maximum nonrepetitive peak voltage V
2100 2300 2500 2700 2900 3100
I DRM /IRRM max.
@ TC = 125C
mA
250
On-state Conduction
Parameter
I T(AV) Max. average on-state current @ Case temperature IT(AV) Max. average on-state current @ Heatsink temperature I T(RMS) Max. RMS on-state current I TSM Max. peak, one-cycle non-repetitive surge current
ST2600C..R
2220 (1440) 80 2630 (1160) 55 (85) 4800 46000 48200 36800 38500
Units
A C A C A
Conditions
180 conduction, half sine wave double side (single side [anode side]) cooled
DC @ 25C heatsink temperature double side cooled t = 10ms No voltage reapplied 50% VRRM reapplied No voltage reapplied 50% VRRM reapplied Sinusoidal half wave, Initial TC = 125C t = 8.3ms t = 10ms t = 8.3ms t = 10ms t = 8.3ms t = 10ms t = 8.3ms TJ = TJ max. T J = TJ max. I = 2900A, TC = 25C
pk
A
I 2t
Maximum I2t for fusing
10580 9640 6770 6150 KA s
2
V T(TO) Max. value of threshold voltage rt V TM IL Max. value of on-state slope resistance Max. on-state voltage Max. (typical) latching current
0.89 0.19 1.45 300 (100)
V m V mA
T J = 25C, VD = 5V
Switching
Parameter
di/dt Max. repetitive 50Hz (no repetitive) rate of rise of turned-on current td tq Maximum delay time
ST2600C..R
150 (300)
Units Conditions
A/s From 67% VDRM gate drive 20V, 20, tr = 1s TJ = TJ max. Gate drive 30V, 15, Vd = 67% VDRM, TJ = 25C s Rise time 0.5s IT = 800A, t = 1ms, TJ = TJ max, V RM = 50V,
p
2.0
Typical turn-off time
400
dIRR/dt = 20A/s, VDR = 67% VDRM, dV/dt = 20V/s linear
2
www.irf.com
ST2600C..R Series
Bulletin I25199 rev. B 02/00
Blocking
Parameter
dv/dt IRRM IDRM Maximum linear rate of rise of off-state voltage Max. peak reverse and off-state leakage current
ST2600C..R
500 250
Units
V/s mA
Conditions
TJ = TJ max. to 67% rated VDRM TJ = 125C rated VDRM /V RRM applied
Triggering
Parameter
PGM PG(AV) IGM VGM -V GM IGT VGT Maximum peak gate power Maximum average gate power Max. peak positive gate current Max. peak positive gate voltage Max. peak negative gate voltage Maximum DC gate current required to trigger Maximum gate voltage required to trigger
ST2600C..R
150 10 30 30 0.25 400 4
Units
W A V V mA V
Conditions
t = 100s
p
Anode positive with respect to cathode Anode positive with respect to cathode Anode negative with respect to cathode TC = 25C, VDRM = 5V TC = 25C, VDRM = 5V Max. gate current/voltage not to trigger is the max. value which will not trigger any unit with rated VDRM anode-to-cathode applied
VGD
DC gate voltage not to trigger
0.25
V
TC = 125C
Thermal and Mechanical Specification
Parameter
TJ max. Max. operating temperature T
stg
ST2600C..R
125 -55 to 125 0.019 0.0095 0.004 0.002 43000 (4400) 1600 (R-PUK)
Units
C
Conditions
On-state (conducting)
Max. storage temperature range Thermal resistance, junction to case
RthJ-C
K/W K/W N (Kg) g
DC operation single side cooled DC operation double side cooled Single side cooled Double side cooled Clamping force 43KN with mounting compound
Rth(C-h) Thermal resistance, case to heatsink F wt Mounting force 10% Approximate weight Case style
See Outline Table
RthJ-C Conduction
(The following table shows the increment of thermal resistence RthJ-C when devices operate at different conduction angles than DC)
Conduction angle
180 120 60
Single side
0.0010 0.0017 0.0044
Double side
0.0010 0.0017 0.0044
Units
K/W
Conditions
TJ = TJ max.
www.irf.com
3
ST2600C..R Series
Bulletin I25199 rev. B 02/00
Ordering Information Table
Device Code
ST 260
1 1 2 3 4 5 6 7 Thyristor Essential part number 0 = Converter grade C = Ceramic Puk 2
0
3
C
4
30
5
R
6
1
7 8
Voltage code: Code x 100 = VRRM (See Voltage Rating Table) R = Puk Case 0 = Eyelet terminals (Gate and Auxiliary Cathode Unsoldered Leads) 1 = Fast-on terminals (Gate and Auxiliary Cathode Unsoldered Leads) 2 = Eyelet terminals (Gate and Auxiliary Cathode Soldered Leads) 3 = Fast-on terminals (Gate and Auxiliary Cathode Soldered Leads)
8
-
Critical dv/dt: None = 500V/sec (Standard selection) L = 1000V/sec (Special selection)
Outline Table
112.5 (4.4) DIA. MAX. 73.2 (2.9) DIA. MAX. TWO PLACES 3 7.7 (1.5 ) M A X . GATE 1.5 (0.06) DIA.
ANODE
HOLE 1.5 (0.06) DIA. MAX. 4.76 (0.2)
CATHODE
20 5
2 (0 . 4)
6 .3
(R-PUK) All dimensions in millimeters (inches)
3.7 (0.15) DIA. NOM. X 2.1 (0.1) DEEP MIN. BOTH ENDS
Quote between upper and lower pole pieces has to be considered after application of Mounting Force (see Thermal and Mechanical Specification)
4
www.irf.com
ST2600C..R Series
Bulletin I25199 rev. B 02/00
Maximum Allowable Heatsink Temperature (C) Maximum Allowable Heatsink Temperature (C)
130 120 110 100 90 80 70 60 50 40 30 20 0
60
ST2600C..R Series (Single Side Cooled) R thJ-hs (DC) = 0.023 K/W
130 120 110 100 90 80 70 60 50 40 30 20 0 1000
60
ST2600C..R Series (Double Side Cooled) R thJ-hs (DC) = 0.0115 K/W
Conduction Angle
Conduction Angle
120 180 DC
120 180 DC
1000
2000
3000
4000
2000
3000
4000
5000
Average On-state Current (A)
Fig. 1 - Current Ratings Characteristics
Average On-state Current (A)
Fig. 2 - Current Ratings Characteristics
Maximum Average On-state Power Loss (W)
9000 8000 7000 6000 5000 4000 3000 2000 1000 0 0
Maximum Average On-state Power Loss (W)
DC 180 120 60 RMS Limit
10000
TJ = 125C
1000
Conduction Angle ST2600C..R Series T J = 125C
ST2600C..R Series
1000
2000
3000
4000
5000
100 0.5
1
1.5
2
2.5
3
Average On-state Current (A)
Fig. 3- On-state Power Loss Characteristics
Average On-state Current (A)
Fig. 4- On-state Power Loss Characteristics
Peak Half Sine Wave On-state Current (A)
Peak Half Sine Wave On-state Current (A)
45000 40000 35000 30000 25000 20000 15000
At Any Rated Load Condition And With 50% Rated V RRM Applied Following Surge Initial T J= 125C @ 60 Hz 0.0083 s @ 50 Hz 0.0100 s
75000 70000 65000 60000 55000 50000 45000 40000 35000 30000 1
Maximum Non Repetitive Surge Current Versus Pulse Train Duration. Control Of Conduction May Not Be Maintained. Initial T J= 125C 50% Rated V RRM Reapplied
ST2600C..R Series
ST2600C..R Series
10000 1 10 100
Number Of Equal Amplitude Half Cycle Current Pulses (N) Fig.5 - Maximum Non-Repetitive Surge Current Single and Double Side Cooled
10
Pulse Train Duration (s)
Fig. 6 - Maximum Non-Repetitive Surge Current Single and Double Side Cooled
www.irf.com
5
ST2600C..R Series
Bulletin I25199 rev. B 02/00
10000
Total Stroed Charge - Qrr (C)
IT T J = 125C
dIT dt
t
s tp = 3m Qrr
Q rr max.
IR (R C) ME
Q rr min.
ST2600C..R Series
1000 1 10
Rate Of Decay Of On-state Current - di/dt (A/s)
Fig. 7 - Stored Charged
100
Transient Thermal Impedance Z thJ-hs (K/W)
0.1
ST2600C..R Series
0.01
Steady State Value R thJ-C = 0.019 K/W (Single Side Cooled) R thJ-C = 0.0095 K/W (Double Side Cooled) (DC Operation)
0.001
0.0001 0.001
0.01
0.1
1
10
100
Square Wave Pulse Duration (s)
Fig. 10 - Thermal Impedance ZthJ-hs Characteristics
100
Instantaneous Gate Voltage (V)
10
(1) PGM = 2W (2) PGM = 4W (3) PGM = 8W (4) PGM = 20W (5) PGM = 50W (6) PGM =100W
(5)
(6)
Tj=-40 C
Tj=25 C Tj=125 C
1
(1)
(2)
(3)
(4)
VGD IGD
Device: ST2600C..R Series
Frequency Limited by PG(AV)
0.1 0.001
0.01
0.1
1
10
Instantaneous Gate Current (A) Fig. 11 - Gate Characteristics
6
www.irf.com


▲Up To Search▲   

 
Price & Availability of ST2600CRSERIES

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X