Part Number Hot Search : 
Q2406A UTC8121 LTC680 25Q64BV MBRF2015 SG2644J MSP145 1N3880
Product Description
Full Text Search
 

To Download SS411A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Interactive Catalog Replaces Catalog Pages
Honeywell Sensing and Control has replaced the PDF product catalog with the new Interactive Catalog. The Interactive Catalog is a power search tool that makes it easier to find product information. It includes more installation, application, and technical information than ever before.
Click this icon to try the new Interactive Catalog.
Sensing and Control Honeywell Inc. 11 West Spring Street Freeport, Illinois 61032
Solid State Sensors Digital Position Sensors
SS400 Series position sensors have a thermally balanced integrated circuit over full temperature range. The negative compensation slope is optimized to match the negative temperature coefficient of lower cost magnets. Bipolar, latching and unipolar magnetics are available. Band gap regulation provides extremely stable operation over 3.8 to 30 VDC supply voltage range. SS400 sensors are capable of continuous 20 mA sinking output, and may be cycled as high as 50 mA maximum.
SS400 Series NOTICE
FEATURES 3.8-30 VDC supply voltage Digital current sinking output 3 pin in-line PCB terminals Quad-Hall design virtually eliminates mechanical stress effects Temperature compensated magnetics Operate/release points can be customized Bipolar, unipolar, latching magnetics High output current capability -50 mA absolute maximum Operate/release points symmetrical around zero gauss (bipolar/latch) Operating temperature range of -40 to +150C (-40 to +302F) Package material: Plaskon 3300H Surface mount version available: SS400-S (with cut and formed leads) ORDER GUIDE
Catalog Listing Magnetic Type Supply Voltage (VDC) Supply Current (max.) Output Type Output Voltage (max.) Output Current, max.* Output Leakage Current, max. Output Switching Time Rise (10-90%) VCC=12 V, RL=1.6 K, C=20 pF Fall (90-10%) Magnetic Characteristics -40C Max. Op. Min. Rel. Min. Dif. 0C Max. Op. Min. Rel. Min. Dif. 25C Max. Op. Min. Rel. Min. Dif. 85C Max. Op. Min. Rel. Min. Dif. 125C Max. Op. Min. Rel. Min. Dif. 150C Max. Op. Min. Rel. Min. Dif.
PDFINFO page- 008
Interruption of power to a latching device may cause the output to change state when power is restored. If a magnetic field of sufficient strength is present, the sensor output will be in the condition dictated by the magnetic field.
SS411A Bipolar 3.8 to 30 10 mA Sink .40 V 20 mA 10 A .05 s typ. 1.5 s max. .15 s typ. 1.5 s max. G mT 70 7.0 -70 -7.0 15 1.5 65 6.5 -65 -6.5 15 1.5 60 6.0 -60 -6.0 15 1.5 60 6.0 -60 -6.0 12 1.2 65 6.5 -65 -6.5 12 1.2 70 7.0 -70 -7.0 10 1.0
SS413A Bipolar 3.8 to 30 10 mA Sink .40 V 20 mA 10 A .05 s typ. 1.5 s max. .15 s typ. 1.5 s max. G mT 140 14.0 -140 -14.0 20 2.0 140 14.0 -140 -14.0 20 2.0 140 14.0 -140 -14.0 20 2.0 140 14.0 -140 -14.0 20 2.0 140 14.0 -140 -14.0 20 2.0 140 14.0 -140 -14.0 20 2.0
SS441A Unipolar 3.8 to 30 10 mA Sink .40 V 20 mA 10 A .05 s typ. 1.5 s max. .15 s typ. 1.5 s max. G mT 135 13.5 20 2.0 15 1.5 117 11.7 20 2.0 18 1.8 115 11.5 20 2.0 20 2.0 120 12.0 15 1.5 15 1.5 123 12.3 15 1.5 8 0.8 125 12.5 10 1.0 5 0.5
SS443A Unipolar 3.8 to 30 10 mA Sink .40 V 20 mA 10 A .05 s typ. 1.5 s max. .15 s typ. 1.5 s max. G mT 215 21.5 80 8.0 25 2.5 190 19.0 80 8.0 25 2.5 180 18.0 75 7.5 25 2.5 180 18.0 70 7.0 15 1.5 190 19.0 60 6.0 10 1.0 200 20.0 55 5.5 5 0.5
SS449A Unipolar 3.8 to 30 10 mA Sink .40 V 20 mA 10 A .05 s typ. 1.5 s max. .15 s typ. 1.5 s max. G mT 435 43.5 210 21.0 30 3.0 400 40.0 230 23.0 30 3.0 390 39.0 235 23.5 30 3.0 400 40.0 215 21.5 30 3.0 410 41.0 200 20.0 30 3.0 420 42.0 185 18.5 30 3.0
SS461A Latching 3.8 to 30 10 mA Sink .40 V 20 mA 10 A .05 s typ. 1.5 s max. .15 s typ. 1.5 s max. G mT 110 11.0 - 110 - 11.0 50 5.0 90 9.0 - 90 - 9.0 50 5.0 85 8.5 - 85 - 8.5 50 5.0 85 8.5 - 85 - 8.5 50 5.0 100 10.0 - 100 - 10.0 50 5.0 110 11.0 - 110 - 11.0 50 5.0
SS466A Latching 3.8 to 30 10 mA Sink .40 V 20 mA 10 A .05 s typ. 1.5 s max. .15 s typ. 1.5 s max. G mT 200 20.0 - 200 - 20.0 200 20.0 185 18.5 - 185 - 18.5 200 20.0 180 18.0 - 180 - 18.0 200 20.0 180 18.0 - 180 - 18.0 190 19.0 180 18.0 - 180 - 18.0 160 16.0 185 18.5 - 185 - 18.5 140 14.0
* Absolute maximum output current is 50 mA for all SS400 listings. G = Gauss. mT = milliTesla. Note: For SS400 on tape with straight or formed leads on 0.100 centers, contact the 800 number. One box contains 5,000 sensors. 8 Honeywell Sensing and Control 1-800-537-6945 USA 1-815-235-6847 International 1-800-737-3360 Canada
Solid State Sensors Digital Position Sensors
OPERATE AND RELEASE POINTS
SS411A SS443A SS466A
SS400 Series
PDFINFO
page- 009
SS413A
SS449A
Digital
SS441A
SS461A
MOUNTING DIMENSIONS (For reference only) Tape styles T2 and T3 are supplied in Ammopack (Fanfold) format, in cardboard boxes. Each box contains 5000 sensors.
TAPE STYLE T2
STANDARD LEAD VERSION
SURFACE MOUNT (-S) VERSION TAPE STYLE T3
REDUCED LEAD LENGTH (-R) VERSION DIRECTION OF FEED FROM REEL
TAPE STYLE SP & RP
Honeywell Sensing and Control 1-800-537-6945 USA
1-815-235-6847 International 1-800-737-3360 Canada
9


▲Up To Search▲   

 
Price & Availability of SS411A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X