Part Number Hot Search : 
SM6800AB SMBJ11 KF13277 HD74LS1 SK154 VCO55 232EC 01460
Product Description
Full Text Search
 

To Download PSOT12C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 05059
PSOT03
thru
Only One Name Means ProT ek'TionTM
PSOT36C
ST ANDARD CAPACIT ANCE TVS ARRA Y
APPLICA TIONS RS-232, RS-422 & RS-423 Cellular Phones Control & Monitoring Systems Portable Electronics Wireless Bus Protection IEC COMPA TIBILITY (EN61000-4) 61000-4-2 (ESD): Air - 15kV, Contact - 8kV 61000-4-4 (EFT): 40A - 5/50ns 61000-4-5 (Surge): 24A, 8/20s - Level 2(Line-Ground) & Level 3(Line-Line) FEA TURES ESD Protection > 40 kilovolts 500 Watts Peak Pulse Power per Line (tp = 8/20s) Low Clamping Voltage Available in Multiple Voltage Types Ranging from 3V to 36V Unidirectional & Bidirectional Configurations RoHS Compliant in Lead-Free Versions MECHANICAL CHARACTERISTICS Molded JEDEC SOT-23 Weight 8mg (Approximate) Available in Tin-Lead or Lead-Free Pure-Tin Plating(Annealed) Solder Reflow Temperature: Tin-Lead - Sn/Pb, 85/15: 240-245C Pure-Tin - Sn, 100: 260-270C Flammability rating UL 94V-0 8mm Tape and Reel Per EIA Standard 481 Device Marking: Marking Code PIN CONFIGURA TION SOT-23
UNIDIRECTIONAL
BIDIRECTIONAL
1 3 2
1 3 2
05059.R7 4/05
1
www.protekdevices.com
PSOT03
thru
PSOT36C
DEVICE CHARACTERISTICS MAXIMUM RATINGS @ 25C Unless Otherwise Specified
PARAMETER Peak Pulse Power (tp = 8/20s) - See Figure 1 Operating Temperature Storage Temperature Forward Voltage @ 100mA, 300s - Square Wave (Note 1)
Note 1: Applies to unidirectional devices only.
SYMBOL PPP TJ TSTG VF
VALUE 500 -55C to 150C -55C to 150C 1.5
UNITS Watts C C Volts
ELECTRICAL CHARACTERISTICS PER LINE @ 25C Unless Otherwise Specified
PART NUMBER (See Note 1) DEVICE MARKING RATED STAND-OFF VOLTAGE MINIMUM BREAKDOWN VOLTAGE MAXIMUM CLAMPING VOLTAGE (See Fig. 2) @ IP = 1A VC VOLTS 6.5 7.0 9.8 9.8 13.4 13.4 19.0 19.0 24.0 24.0 43.0 43.0 51.0 51.0 MAXIMUM CLAMPING VOLTAGE (See Fig. 2) MAXIMUM LEAKAGE CURRENT TYPICAL CAPACITANCE
VWM VOLTS PSOT03 PSOT03C PSOT05 PSOT05C PSOT08 PSOT08C PSOT12 PSOT12C PSOT15 PSOT15C PSOT24 PSOT24C PSOT36 PSOT36C 03 03C 05 05C 08 08C 12 12C 15 15C 24 24C 36 36C 3.3 3.3 5.0 5.0 8.0 8.0 12.0 12.0 15.0 15.0 24.0 24.0 36.0 36.0
@ 1mA V(BR) VOLTS 4.0 4.0 6.0 6.0 8.5 8.5 13.3 13.3 16.7 16.7 26.7 26.7 40.0 40.0
@8/20s VC @ IPP 10.9V @ 43.0A 10.9V @ 43.0A 13.5V @ 42.0A 13.5V @ 42.0A 16.9V @ 34.0A 16.9V @ 34.0A 25.9V @ 21.0A 25.9V @ 21.0A 30.0V @ 17.0A 30.0V @ 17.0A 49.0V @ 12.0A 49.0V @ 12.0A 76.8V @ 9.0A 76.8V @ 9.0A
@VWM ID A 125 125 20 20 10 10 2 2 1 1 1 1 1 1
@0V, 1 MHz C pF 500 300 350 210 250 150 150 90 100 60 88 63 80 60
Note 1: Part numbers with an additional "C" suffix are bidirectional devices, i.e., PSOT05C.
05059.R7 4/05
2
www.protekdevices.com
PSOT03
thru
PSOT36C
GRAPHS
FIGURE 1 PEAK PULSE POWER VS PULSE TIME
10,000
PPP - Peak Pulse Current - Watts
1,000
500W, 8/20s Waveform
100
10 0.01
1
10 100 td - Pulse Duration - s
1,000
10,000
120
IPP - Peak Pulse Current - % of IPP
FIGURE 2 PULSE WAVE FORM
tf Peak Value IPP TEST WAVEFORM PARAMETERS tf = 8s td = 20s
100 80 60 40 20 0 0 5
e-t
td = t I /2 PP
10
15 t - Time - s
20
25
30
100 80
% Of Rated Power
FIGURE 3 POWER DERATING CURVE
Peak Pulse Power 8/20s
60
40 20 Average Power 0 0 25 50 75 100 125 TL - Lead Temperature - C 150
05059.R7 4/05
3
www.protekdevices.com
PSOT03
thru
PSOT36C
PACKAGE OUTLINE & DIMENSIONS
PACKAGE OUTLINE
SOT-23
A L 0 - 10 3 B 1 2 S K J
PACKAGE DIMENSIONS
DIM MILLIMETERS MIN MAX 2.80 1.20 0.89 0.37 1.78 0.013 0.085 0.45 0.89 2.10 0.45 3.04 1.40 1.11 0.50 2.04 0.100 0.177 0.60 1.02 2.50 0.60 INCHES MIN MAX 0.1102 0.0472 0.0350 0.0150 0.0701 0.0005 0.0034 0.0180 0.0350 0.0830 0.0177 0.1197 0.0551 0.0440 0.0200 0.0807 0.0040 0.0070 0.0236 0.0401 0.0984 0.0236
V
G
C
D
H
A B C D G H J K L S V
NOTES
MOUNTING PAD
0.037" (0.95mm)
1. Dimensioning and tolerances per ANSI Y14.5M, 1985. 2. Controlling Dimension: Inches 3. Pin 3 is the cathode (Unidirectional Only). 4. Dimensions are exclusive of mold flash and metal burrs. TAPE & REEL ORDERING NOMENCLATURE 1. Surface mount product is taped and reeled in accordance with EIA-481. 2. Suffix -T7 = 7 Inch Reel - 3,000 pieces per 8mm tape, i.e., PSOT05-T7. 3. Suffix -T13 = 13 Inch Reel - 10,000 pieces per 8mm tape, i.e., PSOT05-T13. 4. Suffix - LF = Lead-Free, Pure Tin Plating, i.e., PSOT24C-LF-T7.
0.079" (2.00mm) 0.033" (0.85mm)
0.033" (0.85mm)
Outline & Dimensions: Rev 1 - 11/01, 06012
COPYRIGHT (c) ProTek Devices 2005 SPECIFICATIONS: ProTek reserves the right to change the electrical and or mechanical characteristics described herein without notice (except JEDEC). DESIGN CHANGES: ProTek reserves the right to discontinue product lines without notice, and that the final judgement concerning selection and specifications is the buyer's and that in furnishing engineering and technical assistance, ProTek assumes no responsibility with respect to the selection or specifications of such products.
ProTek Devices 2929 South Fair Lane, Tempe, AZ 85282 Tel: 602-431-8101 Fax: 602-431-2288 E-Mail: sales@protekdevices.com Web Site: www.protekdevices.com
05059.R7 4/05
4
www.protekdevices.com


▲Up To Search▲   

 
Price & Availability of PSOT12C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X