Part Number Hot Search : 
67400 1N5388BT 8H254 27C10 2SK389 C4701 AX407 8050J
Product Description
Full Text Search
 

To Download PSF101 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 WORLD MAGNETICS ULTRA SENSITIVE PRESSURE SWITCHES
PSF101 Series for sensing pressure, vacuum & differential pressure
FEATURES
* * * * Gold inlay contacts Small size, lightweight Fast response Variety of options for ports and mountings
SPECIFICATIONS
MECHANICAL
Standard Tolerance Switch Type Switching Medium Mechanical Life Proof Pressure
20% Tighter tolerances available SPST normally open, normally closed consult factory Air; compatible fluids on "High" side More than 20 million cycles 8 PSI for units where set point is 3.0" H2O or less 15 PSI for units where set point is greater than 3.0" H2O Less than 10 grams +40F to +150F (standard) - 46F to +205F (consult factory)
PHYSICAL
Weight Operating Temp.
Use #4 screws thru mounting lugs or #2 screws thru eyelets Case Material Polycarbonate standard (other materials available upon request) Contact Material 18K Gold inlay Diaphragm Material Polyurethane standard (Teflon(R) optional) Electrical Connections Terminals - .187"x .020" tab-type (bifurcated), for use with quick disconnects (ref. AMP 2-520182-2 or equivalent) .020"x .060" PCB terminals available upon request Pressure Ports Refer to DesignFLEXTM chart for standard options
ELECTRICAL
Mounting
Current Rating Operating Voltage
40mA resistive for life in excess of 20 million cycles AC/DC - 30V or less with resistive load; 120 VAC neon lamp load
NOTE: For higher current capabilities, refer to our PSF103 or PSF109 DesignFLEXTM series.
4
810 Hastings Street, Traverse City, Michigan 49686 Engelschalkstr. 32 D - 86316 Site: http://www.worldmagnetics.com Phone: 231-946-3800 * Fax: 231-946-0274 * Web Friedberg
Vertrieb: HJK Sensoren + Systeme GmbH & Co. KG
Tel. +49(0)821-26 99 00 FAX+49(0)821-26 990-11 www.worldmagnetics.de mailto: info@hjk.de
WORLD MAGNETICS ULTRA SENSITIVE PRESSURE SWITCHES
PSF101 Series for sensing pressure, vacuum & differential pressure
With World Magnetics' exclusive DesignFLEXTM feature, you can choose from these available options to custom-design a pressure switch to suit your needs.
DESIGNFLEX TM OPTIONS
Low Port/Housing Options
High Port/Cover Options
Pressure Set Point Options
For higher Pressure Set Point, consult factory. Option No. In. H2O .1 - .5 1.0 1.5 2.0 3.0 4.0 6.0 8.0 10.0 12.0 15.0 20.0 30.0 40.0 50.0 mbar PSI
1
Smooth Port .156" Diameter for 1/8" ID Tubing w/Mtg. Lugs
2
Smooth Port .156" Diameter for 1/8" ID Tubing w/o Mtg. Lugs
1
Smooth Port .156" Diameter for 1/8" ID Tubing
2
Smooth Port .187" Diameter for 5/32" ID Tubing
3
Smooth Port .250" Diameter for 7/32" ID Tubing w/Mtg. Lugs
4
Smooth Port .250" Diameter for 7/32" ID Tubing w/o Mtg. Lugs
3
Smooth Port .250" Diameter for 7/32" ID Tubing
4
1/8" NPT Port
5
Barbed Port for 3/16" ID Tubing w/Mtg. Lugs
6
Barbed Port for 3/16" ID Tubing w/o Mtg. Lugs
5
Barbed Port for 3/16" ID Tubing
6
No Port (.060" Vent Hole)
005 010 015 020 030 040 060 080 100 120 150 200 300 400 500
.25 - 1.25 .004 - .018 2.49 3.73 4.97 7.46 9.95 14.92 19.89 24.86 29.84 37.30 49.73 74.59 99.46 124.32 .036 .054 .072 .108 .144 .217 .289 .361 .433 .541 .722 1.083 1.444 1.804
Diaphragm Options
1 7
No Port (.060" Vent Hole) w/Mtg. Lugs
Polyurethane (standard) Teflon (optional)
8
No Port (.060" Vent Hole) w/o Mtg. Lugs
7
Flow-Thru Barbed Port for 1/8" ID Tubing
8
Barbed Port for 1/8" ID Tubing
2
9
Barbed Port for 1/8" ID Tubing w/Mtg. Lugs
0
Barbed Port for 1/8" ID Tubing w/o Mtg. Lugs
8
PSF101 Series Number Low Port/ Housing Option Number High Port/ Cover Option Number Diaphragm Option Number Three Digit Pressure Set Point Option Number
DESIGN GUIDE
Choose one option number from each of the above categories and arrange in the sequence shown here.
Example:
8111-020 = PSF101 Series ultra sensitive pressure switch with * Low Port/Housing, .156" Diameter, Smooth Port with Mounting Lugs * High Port/Cover, .156" Diameter, Smooth Port * Standard Polyurethane Diaphragm * Pressure Set Point is factory-set at 2" H2O
810 Hastings Street, Traverse City, Michigan 49686 Engelschalkstr. 32 D - 86316 Site: http://www.worldmagnetics.com Phone: 231-946-3800 * Fax: 231-946-0274 * Web Friedberg
Vertrieb: HJK Sensoren + Systeme GmbH & Co. KG
5
Tel. +49(0)821-26 99 00 FAX+49(0)821-26 990-11 mailto: info@hjk.de www.worldmagnetics.de


▲Up To Search▲   

 
Price & Availability of PSF101

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X