Part Number Hot Search : 
SD08H0SB D65022 0V10X TDA9105 MSIW1000 1E101 K1535 PSD4235
Product Description
Full Text Search
 

To Download PRC212 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CALIFORNIA MICRO DEVICES
PRC202/212
AC Termination Network
Features
* * * * Stable resistor-capacitor network No signal delays 18 terminating lines/package Saves board space and component cost
Applications
* AC Terminator * Low Pass Filter * Power Supply Filtering
Product Description
CAMD's PRC202/212 Integrated Resistor-Capacitor Termination Network is designed to eliminate transmission line effects on high speed data lines. This thin film network can support (terminate) 18 data lines, and requires no DC power. The small surface mount packages improve board yields and reliability, minimize space and routing problems on the board, and reduce assembly costs. The PRC202/212 is a space efficient and cost effective replacement for conventional MLCC surface mount chip resistors and capacitors. Why thin film RC networks? A terminating RC is used to reduce or eliminate reflections on a transmission line. It can perform this function only when its impedance value matches the characteristic impedance of the transmission line. Passive components affect the electrical performance of electronic systems. In reality, every resistor has some parasitic series inductance and a parasitic capacitance; and every capacitor has both series resistance and inductance. At low speeds, these parasitics do not affect the performance of resistors and capacitors. However, at higher speeds, these parasitics cause mismatch in a termination. To prevent these problems in high speed digital designs, a designer must take special care in selecting passive components or networks.
SCHEMATIC CONFIGURATION
20 19 18 17 16 15 14 13 12 11
1
2
3
4
5
6
7
8
9
10
STANDARD PART ORDERING INFORMATION
Package RC Code 101/101A 330/470A 470/330A 470/470A 500/181A 750/500A 101/101A 330/470A 470/470A 470/330A 500/181A 750/500A Pins 20 20 20 20 20 20 20 20 20 20 20 20 Style SOICW SOICW SOICW SOICW SOICW SOICW QSOP QSOP QSOP QSOP QSOP QSOP Ordering Part Number Tubes PRC202101K/101M/T PRC202330K/470M/T PRC202470K/330M/T PRC202470K/470M/T PRC202500K/181M/T PRC202750K/500M/T PRC212101K/101M/T PRC212330K/470M/T PRC212470K/470M/T PRC212470K/330M/T PRC212500K/181M/T PRC212750K/500M/T Tape & Reel PRC202101K/101M/R PRC202330K/470M/R PRC202470K/330M/R PRC202470K/470M/R PRC202500K/181M/R PRC202750K/500M/R PRC212101K/101M/R PRC212330K/470M/R PRC212470K/470M/R PRC212470K/330M/R PRC212500K/181M/R PRC212750K/501M/R Part Marking PRC202101K/101M PRC202330K/470M PRC202470K/330M PRC202470K/470M PRC202500K/181M PRC202750K/500M PRC212101K/101M PRC212330K/470M PRC212470K/470M PRC212470K/330M PRC212500K/181M PRC212750K/501M
C1180600
(c) 2001 California Micro Devices Corp. All rights reserved.
215 Topaz Street, Milpitas, California 95035
3/6/2001
Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
1
CALIFORNIA MICRO DEVICES
PRC202/212
STANDARD VALUES
R() 33 47 47 50 75 100 C(pF) 47 47 33 180 50 100 Breakdown Voltage MAX 133V 133V 93V 26V 123V 48V RC Code 330/470A 470/470A 470/330A 500/181A 750/500A 101/101A
STANDARD SPECIFICATIONS
Absolute Tolerance (R) Absolute Tolerance (C) Operating Temperature Range Power Rating/Resistor Storage Temperature Package Power Rating 10% 20% 0C to 70C 100mW -65C to 150C 1W, MAX
NON-STANDARD VALUES
Resistance Range Capacitance Range 10 to 150 25pF to 250pF
Part Number Key
PRC202 PRC212 XXX J / XXX J Part Series Resistance Code * First 2 digits are significant value * Third digit represents number of zeros to follow e.g., code for 33 is 330 Resistor Tolerance J = 5% K = 10% M = 20%
California Micro Devices can develop a fully customized solution which embodies the configuration shown in this data sheet or modified to suit specific application requirements. A Non-Recurring Engineering (NRE) charge will apply for all fully customized requirements and a minimum order/lot will be required.
Capacitor Tolerance J = 5% K = 10% M = 20% Capacitance Code * First 2 digits are significant value. * Third digit represents number of zeros to follow e.g., code for 120pF is 121.
Please direct your detailed circuit configuration and specification requirements to your local CAMD representative or to the factory for a quotation.
(c)2001 California Micro Devices Corp. All rights reserved.
2
215 Topaz Street, Milpitas, California 95035
Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
3/6/2001


▲Up To Search▲   

 
Price & Availability of PRC212

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X