Part Number Hot Search : 
4017BDM OPA731W STR730F 5C001 12LCT L14P2 5M0365 GR18650C
Product Description
Full Text Search
 

To Download NJU6676 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NJU6676
64-common X 132-segment + 1-icon common Bit Map LCD Driver
s GENERAL DESCRIPTION The NJU6676 is a bit map LCD driver to display graphics or characters. It contains 8,580 bits display data RAM, microprocessor interface circuits, instruction decoder, 132-segment drivers, 64-common drivers and 1-icon common driver. The bit image display data is transferred to the display data RAM by serial or 8-bit parallel interface. 65 x 132 dots graphics or 8-character 4-line by 16 x 16 dots character with icon are displayed by NJU6676 itself. The wide operating voltage from 2.2 to 5.5V and low operating current are useful for small size battery operating items. The build-in Electrical Variable Resistance is very precision, furthermore the rectangle outlook is very applicable to COG or Slim TCP.
s PACKAGE
NJU6676CL
s FEATURES q Direct Correspondence between Display Data RAM and LCD Pixel q Display Data RAM - 8,580 bits q 197 LCD Drivers - 64-common and 132-segment + 1-icon common q Direct Microprocessor Interface for both of 68 and 80 type MPU q Serial Interface q Programmable Bias selection ; 1/7,1/9 bias q Useful Instruction Set Display ON/OFF Cont, Display Start Line Set, Page Address Set, Column Address Set, Status Read, Display Data Read/Write, ADC Select, Inverse Display, All On/Off, Bias Select, Read Modify Write, End, Reset, Common Driver order Assignment, Power control set, Driver On/Off, EVR Mode Set, EVR Register Set, Static Indicator On/Off, Static Indicator Register Set, Power Saving. q Power Supply Circuits for LCD Incorporated Voltage Booster Circuits (4-time Maximum), Regulator, Voltage Follower x 4 q Precision Electrical Variable Resistance (64-step) q Low Power Consumption 80uA(Typ.). q Operating Voltage (All the voltages are based on VDD=0V.) - Logic Operating Voltage : -2.2V -5.5V - Voltage Booster Operating Voltage : -2.5V - LCD Driving Voltage : -6.0V -18.0V q Rectangle outlook for COG q Package Outline : Bump-chip q C-MOS Technology (Substrate : N)
Ver.5.0
NJU6676
s PAD LOCATION
DUMMY1
OSC1 OSC2 FRS FR CL DOF VSS CS1 CS2 VDD RES A0 VSS WR RD VDD D0 D1 D2 D3 D4 D5 D6(SCL) D7(SI) VDD VDD VDD VDD VSS VSS VSS VSS2 VSS2 VSS2 VSS2 VOUT VOUT C3C3C1+ C1+ C1C1C2C2C2+ C2+ VSS VSS VDD VDD V1 V1 V2 V2 V3 V3 V4 V4 V5 V5 VR VR VDD VDD VDD M/S CLS VSS C86 P/S VDD VSS VDD DUMMY2
C63 COMM
C32 C33 DUMMY4 S131 S130
Y
X
Chip Center : X=0um, Y=0um Chip Size :X=8.72mm,Y=2.37mm Chip Thickness : 675um 30um Bump Size : 45um x 83um Bump Pitch : 60um(Min.) Bump Height : 15um(Typ.) Bump Material : Au Voltage Boosting Polarity : Negative Voltage (VDD common) Substrate : N
S1 S0 DUMMY3 C30 C31 COMM C0
NJU6676
s PAD COORDINATES Chip Size 8.72 x 2.37mm(Chip Center X=0um, Y=0um) PAD No. Terminal X(um) Y(um) 51 VDD 1655 -1025 52 VDD 1715 -1025 53 V1 1775 -1025 54 V1 1835 -1025 55 V2 1895 -1025 56 V2 1955 -1025 57 V3 2015 -1025 58 V3 2075 -1025 59 V4 2135 -1025 60 V4 2195 -1025 61 V5 2255 -1025 62 V5 2315 -1025 63 VR 2375 -1025 64 VR 2435 -1025 65 VDD 2495 -1025 66 VDD 2555 -1025 67 VDD 2615 -1025 68 M/S 2675 -1025 69 CLS 2810 -1025 70 VSS 2870 -1025 71 C86 2930 -1025 72 P/S 3065 -1025 73 VDD 3125 -1025 74 VSS 3185 -1025 75 VDD 3245 -1025 76 DUMMY2 4139 -1025 77 C31 4200 -935 78 C30 4200 -875 79 C29 4200 -815 80 C28 4200 -755 81 C27 4200 -695 82 C26 4200 -635 83 C25 4200 -575 84 C24 4200 -515 85 C23 4200 -455 86 C22 4200 -395 87 C21 4200 -335 88 C20 4200 -275 89 C19 4200 -215 90 C18 4200 -155 91 C17 4200 -95 92 C16 4200 -35 93 C15 4200 25 94 C14 4200 85 95 C13 4200 145 96 C12 4200 205 97 C11 4200 265 98 C10 4200 325 99 C9 4200 385 100 C8 4200 445
PAD No. Terminal 1 DUMMY1 2 OSC1 3 OSC2 4 FRS 5 FR 6 CL 7 DOF 8 VSS 9 CS1 10 CS2 11 VDD 12 RES 13 A0 14 VSS 15 WR 16 RD 17 VDD 18 D0 19 D1 20 D2 21 D3 22 D4 23 D5 24 D6(SCL) 25 D7(SI) 26 VDD 27 VDD 28 VDD 29 VDD 30 VSS 31 VSS 32 VSS 33 VSS2 34 VSS2 35 VSS2 36 VSS2 37 VOUT 38 VOUT 39 C3 40 C3 + 41 C1 + 42 C1 43 C1 44 C1 45 C2 46 C2 + 47 C2 + 48 C2 49 VSS 50 VSS
X(um) -4139 -3347 -3287 -3129 -2909 -2688 -2468 -2311 -2251 -2191 -2131 -2071 -2011 -1951 -1891 -1831 -1771 -1613 -1393 -1172 -952 -731 -511 -291 -70 155 215 275 335 395 455 515 575 635 695 755 815 875 935 995 1055 1115 1175 1235 1295 1355 1415 1475 1535 1595
Y(um) -1025 -1025 -1025 -1025 -1025 -1025 -1025 -1025 -1025 -1025 -1025 -1025 -1025 -1025 -1025 -1025 -1025 -1025 -1025 -1025 -1025 -1025 -1025 -1025 -1025 -1025 -1025 -1025 -1025 -1025 -1025 -1025 -1025 -1025 -1025 -1025 -1025 -1025 -1025 -1025 -1025 -1025 -1025 -1025 -1025 -1025 -1025 -1025 -1025 -1025
NJU6676
PAD No. Terminal 101 C7 102 C6 103 C5 104 C4 105 C3 106 C2 107 C1 108 C0 109 COMM 110 DUMMY3 111 S0 112 S1 113 S2 114 S3 115 S4 116 S5 117 S6 118 S7 119 S8 120 S9 121 S10 122 S11 123 S12 124 S13 125 S14 126 S15 127 S16 128 S17 129 S18 130 S19 131 S20 132 S21 133 S22 134 S23 135 S24 136 S25 137 S26 138 S27 139 S28 140 S29 141 S30 142 S31 143 S32 144 S33 145 S34 146 S35 147 S36 148 S37 149 S38 150 S39
X(um) 4200 4200 4200 4200 4200 4200 4200 4200 4200 4119 3933 3873 3813 3753 3693 3633 3573 3513 3453 3393 3333 3273 3213 3153 3093 3033 2973 2913 2853 2793 2733 2673 2613 2553 2493 2433 2373 2313 2253 2193 2133 2073 2013 1953 1893 1833 1773 1713 1653 1593
Y(um) 505 565 625 685 745 805 865 925 985 1025 1025 1025 1025 1025 1025 1025 1025 1025 1025 1025 1025 1025 1025 1025 1025 1025 1025 1025 1025 1025 1025 1025 1025 1025 1025 1025 1025 1025 1025 1025 1025 1025 1025 1025 1025 1025 1025 1025 1025 1025
PAD No. 151 152 153 154 155 156 157 158 159 160 161 162 163 164 165 166 167 168 169 170 171 172 173 174 175 176 177 178 179 180 181 182 183 184 185 186 187 188 189 190 191 192 193 194 195 196 197 198 199 200
Terminal S40 S41 S42 S43 S44 S45 S46 S47 S48 S49 S50 S51 S52 S53 S54 S55 S56 S57 S58 S59 S60 S61 S62 S63 S64 S65 S66 S67 S68 S69 S70 S71 S72 S73 S74 S75 S76 S77 S78 S79 S80 S81 S82 S83 S84 S85 S86 S87 S88 S89
X(um) 1533 1473 1413 1353 1293 1233 1173 1113 1053 993 933 873 813 753 693 633 573 513 453 393 333 273 213 153 93 33 -27 -87 -147 -207 -267 -327 -387 -447 -507 -567 -627 -687 -747 -807 -867 -927 -987 -1047 -1107 -1167 -1227 -1287 -1347 -1407
Y(um) 1025 1025 1025 1025 1025 1025 1025 1025 1025 1025 1025 1025 1025 1025 1025 1025 1025 1025 1025 1025 1025 1025 1025 1025 1025 1025 1025 1025 1025 1025 1025 1025 1025 1025 1025 1025 1025 1025 1025 1025 1025 1025 1025 1025 1025 1025 1025 1025 1025 1025
NJU6676
PAD No. Terminal 201 S90 202 S91 203 S92 204 S93 205 S94 206 S95 207 S96 208 S97 209 S98 210 S99 211 S100 212 S101 213 S102 214 S103 215 S104 216 S105 217 S106 218 S107 219 S108 220 S109 221 S110 222 S111 223 S112 224 S113 225 S114 226 S115 227 S116 228 S117 229 S118 230 S119 231 S120 232 S121 233 S122 234 S123 235 S124 236 S125 237 S126 238 S127 239 S128 240 S129 241 S130 242 S131 243 DUMMY4 244 C32 245 C33 246 C34 247 C35 248 C36 249 C37 250 C38
X(um) -1467 -1527 -1587 -1647 -1707 -1767 -1827 -1887 -1947 -2007 -2067 -2127 -2187 -2247 -2307 -2367 -2427 -2487 -2547 -2607 -2667 -2727 -2787 -2847 -2907 -2967 -3027 -3087 -3147 -3207 -3267 -3327 -3387 -3447 -3507 -3567 -3627 -3687 -3747 -3807 -3867 -3927 -4119 -4200 -4200 -4200 -4200 -4200 -4200 -4200
Y(um) 1025 1025 1025 1025 1025 1025 1025 1025 1025 1025 1025 1025 1025 1025 1025 1025 1025 1025 1025 1025 1025 1025 1025 1025 1025 1025 1025 1025 1025 1025 1025 1025 1025 1025 1025 1025 1025 1025 1025 1025 1025 1025 1025 985 925 865 805 745 685 625
PAD No. 251 252 253 254 255 256 257 258 259 260 261 262 263 264 265 266 267 268 269 270 271 272 273 274 275 276
Terminal C39 C40 C41 C42 C43 C44 C45 C46 C47 C48 C49 C50 C51 C52 C53 C54 C55 C56 C57 C58 C59 C60 C61 C62 C63 COMM
X(um) -4200 -4200 -4200 -4200 -4200 -4200 -4200 -4200 -4200 -4200 -4200 -4200 -4200 -4200 -4200 -4200 -4200 -4200 -4200 -4200 -4200 -4200 -4200 -4200 -4200 -4200
Y(um) 565 505 445 385 325 265 205 145 85 25 -35 -95 -155 -215 -275 -335 -395 -455 -515 -575 -635 -695 -755 -815 -875 -935
NJU6676
s BLOCK DIAGRAM
C0 - - - - C31 C63 - - - - C32 S0 - - - - - - - - - - - - - S131 COMM
Vss VDD V1 to V5 Internal Power Circuits Common Drivers Segment Drivers Common Drivers
Voltage Followers
Shift Register
Shift Register
Common Timing
VR Vout C1+/C1C2+/C2C3Vss2
Voltage Regulator Display Data Latch Low Address Decoder Line Address Decoder
Display Data RAM 65 X 132 = 8,580-bit
Common Direction
Column Address Decoder M/S FR FRS CL CLS DOF
Page Address Register
Column Address Counter
Display Timing
Column Address Register Oscillator Multiplexer OSC1 OSC2
Instruction Decoder Internal Bus Line
Status
Busy Flag
Bus Holder
Reset
MPU Interface
RES
CS1
CS2
A0
RD
WR
C86
D7 (SI)
D6 (SCL)
Initial Display Line Add P/S
Line Counter
Voltage Converter
D5 to D0
NJU6676
s TERMINAL DESCRIPTION No. Symbol 1,76, DUMMY1~ 110,243 DUMMY4 11,17 VDD 2629 51,52 6567 73,75 8,14, VSS 30,31, 32,49, 50,70,74 3336 VSS2 53,54 V1 55,56 V2 57,58 V3 59,60 V4 61,62 V5 Description Dummy Terminals. These are open terminals electrically. VDD=+3V
VSS=0V
Reference voltage for voltage booster LCD Driving Voltage Supplying Terminal. When the internal voltage booster is not used, supply each level of LCD driving voltage from outside with following relation. VDDV1V2V3V4V5VOUT When the internal power supply is on, the internal circuits generate and supply following LCD bias voltage from V1 to V4 terminal. Bias V1 V2 V3 V4 1/7 Bias V5+6/7VLCD V5+5/7VLCD V5+2/7VLCD V5+1/7VLCD 1/9 Bias V5+8/9VLCD V5+7/9VLCD V5+2/9VLCD V5+1/9VLCD (VLCD=VDD-V5) Boosted capacitor connecting terminals used for voltage booster. Boosted capacitor connecting terminals used for voltage booster. Boosted capacitor connecting terminals used for voltage booster. Voltage booster output terminal. Connect the boosted capacitor between this terminal and VSS2. Voltage adjust terminal. V5 level is adjusted by external bleeder resistance connecting between VDD and V5 terminal. P/S="H" : Tri-state bi-directional Data I/O terminal in 8-bit parallel operation. P/S="L" : D7=Serial data input terminal. D6=Serial data clock signal input terminal. Data from SI is loaded at the rising edge of SCL and latched as the parallel data at 8th rising edge of SCL. Connect to the Address bus of MPU. The data on the D0 to D7 is distinguished between Display data and Instruction by status of A0. A0 H L Distin Display Data Instruction . Reset terminal. When the RES terminal goes to "L", the initialization is performed. Reset operation is executing during "L" state of RES. Chip select terminal. Data Input/Output are available during CS1="L" and CS2="H".
41,42 43,44 47,48 45,46 39,40 37,38 63,64 1825 (24,25) 13
C1+ C1C2+ C2C3Vout VR D0D7 (SCL, SI) A0
12 9 10
RES CS1 CS2
NJU6676
No. 16 Symbol RD (E) Description RD signal of 80 type MPU input terminal. Active "L" During this signal is "L" , D0 to D7 terminals are output. Enable signal of 68 type MPU input terminal. Active "H" Connect to the 80 type MPU WR signal. Active "L". The data on the data bus input synchronizing the rise edge of this signal. The read/write control signal of 68 type MPU input terminal. R/W H L State Read Write MPU interface type selection terminal. This terminal must connect to VDD or VSS. C86 H L State 68 Type 80 Type Serial or parallel interface selection terminal. Serial Clock "H" CS1, CS2 A0 D0D7 RD,WR "L" CS1, CS2 A0 SI(D7) SCL(D6) RAM data and status read operation do not work in mode of the serial interface. In case of the serial interface (P/S="L"),RD and WR must be fixed "H" or "L", and D0 to D5 are high impedance. System clock input terminal for Maker testing.(This terminal should be Open) For external clock operation, the clock should be input to OSC1 terminal. Terminal to select whether or enable or disable the display clock internal oscillator circuit. CLS="H" : Internal oscillator circuit is enable CLS="L" : Internal oscillator circuit is disabled (requires external input) When CLS="L", input the display clock through the CL terminal. This terminal selects the master/slave operation for the NJU6676. Master operation outputs the timing signals that are required for the LCD display, while slave operation inputs the timing signals required for the LCD, synchronizing the LCD system. M/S = "H" : Master operation M/S = "L" : Slave operation The following is true depending on the M/S and CLS status: Power Supply M/S CLS OSC. CL FR FRS DOF Circuit "H" Available Available Output Output Output Output "H" "L" Not Avail. Available Input Output Output Output "L" * Not Avail. Not Avail. Input Input Output Input *:Don't Care P/S Chip Select Data/Command Data Read/Write
15
WR (R/W)
71
C86
72
P/S
2 3 69
OSC1 OSC2 CLS
68
M/S
NJU6676
No. 6 Symbol CL Description Display clock input/output terminal. The following is true depending on the M/S and CLS status. M/S CLS CL "H" Output "H" "L" Input "L" * Input *:Don't Care LCD alternating current signal I/O terminal. M/S = "H" : Output M/S = "L" : Input LCD Display blanking control terminal. M/S = "H" : Output terminal. Display "On" = "H", Display "Off" = "L" M/S = "L" : Input terminal. External control. Refer to the following table. DOF Command H L Display On" Display Off" 4 77 108 FRS C31C0 On Off Off Off
5 7
FR DOF
111 242
S0S131
The output terminal for the static drive. This terminal is used in conjunction with the FR terminal. LCD driving signal output terminals. -Common output terminal : C0 C63 -Segment output terminals : S0 S131 Common output terminal The following output voltages are selected by the combination of FR and status of common. Scan FR Output Voltage Data H V5 H L VDD H V1 L L V4 Segment output terminal The following output voltages are selected by the combination of FR and data in the RAM. RAM Output Voltage FR Data Normal Reverse H VDD V2 H L V5 V3 H V2 VDD L L V3 V5 COM output terminals for the indicator. Both terminals output the same signal. Leave these open if they are not used.
244 275
C32C63
109, 276
COMM
NJU6676
s Functional description (1) Block circuits description (1-1) Busy Flag (BF) During internal operation, the LSI is being busy and can't accept any instructions except "status read". The BF data is output through D7 terminal by the "status read" instruction. When the cycle time (tcyc) mentioned in the "AC characteristics" is satisfied, the BF check isn't required after each instruction, so that MPU processing performance can be improved. (1-2) Initial display line register The initial display line register assigns a DDRAM line address which corresponds to COM0 by "initial display line set" instruction. It is used for not only normal display but also vertical display scrolling and page switching without changing the contents of the DDRAM. th However, the 65 address for icon display can't be assigned for initial display line address. (1-3) Line counter The line counter provides a DDRAM line address. It initializes its contents at the switching of frame timing signal (FR), and also counts-up in synchronization with common timing signal. (1-4) Column address counter The column address counter is an 8-bit preset counter which provides a DDRAM column address, and it is independent of below-mentioned page address register. It will increment (+1) the column address whenever "display data read" or "display data write" instructions are issued. However, the counter will be locked when no-existing address above (84)H are addressed. The count-lock will be able to be released by the "column address set" instruction again. The counter can invert the correspondence between the column address and segment driver direction by means of "ADC set" instruction. (1-5) Page address register The page address register provides a DDRAM page address. The last page address "8" should be used for icon display because the only D0 is valid. (1-6) Display data RAM (DDRAM) The DDRAM contains 8,580-bit, and stores display data which is 1-to-1 correspondent to LCD panel pixels. When normal display mode, the display data "1" turns on and "0" turns off LCD pixels. When inverse display mode, "1" turns off and "0" turns on.
NJU6676
Fig.1 Display data RAM (DDRAM) Map
Page Address Data D0 D1 D2 D3 D4 D5 D6 D7 D0 D1 D2 D3 D4 D5 D6 D7 D0 D1 D2 D3 D4 D5 D6 D7 D0 D1 D2 : : : : D5 D6 D7 D0 D3,D2,D1,D0 (0,1,1,1) D1 D2 D3 D4 D5 D6 D7 D0 "0" "1" Segment Drivers
00 83 0 01 82 1 02 81 2 03 80 3 04 7F 4 05 06
Display Pattern
D3,D2,D1,D0 (0,0,0,0)
Page 0
Line Address (00)H 01 02 03 04 05 06 07 08 09 0A
Common Driver COM0 COM1 COM2 COM3 COM4 COM5 COM6 COM7 COM8 COM9 COM10 COM11 COM12 COM13 COM14 COM15 COM16 COM17 COM18 COM19 COM20 COM21 COM22 COM23 COM24 COM25 COM26 : : : : COM53 COM54 COM55 COM56 COM57 COM58 COM59 COM60 COM61 COM62 COM63 COMM
D3,D2,D1,D0 (0,0,0,1)
s s s s ss s s s s s ss s s s s
Initial
Page 1
0B 0C 0D 0E 0F 10 11 12 13 14 15 16 17 18 19 1A : : : : 35 36 37 38 39 3A 3B 3C 3D 3E 3F *
82 01
130
D3,D2,D1,D0 (0,0,1,0)
Page 2
: : : :
: : : :
Page 7
(1,0,0,0) Column Address ADC
Page 8
83 00
131
7E 7D 5 6
For example the Initial display is 08H.
th
Note) COMM is independent of the "Initial display line set" instruction and always corresponds to the 65 line.
NJU6676
(1-7) Common direction register The common direction register specifies common driver's scanning direction.
Table 1.
Register A3 0 1 Common drivers
PAD No. Pin name
108 C0 COM0 COM63
77 C31 COM31 COM32
275 C63 COM63 COM0
244 C32 COM32 COM31
(1-8) Reset circuit The reset circuit initializes the LSI to the following status by using of the reset signal into the RES terminal. Reset status using the RES terminal: 1. LCD Driver Set off 2. Display off 3. Normal Display (Non-inverse display) 4. ADC select : Normal mode (D0=0) 5. Power control register clear 6. Serial interface register clear 7. LCD bias select : 1/9 bias 8. Entire display off : Normal mode 9. Read modify write off 10. Static indicator off 11. Initial display line address : (00)H 12. Column address : (00)H 13. Page address : (0) page 14. Common direction register : Normal mode (D3=0) 15. EVR mode off and EVR register : (20)H The RES terminal should be connected to MPU's reset terminal, and the reset operation should be executed at the same timing of the MPU reset. As described in the "DC characteristics", it is necessary to input 1.5us(min.) or over "L" level signal into the RES terminal in order to carry out the reset operation. The LSI will return to normal operation after about 1.5us(max.) from the rising edge of the rest signal. In case of using external power supply for LCD driving voltage, the RES terminal is required to be being "L" level when the external power supply is turned-on. The "Reset" instruction in Table.4 can't be substituted for the reset operation by using of the RES terminal. It executes above-mentioned only 9 to 15 items.
(1-9) LCD driving circuits a) Common and segment drivers LCD drivers consist of 64-common drivers, 132-segment divers and 1-icon-common driver. As shown in "s LCD driving waveform", LCD driving waveforms are generated by the combination of display data, common timing signal and internal FR timing signal.
NJU6676
b) Display data latch circuit The display data latch circuit temporally stores 132-bit display data transferred from the DDRAM in the synchronization with the common timing signal, and then it transfers these stored data to the segment drivers. "Display on/off", "inverse display on/off" and "entire display on/off" instructions control only the contents of this latch circuit, they can't change the contents of the DDRAM. In addition, the LCD display isn't affected by the DDRAM accuses during its displaying because the data read-out timing from this latch circuit to the segment drivers is independent of accessing timing to the DDRAM. c) Line counter and latch signal or latch Circuits The clock line counter and latch signal to the latch circuits are generated from the internal display clock (CL). The line address of display data RAM is renewed synchronizing with display clock (CL). 132bits display data are latched in display latch circuits synchronizing with display clock, and then output to the LCD driving circuits. The display data transfer to the LCD driving circuits is executed independently with RAM access by the MPU. d) Display timing generator The display timing generates the timing signal for the display system bay combination of the master clock CL and driving signal FR ( refer to Fig.2 ) The frame signal FR and LCD alternative signal generate LCD driving waveform on the two frame alternative driving method. e) Common timing generation The common timing is generated by display clock CL (refer to Fig.2)
64 65 1 CL 2 3 4 5 6 7 8 64 65 1 2 3 4 5 6 7 8
FR
COM0
COM1
RAM data
SEG n
Fig.2 Waveform of Display Timing
NJU6676
f) Oscillator This is the low power consumption CR oscillator which provides the display clock and voltage converter timing clock. g) Internal power circuits The internal power circuits are composed of x4 boost voltage converter, output voltage regulator including 64-step EVR and voltage followers. The optimum values of the external passive components for the internal power circuits, such as capacitors for V1 to V5 terminals and feed back resistors for VR terminal, depend on LCD panel size. Therefore, it is necessary to evaluate the actual LCD module with these external components in order to determine the optimum values. Each portion of the internal power circuits is controlled by "power control set" instruction as shown in Table.2. In addition, the combination of power supply circuits is described in Table.3. Table.2) Power control set
Bits D2 D1 D0 Portions Voltage converter Voltage regulator Voltage followers 1 :On 1 :On 1 :On Status 0: Off 0: Off 0: Off
Table.3) Power supply combinations
Status Using all internal power circuits Using voltage regulator and Voltage followers Using voltage followers Using only external power supply D2 1 0 0 0 D1 1 1 0 0 D0 1 1 1 0 Voltage converter On Off Off Off Voltage regulator On On Off Off Voltage followers On On On Off External voltage Vss2 Vout, Vss2 Vout, V5, Vss2 Vout, V1 to V5 Capacitor terminals Use Open Open Open
Note1) Capacitor input terminals: C1+, C1-, C2+, C2-, C3Note2) Do not use other combinations except examples in Table.3. Note3) Connect decoupling capacitors on V1 to V5 terminals whenever using the voltage followers.
NJU6676
- Power Supply applications Power Control Instruction D2 : Boost Circuit D1 : Voltage Regulator D0 : Voltage Follower 1) Internal power supply Example. All of the Internal Booster, Voltage Regulator, Voltage Follower using. (D2,D1,D0) = (1,1,1) 2) Only VOUT Supply from outside Example. Internal Voltage Regulator, Voltage Follower using. (D2,D1,D0) = (0,1,1)
VDD + V1 + V2 + V3 + V4 + V5 + VOUT VSS2 VDD VR V5 C1 C1 C3 C2 C2
+ + -
VDD + V1 + + V2 + V3 + + V4 + V5 VOUT VSS2 VDD VR V5
3) VOUT and V5 Supply from outside Example. Internal Voltage Follower using. (D2,D1,D0) = (0,0,1)
4) External Power Supply Example. All of V1 to V5 and VOUT supply from outside (D2,D1,D0) = (0,0,0)
VDD + V1 + V2 + V3 + V4 V5 VOUT VSS2
VDD V1 V2 V3 V4 V5 VOUT VSS2
: These switches should be open during the power save mode.
NJU6676
(2) Instruction set The D7 to D0 data is distinguished as display data or instruction data by the combination of A0, RD and WR signals. Table.4 Instruction table
Instruction
AO RD WR
Instruction code D7 1 0 1 0 D6 0 1 0 0 D5 1 D5 1 0 D4 0 D4 1 1 D3 1 D3 D3 D3 D2 1 D2 D2 D2 D1 1 D1 D1 D1 D0 0/1 D0 D0 D0 0 :Off 1 :On
Description
a b c d
Display On/Off Initial display line set Page address set Column address set Upper 4-bit Column address set Lower 4-bit
0 0 0 0
1 1 1 1
0 0 0 0
Specify DDRAM line address for COM0 DDRAM page address DDRAM column address of upper 4-bits
0 0 1 1 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
1 0 1 0 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
0 1 0 1 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
0 D7 D7 D7 1 1 1 1 1 1 1 1 0 1 1 * 1 * 1 1
0 D6 D6 D6 0 0 0 0 1 1 1 1 0 1 0 * 0 * 0 0
0 D5 D5 D5 1 1 1 1 1 1 1 0 1 1 0 D5 1 * 1 1
0 D4 D4 D4 0 0 0 0 0 0 0 0 0 0 0 D4 0 * 0 0
D3 0 D3 D3 0 0 0 0 0 1 0 0/1 1 0 0 D3 1 * 1 0
D2 0 D2 D2 0 1 1 0 0 1 0 * D2 1 0 D2 1 * 1 1
D1 0 D1 D1 0 1 0 1 0 1 1 * D1 1 0 D1 0 D1 1 0
D0 0 D0 D0 0/1 0/1 0/1 0/1 0 0 0 * D0 0/1 1 D0 0/1 D0 0 1
DDRAM column address of lower 4-bits Read internal status Write DDARM data Read DDRAM data Select segment direction 0 : Normal display 1 : Inverse display on 0 : Normal display 1 : Entire display on 0 : 1/9 bias 1 : 1/7 bias Increment column address Release read modify write Internal reset Select common direction Set the status of internal power circuits 0 : Driver Off 1 : Driver On Set EVR mode Set EVR register 0 : Off 1 : On Set static indicator register Dual commands of display Off & entire display On
e f g h i j k l m n o p q r
Status read Display data write Display data read ADC select Inverse display On/Off Entire display On/Off LCD bias select Read modify write End Reset Common direction select Power control set Driver On/Off EVR mode set EVR register set
s
Static indicator On/Off Static set indicator register
t
Power save mode On/Off
NJU6676
(2-1) Instruction description (a) Display On/Off This instruction selects display turn-on or turn-off regardless of the contents of the DDRAM.
A0 0 RD 1 WR 0 D7 1 D6 0 D5 1 D4 0 D3 1 D2 1 D1 1 D0 0 1 Display On or Off 0 :Off 1 :On
(b) Initial display line set This instruction specifies the DDRAM line address which corresponds to the COM0 position. By means of repeating this instruction, the initial display line address will be dynamically changed; it means smooth display scrolling will be enabled.
A0 0 RD 1 WR 0 D7 0 D6 1 D5 0 0 : 1 1 D4 0 0 : 1 1 D3 0 0 : 1 1 D2 0 0 : 1 1 D1 0 0 : 1 1 D0 0 1 : 0 1 Line address for COM0 (HEX) 00 01 3E 3F
(c) Page address set In order to access to the DDRAM for writing or reading display data, both "page address set" and "column address set" instructions are required before accessing. The last page address "8" should be used for icon display because the only D0 is valid.
A0 0 RD 1 WR 0 D7 1 D6 0 D5 1 D4 1 D3 0 0 : 0 1 D2 0 0 : 1 0 D1 0 0 : 1 0 D0 0 1 : 1 0 Page address 0 1 : 7 8
NJU6676
(d) Column address set As above-mentioned, in order to access to the DDRAM for writing or reading display data, it is necessary to execute both "page address set" and "column address set" before accessing. The 8-bit column address data will be valid when both upper 4-bit and lower 4-bit data are set into the column address register. Once the column address is set, it will automatically increment (+1) whenever the DDRAM will be accessed, so that the DDRAM will be able to be continuously accessed without "column address set" instruction. The column address will stop increment and the page address will not be changed when the last address (83)H is addressed.
A0 0 RD 1 WR 0 D7 0 A7 0 0 : 1 1 D6 0 A6 0 0 : 0 0 D5 0 A5 0 0 : 0 0 D4 1 0 A4 0 0 : 0 0 D3 A7 A3 A3 0 0 : 0 0 D2 A6 A2 A2 0 0 : 0 0 D1 A5 A1 A1 0 0 : 1 1 D0 A4 A0 A0 0 1 : 0 1 Upper 4-bit Lower 4-bit Column address (HEX) 00 01 : 82 83
(e) Status read This instruction reads out the internal status regarding "busy flag", "ADC select", "display on/off" and "reset".
A0 0 RD 0 WR 1 D7
BUSY
D6
ADC
D5
On/Off
D4
RESET
D3 0
D2 0
D1 0
D0 0
BUSY ADC
: When D7 is "1", the LSI is being busy and can't accept any instructions.
: It shows the correspondence between the column address and segment drivers. When D6 is "0", the column address (131-n) corresponds to segment driver n. When D6 is "1", the column address (n) corresponds to segment driver n. Please be careful that read out data is opposite of "ADC select" instruction data. On/Off : It shows display on or off status. When D5 is "0", the LSI is in display-on status. When D5 is "1", the LSI is in display-off status. Please be careful that read out data is opposite of "Display On/Off" instruction data. RESET : It shows reset status. When D4 is "0", the LSI is in normal operation. When D4 is "1", the LSI is during reset operation. (f) Display data write This instruction writes display data into the selected column address on the DDRAM. The column address automatically increments (+1) whenever the display data is written by this instruction, so that this instruction can be continuously issued without "column address set" instruction.
A0 1 RD 1 WR 0 D7 D6 D5 D4 D3 Write Data D2 D1 D0
NJU6676
(g) Display data read This instruction reads out the display data stored in the selected column address on the DDRAM. The column address automatically increments (+1) whenever the display data is read out by this instruction, so that this instruction can be continuously issued without "column address set" instruction. After the "column address set" instruction, a dummy read will be required, please refer to the (4-4). In case of using serial interface mode, this instruction can't be used.
A0 1 RD 0 WR 1 D7 D6 D5 D4 D3 Read Data D2 D1 D0
(h) ADC select This instruction selects segment driver direction. The correspondence between the column address and segment driver direction is shown in Fig.1.
A0 0 RD 1 WR 0 D7 1 D6 0 D5 1 D4 0 D3 0 D2 0 D1 0 D0 0 1 Segment driver direction Normal Inverse
(i) Inverse display On/Off This instruction inverses the status of turn-on or turn-off of entire LCD pixels. It doesn't change the contents of the DDRAM.
A0 0 RD 1 WR 0 D7 1 D6 0 D5 1 D4 0 D3 0 D2 1 D1 1 D0 0 1 Display status Normal Inverse
(j) Entire display On/Off This instruction turns on entire LCD pixels regardless the contents of the DDRAM. It doesn't change the contents of DDRAM.
A0 0 RD 1 WR 0 D7 1 D6 0 D5 1 D4 0 D3 0 D2 1 D1 0 D0 0 1 Entire display on/off Normal Entire display on
(k) LCD bias set This instruction selects LCD bias value.
A0 0 RD 1 WR 0 D7 1 D6 0 D5 1 D4 0 D3 0 D2 0 D1 1 D0 0 1 LCD bias 1/9 1/7
NJU6676
(l) Read modify write This instruction controls column address increment. By using of this instruction, the column address can't increment when read operation but it can increment when write operation. This status will be continued until the below-mentioned "end" instruction will be issued. This instruction can reduce the load of MPU, during the display data in specific DDRAM area is repeatedly changed for cursor blink or others.
A0 0 RD 1 WR 0 D7 1 D6 1 D5 1 D4 0 D3 0 D2 0 D1 0 D0 0
The sequence of cursor blink display
Page Address Set Column Address Set Set to the Start Address of Cursor Display
Read Modify Write Dummy Read Data Read Data inverse by MPU Data Write Dummy Read Data Read
Start the Read Modify Write The data is ignored Column Counter doesn't increase
Column Counter increase Column Counter doesn't increase Column Counter doesn't increase
Data Write Dummy Read Data Read
Column Counter increase Column Counter doesn't increase Column Counter doesn't increase
Data Write
Column Counter increase
End
End the Read Modify Write
No
Finish? Yes
NJU6676
(m) End The "end" instruction cancels the read modify write mode and makes the column address return to the initial value just before "read modify write" is started.
A0 0 RD 1 WR 0 D7 1 D6 1 D5 1 D4 0 D3 1 D2 1 D1 1 D0 0
Return Column Address N N+1 N+2 N+3 N+m N End
Read modify write
(n) Reset This instruction reset the LSI to the following status, however it doesn't change the contents of the DDRAM. Please be careful that it can't be substituted for the reset operation by using of the RES terminal. Reset status by "reset" instruction: 1. 2. 3. 4. 5. 6. 7. Read modify write off Static indicator off Initial display line address Column address Page address Common direction register EVR mode off and EVR register
A0 0 RD 1 WR 0 D7 1 D6 1 D5 1
: (00)H : (00)H : (0) page : Normal mode (D3=0) : (20)H
D4 0 D3 0 D2 0 D1 1 D0 0
(o) Common driver direction select This instruction selects common driver direction. Please refer to (1-7) common driver direction for more detail.
A0 0 RD 1 WR 0 D7 1 D6 1 D5 0 D4 0 D3 0 1 D2 * D1 * D0 * Common driver direction Normal Inverse
NJU6676
(p) Power control set This instruction controls the status of internal power circuits. Please refer to the (1-9) LCD Driving Circuits (g) internal power circuits for more detail.
A0 0 RD 1 WR 0 D7 0 D6 0 D5 1 D4 0 D3 1 D2 0 1 D1 D0 Status Voltage converter off Voltage converter on Voltage regulator off Voltage regulator on Voltage followers off Voltage followers on
0 1 0 1
Note) The internal power supply must be Off when external power supply using. * The wait time depends on the C4 to C8, COUT capacitors, and VDD and VLCD Voltage. Therefore it requires the actual evaluation using the LCD module to get the correct time. (q) LCD Driver On/Off This instruction controls LCD driving waveform output through the COM/SEG terminals.
A0 0 RD 1 WR 0 D7 1 D6 1 D5 1 D4 0 D3 0 D2 1 D1 1 D0 0 1 Driver Off On
The NJU6676 contains low power LCD driving voltage generator circuit reducing own operating current. Therefore , it requires the following sequence procedures at power on for power source stabilized operation. LCD Driving power supply On/Off sequences The following sequences required when the power supply is turned On/Off. When the power supply is turned on again after the turn off (by the power save instruction), the power save release sequence(t) is required. Turn ON sequence
Common Direction Select Static Indicator Set EVR Register Set Internal Power Supply ON Or External Power Supply ON
Turn OFF sequence
Display OFF Entire Display OFF Internal Power Supply OFF Or External Power Supply OFF
LCD Driver OFF
Wait Time
LCD Driver ON NJU6676 Power OFF
NJU6676
(r) EVR set 1) EVR mode set This instruction sets the LSI into the EVR mode, and it is always used by the combination with "EVR register set". The LSI can't accept any instructions except the "EVR register set" during the EVR set mode. This mode will be released after the "EVR register set" instruction.
A0 0 RD 1 WR 0 D7 1 D6 0 D5 0 D4 0 D3 0 D2 0 D1 0 D0 1
2) EVR register set This instruction sets 6-bit data into the EVR register to determine the output voltage "V5" of the internal voltage regulator.
A0 0 RD 1 WR 0 D7 * D6 * D5 0 0 : 1 1 D4 0 0 : 1 1 D3 0 0 ; 1 1 D2 0 0 : 1 1 D1 0 0 : 1 1 D0 0 1 : 0 1 V5 Minimum Maximum
(s) Static indicator 1) Static indicator on/off This instruction selects static indicator turn-on or turn-off, and it is always used by the combination with the " static indicator register set".
A0 0 RD 1 WR 0 D7 1 D6 0 D5 1 D4 0 D3 1 D2 1 D1 0 D0 0 1 Static indicator Off On
2) Static indicator register set This instruction sets 2-bit data into the static indicator register.
A0 0 RD 1 WR 0 D7 * D6 * D5 * D4 * D3 * D2 * D1 0 0 1 1 D0 0 1 0 1 Status Off On Blink at 1.0s intervals On Blink at 0.5s intervals On Turn on at all time
NJU6676
(t) Power save mode On/Off This instruction sets the LSI into the power save mode by the combination of "display off" and "entire display on" instructions for reducing operating current as well as static operation's. The internal status and the contents of the DDRAM will be remained just before the "power save mode on/off" instruction. In addition, the DDRAM can be accessed during the power save mode. There are two power save modes, sleep mode and standby mode. During sleep mode: All LCD system stops as follows, 1. Oscillator and internal power circuits stop. 2. All common and segment drivers output VDD level. During standby mode: The LCD system except the static indicator stops as follows, 1. Oscillator and internal power circuits stop. 2. All common and segment drivers output VDD level. 3. The only static indicator is working. The sequence of power save mode
Static indicator off Static indicator on
Power save on (Dual instructions)
Sleep mode
Standby mode
Power save off Entire display off + Static indicator on
Power save off Entire display off
Release Sleep mode
Release Standby mode
NJU6676
(3) Internal power circuits (3-1)Voltage converter The voltage converter generates maximum 4x boosted negative-voltage from the voltage between VDD and Vss2. The boosted voltage is output from the VOUT terminal. The internal oscillator is required to be operating when using this converter, because the divided signal provided from the oscillator is used for the internal timing of this circuit. The boosted voltage between VDD and Vout must not exceed 18.0V. The voltage converter requires external capacitors for boosting as shown in below.
The capacitors connection for the voltage regulator:
4x boost
3x boost
2x boost
+
Vss2 Vout C3-
+
Vss2 Vout C3-
+
Vss2 Vout C3-
+
C1+ C1C2-
+
C1+ C1C2-
+
C1+ C1C2C2+
+
C2+
+
C2+
VDD Vss2
VDD Vss2
VDD Vss2 Vout= 2x (VDD-Vss2)
Vout= 3x (VDD-Vss2) Vout= 4x (VDD-Vss2)
NJU6676
(3-2)Contrast control using the voltage regulator The voltage regulator determines the LCD driving voltage "V5" according to the Rb/Ra ratio and VREG voltage. The equations to calculate V5 are as follows:
Voltage regulator VDD
VREG Ra
VLCD
+
VR
-
V5
Rb Vout
Fig.3 Voltage regulator circuit VLCD = VDD - V5 = (1+Rb/Ra) x VREG ---[1] VREG = (n/162) x (VDD-Vss2) ---[2]
VLCD Ra, Rb VREG n : LCD driving voltage : Feed back resistors : Contrast control voltage : Parameter decided instruction
(3-3)Contrast control voltage VREG As the equation [2] shows, the VREG value depends on the parameter "n". The "n" is selected a value within 99 to 162 by using of "EVR register set" instruction as shown below. The relationship between EVR register and VLCD level
Register value 00H 01H 02H : 3DH 3EH 3FH D5 0 0 0 : 1 1 1 D4 0 0 0 : 1 1 1 D3 0 0 0 : 1 1 1 D2 0 0 0 : 1 1 1 D1 0 0 1 : 0 1 1 D0 0 1 0 : 1 0 1 n 99 100 101 : 160 161 162 VREG (99/162) x (VDD-Vss2) (100/162) x (VDD-Vss2) (101/162) x (VDD-Vss2) (160/162) x (VDD-Vss2) (161/162) x (VDD-Vss2) (162/162) x (VDD-Vss2) Minimum : : : : : Maximum
NJU6676
- VLCD setting example We recommend the total value of Ra and Rb is between 1M and 5M. When using Ra=1M, Rb=3M and VDD=3V, the VLCD is calculated as follows: The minimum VLCD: VLCD =(1+Rb/Ra) X VREG =(1+3/1) X [(99/162) X 3.0] =7.33V The maximum VLCD: VLCD =(1+Rb/Ra) X VREG =(1+3/1) X [(162/162) X 3.0] =12.0V
NJU6676
(3-4) LCD Driving Voltage Generation Circuits The LCD driving bias voltage of V1,V2,V3,V4 are generated internally by dividing the VLCD (VLCD=VDD-V5) voltage with the internal bleeder resistance. And it is supplied to the LCD driving circuits after the impedance conversion with voltage follower circuit. As shown in Fig 4, Five capacitors are required to connect to each LCD driving voltage terminal for voltage stabilizing. And the value of capacitors C4, C5, C6, C7, and C8 are determined depending on the actual LCD panel display evaluation. Using the internal Power Supply Using the external Power Supply
VSS VSS2 C1C1
+
VSS C1C1+
C1+
C3
+
C3+
C3C2+ C2-
Cout C2
C2+ C22
VOUT R3 V5 1 R2 VR
VOUT V5
NJU6676
NJU6676
VR
R1 VDD
+ + + + +
VDD V1
C4 C5 C6 C7 C8
V1 V2 V3 V4 V5
External Voltage Generator
V2 V3 V4 V5
Fig 4 *1 Short wiring or sealed wiring to the VR terminal is required due to the high impedance of VR terminal. *2 Following connection of VOUT is required when external power supply using. When VSS > V5 --- VOUT=V5 When VSS < V5 --- VOUT=VSS
Reference set up value VLCD=VDD-V5=6.0 to 7.5V
COUT C1 C3, C8 C4 C7 R1 R2 R3 1.0F 1.0F 0.10.47F 2M 500K 2.5M
NJU6676
(4) MPU interface (4-1) Interface type selection NJU6676 interfaces with MPU by 8-bit bidirectional data bus (D7 to D0) or serial (SI:D7). The 8 bit parallel or serial interface is determined by a condition of the P/S terminal connecting to "H" or "L" level as shown in Table 5. In case of the serial interface, status and RAM data read out operation is impossible.
P/S H L Type Parallel Serial CS1 CS1 CS1 A0 A0 A0 Table 5 RD RD WR WR C86 SI(D7) SCL(D6) D0D5 C86 D7 D6 D0D5 SI SCL Hi-z "-" : They should be fixed to "H" or "L".
Parallel Interface The NJU6676 interfaces to 68 or 80 type MPU directly when the parallel interface (P/S="H") is selected. 68 type MPU or 80 is determined by the condition of C86 terminal connecting to "H" or "L" as shown in table 6.
C86 H L Type 68 type MPU 80 type MPU CS1 CS1 CS1 Table 6 A0 RD A0 E A0 RD WR R/W WR D0D7 D0D7 D0D7
(4-2) Discrimination of Data Bus Signal The NJU6676 discriminates the mean of signal on the data bus by the combination of A0, E, R/W, and (RD,WR) signals as shown in Table 7.
Table 7
Commo n
68 type R/W H L H L
80 type RD L H L H WR H L H L
Function Read Display Data Write Display Data Status Read Write into the Register(Instruction)
A0 H H L L
NJU6676
(4-3) Serial Interface.(P/S="L")
Serial interface circuits consist of 8 bits shift register and 3 bits counter. SI and SCL input are activated when the chip select terminal CS1 set to "L"and P/S terminal set to "L". The 8 bits shift register and 3 bits counter are reset to the initial condition when the chip is not selected. The data input from SI terminal is MSB first like as the order of D7,D6,- - - - D0, and the data are entered into the shift register synchronizing with the rise edge of the serial clock SCL. The data in the shift register are converted to parallel data at the 8th serial clock rise edge input. Discrimination of the display data or instruction of the serial input data is executed by the condition of A0 at the 8th serial clock rise edge. A0="H" is display data and A0="L" is instruction. When RES terminal becomes "L" or CS1 terminal becomes "H" before 8th serial clock rise edge, NJU6676 recognizes them as a instruction data incorrectly. Therefore a unit of serial data must be structured by 8-bit. The time chart for the serial interface is shown in Fig. 5. To avoid the noise trouble, the short wiring is required for the SCL input. Note) The read out function, such as the status or RAM data read out, is not supported in this serial interface
CS1 CS2
SI SCL A0
D7
D6
D5
D4
D3
D2
D1
D0
D7
D6
1
2
3
4
5
6
7
8
9
10
Fig.5
NJU6676
(4-4) Access to the Display Data RAM and Internal Register.
The NJU6676 is operating as one of pipe-line processor by the bus-holder connecting to the internal data bus to adjust the operation frequency between MPU and the Display Data RAM or Internal Register. For example, when the MPU reads out the data from the Display Data RAM, the read out data in the data read cycle (dummy read) is held in the bus-holder, then it is read out from the bus-holder to the system bus at the next data read cycle. When the MPU writes the data into the Display Data RAM, the data is held in the busholder, then it is written into the Display Data RAM by the next data write cycle. Therefore high speed data transmission between MPU and NJU6676 is available because of it is not limited by the tACC and tDS as display data RAM access time and is limited by the system cycle time (R) or (W). If the cycle time is not be kept in the MPU operation, NOP should be inserted to the system instead of the waiting operation. The read out operation does not read out the data in the pointed address just after the address set operation. And second read out operation can read out the data correctly from the pointed address. Therefore, one dummy read operation is required after address setting or write cycle as shown in Fig. 6..
Write timing
WR
MPU signal
Data Bus holder N N N+1 N+1 N+2 N+2 N+3 N+3
Internal signal
WR
Read timing
WR
MPU signal
RD Data N
Address set
N
Dummy read
n
Data read
n +1
Data read
WR RD
Internal signal
Column address Bus holder N N n N+1 n +1 N+2
Fig.6
NJU6676
(4-5) Chip select CS1, CS2 are Chip Select terminals. In case of CS1="L" and CS2="H", the interface with MPU is available. In case of CS1="H" or CS2="L", the D0 to D7 are high impedance and A0, RD, WR, D7(SI) and D6(SCL) inputs are ignored. If the serial interface is selected when CS1="H" or CS2="L", the shift register and the counter are reset. However, the reset is always operated in any conditions of CS1 and CS2.
NJU6676
s ABSOLUTE MAXIMUMN RATINGS
Ta=25C
Parameter Supply voltage (1) Supply voltage (2) Symbol VDD Vss2 Ratings -0.3 to +7.0 -7.0 to+0.3 -6.0 to +0.3 (When using 3x voltage converter) -4.5 to +0.3 (When using 4x voltage converter) -18.0 to +0.3 V5 to +0.3 -0.3 to VDD+0.3 -0.3 to VDD+0.3 -30 to +80 -55 to +100 (TCP) -55 to +125 (Chip) Unit V V
Supply voltage (3) Supply voltage (4) Input voltage Output voltage Operating temperature Storage temperature
V5 Vout V1,V2 V3,V4 Vin Vout Topr Tstg
V V V V C C
VDD
VDD
VSS VSS2, V1 to V4
V5
Note1) Vss2, V1 to V5, Vout voltage values are specified as VDD = 0V. Note2) The relation of VDD>V1>V2>V3>V4>V5>Vout ; VDD>Vss>Vout must be maintained. In case of inputting external LCD driving voltage, LCD drive voltage should start supplying to NJU6676 at the mean time of turning on VDD power supply or after turned on VDD. In use of the voltage boost circuit, the condition that the supply voltage : 18V >VDD-Vout is necessary. Note3) If the LSI are used on condition beyond the absolute maximum rating, the LSI may be destroyed. Using LSI within electrical characteristics is strongly recommended for normal operation. Use beyond the electric characteristics conditions will cause malfunction and poor reliability. Note4) Decoupling capacitor should be connected between VDD and Vss due to the stabilized operation for the voltage converter.
NJU6676
s DC Electrical Characteristics VDD=2.7V to 3.3V, Vss=0V, Ta=-30 to +80C
Parameter Power supply(1) Power supply(2) Power supply(3) Symbol VDD Vss2 V5 V1,V2 V3,V4 VIHC1 VILC1 VOHC1 VOLC1 ILI ILO RON1 RON2 CIN fOSC fCL Symbol Vss2 Conditions Recommend Possible VDD common VDD common Min. 2.7 2.2 -6.0 -18 0.4xV5 V5 0.8VDD Vss 0.8VDD Vss -1.0 -3.0 18 4.5 Min. -6.0 -4.5 -18.0 Typ. 2.0 3.2 10 22 5.5 Typ. 2.5 Max. 3.3 5.5 -2.5 -6 VDD 0.6xV5 VDD 0.2VDD VDD 0.2VDD 1.0 3.0 3.5 5.4 26 6.5 Max. -2.5 -2.5 3.5 Unit V V V V V V V V V V uA uA k k pF kHz kHz Unit V V V k V V uA uA uA uA uA uA % 9 8 Note 5
"H" level input voltage "L" level input voltage "H" level output voltage "L" level output voltage Input leakage current Output leakage current LCD on resistance
Input pin capacitance Oscillation frequency Display clock frequency
IOH=-0.5mA IOL=0.5mA All input terminals D0 to D7 terminals VLCD=14.0V, Ta=25C VLCD=8.0V, Ta=25C Ta=25C VDD=3V, Ta=25C External input Conditions VDD common Using 3x voltage converter VDD common Using x4 voltage converter VDD common C1 to C3, Cout=1.0uF Using x4 booster VDD=3V, Vss=Vss2 Voltage converter off External power supply Voltage regulator off External power supply When sleep mode When standby mode VDD=3V, V5=-11V Checker flag display Without MPU access All COM/SEG open VDD=3V, Ta=25C
6
7
Internal power supply
Parameter Input voltage Note
Voltage converter Output voltage Voltage converter Output on resistance Voltage regulator Operating voltage Voltage follower Operating voltage Operating current
Vout RQUAD
Vout2 V5 IDDQ1 IDDQ2 IDD1 IDD2 IDD3 IDD4 VREG%
-18.0V -18.0V -
0.01 4 80 20 18 15
-6.0V -6.0V 5.0 10 140 40 35 30 3.0
Reference Voltage
Note5) Note6) Note7) Note8) Note9)
Although the NJU6676 can operate in wide range of the operating voltage, it shall not be guaranteed in a sudden voltage fluctuation during the access with MPU. RON is the resistance values in supplying 0.1V voltage-difference between power supply terminals (V1,V2,V3,V4) and each output terminals (common / segment). This is specified within the range of Operating Voltage (2). Apply to A0, D7 to D0, RD, WR, CS1, CS2, RES, C86 and P/S terminals. The voltage adjustment circuit controls V5 within the range of the voltage follower operating voltage. The value of after Driver Output On instruction execution. Each operating current shall be defined as being measured in the following condition.
NJU6676
Power Control Symbol IDD1 IDD2 IDD3 IDD4 D2 1 0 0 0 D1 1 1 0 0 D0 1 1 1 0 Operating Condition Voltage Voltage Voltage converter regulator followers On Off Off Off On On Off Off On On On Off External Voltage Supply (Input Terminal) Use(VSS2) Use(VOUT,VSS2) Use(VOUT,V5,VSS2) Use(VOUT,V1V5)
NJU6676
IDD 1,2,3,4 measurement circuits: IDD1
VDD A Vss
VR
V5
NJU6676
C2+ + C2- C1C1+ + + C3Vout
IDD2
VDD A Vss
VR
V5
NJU6676
C2+ C2- C1C1+ C3Vout
IDD3
VDD A Vss C2+ VR V5
NJU6676
C2- C1C1+ C3Vout
IDD4
V1 V2 V3 V4
VDD A Vss
VR
V1 V2 V3 V4 V5
NJU6676
C2+ C2- C1C1+ C3Vout
NJU6676
s BUS TIMING CHARACTERISTICS
Read and Write characteristics (80 type MPU)
tcyc8
A0,CS1,CS2
tAW8 tCCL tAH8
WR,RD
tCCH tDS8 tDH8
D7 to D0 Write
tf tACC8
tr tOH8
D7 to D0 Read
(Vss=0V, VDD=4.5 to 5.5V, Ta=-30 to 80C)
Parameter Address hold time Address set up time System cycle time Control "L" pulse width (Write) Control "L" pulse width (Read) Control "H" pulse width (Write) Control "H" pulse width (Read) Data set up time Data hold time RD access time Output disable time Input signal rising, falling edge Terminal A0,CS1, CS2 Symbol tAH8 tAW8 tcyc8 tCCLW tCCLR tCCHW tCCHR tDS8 tDH8 tACC8 tOH8 tr,tf Condition Min. 0 0 166 30 70 30 30 30 10 5 Max. 70 50 15 Unit ns ns ns ns ns ns ns ns ns ns ns ns
WR,RD
D7 D0 CS1,CS2 RW,RD,A0, D7 D0
CL=100pF
NJU6676
(Vss=0V, VDD=2.7 to 4.5V, Ta=-30 to 80C)
Parameter Address hold time Address set up time System cycle time Control "L" pulse width (Write) Control "L" pulse width (Read) Control "H" pulse width (Write) Control "H" pulse width (Read) Data set up time Data hold time RD access time Output disable time Input signal rising, falling edge Terminal A0,CS1, CS2 Symbol tAH8 tAW8 tcyc8 tCCLW tCCLR tCCHW tCCHR tDS8 tDH8 tACC8 tOH8 tr,tf Condition Min. 0 0 300 60 120 60 60 40 15 10 Max. 140 100 15 Unit ns ns ns ns ns ns ns ns ns ns ns ns
WR,RD
D7 D0 CS1,CS2 RW,RD,A0, D7 D0
CL=100pF
(Vss=0V, VDD=2.2 to 2.7V, Ta=-30 to 80C)
Parameter Address hold time Address set up time System cycle time Control "L" pulse width (Write) Control "L" pulse width (Read) Control "H" pulse width (Write) Control "H" pulse width (Read) Data set up time Data hold time RD access time Output disable time Input signal rising, falling edge Terminal A0,CS1, CS2 Symbol tAH8 tAW8 tcyc8 tCCLW tCCLR tCCHW tCCHR tDS8 tDH8 tACC8 tOH8 tr,tf Condition Min. 0 0 1000 120 240 120 120 80 30 10 Max. 280 200 15 Unit ns ns ns ns ns ns ns ns ns ns ns ns
WR,RD
D7 D0 CS1,CS2 RW,RD,A0, D7 D0
CL=100pF
Note10) Each timing is specified based on 0.2xVDD and 0.8xVDD.
NJU6676
Read and Write characteristics (68 type MPU)
tcyc6
E R/W A0,CS1,CS2
tEWL tAW6 tr tEWH tf tAH6
tDS6
tDH6
D7 to D0 Write
tACC tOH6
D7 to D0 Read
(Vss=0V, VDD=4.5 to 5.5V, Ta=-30 to 80C)
Parameter Address hold time Address set up time System cycle time Enable "H" pulse width (Read) Enable "H" pulse width (Write) Enable "L" pulse width (Read) Enable "L" pulse width (Write) Data set up time Data hold time RD access time Output disable time Input signal rising, falling edge Terminal A0,CS1, CS2 Symbol tAH6 tAW6 tcyc6 tEWHR tEWHW tEWLR tEWLW tDS6 tDH6 tACC6 tOH6 tr,tf Condition Min. 0 0 166 70 30 30 30 30 10 10 Max. 70 50 15 Unit ns ns ns ns ns ns ns ns ns ns ns ns
E
D7 D0 E,R/W,A0, D7 D0
CL=100pF
NJU6676
(Vss=0V, VDD=2.7 to 4.5V, Ta=-30 to 80C)
Parameter Address hold time Address set up time System cycle time Enable "H" pulse width (Read) Enable "H" pulse width (Write) Enable "L" pulse width (Read) Enable "L" pulse width (Write) Data set up time Data hold time RD access time Output disable time Input signal rising, falling edge Terminal A0,CS1, CS2 Symbol tAH6 tAW6 tcyc6 tEWHR tEWHW tEWLR tEWLW tDS6 tDH6 tACC6 tOH6 tr,tf Condition Min. 0 0 300 120 60 60 60 40 15 10 Max. 140 100 15 Unit ns ns ns ns ns ns ns ns ns ns ns ns
E
D7 D0 E,R/W,A0, D7 D0
CL=100pF
(Vss=0V, VDD=2.2 to 2.7V, Ta=-30 to 80C)
Parameter Address hold time Address set up time System cycle time Enable "H" pulse width (Read) Enable "H" pulse width (Write) Enable "L" pulse width (Read) Enable "L" pulse width (Write) Data set up time Data hold time RD access time Output disable time Input signal rising, falling edge Terminal A0,CS1, CS2 Symbol tAH6 tAW6 tcyc6 tEWHR tEWHW tEWLR tEWLW tDS6 tDH6 tACC6 tOH6 tr,tf Condition Min. 0 0 1000 240 120 120 120 80 30 10 Max. 280 200 15 Unit ns ns ns ns ns ns ns ns ns ns ns ns
E
D7 D0 E,R/W,A0, D7 D0
CL=100pF
Note11) Each timing is specified based on 0.2xVDD and 0.8xVDD.
NJU6676
Write characteristics (Serial interface)
tCSS tCSH
CS1,CS2
tSAS tSAH
A0
tscyc
SCL
tSLW tSHW tSDS tSDH tr
SI
tf
(Vss=0V, VDD=4.5 to 5.5V, Ta=-30 to 80C)
Parameter Serial clock cycle SCL "H" pulse width SCL "L" pulse width Address set up time Address hold time Data set up time Data hold time CS-SCL time Input signal rising, falling edge Terminal SCL A0 SI CS1,CS2 SCL,A0, CS1,CS2,SI Symbol tscyc tSHW tSLW tSAS tSAH tSDS tSDH tCSS tCSH tr,tf Condition Min. 200 75 75 50 100 50 50 100 100 Max. 15 Unit ns ns ns ns ns ns ns ns ns ns
NJU6676
(Vss=0V, VDD=2.7 to 4.5V, Ta=-30 to 80C)
Parameter Serial clock cycle SCL "H" pulse width SCL "L" pulse width Address set up time Address hold time Data set up time Data hold time CS-SCL time Input signal rising, falling edge Terminal SCL A0 SI CS1,CS2 SCL,A0, CS1,CS2,SI Symbol tscyc tSHW tSLW tSAS tSAH tSDS tSDH tCSS tCSH tr,tf Condition Min. 250 100 100 150 150 100 100 150 150 Max. 15 Unit ns ns ns ns ns ns ns ns ns ns
(Vss=0V, VDD=2.2 to 2.7V, Ta=-30 to 80C)
Parameter Serial clock cycle SCL "H" pulse width SCL "L" pulse width Address set up time Address hold time Data set up time Data hold time CS-SCL time Input signal rising, falling edge Terminal SCL A0 SI CS1,CS2 SCL,A0, CS1,CS2,SI Symbol tscyc tSHW tSLW tSAS tSAH tSDS tSDH tCSS tCSH tr,tf Condition Min. 400 150 150 250 250 150 150 250 250 Max. 15 Unit ns ns ns ns ns ns ns ns ns ns
Note12) Each timing is specified based on 0.2xVDD and 0.8xVDD.
NJU6676
Display control timing characteristics CL (OUT)
tDFR
FR
Parameter FR Delay Time
Terminal
FR
Symbol tDFR
Condition CL=50pF
(VSS=0V, VDD=4.5~5.5V, Ta=-30~80C) Min. Typ. Max. Unit 10 40 ns
Parameter FR Delay Time
Terminal
FR
Symbol tDFR
(VSS=0V, VDD=2.7~4.5V, Ta=-30~80C) Condition Min. Typ. Max. Unit CL=50pF 10 80 ns (VSS=0V, VDD=2.2~2.7V, Ta=-30~80C) Min. Typ. Max. Unit 50 200 ns
Parameter FR Delay Time
Terminal
FR
Symbol tDFR
Condition CL=50pF
Note13) Each timing is specified based on 0.2xVDD and 0.8xVDD. (The delay time is applied to the master operation only.)
Reset input timing tRW RES tR Internal circuit status During reset End of reset (VSS=0V, VDD=4.5~5.5V, Ta=-30~80C) Min. Typ. Max. Unit 0.5 us 0.5 Condition us
Parameter Reset Time Reset "L" Level Pulse Width Parameter Reset Time Reset "L" Level Pulse Width Parameter Reset Time Reset "L" Level Pulse Width
Terminal
Symbol tR tRW Symbol tR tRW Symbol tR tRW
Condition
RES
Terminal
(VSS=0V, VDD=2.7~4.5V, Ta=-30~80C) Min. Typ. Max. Unit 1.0 us 1.0 us
RES
Terminal
Condition
(VSS=0V, VDD=2.2~2.7V, Ta=-30~80C) Min. Typ. Max. Unit 1.5 us 1.5 us
RES
Note14) Each timing is specified based on 0.2xVDD and 0.8xVDD.
NJU6676
s LCD DRIVING WAVEFORM
0 1 23 4 64 65 0 1 2 34 5 64 65
FR COM0 COM1 COM2 COM3 COM4 COM5 COM6 COM7 COM8 COM9 COM10 COM11 COM12 COM13 COM14 COM15 SSSSS EEEEE GGGGG
0 1 2 3 4
VDD VSS
VDD V1 V2 COM0 V3 V4 V5 VDD V1 V2 COM1 V3 V4 V5
VDD V1 V2 COM2 V3 V4 V5
VDD V1 V2 SEG0 V3 V4 V5 VDD V1 V2 SEG1 V3 V4 V5 V5 V4 V3 V2 V1 COM0-SEG0 VDD -V1 -V2 -V3 -V4 -V5 V5 V4 V3 V2 V1 COM0-SEG1 VDD -V1 -V2 -V3 -V4 -V5
NJU6676
sAPPLICATION CIRCUIT (1) Microprocessor Interface Example The NJU6676 interfaces to 80 type or 68 type MPU directly. And the serial interface also communicate with MPU. * : C86 terminal must be fixed VDD or VSS. q 80 Type MPU
VCC
A0 A1A7
A0 CS Decoder
VDD C86
MPU
IORQ
NJU6676
D0D7 RD WR GND RES
D0D7 RD WR RES VSS P/S
RESET
q 68 Type MPU
VCC
A0
A0 CS Decoder
VDD C86
A1A15 MPU VMA
NJU6676
D0D7 E R/W GND RES
D0D7 E R/W RES RESET VSS P/S
q Serial Interface
VCC
A0 A1A7
A0 CS Decoder
VDD C86
MPU
NJU6676
VDD or GND
Port 1 Port 2
SI SCL P/S
GND
RES
RES
VSS
RESET
NJU6676
(2) 65 x 264 dots Driving Application Circuits Example
(Common and Segment Drivers Extension by using two of NJU6676)
LCD Panel : 65 x 264
SEG COM M/S NJU6676 Master CL FR DOF M/S CL FR DOF
SEG
COM
NJU6676 Slave
[CAUTION] The specifications on this databook are only given for information , without any guarantee as regards either mistakes or omissions. The application circuits in this databook are described only to show representative usages of the product and not intended for the guarantee or permission of any right including the industrial rights.


▲Up To Search▲   

 
Price & Availability of NJU6676

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X