Part Number Hot Search : 
HSP45256 4R200 AD590JH SMS9GE3 02052 120EI 51005 C2245
Product Description
Full Text Search
 

To Download NJM2125 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NJM2125
SINGLE-SUPPLY OPERATIONAL AMPLIFIER
GENERAL DESCRIPTION The NJM2125 is a single-supply operational amplifier of small surface mount package. The features of single-supply operation, low operating voltage ( minimum 2.7V ) and small package are most suitable for portable items. FEATURES Single-Supply Operation Low Operating Voltage Low Operating Current Slew Rate Small Package Bipolar Technology PIN CONFIGURATION
PIN FUNCTION 1.+INPUT 2.GND 3.-INPUT 4.OUTPUT 5.V
+
PACKAGE OUTLINE
NJM2125F
NJM2125PB1
( +2.7V~20V ) ( 1.0mA typ. ) ( 1.2V/s typ. ) ( MTP5,FFP12)
(TOP VIEW)
9 10 11 12 8 7 6 5 4
PIN FUNCTION 1.+INPUT 7.OUTPUT 2.NC 4.NC 5.GND 6.NC 8.NC 10.NC 11.NC 12.NC 3.-INPUT 9.V+
1
2
3
EQUIVALENT CIRCUIT
NJM2125PB1
Ver.2003-11-20
-1-
NJM2125
ABSOLUTE MAXIMUM RATINGS ( Ta=25C )
PARAMETER Supply Voltage Differential Input Voltage Input Voltage Power Dissipation Operating Temperature Range Storage Temperature Range
(note2)On glass epoxy board.
SYMBOL + V VID VIC PD Topr Tstg
RATINGS +20 +20 -0.3~+20 ( note1 ) (MTP-5)200 (FFP12)300(note2) -40~85 -40~125
UNIT V V V mW C C
( note1 ) When the supply voltage is less than +20V, the absolute maximum input voltage is equal to the supply voltage.
ELECTRICAL CHARACTERISTICS ( V+=5V,Ta=25C )
PARAMETER Input Offset Voltage Input Offset Current Input Bias Current Large Signal Voltage Gain Maximum Output Voltage Swings Input Common Mode Voltage Range Common Mode Rejection Ratio Supply Voltage Rejection Ratio Output Source Current Output Sink Current Operating Current Slew Rate Unity Gain Frequency SYMBOL VIO IIO IB AV VOM VICM CMR SVR ISOURCE ISINK ICC SR fT TEST CONDITION RS=0 RL2k RL=2k MIN. 88 3.5 0~3.5 70 80 20 8 TYP. 2 5 25 100 90 94 30 20 1.0 1.2 1.2 MAX. 7 50 250 1.75 UNIT mV nA nA dB V V dB dB mA mA mA V/s MHz
VIN =1V,VIN =0V + VIN =0V,VIN =1V RL=
+
-
-2-
Ver.2003-11-20
NJM2125
TYPICAL CHARACTERISTICS
Ver.2003-11-20
-3-
NJM2125
TYPICAL CHARACTERISTICS
[CAUTION] The specifications on this databook are only given for information , without any guarantee as regards either mistakes or omissions. The application circuits in this databook are described only to show representative usages of the product and not intended for the guarantee or permission of any right including the industrial rights.
-4-
Ver.2003-11-20


▲Up To Search▲   

 
Price & Availability of NJM2125

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X