Part Number Hot Search : 
T1210 IT888 04447 FM101 MBL8048 24064 N60C3 67BGC
Product Description
Full Text Search
 

To Download MRF1000MB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MRF1000MB
NPN SILICON RF POWER TRANSISTOR
DESCRIPTION:
The ASI MRF1000MB is Designed for Class A, DME/TACAN Applications up to 1090 MHz.
PACKAGE STYLE .280 4L PILL
A
FEATURES:
* Class A Operation * PG = 10 dB at 0.2 W/1090 MHz * OmnigoldTM Metalization System
OB
E C
B E
OC
MAXIMUM RATINGS
IC VCE PDISS TJ TSTG JC
O O
D E F
200 mA 20 V
DIM MINIMUM
inches / mm
MAXIMUM
inches / mm
7.0 W -65 C to +200 C -65 C to +150 C 25.0 C/W
O O O
A B C D E F
.220 / 5.59
.230 / 5.84 1.055 / 26.80
.275 / 6.99 .004 / 0.10 .050 / 1.27 .118 / 3.00
.285 / 7.24 .006 / 0.15 .060 . 1.52 .130 / 3.30
CHARACTERISTICS
SYMBOL
BVCBO BVCEO BVEBO ICES hFE PG
TC = 25 C
O
NONETEST CONDITIONS
IC = 1.0 mA IC = 5.0 mA IE = 1.0 mA VCE = 28 V VCE = 5.0 V VCC = 18 V IC = 100 mA POUT = 0.2 W f = 1090 MHz
MINIMUM TYPICAL MAXIMUM
50 20 3.5 1.0 15 10 120
UNITS
V V V mA --dB
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1200 * FAX (818) 765-3004
Specifications are subject to change without notice.
REV. B
1/1


▲Up To Search▲   

 
Price & Availability of MRF1000MB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X