![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Formosa MS MRA4001T3 THRU MRA4007T3 Chip Silicon Rectifier Glass passivated type Features Plastic package has Underwriters Laboratory Flammability Classification 94V-O Utilizing Flame Retardant Epoxy M olding Compound. For surface mounted applications. Exceeds environmental standards of MIL-S-19500 / 228 Low leakage current. SMA-L 0.205(5.2) 0.189(4.8) 0.012(0.3) Typ. 0.110(2.8) 0.094(2.4) 0.181(4.6) 0.165(4.2) 0.075(1.9) 0.067(1.7) 0.040(1.0) Typ. 0.040 (1.0) Typ. Mechanical data Case : Molded plastic, JEDEC DO-214AC Terminals : Solder plated, solderable per MIL-STD-750, Method 2026 Polarity : Indicated by c athode band Mounting P osition : Any Weight : 0.0015 ounce, 0.05 gram Dimensions in inches and (millimeters) MAXIMUM RATINGS (AT TA=25oC unless otherwise noted) PARAMETER Forward rectified current Forward surge current See Fig.2 8.3ms single half sine-wave superimposed on rate load (JEDEC methode) VR = VRRM TA = 25o C CONDITIONS Symbol IO IFSM MIN. TYP. MAX. 1.0 30 5.0 50 Rq JA CJ TSTG -55 50 15 +150 o UNIT A A uA uA C/w pF o Reverse current Thermal resistance Diode junction capacitance Storage temperature VR = VRRM TA = 100o C Junction to ambient f=1MHz and applied 4vDC reverse voltage IR C SYMBOLS MARKING CODE A1 A2 A3 A4 A5 A6 A7 VRRM *1 (V) VRMS *2 (V) 35 70 140 280 420 560 700 VR *3 (V) 50 100 200 400 600 800 1000 VF *4 (V) Operating temperature (oC) MRA4001T3 MRA4002T3 MRA4003T3 MRA4004T3 MRA4005T3 MRA4006T3 MRA4007T3 50 100 200 400 600 800 1000 *1 Repetitive peak reverse voltage 1.1 -55 to +150 *2 RMS voltage *3 Continuous reverse voltage *4 Maximum forward voltage RATING AND CHARACTERISTIC CURVES (MRA4001T3 THRU MRA4007T3) FIG.1-TYPICAL FORWARD CHARACTERISTICS AVERAGE FORWARD CURRENT,(A) FIG.2-TYPICAL FORWARD CURRENT DERATING CURVE 1.2 1.0 0.8 0.6 0.4 0.2 0 0 20 40 60 80 100 120 140 160 180 200 Single Phase Half Wave 60Hz Resistive Or Inductive Load 50 INSTANTANEOUS FORWARD CURRENT,(A) 10 3.0 1.0 Tj=25 C Pulse Width 300us 1% Duty Cycle AMBIENT TEMPERATURE ( C) FIG.4-MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT PEAK FORWAARD SURGE CURRENT,(A) 50 0.1 .01 .6 .7 .8 .9 1.0 1.1 1.2 1.3 FORWARD VOLT AGE,(V) 40 30 Tj=25 C 8.3ms Single Half Sine Wave JEDEC method 20 10 FIG.3 - TYPICAL REVERSE CHARACTERISTICS 100 0 1 5 10 50 100 NUMBER OF CYCLES AT 60Hz 10 REVERSE LEAKAGE CURRENT, (mA) 35 Tj=100 C FIG.5-TYPICAL JUNCTION CAPACITANCE JUNCTION CAPACITANCE,(pF) 30 25 20 15 10 5 0 1.0 .1 Tj=25 C .01 0 .01 .05 .1 .5 1 5 10 50 100 20 40 60 80 100 120 140 REVERSE VOLTAGE,(V) PERCENTAGE RATED PEAK REVERSE VOL TAGE |
Price & Availability of MRA4003T3
![]() |