Part Number Hot Search : 
MBRA140 STF70111 C8051F0 LM182 SAA73 LTC2309 HER306 1N4687
Product Description
Full Text Search
 

To Download MN101C425 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MN101C425 , MN101C427
Type ROM (x8-bit) x RAM (x8-bit) x Package (Old Package) Minimum Instruction Execution Time
MN101C425 8K 0.25 K MN101C427 16 K 0.5 K SDIP042-P-0600C *Pb free, QFP044-P-1010E *Pb free, TQFP048-P-0707B *Pb free (SDIP042-P-0600) 0.10 s (at 4.5 V to 5.5 V, 20 MHz) 0.238 s (at 2.7 V to 5.5 V, 8.39 MHz) 0.477 s (at 2.0 V to 5.5 V, 4.19 MHz)* 125 s (at 2.0 V to 5.5 V, 32.768 kHz)* * The lower limit for operation guarantee for EPROM built-in type is 2.7 V. * RESET * Watchdog * External 0 * External 1 * External 2 * External 3 (only 48-pin package) * Timer 2 * Timer 3 * Timer 4 * Timer 5 * Time base * Serial 0 * A/D conversion finish Timer counter 2 : 8-bit x 1 (square-wave/8-bit PWM output, event count, synchronous output event) Clock source ********************* 1/1, 1/4 of system clock frequency; 1/1 of XI oscillation clock frequency (only 48-pin package); external clock input Interrupt source **************** coincidence with compare register 2 Timer counter 3 : 8-bit x 1 (square-wave output, event count, generation of remote control carrier, serial 0 baud rate timer) Clock source ********************* 1/4, 1/16 of system clock frequency; 1/1 of OSC oscillation clock frequency; external clock input Interrupt source **************** coincidence with compare register 3 Timer counter 2, 3 can be cascade-connected. Timer counter 4 : 16-bit x 1 (square-wave/16-bit PWM output, event count, synchronous output event, input capture) Clock source ********************* 1/4, 1/16 of system clock frequency; 1/1 of OSC oscillation clock frequency; external clock input Interrupt source **************** coincidence with compare register 4 Time base timer (one-minute count setting, independently operable 8-bit timer counter 5) Clock source ********************* 1/4 of system clock frequency; 1/1, 1/8192 of OSC oscillation clock frequency; 1/1, 1/8192 of XI oscillation clock frequency (only 48-pin package) Interrupt source **************** coincidence with compare register 5; 1/8192 prescaler overflow Watchdog timer Interrupt source **************** 1/65536, 1/262144, 1/1048576 of system clock frequency (ROM option)
Interrupts Timer Counter
Serial Interface I/O Pins I/O Input A/D Inputs Special Ports
Serial 0 : synchronous type/simple UART (half-duplex) x 1 Clock source ********************* 1/2, 1/4, 1/16 of system clock frequency; output of timer counter 3 27 12 * Common use: 16 * Specified pull-up resistor available * Input/output selectable (bit unit): 26 (for 44-pin), 25 (for 42-pin) * Common use * Specified pull-up resistor available
10-bit x 8-ch. (with S/H) Buzzer output, remote control carrier signal output, high-current drive port
14
MAD00002BEM
MN101C425 , MN101C427
Electrical Characteristics
Supply current
Limit Parameter Symbol IDD1 Operating supply current IDD2 IDD3 Supply current at HALT IDD4 IDD5 Supply current at STOP IDD6 Condition min fosc = 20 MHz, VDD = 5 V fosc = 8.39 MHz, VDD = 5 V fx = 32.768 kHz, VDD = 3 V fx = 32.768 kHz, VDD = 3 V, Ta = 25C fx = 32.768 kHz, VDD = 3 V, Ta = -40C to +85C VDD = 5 V, Ta = 25C VDD = 5 V, Ta = -40C to +85C 0 0 (
P63 P62 P61 P60 P22,IRQ2 P21,IRQ1 P20,IRQ0 P14,TMIO4 P13,TMIO3 P12,TMIO2 P11 P63 P62 P61 P60 P23,IRQ3 P22,IRQ2 P21,IRQ1,SENS P20,IRQ0 P14,TMIO4 P13,TMIO3 P12,TMIO2 P11
Unit typ 15 6 max 40 18 100 8 18 2 20 mA mA A A A A A
Pin Assignment
) : Old Package
TXD,SBO0,P00 RXD,SBI0,P01 SBT0,P02 BUZZER,P06 RMOUT,P10 P11 TMIO2,P12 TMIO3,P13 TMIO4,P14 IRQ0,P20 IRQ1,P21 IRQ2,P22 P60 P61 P62 P63 P64 P65 P66 P67 NRST,P27
MN101C425 MN101C427
SDIP042-P-0600C *Pb free (SDIP042-P-0600)
QFP044-P-1010E *Pb free
LED3,P83 LED2,P82 LED1,P81 LED0,P80 AN0,PA0 AN1,PA1 AN2,PA2 AN3,PA3 AN4,PA4 AN5,PA5 AN6,PA6
TQFP048-P-0707B
Support Tool
In-circuit Emulator
PX-ICE101C/D+PX-PRB101C42-QFP044-P-1010 PX-ICE101C/D+PX-PRB101C42-TQFP048-P-0707B PX-ICE101C/D+PX-PRB101C42-SDIP042-P-0600 Type ROM (x 8-bit) RAM (x 8-bit) Minimum instruction execution time MN101CP427DP , MN101CP427BF , MN101CP427HT 16 K 0.5 K 0.10 s (at 4.5 V to 5.5 V, 20 MHz) 0.238 s (at 2.7 V to 5.5 V, 8.39 MHz) Package (Old Package) [All Pb free] SDIP042-P-0600C, QFP044-P-1010E, TQFP048-P-0707B (SDIP042-P-0600)
EPROM Built-in Type
LED3,P83 LED2,P82 LED1,P81 LED0,P80 N.C. AN0,PA0 AN1,PA1 AN2,PA2 AN3,PA3 AN4,PA4 AN5,PA5 AN6,PA6
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21
42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23 22
VSS OSC1 OSC2 VDD PA7,AN7 PA6,AN6 PA5,AN5 PA4,AN4 PA3,AN3 PA2,AN2 PA1,AN1 PA0,AN0 P80,LED0 P81,LED1 P82,LED2 P83,LED3 P84,LED4 P85,LED5 P86,LED6 P87,LED7 MMOD
33 32 31 30 29 28 27 26 25 24 23
1 2 3 4 5 6 7 8 9 10 11
1 2 3 4 5 6 7 8 9 10 11 12
P64 P65 P66 P67 P70 NRST,P27 MMOD LED7,P87 LED6,P86 LED5,P85 LED4,P84
34 35 36 37 38 39 40 41 42 43 44
MN101C425 MN101C427
22 21 20 19 18 17 16 15 14 13 12
P10,RMOUT P06,BUZZER P02,SBT0 P01,SBI0,RXD P00,SBO0,TXD N.C. VSS OSC1 OSC2 VDD PA7,AN7
P64 P65 P66 P67 P70 P71 NRST,P27 MMOD LED7,P87 LED6,P86 LED5,P85 LED4,P84
36 35 34 33 32 31 30 29 28 27 26 25
37 38 39 40 41 42 43 44 45 46 47 48
MN101C425 MN101C427
24 23 22 21 20 19 18 17 16 15 14 13
P10,RMOUT P06,BUZZER P02,SBT0 P01,SBI0,RXD P00,SBO0,TXD XO XI VSS OSC1 OSC2 VDD PA7,AN7
*Pb free
MAD00002BEM
15
Request for your special attention and precautions in using the technical information and semiconductors described in this material
(1) An export permit needs to be obtained from the competent authorities of the Japanese Government if any of the products or technologies described in this material and controlled under the "Foreign Exchange and Foreign Trade Law" is to be exported or taken out of Japan. (2) The technical information described in this material is limited to showing representative characteristics and applied circuit examples of the products. It does not constitute the warranting of industrial property, the granting of relative rights, or the granting of any license. (3) The products described in this material are intended to be used for standard applications or general electronic equipment (such as office equipment, communications equipment, measuring instruments and household appliances). Consult our sales staff in advance for information on the following applications: * Special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combustion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the products may directly jeopardize life or harm the human body. * Any applications other than the standard applications intended. (4) The products and product specifications described in this material are subject to change without notice for reasons of modification and/or improvement. At the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date Product Standards in advance to make sure that the latest specifications satisfy your requirements. (5) When designing your equipment, comply with the guaranteed values, in particular those of maximum rating, the range of operating power supply voltage and heat radiation characteristics. Otherwise, we will not be liable for any defect which may arise later in your equipment. Even when the products are used within the guaranteed values, redundant design is recommended, so that such equipment may not violate relevant laws or regulations because of the function of our products. (6) When using products for which dry packing is required, observe the conditions (including shelf life and after-unpacking standby time) agreed upon when specification sheets are individually exchanged. (7) No part of this material may be reprinted or reproduced by any means without written permission from our company.
Please read the following notes before using the datasheets
A. These materials are intended as a reference to assist customers with the selection of Panasonic semiconductor products best suited to their applications. Due to modification or other reasons, any information contained in this material, such as available product types, technical data, and so on, is subject to change without notice. Customers are advised to contact our semiconductor sales office and obtain the latest information before starting precise technical research and/or purchasing activities. B. Panasonic is endeavoring to continually improve the quality and reliability of these materials but there is always the possibility that further rectifications will be required in the future. Therefore, Panasonic will not assume any liability for any damages arising from any errors etc. that may appear in this material. C. These materials are solely intended for a customer's individual use. Therefore, without the prior written approval of Panasonic, any other use such as reproducing, selling, or distributing this material to a third party, via the Internet or in any other way, is prohibited.
2001 MAR


▲Up To Search▲   

 
Price & Availability of MN101C425

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X