Part Number Hot Search : 
ARF1500 ARF1500 LM317 FM20106 LBN080 LM2902VN 2A153 2A153
Product Description
Full Text Search
 

To Download MCR100-3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document by MCR100/D
Silicon Controlled Rectifiers
Reverse Blocking Triode Thyristors
PNPN devices designed for high volume, line-powered consumer applications such as relay and lamp drivers, small motor controls, gate drivers for larger thyristors, and sensing and detection circuits. Supplied in an inexpensive plastic TO-226AA package which is readily adaptable for use in automatic insertion equipment. * * * * Sensitive Gate Trigger Current -- 200 A Maximum Low Reverse and Forward Blocking Current -- 100 A Maximum, TC = 125C Low Holding Current -- 5 mA Maximum Glass-Passivated Surface for Reliability and Uniformity
MCR100 Series*
*Motorola preferred devices
SCRs 0.8 AMPERE RMS 100 thru 600 VOLTS
G A K
K
G
A
CASE 29-04 (TO-226AA) STYLE 10
MAXIMUM RATINGS (TJ = 25C unless otherwise noted.)
Rating Peak Repetitive Forward and Reverse Blocking Voltage(1) (TJ = 25 to 125C, RGK = 1 k MCR100-3 MCR100-4 MCR100-6 MCR100-8 Forward Current RMS (See Figures 1 & 2) (All Conduction Angles) Peak Forward Surge Current, TA = 25C (1/2 Cycle, Sine Wave, 60 Hz) Circuit Fusing Considerations (t = 8.3 ms) Peak Gate Power -- Forward, TA = 25C Average Gate Power -- Forward, TA = 25C Peak Gate Current -- Forward, TA = 25C (300 s, 120 PPS) Peak Gate Voltage -- Reverse Operating Junction Temperature Range @ Rated VRRM and VDRM Storage Temperature Range Lead Solder Temperature (t 1/16I from case, 10 s max) Symbol VDRM and VRRM Value 100 200 400 600 0.8 10 0.415 0.1 0.01 1 5 -40 to +125 -40 to +150 +230 Amps Amps A2s Watts Watt Amp Volts C C C Unit Volts
IT(RMS) ITSM I2t PGM PGF(AV) IGFM VGRM TJ Tstg --
1. VDRM and VRRM for all types can be applied on a continuous basis. Ratings apply for zero or negative gate voltage; however, positive gate voltage shall not be applied concurrent with negative potential on the anode. Blocking voltages shall not be tested with a constant current source such that the voltage ratings of the devices are exceeded.
Preferred devices are Motorola recommended choices for future use and best overall value.
Motorola Thyristor Device Data (c) Motorola, Inc. 1995
1
MCR100 Series
THERMAL CHARACTERISTICS
Characteristic Thermal Resistance, Junction to Case Thermal Resistance, Junction to Ambient Symbol RJC RJA Max 75 200 Unit C/W C/W
ELECTRICAL CHARACTERISTICS (TC = 25C, RGK = 1 k unless otherwise noted.)
Characteristic Peak Forward or Reverse Blocking Current (VAK = Rated VDRM or VRRM) Forward "On" Voltage(1) (ITM = 1 A Peak @ TA = 25C) Gate Trigger Current (Continuous dc)(2) (Anode Voltage = 7 Vdc, RL = 100 Ohms) Gate Trigger Voltage (Continuous dc) (Anode Voltage = 7 Vdc, RL = 100 Ohms) (Anode Voltage = Rated VDRM, RL = 100 Ohms) Holding Current (Anode Voltage = 7 Vdc, initiating current = 20 mA) TC = 25C TC = 25C TC = -40C TC = 125C TC = 25C TC = -40C TC = 25C TC = 125C VTM IGT VGT Symbol IDRM, IRRM -- -- -- -- -- -- 0.1 -- -- 10 100 1.7 200 0.8 1.2 -- 5 10 Min Max Unit A A Volts A Volts
IH
mA
1. Forward current applied for 1 ms maximum duration, duty cycle 2. RGK current is not included in measurement.
p 1%.
TC, MAXIMUM ALLOWABLE CASE TEMPERATURE ( C)
FIGURE 1 - MCR100-7, MCR100-8 CURRENT DERATING (REFERENCE: CASE TEMPERATURE)
120 = CONDUCTION ANGLE 110 100 90 80 70 60 50 40 0 0.1 0.2 0.3 0.4 0.5 IT(AV), AVERAGE ON-STATE CURRENT (AMP) = 30 60 90 120 180
CASE MEASUREMENT POINT -- CENTER OF FLAT PORTION
FIGURE 2 - MCR100-7, MCR100-8 CURRENT DERATING (REFERENCE: AMBIENT TEMPERATURE)
120 TA , MAXIMUM ALLOWABLE AMBIENT TEMPERATURE ( C) = CONDUCTION ANGLE 100
TYPICAL PRINTED CIRCUIT BOARD MOUNTING
dc
80
60
dc
40 = 30 20 0 0.1 0.2 0.3 0.4 IT(AV), AVERAGE ON-STATE CURRENT (AMP) 60 90 120 180
2
Motorola Thyristor Device Data
MCR100 Series
PACKAGE DIMENSIONS
A R P
SEATING PLANE
B
F
L K
STYLE 10: PIN 1. CATHODE 2. GATE 3. ANODE
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. CONTOUR OF PACKAGE BEYOND DIMENSION R IS UNCONTROLLED. 4. DIMENSION F APPLIES BETWEEN P AND L. DIMENSION D AND J APPLY BETWEEN L AND K MINIMUM. LEAD DIMENSION IS UNCONTROLLED IN P AND BEYOND DIMENSION K MINIMUM. DIM A B C D F G H J K L N P R V INCHES MIN MAX 0.175 0.205 0.170 0.210 0.125 0.165 0.016 0.022 0.016 0.019 0.045 0.055 0.095 0.105 0.015 0.020 0.500 --- 0.250 --- 0.080 0.105 --- 0.100 0.115 --- 0.135 --- MILLIMETERS MIN MAX 4.45 5.20 4.32 5.33 3.18 4.19 0.41 0.55 0.41 0.48 1.15 1.39 2.42 2.66 0.39 0.50 12.70 --- 6.35 --- 2.04 2.66 --- 2.54 2.93 --- 3.43 ---
XX G H V
1
D J C SECTION X-X N N
CASE 29-04 (TO-226AA)
Motorola Thyristor Device Data
3
MCR100 Series
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters can and do vary in different applications. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer.
Literature Distribution Centers: USA: Motorola Literature Distribution; P.O. Box 20912; Phoenix, Arizona 85036. EUROPE: Motorola Ltd.; European Literature Centre; 88 Tanners Drive, Blakelands, Milton Keynes, MK14 5BP, England. JAPAN: Nippon Motorola Ltd.; 4-32-1, Nishi-Gotanda, Shinagawa-ku, Tokyo 141, Japan. ASIA PACIFIC: Motorola Semiconductors H.K. Ltd.; Silicon Harbour Center, No. 2 Dai King Street, Tai Po Industrial Estate, Tai Po, N.T., Hong Kong.
4
*MCR100/D*
Motorola Thyristor Device Data
MCR100/D


▲Up To Search▲   

 
Price & Availability of MCR100-3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X