Part Number Hot Search : 
25NM60 MMBD5819 471M5 R6545AJE 12DB5 0M832 ZXMN2A01 67PR10LF
Product Description
Full Text Search
 

To Download MC10116L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MC10116 Triple Line Receiver
The MC10116 is a triple differential amplifier designed for use in sensing differential signals over long lines. The base bias supply (VBB) is made available at pin 11 to make the device useful as a Schmitt trigger, or in other applications where a stable reference voltage is necessary. Active current sources provide the MC10116 with excellent common mode noise rejection. If any amplifier in a package is not used, one input of that amplifier must be connected to VBB (pin 11) to prevent upsetting the current source bias network. Complementary outputs are provided to allow driving twisted pair lines, to enable cascading of several amplifiers in a chain, or simply to provide complement outputs of the input logic function. * PD = 85 mW typ/pkg (No Load) * tpd = 2.0 ns typ * tr, tf = 2.0 ns typ (20%-80%)
LOGIC DIAGRAM
4 5 9 10 12 13 VBB* 2 3 6 7 14 15 11 VCC1 = PIN 1 VCC2 = PIN 16 VEE = PIN 8 PLCC-20 FN SUFFIX CASE 775
http://onsemi.com MARKING DIAGRAMS
16 CDIP-16 L SUFFIX CASE 620 1 16 PDIP-16 P SUFFIX CASE 648 1 1 10116 AWLYYWW MC10116P AWLYYWW MC10116L AWLYYWW
*VBB to be used to supply bias to the MC10116 only and bypassed (when used) with 0.01 F to 0.1 F capacitor to ground (0 V). VBB can source < 1.0 mA. When the input pin with the bubble goes positive, the output pin with the bubble goes positive.
A WL YY WW
= Assembly Location = Wafer Lot = Year = Work Week
ORDERING INFORMATION DIP PIN ASSIGNMENT
VCC1 AOUT AOUT AIN AIN BOUT BOUT VEE 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 VCC2 COUT COUT CIN CIN VBB BIN BIN Device MC10116L MC10116P MC10116FN Package CDIP-16 PDIP-16 PLCC-20 Shipping 25 Units / Rail 25 Units / Rail 46 Units / Rail
Pin assignment is for Dual-in-Line Package. For PLCC pin assignment, see the Pin Conversion Tables on page 18 of the ON Semiconductor MECL Data Book (DL122/D).
(c) Semiconductor Components Industries, LLC, 2002
1
January, 2002 - Rev. 7
Publication Order Number: MC10116/D
MC10116
ELECTRICAL CHARACTERISTICS
Test Limits Pin Under Test 8 4 4 2 3 2 3 2 3 2 3 11 -1.420 -1.060 -1.060 -1.890 -1.890 -1.080 -1.080 -1.655 -1.655 -1.280 -1.350 -30C Min Max 23 150 1.5 -0.890 -0.890 -1.675 -1.675 -0.960 -0.960 -1.850 -1.850 -0.980 -0.980 -1.630 -1.630 -1.230 -1.295 Min +25C Typ 17 Max 21 95 1.0 -0.810 -0.810 -1.650 -1.650 -0.890 -0.890 -1.825 -1.825 -0.910 -0.910 -1.595 -1.595 -1.150 Min +85C Max 23 95 1.0 -0.700 -0.700 -1.615 -1.615 Unit mAdc Adc Adc Vdc Vdc Vdc Vdc Vdc ns t4+2+ t4-2- t4+3- t4-3+ t2+ t3+ t2- t3- 2 2 3 3 2 3 2 3 1.0 1.0 1.0 1.0 1.1 1.1 1.1 1.1 3.1 3.1 3.1 3.1 3.6 3.6 3.6 3.6 1.0 1.0 1.0 1.0 1.1 1.1 1.1 1.1 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.9 2.9 2.9 2.9 3.3 3.3 3.3 3.3 1.0 1.0 1.0 1.0 1.1 1.1 1.1 1.1 3.3 3.3 3.3 3.3 3.7 3.7 3.7 3.7
Characteristic Power Supply Drain Current Input Current
Symbol IE IinH ICBO
Output Voltage Output Voltage Threshold Voltage Threshold Voltage Reference Voltage
Logic 1 Logic 0 Logic 1 Logic 0
VOH VOL VOHA VOLA VBB
Switching Times (50 Load) Propagation Delay
Rise Time Fall Time
(20 to 80%) (20 to 80%)
http://onsemi.com
2
MC10116
ELECTRICAL CHARACTERISTICS (continued)
TEST VOLTAGE VALUES (Volts) @ Test Temperature -30C +25C +85C Pin Under Test 8 4 4 2 3 2 3 2 3 2 3 11 Pulse In t4+2+ t4-2- t4+3- t4-3+ (20 to 80%) (20 to 80%) t2+ t3+ t2- t3- 2 2 3 3 2 3 2 3 4 4 4 4 4 4 4 4
Pulse Out
VIHmax -0.890 -0.810 -0.700
VILmin -1.890 -1.850 -1.825
VIHAmin -1.205 -1.105 -1.035
VILAmax -1.500 -1.475 -1.440
VBB From Pin 11
VEE -5.2 -5.2 -5.2 (VCC) Gnd 1, 16 1, 16 1, 16 1, 16 1, 16 1, 16 1, 16 1, 16 1, 16 1, 16 1, 16 1, 16 +2.0 V 1, 16 1, 16 1, 16 1, 16 1, 16 1, 16 1, 16 1, 16
TEST VOLTAGE APPLIED TO PINS LISTED BELOW VIHmax VILmin 4, 9, 12 4 9, 12 9, 12 4 9, 12 9, 12 4 9, 12 9, 12 9, 12 4 9, 12 4 4 9, 12 9, 12 4 4 4 VIHAmin VILAmax VBB 5, 10, 13 5, 10, 13 5, 10, 13 5, 10, 13 5, 10, 13 5, 10, 13 5, 10, 13 5, 10, 13 5, 10, 13 5, 10, 13 5, 10, 13 5, 10, 13 VEE 8 8 8,4 8 8 8 8 8 8 8 8 8 -3.2 V 5, 10, 13 5, 10, 13 5, 10, 13 5, 10, 13 5, 10, 13 5, 10, 13 5, 10, 13 5, 10, 13 8 8 8 8 8 8 8 8
Characteristic Power Supply Drain Current Input Current
Symbol IE IinH ICBO
Output Voltage Output Voltage Threshold Voltage Threshold Voltage Reference Voltage Switching Times Propagation Delay
Logic 1 Logic 0 Logic 1 Logic 0
VOH VOL VOHA VOLA VBB
(50 Load)
2 2 3 3 2 3 2 3
Rise Time Fall Time
Each MECL 10,000 series circuit has been designed to meet the dc specifications shown in the test table, after thermal equilibrium has been established. The circuit is in a test socket or mounted on a printed circuit board and transverse air flow greater than 500 linear fpm is maintained. Outputs are terminated through a 50-ohm resistor to -2.0 volts. Test procedures are shown for only one gate. The other gates are tested in the same manner.
http://onsemi.com
3
MC10116
PACKAGE DIMENSIONS
PLCC-20 FN SUFFIX PLASTIC PLCC PACKAGE CASE 775-02 ISSUE C
B -N- Y BRK D -L- -M- W D X V A Z R 0.007 (0.180) 0.007 (0.180)
M
0.007 (0.180) U
M
T L-M
M
S
N
S S
0.007 (0.180)
T L-M
N
S
Z
20
1
G1
0.010 (0.250)
S
T L-M
S
N
S
VIEW D-D T L-M T L-M
S
N N
S
H
0.007 (0.180)
M
T L-M
S
N
S
M
S
S
K1 K
C
E 0.004 (0.100) G G1 0.010 (0.250) S T L-M J -T-
SEATING PLANE
F VIEW S
NOTES: 1. DATUMS -L-, -M-, AND -N- DETERMINED WHERE TOP OF LEAD SHOULDER EXITS PLASTIC BODY AT MOLD PARTING LINE. 2. DIMENSION G1, TRUE POSITION TO BE MEASURED AT DATUM -T-, SEATING PLANE. 3. DIMENSIONS R AND U DO NOT INCLUDE MOLD FLASH. ALLOWABLE MOLD FLASH IS 0.010 (0.250) PER SIDE. 4. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 5. CONTROLLING DIMENSION: INCH. 6. THE PACKAGE TOP MAY BE SMALLER THAN THE PACKAGE BOTTOM BY UP TO 0.012 (0.300). DIMENSIONS R AND U ARE DETERMINED AT THE OUTERMOST EXTREMES OF THE PLASTIC BODY EXCLUSIVE OF MOLD FLASH, TIE BAR BURRS, GATE BURRS AND INTERLEAD FLASH, BUT INCLUDING ANY MISMATCH BETWEEN THE TOP AND BOTTOM OF THE PLASTIC BODY. 7. DIMENSION H DOES NOT INCLUDE DAMBAR PROTRUSION OR INTRUSION. THE DAMBAR PROTRUSION(S) SHALL NOT CAUSE THE H DIMENSION TO BE GREATER THAN 0.037 (0.940). THE DAMBAR INTRUSION(S) SHALL NOT CAUSE THE H DIMENSION TO BE SMALLER THAN 0.025 (0.635).
0.007 (0.180)
M
T L-M
S
N
S
VIEW S
S
N
S
DIM A B C E F G H J K R U V W X Y Z G1 K1
INCHES MIN MAX 0.385 0.395 0.385 0.395 0.165 0.180 0.090 0.110 0.013 0.019 0.050 BSC 0.026 0.032 0.020 --0.025 --0.350 0.356 0.350 0.356 0.042 0.048 0.042 0.048 0.042 0.056 --0.020 2_ 10 _ 0.310 0.330 0.040 ---
MILLIMETERS MIN MAX 9.78 10.03 9.78 10.03 4.20 4.57 2.29 2.79 0.33 0.48 1.27 BSC 0.66 0.81 0.51 --0.64 --8.89 9.04 8.89 9.04 1.07 1.21 1.07 1.21 1.07 1.42 --0.50 2_ 10 _ 7.88 8.38 1.02 ---
http://onsemi.com
4
MC10116
PACKAGE DIMENSIONS
CDIP-16 L SUFFIX CERAMIC DIP PACKAGE CASE 620-10 ISSUE T
-A-
16 9
-B-
1 8
C
L
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION L TO CENTER OF LEAD WHEN FORMED PARALLEL. 4. DIMENSION F MAY NARROW TO 0.76 (0.030) WHERE THE LEAD ENTERS THE CERAMIC BODY. DIM A B C D E F G H K L M N INCHES MIN MAX 0.750 0.785 0.240 0.295 --0.200 0.015 0.020 0.050 BSC 0.055 0.065 0.100 BSC 0.008 0.015 0.125 0.170 0.300 BSC 0_ 15 _ 0.020 0.040 MILLIMETERS MIN MAX 19.05 19.93 6.10 7.49 --5.08 0.39 0.50 1.27 BSC 1.40 1.65 2.54 BSC 0.21 0.38 3.18 4.31 7.62 BSC 0_ 15 _ 0.51 1.01
-T-
SEATING PLANE
N E F D G
16 PL
K M J
16 PL
0.25 (0.010)
M
M
TB
S
0.25 (0.010)
TA
S
-A-
16 9
PDIP-16 P SUFFIX PLASTIC DIP PACKAGE CASE 648-08 ISSUE R
B
1
8
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION L TO CENTER OF LEADS WHEN FORMED PARALLEL. 4. DIMENSION B DOES NOT INCLUDE MOLD FLASH. 5. ROUNDED CORNERS OPTIONAL. DIM A B C D F G H J K L M S INCHES MIN MAX 0.740 0.770 0.250 0.270 0.145 0.175 0.015 0.021 0.040 0.70 0.100 BSC 0.050 BSC 0.008 0.015 0.110 0.130 0.295 0.305 0_ 10 _ 0.020 0.040 MILLIMETERS MIN MAX 18.80 19.55 6.35 6.85 3.69 4.44 0.39 0.53 1.02 1.77 2.54 BSC 1.27 BSC 0.21 0.38 2.80 3.30 7.50 7.74 0_ 10 _ 0.51 1.01
F S
C
L
-T- H G D
16 PL
SEATING PLANE
K
J TA
M
M
0.25 (0.010)
M
http://onsemi.com
5
MC10116
Notes
http://onsemi.com
6
MC10116
Notes
http://onsemi.com
7
MC10116
ON Semiconductor and are trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer.
PUBLICATION ORDERING INFORMATION
Literature Fulfillment: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: ONlit@hibbertco.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada JAPAN: ON Semiconductor, Japan Customer Focus Center 4-32-1 Nishi-Gotanda, Shinagawa-ku, Tokyo, Japan 141-0031 Phone: 81-3-5740-2700 Email: r14525@onsemi.com ON Semiconductor Website: http://onsemi.com For additional information, please contact your local Sales Representative.
http://onsemi.com
8
MC10116/D


▲Up To Search▲   

 
Price & Availability of MC10116L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X