Part Number Hot Search : 
PIPXXX 7809A A8012 ADM1067 SEL6015 N4937 250007MA 1N1343
Product Description
Full Text Search
 

To Download MAX3377E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 19-2328; Rev 2; 10/02
15kV ESD-Protected, 1A, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP
General Description
The MAX3372E-MAX3379E and MAX3390E-MAX3393E 15kV ESD-protected level translators provide the level shifting necessary to allow data transfer in a multivoltage system. Externally applied voltages, VCC and VL, set the logic levels on either side of the device. A low-voltage logic signal present on the VL side of the device appears as a high-voltage logic signal on the VCC side of the device, and vice-versa. The MAX3374E/MAX3375E/ MAX3376E/MAX3379E and MAX3390E-MAX3393E unidirectional level translators level shift data in one direction (VL VCC or VCC VL) on any single data line. The MAX3372E/MAX3373E and MAX3377E/MAX3378E bidirectional level translators utilize a transmission-gatebased design (Figure 2) to allow data translation in either direction (V L V CC ) on any single data line. The MAX3372E-MAX3379E and MAX3390E-MAX3393E accept VL from +1.2V to +5.5V and VCC from +1.65V to +5.5V, making them ideal for data transfer between lowvoltage ASICs/PLDs and higher voltage systems. All devices in the MAX3372E-MAX3379E, MAX3390E- MAX3393E family feature a three-state output mode that reduces supply current to less than 1A, thermal shortcircuit protection, and 15kV ESD protection on the VCC side for greater protection in applications that route signals externally. The MAX3372E/MAX3377E operate at a guaranteed data rate of 230kbps. Slew-rate limiting reduces EMI emissions in all 230kbps devices. The MAX3373E-MAX3376E/MAX3378E/MAX3379E and MAX3390E-MAX3393E operate at a guaranteed data rate of 8Mbps over the entire specified operating voltage range. Within specific voltage domains, higher data rates are possible. (See Timing Characteristics.) The MAX3372E-MAX3376E are dual level shifters available in 3 x 3 UCSPTM and 8-pin SOT23-8 packages. The MAX3377E/MAX3378E/MAX3379E and MAX3390E-MAX3393E are quad level shifters available in 3 x 4 UCSP and 14-pin TSSOP packages.
Features
o Guaranteed Data Rate Options 230kbps 8Mbps (+1.2V VL VCC +5.5V) 10Mbps (+1.2V VL VCC +3.3V) 16Mbps (+1.8V VL VCC +2.5V and +2.5V VL VCC +3.3V) o Bidirectional Level Translation (MAX3372E/MAX3373E and MAX3377E/MAX3378E) o Operation Down to +1.2V on VL o 15kV ESD Protection on I/O VCC Lines o Ultra-Low 1A Supply Current in Three-State Output Mode o Low-Quiescent Current (130A typ) o UCSP, SOT, and TSSOP Packages o Thermal Short-Circuit Protection
MAX3372E-MAX3379E/MAX3390E-MAX3393E
Ordering Information
PART NUMBER MAX3372EEKA-T TEMP RANGE -40C to +85C PINPACKAGE 8 SOT23-8
Ordering Information continued at end of data sheet. Selector Guide appears at end of data sheet.
UCSP is a trademark of Maxim Integrated Products, Inc. SPI is a trademark of Motorola, Inc. I2C is a trademark of Phillips Corp. MICROWIRE is a trademark of National Semiconductor Corp.
Pin Configurations
________________________Applications
SPITM, MICROWIRETM, and I2CTM Level Translation Low-Voltage ASIC Level Translation Smart Card Readers Cell-Phone Cradles Portable POS Systems Portable Communication Devices Low-Cost Serial Interfaces Cell Phones GPS Telecommunications Equipment
I/O VCC2 1 8 I/O VCC1 7 VCC 6 THREE-STATE 5 I/O VL1 GND 2 VL 3
MAX3372E/ MAX3373E
I/O VL2 4
SOT23-8 TOP VIEW
Pin Configurations continued at end of data sheet. 1
________________________________________________________________ Maxim Integrated Products
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at 1-888-629-4642, or visit Maxim's website at www.maxim-ic.com.
15kV ESD-Protected, 1A, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP MAX3372E-MAX3379E/MAX3390E-MAX3393E
ABSOLUTE MAXIMUM RATINGS
All Voltages Referenced to GND VCC ...........................................................................-0.3V to +6V I/O VCC_......................................................-0.3V to (VCC + 0.3V) I/O VL_ ...........................................................-0.3V to (VL + 0.3V) THREE-STATE...............................................-0.3V to (VL + 0.3V) Short-Circuit Duration I/O VL, I/O VCC to GND...........Continuous Short-Circuit Duration I/O VL or I/O VCC to GND Driven from 40mA Source (except MAX3372E and MAX3377E) .....................Continuous Continuous Power Dissipation (TA = +70C) 8-Pin SOT23 (derate 8.9mW/C above +70C)...........714mW 3 x 3 UCSP (derate 4.7mW/C above +70C) ............379mW 3 x 4 UCSP (derate 6.5mW/C above +70C) ............579mW 14-Pin TSSOP (derate 9.1mW/C above +70C) ........727mW Operating Temperature Range ...........................-40C to +85C Storage Temperature Range .............................-65C to +150C Lead Temperature (soldering, 10s) .................................+300C
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS
(VCC = +1.65V to +5.5V, VL = +1.2V to (VCC + 0.3V), GND = 0, I/O VL_ and I/O VCC_ unconnected, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = +3.3V, VL = +1.8V, TA = +25C.) (Notes 1, 2)
PARAMETER POWER SUPPLIES VL Supply Range VCC Supply Range Supply Current from VCC Supply Current from VL VCC Three-State Output Mode Supply Current VL Three-State Output Mode Supply Current Three-State Output Mode Leakage Current I/O VL_ and I/O VCC_ THREE-STATE Pin Input Leakage ESD PROTECTION IEC 1000-4-2 Air-Gap Discharge I/O VCC (Note 3) IEC 1000-4-2 Contact Discharge Human Body Model LOGIC-LEVEL THRESHOLDS (MAX3372E/MAX3377E) I/O VL_ Input Voltage High Threshold I/O VL_ Input Voltage Low Threshold VIHL VILL 0.15 VL - 0.2 V V 8 8 15 kV VL VCC IQVCC IQVL ITHREE-STATE-VCC ITHREE-STATE-VL TA = +25C, THREE-STATE = GND TA = +25C, THREE-STATE = GND 1.2 1.65 130 16 0.03 0.03 5.5 5.50 300 100 1 1 V V A A A A SYMBOL CONDITIONS MIN TYP MAX UNITS
ITHREE-STATE-LKG
TA = +25C, THREE-STATE = GND TA = +25C
0.02 0.02
1 1
A A
2
_______________________________________________________________________________________
15kV ESD-Protected, 1A, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +1.65V to +5.5V, VL = +1.2V to (VCC + 0.3V), GND = 0, I/O VL_ and I/O VCC_ unconnected, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = +3.3V, VL = +1.8V, TA = +25C.) (Notes 1, 2)
PARAMETER I/O VCC_ Input Voltage High Threshold I/O VCC_ Input Voltage Low Threshold I/O VL_ Output Voltage High I/O VL_ Output Voltage Low I/O VCC_ Output Voltage High I/O VCC_ Output Voltage Low THREE-STATE Input Voltage High Threshold THREE-STATE Input Voltage Low Threshold SYMBOL VIHC VILC VOHL VOLL VOHC VOLC VIL-THREE-STATE VIL-THREE-STATE 0.15 I/O VL_ source current = 20A, I/O VCC_ > VCC - 0.4V I/O VL_ sink current = 20A, I/O VCC_ < 0.15V I/O VCC_ source current = 20A, I/O VL _ > VL - 0.2V I/O VCC_ sink current = 20A, I/O VL_ < 0.15V 0.67 VCC 0.4 VL - 0.2 0.15 0.67 VL 0.4 CONDITIONS MIN TYP MAX UNITS V V V V V V V V
MAX3372E-MAX3379E/MAX3390E-MAX3393E
VCC - 0.4
LOGIC-LEVEL THRESHOLDS (MAX3373E-MAX3376E/MAX3378E/MAX3379E and MAX3390E-MAX3393E) I/O VL_ Input Voltage High Threshold I/O VL_ Input Voltage Low Threshold I/O VCC_ Input Voltage High Threshold I/O VCC_ Input Voltage Low Threshold I/O VL_ Output Voltage High I/O VL_ Output Voltage Low I/O VCC_ Output Voltage High I/O VCC_ Output Voltage Low THREE-STATE Input Voltage High Threshold THREE-STATE Input Voltage Low Threshold VIHL VILL VIHC VILC VOHL VOLL VOHC VOLC VIH-THREE-STATE VIL-THREE-STATE 0.15 I/O VL_ source current = 20A, I/O VCC_ VCC - 0.4V I/O VL_ sink current = 1mA, I/O VCC_ 0.15V I/O VCC_ source current = 20A, I/O VL_ VL - 0.2V I/O VCC_ sink current = 1mA, I/O VL_ 0.15V 0.67 VCC 0.4 VL - 0.2 0.15 0.67 VL 0.4 0.15 VCC - 0.4 VL - 0.2 V V V V V V V V V V
_______________________________________________________________________________________
3
15kV ESD-Protected, 1A, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP MAX3372E-MAX3379E/MAX3390E-MAX3393E
TIMING CHARACTERISTICS
(VCC = +1.65V to +5.5V, VL = +1.2V to (VCC + 0.3V), GND = 0, RLOAD = 1M, I/O test signal of Figure 1, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = +3.3V, VL = +1.8V, TA = +25C, unless otherwise noted.) (Notes 1, 2)
PARAMETER I/O VCC_ Rise Time (Note 4) I/O VCC_ Fall Time (Note 5) I/O VL _ Rise Time (Note 4) I/O VL _ Fall Time (Note 5) Propagation Delay Channel-to-Channel Skew Maximum Data Rate SYMBOL tRVCC tFVCC tRVL tFVL I/OVL-VCC I/OVCC-VL tSKEW Driving I/O VL _ Driving I/O VCC_ Each translator equally loaded CL = 25pF 230 CONDITIONS MIN TYP 1100 1000 600 1100 1.6 1.6 500 MAX UNITS ns ns ns ns s ns kbps MAX3372E/MAX3377E (CLOAD = 50pF)
MAX3373E-MAX3376E/MAX3378E/MAX3379E and MAX3390E-MAX3393E (CLOAD = 15pF, Driver Output Impedance 50) +1.2V VL VCC +5.5V I/O VCC_ Rise Time (Note 4) I/O VCC_ Fall Time (Note 5) I/O VL _ Rise Time (Note 4) I/O VL _ Fall Time (Note 5) tRVCC tFVCC tRVL tLFV I/OVL-VCC Propagation Delay I/OVCC-VL Channel-to-Channel Skew Maximum Data Rate tSKEW Driving I/O VCC_ Each translator equally loaded Open-drain driving 7 Open-drain driving Open-drain driving Open-drain driving Open-drain driving Driving I/O VL _ Open-drain driving Open-drain driving Open-drain driving 8 500 170 6 20 8 180 3 30 5 210 4 190 25 400 37 50 30 400 30 60 30 1000 30 1000 20 50 ns Mbps kbps ns ns ns ns ns
4
_______________________________________________________________________________________
15kV ESD-Protected, 1A, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP
TIMING CHARACTERISTICS (continued)
(VCC = +1.65V to +5.5V, VL = +1.2V to (VCC + 0.3V), GND = 0, RLOAD = 1M, I/O test signal of Figure 1, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = +3.3V, VL = +1.8V, TA = +25C, unless otherwise noted.) (Notes 1, 2)
PARAMETER +1.2V VL VCC +3.3V I/O VCC_ Rise Time (Note 4) I/O VCC_ Fall Time (Note 5) I/O VL _ Rise Time (Note 4) I/O VL _ Fall Time (Note 5) Propagation Delay Channel-to-Channel Skew Maximum Data Rate +2.5V VL VCC +3.3V I/O VCC_ Rise Time (Note 4) I/O VCC_ Fall Time (Note 5) I/O VL _ Rise Time (Note 4) I/O VL _ Fall Time (Note 5) Propagation Delay Channel-to-Channel Skew Maximum Data Rate +1.8V VL VCC +2.5V I/O VCC_ Rise Time (Note 4) I/O VCC_ Fall Time (Note 5) I/O VL _ Rise Time (Note 4) I/O VL _ Fall Time (Note 5) Propagation Delay Channel-to-Channel Skew Maximum Data Rate tRVCC tFVCC tRVL tFVL I/OVL-VCC I/OVCC-VL tSKEW Driving I/O VL _ Driving I/O VCC_ Each translator equally loaded 16 15 15 15 15 15 15 10 ns ns ns ns ns ns Mbps tRVCC tFVCC tRVL tFVL I/OVL-VCC I/OVCC-VL tSKEW Driving I/O VL _ Driving I/O VCC_ Each translator equally loaded 16 15 15 15 15 15 15 10 ns ns ns ns ns ns Mbps tRVCC tFVCC tRVL tFVL I/OVL-VCC I/OVCC-VL tSKEW Driving I/O VL _ Driving I/O VCC_ Each translator equally loaded 10 25 30 30 30 20 20 10 ns ns ns ns ns ns Mbps SYMBOL CONDITIONS MIN TYP MAX UNITS
MAX3372E-MAX3379E/MAX3390E-MAX3393E
Note 1: All units are 100% production tested at TA = +25C. Limits over the operating temperature range are guaranteed by design and not production tested. Note 2: For normal operation, ensure VL < (VCC + 0.3V). During power-up, VL > (VCC + 0.3V) will not damage the device. Note 3: To ensure maximum ESD protection, place a 1F capacitor between VCC and GND. See Applications Circuits. Note 4: 10% to 90% Note 5: 90% to 10%
_______________________________________________________________________________________
5
15kV ESD-Protected, 1A, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP MAX3372E-MAX3379E/MAX3390E-MAX3393E
Typical Operating Characteristics
(RL = 1M, TA = +25C, unless otherwise noted. All 230kbps TOCs apply to MAX3372E/MAX3377E only. All 8Mbps and 500kbps TOCs apply to MAX3373E-MAX3376E/MAX3378E/MAX3379E and MAX3390E-MAX3393E only.)
VL SUPPLY CURRENT vs. SUPPLY VOLTAGE (DRIVING I/O VL, VCC = +3.3V, VL = +1.8V)
MAX3372E toc01
VCC SUPPLY CURRENT vs. SUPPLY VOLTAGE (DRIVING I/O VL, VCC = +3.3V, VL = +1.8V)
MAX3372E toc02
VL SUPPLY CURRENT vs. TEMPERATURE (DRIVING I/O VCC, VCC = +3.3V, VL = +1.8V)
350 SUPPLY CURRENT (A) 300 8Mbps, CLOAD = 15pF 250 200 150 100 50 0 230kbps, CLOAD = 50pF 500kbps, OPEN-DRAIN, CLOAD = 15pF
MAX3372E toc03
600 500 SUPPLY CURRENT (A) 400 300 200 100 0 1.65 2.20 2.75 3.30 3.85 4.40 4.95 500kbps, OPEN-DRAIN, CLOAD = 15pF 230kbps, CLOAD = 50pF
3.5 3.0 SUPPLY CURRENT (mA) 500kbps, OPEN-DRAIN, CLOAD = 15pF 2.5 2.0 8Mbps, CLOAD = 15pF 1.5 1.0 0.5 0 230kbps, CLOAD = 50pF
400
8Mbps, CLOAD = 15pF
5.50
1.65
2.20
2.75
3.30
3.85
4.40
4.95
5.50
-40
-15
10
35
60
85
VCC (V)
VCC (V)
TEMPERATURE (C)
VCC SUPPLY CURRENT vs. TEMPERATURE (DRIVING I/O VCC, VCC = +3.3V, VL = +1.8V)
MAX3372E toc04
VL SUPPLY CURRENT vs. CAPACITIVE LOAD (DRIVING I/O VL, VCC = +3.3V, VL = +1.8V)
MAX3372E toc05
VCC SUPPLY CURRENT vs. CAPACITIVE LOAD (DRIVING I/O VL, VCC = +3.3V, VL = +1.8V)
MAX3372E toc06
1600 1400 SUPPLY CURRENT (A) 1200 8Mbps, CLOAD = 15pF 1000 800 600 400 200 0 -40 -15 10 35 60 230kbps, CLOAD = 50pF 500kbps, OPEN-DRAIN, CLOAD = 15pF
350 300 SUPPLY CURRENT (A) 250 200 150 100 50 0 230kbps 500kbps, OPEN-DRAIN
2500
8Mbps
2000 SUPPLY CURRENT (A) 8Mbps
1500
1000
500kbps, OPEN-DRAIN 230kbps
500
0 10 25 40 55 70 85 100 10 25 40 55 70 85 100 CAPACITIVE LOAD (pF) CAPACITIVE LOAD (pF)
85
TEMPERATURE (C)
RISE/FALL TIME vs. CAPACITIVE LOAD (DRIVING I/O VL, VCC = +3.3V, VL = +1.8V)
MAX3372E toc07
RISE/FALL TIME vs. CAPACITIVE LOAD (DRIVING I/O VL, VCC = +3.3V, VL = +1.8V)
MAX3372E toc08
RISE/FALL TIME vs. CAPACITIVE LOAD (DRIVING I/O VL, VCC = +3.3V, VL = +1.8V)
MAX3372E toc09
2500
18 16 14 RISE/FALL TIME (ns) 12 10 8 6 4 DATA RATE = 8Mbps tHL tLH
250 tLH
2000 RISE/FALL TIME (ns)
200 RISE/FALL TIME (ns)
1500
tLH
150 DATA RATE = 500kbps, OPEN-DRAIN tHL
1000 DATA RATE = 230kbps 500 tHL 0 20 30 40 50 60 70 80 90 100 CAPACITIVE LOAD (pF)
100
50
2 0 10 15 20 25 30 35 40 45 50 CAPACITIVE LOAD (pF) 0 10 15 20 25 30 35 40 45 50 CAPACITIVE LOAD (pF)
6
_______________________________________________________________________________________
15kV ESD-Protected, 1A, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP
Typical Operating Characteristics (continued)
(RL = 1M, TA = +25C, unless otherwise noted. All 230kbps TOCs apply to MAX3372E/MAX3377E only. All 8Mbps and 500kbps TOCs apply to MAX3373E-MAX3376E/MAX3378E/MAX3379E and MAX3390E-MAX3393E only.)
PROPAGATION DELAY vs. CAPACITIVE LOAD (DRIVING I/O VL, VCC = +3.3V, VL = +1.8V)
MAX3372E toc10
MAX3372E-MAX3379E/MAX3390E-MAX3393E
PROPAGATION DELAY vs. CAPACITIVE LOAD (DRIVING I/O VL, VCC = +3.3V, VL = +1.8V)
MAX3372E toc11
PROPAGATION DELAY vs. CAPACITIVE LOAD (DRIVING I/O VL, VCC = +3.3V, VL = +1.8V)
tPLH
MAX3372E toc12
700 600 PROPAGATION DELAY (ns) 500 400 300 200 DATA RATE = 230kbps 100 0 20 30 40 50 60 70 80 90 tPLH tPHL
15 DATA RATE = 8Mbps PROPAGATION DELAY (ns) 12 tPHL 9
300 250 PROPAGATION DELAY (ns) 200 150 100 50 tPHL DATA RATE = 500kbps, OPEN-DRAIN
6
3 tPLH 0 100 10 15 20 25 30 35 40 45 50
0 10 15 20 25 30 35 40 45 50 CAPACITIVE LOAD (pF) CAPACITIVE LOAD (pF)
CAPACITIVE LOAD (pF)
RISE/FALL TIME vs. CAPACITIVE LOAD (DRIVING I/O VL, VCC = +2.5V, VL = +1.8V)
MAX3372E toc13
RISE/FALL TIME vs. CAPACITIVE LOAD (DRIVING I/O VL, VCC = +2.5V, VL = +1.8V)
MAX3372E toc14
RISE/FALL TIME vs. CAPACITIVE LOAD (DRIVING I/O VCC, VCC = +2.5V, VL = +1.8V)
tLH 250 RISE/FALL TIME (ns) 200 150 100 tHL 50 0 DATA RATE = 500kbps, OPEN-DRAIN
MAX3372E toc15
2500
14 DATA RATE = 8Mbps 12 RISE/FALL TIME (ns) 10 8 6 4 2 0 tHL tLH
300
2000 RISE/FALL TIME (ns) tLH 1500
1000 DATA RATE = 230kbps 500 tHL 0 20 30 40 50 60 70 80 90 100 CAPACITIVE LOAD (pF)
10
15
20
25
30
35
40
45
50
10
15
20
25
30
35
40
45
50
CAPACITIVE LOAD (pF)
CAPACITIVE LOAD (pF)
RISE/FALL TIME vs. CAPACITIVE LOAD (DRIVING I/O VCC, VCC = +3.3V, VL = +1.8V)
MAX3372E toc16
RISE/FALL TIME vs. CAPACITIVE LOAD (DRIVING I/O VCC, VCC = +3.3V, VL = +1.8V)
MAX3372E toc17
RISE/FALL TIME vs. CAPACITIVE LOAD (DRIVING I/O VCC, VCC = +3.3V, VL = +1.8V)
MAX3372E toc18
2500 DATA RATE = 230kbps 2000 RISE/FALL TIME (ns) tHL
12 DATA RATE = 8Mbps 10 RISE/FALL TIME (ns) 8 6 4 2 tHL tLH
300 250 RISE/FALL TIME (ns) 200 150 100 tHL 50 0 DATA RATE = 500kbps, OPEN-DRAIN tLH
1500
1000
500 tLH 20 30 40 50 60 70 80 90 100
0
0 10 15 20 25 30 35 40 45 50 CAPACITIVE LOAD (pF)
10
15
20
25
30
35
40
45
50
CAPACITIVE LOAD (pF)
CAPACITIVE LOAD (pF)
_______________________________________________________________________________________
7
15kV ESD-Protected, 1A, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP MAX3372E-MAX3379E/MAX3390E-MAX3393E
Typical Operating Characteristics (continued)
(RL = 1M, TA = +25C, unless otherwise noted. All 230kbps TOCs apply to MAX3372E/MAX3377E only. All 8Mbps and 500kbps TOCs apply to MAX3373E-MAX3376E/MAX3378E/MAX3379E and MAX3390E-MAX3393E only.)
PROPAGATION DELAY vs. CAPACITIVE LOAD (DRIVING I/O VCC, VCC = +3.3V, VL = +1.8V)
MAX3372E toc19
PROPAGATION DELAY vs. CAPACITIVE LOAD (DRIVING I/O VCC, VCC = +3.3V, VL = +1.8V)
DATA RATE = 8Mbps 5 PROPAGATION DELAY (ns) tPHL 4 3 2 1 0 tPLH
MAX3372E toc20
PROPAGATION DELAY vs. CAPACITIVE LOAD (DRIVING I/O VCC, VCC = +3.3V, VL = +1.8V)
MAX3372E toc21
700 600 PROPAGATION DELAY (ns) 500 400 300 200 100 0 20 30 40 50 60 70 80 90 tPHL tPHL DATA RATE = 230kbps
6
300 250 PROPAGATION DELAY (ns) 200 150 100 tPHL 50 0 DATA RATE = 500kbps, OPEN-DRAIN
tPLH
100
10
15
20
25
30
35
40
45
50
10
15
20
25
30
35
40
45
50
CAPACITIVE LOAD (pF)
CAPACITIVE LOAD (pF)
CAPACITIVE LOAD (pF)
RISE/FALL TIME vs. CAPACITIVE LOAD (DRIVING I/O VCC, VCC = +2.5V, VL = +1.8V)
MAX3372E toc22
RISE/FALL TIME vs. CAPACITIVE LOAD (DRIVING I/O VCC, VCC = +2.5V, VL = +1.8V)
MAX3372E toc23
RISE/FALL TIME vs. CAPACITIVE LOAD (DRIVING I/O VCC, VCC = +2.5V, VL = +1.8V)
300 RISE/FALl TIME (ns) 250 200 tLH 150 100 DATA RATE = 500kbps, OPEN-DRAIN
MAX3373E toc24
2500 DATA RATE = 230kbps 2000 RISE/FALL TIME (ns)
12 DATA RATE = 8Mbps 10 RISE/FALL TIME (ns) 8 tLH 6 4 2 tHL
350
1500
tHL
1000
500 tLH 0 20 30 40 50 60 70 80 90 100 CAPACITIVE LOAD (pF)
tHL 50 0
0 10 20 30 40 50 CAPACITIVE LOAD (pF)
10
20
30
40
50
CAPACITIVE LOAD (pF)
RAIL-TO-RAIL DRIVING (DRIVING I/O VL, VCC = +3.3V, VL = +1.8V, CL = 50pF, DATA RATE = 230kbps)
MAX3372E toc25
RAIL-TO-RAIL DRIVING (DRIVING I/O VL, VCC = +3.3V, VL = +1.8V, CL = 15pF, DATA RATE = 8Mbps)
MAX3372E toc26
I/O VL_
1V/div
I/O VL_
1V/div
I/O VCC_
2V/div
I/O VCC_
2V/div
1s/div
200ns/div
8
_______________________________________________________________________________________
15kV ESD-Protected, 1A, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP
Typical Operating Characteristics (continued)
(RL = 1M, TA = +25C, unless otherwise noted. All 230kbps TOCs apply to MAX3372E/MAX3377E only. All 8Mbps and 500kbps TOCs apply to MAX3373E-MAX3376E/MAX3378E/MAX3379E and MAX3390E-MAX3393E only.)
OPEN-DRAIN DRIVING (DRIVING I/O VL, VCC = +3.3V, VL = +1.8V, CL = 15pF, DATA RATE = 500kbps)
MAX3372E toc27
MAX3372E-MAX3379E/MAX3390E-MAX3393E
EXITING THREE-STATE OUTPUT MODE (VCC = +3.3V, VL = +1.8V, CL = 50pF)
MAX3372E toc28
2V/div I/O VCC_
I/O VL_
1V/div I/O VL_
1V/div
I/O VCC_
2V/div 1V/div THREE-STATE
200ns/div
2s/div
Pin Description
PIN 3x4 UCSP A1 A2 A3 A4 B1 B2 TSSOP 2 3 4 5 14 1 SOT23-8 5 4 -- -- 7 3 3x3 UCSP C2 C3 -- -- A1 C1 NAME I/O VL1 I/O VL2 I/O VL3 I/O VL4 VCC VL FUNCTION Input/Output 1. Referenced to VL. (Note 6) Input/Output 2. Referenced to VL. (Note 6) Input/Output 3. Referenced to VL. (Note 6) Input/Output 4. Referenced to VL. (Note 6) VCC Input Voltage +1.65V VCC +5.5V. Logic Input Voltage +1.2V VL (VCC + 0.3V) Three-State Output Mode Enable. Pull THREE-STATE low to place device in three-state output mode. I/O VCC_ and I/O VL_ are high impedance in three-state output mode. NOTE: Logic referenced to VL (for logic thresholds see Electrical Characteristics). Ground Input/Output 1. Referenced to VCC. (Note 6) Input/Output 2. Referenced to VCC. (Note 6) Input/Output 3. Referenced to VCC. (Note 6) Input/Output 4. Referenced to VCC. (Note 6) No Connection. Not internally connected.
B3
8
6
B1
THREESTATE
B4 C1 C2 C3 C4 --
7 13 12 11 10 6, 9
2 8 1 -- -- --
B3 A2 A3 -- -- B2
GND I/O VCC1 I/O VCC2 I/O VCC3 I/O VCC4 N.C.
Note 6: For unidirectional devices (MAX3374E/MAX3375E/MAX3376E/MAX3379E and MAX3390E-MAX3393E) see Pin Configurations for input/output configurations.
_______________________________________________________________________________________
9
15kV ESD-Protected, 1A, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP MAX3372E-MAX3379E/MAX3390E-MAX3393E
Detailed Description
The MAX3372E-MAX3379E and MAX3390E-MAX3393E ESD-protected level translators provide the level shifting necessary to allow data transfer in a multivoltage system. Externally applied voltages, VCC and VL, set the logic levels on either side of the device. A low-voltage logic signal present on the VL side of the device appears as a highvoltage logic signal on the VCC side of the device, and vice-versa. The MAX3374E/MAX3375E/MAX3376E/ MAX3379E and MAX3390E-MAX3393E unidirectional level translators level shift data in one direction (VL V CC or V CC V L ) on any single data line. The MAX3372E/MAX3373E and MAX3377E/MAX3378E bidirectional level translators utilize a transmission-gatebased design (see Figure 2) to allow data translation in either direction (VL VCC) on any single data line. The MAX3372E-MAX3379E and MAX3390E-MAX3393E accept VL from +1.2V to +5.5V and VCC from +1.65V to +5.5V, making them ideal for data transfer between lowvoltage ASICs/PLDs and higher voltage systems.
VL VCC
All devices in the MAX3372E-MAX3379E, MAX3390E- MAX3393E family feature a three-state output mode that reduces supply current to less than 1A, thermal shortcircuit protection, and 15kV ESD protection on the VCC side for greater protection in applications that route signals externally. The MAX3372E/MAX3377E operate at a guaranteed data rate of 230kbps. Slew-rate limiting reduces EMI emissions in all 230kbps devices. The MAX3373E-MAX3376E/MAX3378E/MAX3379E and MAX3390E-MAX3393E operate at a guaranteed data rate of 8Mbps over the entire specified operating voltage range. Within specific voltage domains, higher data rates are possible. (See Timing Characteristics.) For proper operation ensure that +1.65V VCC +5.5V, +1.2V VL +5.5V, and VL (VCC + 0.3V). During power-up sequencing, VL (VCC + 0.3V) will not damage the device. During power-supply sequencing, when VCC is floating and VL is powering up, a current may be sourced, yet the device will not latch up. The speed-up
VL VCC
Level Translation
VL
VCC
VL
VCC
MAX3372E-MAX3379E AND MAX3390E-MAX3393E DATA I/O VL _ GND I/O VCC_ RLOAD CLOAD CLOAD RLOAD DATA
MAX3372E-MAX3379E AND MAX3390E-MAX3393E I/O VL _ GND I/O VCC_
I/O VL_ (tRISE, tFALL < 10ns) tPD-VCC-LH tPD-VCC-HL
I/O VCC_ (tRISE, tFALL < 10ns) tPD-VL-LH tPD-VL-HL
I/O VCC_ tRVCC tFVCC
I/O VL _ tRVL tFVL
Figure 1a. Rail-to-Rail Driving I/O VL Rail-to-Rail is a registered trademark of Nippon Motorola, Ltd. 10
Figure 1b. Rail-to-Rail Driving I/O VCC
______________________________________________________________________________________
15kV ESD-Protected, 1A, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP
circuitry limits the maximum data rate for devices in the MAX3372E-MAX3379E, MAX3390E-MAX3393E family to 16Mbps. The maximum data rate also depends heavily on the load capacitance (see Typical Operating Characteristics), output impedance of the driver, and the operational voltage range (see Timing Characteristics). put mode. Connect THREE-STATE to VL (logic high) for normal operation. Activating the three-state output mode disconnects the internal 10k pullup resistors on the I/O VCC and I/O VL lines. This forces the I/O lines to a highimpedance state, and decreases the supply current to less than 1A. The high-impedance I/O lines in threestate output mode allow for use in a multidrop network. When in three-state output mode, do not allow the voltage at I/O VL_ to exceed (VL + 0.3V), or the voltage at I/O VCC_ to exceed (VCC + 0.3V).
MAX3372E-MAX3379E/MAX3390E-MAX3393E
Speed-Up Circuitry
The MAX3373E-MAX3376E/MAX3378E/MAX3379E and MAX3390E-MAX3393E feature a one-shot generator that decreases the rise time of the output. When triggered, MOSFETs PU1 and PU2 turn on for a short time to pull up I/O VL_ and I/O VCC_ to their respective supplies (see Figure 2b). This greatly reduces the rise time and propagation delay for the low-to-high transition. The scope photo of Rail-to-Rail Driving for 8Mbps Operation in the Typical Operating Characteristics shows the speed-up circuitry in operation.
Thermal Short-Circuit Protection
Thermal overload detection protects the MAX3372E- MAX3379E and MAX3390E-MAX3393E from short-circuit fault conditions. In the event of a short-circuit fault, when the junction temperature (TJ) reaches +152C, a thermal sensor signals the three-state output mode logic to force the device into three-state output mode. When TJ has cooled to +142C, normal operation resumes.
Three-State Output Mode
Pull THREE-STATE low to place the MAX3372E- MAX3379E and MAX3390E-MAX3393E in three-state outVL VCC
VL
VCC
VL
VCC
VL
VCC
MAX3372E-MAX3379E AND MAX3390E-MAX3393E DATA I/O VL_ GND I/O VCC_ CLOAD RLOAD CLOAD RLOAD DATA
MAX3373E-MAX3376E, MAX3378E/MAX3379E AND MAX3390E-MAX3393E I/O VL_ GND I/O VCC_
I/O VL_ tPD-VCC-HL tPD-VCC-LH
I/O VCC_ tPD-VL-HL
tPD-VL-LH
I/O VCC_ tRVCC tFVCC
I/O VL_ tRVL tFVL
Figure 1c. Open-Drain Driving I/O VCC
Figure 1d. Open-Drain Driving I/O VL 11
______________________________________________________________________________________
15kV ESD-Protected, 1A, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP MAX3372E-MAX3379E/MAX3390E-MAX3393E
VL VCC
P
P
GATE BIAS
I/O VL
N
I/O VCC
Figure 2a. Functional Diagram, MAX3372E/MAX3377E (1I/O line)
VL
VCC
PU1
ONE-SHOT BLOCK GATE BIAS
ONE-SHOT BLOCK
PU2
I/O VL_
N
I/O VCC_
Figure 2b. Functional Diagram, MAX3373E/MAX3378E (1I/O line)
12
______________________________________________________________________________________
15kV ESD-Protected, 1A, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP
15kV ESD Protection
As with all Maxim devices, ESD-protection structures are incorporated on all pins to protect against electrostatic discharges encountered during handling and assembly. The I/O VCC lines have extra protection against static electricity. Maxim's engineers have developed state-ofthe-art structures to protect these pins against ESD of 15kV without damage. The ESD structures withstand high ESD in all states: normal operation, three-state output mode, and powered down. After an ESD event, Maxim's E versions keep working without latchup, whereas competing products can latch and must be powered down to remove latchup. ESD protection can be tested in various ways. The I/O VCC lines of this product family are characterized for protection to the following limits: 1) 15kV using the Human Body Model 2) 8kV using the Contact Discharge method specified in IEC 1000-4-2 3) 10kV using IEC 1000-4-2's Air-Gap Discharge method ESD Test Conditions ESD performance depends on a variety of conditions. Contact Maxim for a reliability report that documents test setup, test methodology, and test results. Human Body Model Figure 3a shows the Human Body Model and Figure 3b shows the current waveform it generates when discharged into a low impedance. This model consists of a 100pF capacitor charged to the ESD voltage of interest, which is then discharged into the test device through a 1.5k resistor. IEC 1000-4-2 The IEC 1000-4-2 standard covers ESD testing and performance of finished equipment; it does not specifically refer to integrated circuits. The MAX3372E- MAX3379E and MAX3390E-MAX3393E help to design equipment that meets Level 3 of IEC 1000-4-2, without the need for additional ESD-protection components. The major difference between tests done using the Human Body Model and IEC 1000-4-2 is higher peak current in IEC 1000-4-2, because series resistance is lower in the IEC 1000-4-2 model. Hence, the ESD withstand voltage measured to IEC 1000-4-2 is generally lower than that measured using the Human Body Model. Figure 4a shows the IEC 1000-4-2 model, and Figure 4b shows the current waveform for the 8kV, IEC 1000-4-2, Level 4, ESD contact-discharge test. The air-gap test involves approaching the device with a charged probe. The contact-discharge method connects the probe to the device before the probe is energized. Machine Model The Machine Model for ESD tests all pins using a 200pF storage capacitor and zero discharge resistance. Its objective is to emulate the stress caused by contact that occurs with handling and assembly during manufacturing. Of course, all pins require this protection during manufacturing, not just inputs and outputs. Therefore, after PC board assembly, the Machine Model is less relevant to I/O ports.
MAX3372E-MAX3379E/MAX3390E-MAX3393E
RC 1M CHARGE-CURRENTLIMIT RESISTOR HIGHVOLTAGE DC SOURCE
RD 1500 DISCHARGE RESISTANCE DEVICE UNDER TEST
IP 100% 90% AMPERES
Ir
PEAK-TO-PEAK RINGING (NOT DRAWN TO SCALE)
Cs 100pF
STORAGE CAPACITOR
36.8% 10% 0 0 tRL TIME tDL CURRENT WAVEFORM
Figure 3a. Human Body ESD Test Model
Figure 3b. Human Body Current Waveform 13
______________________________________________________________________________________
15kV ESD-Protected, 1A, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP MAX3372E-MAX3379E/MAX3390E-MAX3393E
I 100% 90%
RC 50M to 100M CHARGE-CURRENTLIMIT RESISTOR HIGHVOLTAGE DC SOURCE RD 330 DISCHARGE RESISTANCE DEVICE UNDER TEST
Cs 150pF
STORAGE CAPACITOR
I PEAK
10% t r = 0.7ns to 1ns t 30ns 60ns
Figure 4a. IEC 1000-4-2 ESD Test Model
Figure 4b. IEC 1000-4-2 ESD Generator Current Waveform
Applications Information
Power-Supply Decoupling
To reduce ripple and the chance of transmitting incorrect data, bypass VL and VCC to ground with a 0.1F capacitor. See Typical Operating Circuit. To ensure full 15kV ESD protection, bypass VCC to ground with a 1F capacitor. Place all capacitors as close to the power-supply inputs as possible.
ASIC and an I2C device. A typical application involves interfacing a low-voltage microprocessor to a 3V or 5V D/A converter, such as the MAX517.
Push-Pull vs. Open-Drain Driving
All devices in the MAX3372E-MAX3379E and MAX3390E-MAX3393E family may be driven in a pushpull configuration. The MAX3373E-MAX3376E/ MAX3378E/MAX3379E and MAX3390E-MAX3393E include internal 10k resistors that pull up I/O VL_ and I/O VCC_ to their respective power supplies, allowing operation of the I/O lines with open-drain devices. See Timing Characteristics for maximum data rates when using open-drain drivers.
I2C Level Translation
The MAX3373E-MAX3376E, MAX3378E/MAX3379E and MAX3390E-MAX3393E level-shift the data present on the I/O lines between +1.2V and +5.5V, making them ideal for level translation between a low-voltage
Typical Operating Circuit
+1.8V 0.1F VL THREE-STATE +1.8V SYSTEM CONTROLLER DATA +3.3V SYSTEM MAX3378E-MAX3383E I/O VL_ I/O VCC_ DATA VCC 0.1F 1F +3.3V
14
______________________________________________________________________________________
15kV ESD-Protected, 1A, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP
Applications Circuits
+1.8V 0.1F 0.1F 1F +3.3V
MAX3372E-MAX3379E/MAX3390E-MAX3393E
VL THREE-STATE +1.8V SYSTEM CONTROLLER
VCC +3.3V SYSTEM
MAX3372E/MAX3373E
I/O VL1 DATA I/O VL2
I/O VCC1 I/O VCC2 DATA
+1.8V 0.1F 0.1F 1F
+3.3V
VL THREE-STATE +1.8V SYSTEM CONTROLLER
VCC +3.3V SYSTEM
MAX3374E
I VL1 DATA I VL2
O VCC1 O VCC2
DATA
______________________________________________________________________________________
15
15kV ESD-Protected, 1A, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP MAX3372E-MAX3379E/MAX3390E-MAX3393E
Applications Circuits (continued)
+1.8V 0.1F 0.1F 1F +3.3V
VL THREE-STATE +1.8V SYSTEM CONTROLLER
VCC +3.3V SYSTEM
MAX3375E
O VL1 DATA I VL2
I VCC1 O VCC2 DATA
+1.8V 0.1F 0.1F 1F
+3.3V
VL THREE-STATE +1.8V SYSTEM CONTROLLER
VCC +3.3V SYSTEM
MAX3376E
O VL1 DATA O VL2
I VCC1 I VCC2 DATA
16
______________________________________________________________________________________
15kV ESD-Protected, 1A, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP
Applications Circuits (continued)
+1.8V 0.1F 0.1F 1F +3.3V
MAX3372E-MAX3379E/MAX3390E-MAX3393E
VL THREE-STATE +1.8V SYSTEM CONTROLLER
VCC +3.3V SYSTEM
MAX3377E/MAX3378E I/O VL1 DATA I/O VL2 I/O VL3 I/O VL4 I/O VCC1 I/O VCC2 I/O VCC3 I/O VCC4 DATA
+1.8V 0.1F 0.1F 1F
+3.3V
VL THREE-STATE +1.8V SYSTEM CONTROLLER
VCC +3.3V SYSTEM
MAX3379E I VL1 DATA I VL2 I VL3 I VL4 O VCC1 O VCC2 O VCC3 O VCC4 DATA
______________________________________________________________________________________
17
15kV ESD-Protected, 1A, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP MAX3372E-MAX3379E/MAX3390E-MAX3393E
Applications Circuits (continued)
+1.8V 0.1F 0.1F 1F +3.3V
VL THREE-STATE +1.8V SYSTEM CONTROLLER
VCC +3.3V SYSTEM
MAX3390E O VL1 DATA I VL2 I VL3 I VL4 I VL1 O VCC2 O VCC3 O VCC4 DATA
+1.8V 0.1F 0.1F 1F
+3.3V
VL THREE-STATE +1.8V SYSTEM CONTROLLER
VCC +3.3V SYSTEM
MAX3391E O VL1 O VL2 I VL3 I VL4 I VCC1 I VCC2 O VCC3 O VCC4 DATA
DATA
18
______________________________________________________________________________________
15kV ESD-Protected, 1A, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP MAX3372E-MAX3379E/MAX3390E-MAX3393E
Applications Circuits (continued)
+1.8V 0.1F 0.1F 1F +3.3V
VL THREE-STATE +1.8V SYSTEM CONTROLLER
VCC +3.3V SYSTEM
MAX3392E O VL1 DATA O VL2 O VL3 I VL4 I VCC1 I VCC2 I VCC3 O VCC4 DATA
+1.8V 0.1F 0.1F 1F
+3.3V
VL THREE-STATE +1.8V SYSTEM CONTROLLER
VCC +3.3V SYSTEM
MAX3393E O VL1 O VL2 O VL3 I VL4 I VCC1 I VCC2 I VCC3 I VCC4 DATA
DATA
______________________________________________________________________________________
19
15kV ESD-Protected, 1A, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP MAX3372E-MAX3379E/MAX3390E-MAX3393E
Selector Guide
PART NUMBER MAX3372EEKA-T MAX3372EEBL-T MAX3373EEKA-T MAX3373EEBL-T MAX3374EEKA-T MAX3374EEBL-T MAX3375EEKA-T MAX3375EEBL-T MAX3376EEKA-T MAX3376EEBL-T MAX3377EEUD MAX3377EEBC-T MAX3378EEUD MAX3378EEBC-T MAX3379EEUD MAX3379EEBC-T MAX3390EEUD MAX3390EEBC-T MAX3391EEUD MAX3391EEBC-T MAX3392EEUD MAX3392EEBC-T MAX3393EEUD MAX3393EEBC-T
Ordering Information (continued)
PART NUMBER MAX3372EEBL-T MAX3373EEKA-T MAX3373EEBL-T MAX3374EEKA-T MAX3374EEBL-T MAX3375EEKA-T MAX3375EEBL-T MAX3376EEKA-T MAX3376EEBL-T MAX3377EEUD MAX3377EEBC-T MAX3378EEUD MAX3378EEBC-T MAX3379EEUD* MAX3379EEBC-T* MAX3390EEUD* MAX3390EEBC-T* MAX3391EEUD* MAX3391EEBC-T* MAX3392EEUD* MAX3392EEBC-T* MAX3393EEUD* MAX3393EEBC-T* TEMP RANGE -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C PINPACKAGE 3 3 UCSP 8 SOT23-8 3 3 UCSP 8 SOT23-8 3 3 UCSP 8 SOT23-8 3 3 UCSP 8 SOT23-8 3 3 UCSP 14 TSSOP 3 4 UCSP 14 TSSOP 3 4 UCSP 14 TSSOP 3 4 UCSP 14 TSSOP 3 4 UCSP 14 TSSOP 3 4 UCSP 14 TSSOP 3 4 UCSP 14 TSSOP 3 4 UCSP
LEVEL TRANSLATION Bi Bi Bi Bi Uni Uni Uni Uni Uni Uni Bi Bi Bi Bi Uni Uni Uni Uni Uni Uni Uni Uni Uni Uni
Tx/ Rx 2/2 2/2 2/2 2/2 2/0 2/0 1/1 1/1 0/2 0/2 4/4 4/4 4/4 4/4 4/0 4/0 3/1 3/1 2/2 2/2 1/3 1/3 0/4 0/4
DATA RATE 230kbps
TOP MARK AAKO AAR AAKS AAZ AALH ABA AALI ABB AALG AAV -- AAX -- AAY -- AAZ -- ABA -- ABB -- ABC -- ABD
8Mbps*
230kbps
8Mbps*
*Future product--contact factory for availability.
Tx = VL VCC, Rx = VCC VL
*Higher data rates are possible (see Timing Characteristics).
20
______________________________________________________________________________________
15kV ESD-Protected, 1A, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP
Pin Configurations (continued)
A B C I/O VCC2 1 VCC 2 I/O VCC1 3 I/O VCC2 GND 3 x 3 UCSP A B C O VCC2 1 VCC 2 O VCC1 3 O VCC2 GND 3 x 3 UCSP A B C O VCC2 1 VCC 2 O VCC1 3 I VCC2 GND 3 x 3 UCSP O V L2 N.C. I VL1 I VL2 4 5 O V L1 THREE-STATE VL 8 I VCC1 7 VCC 6 THREE-STATE I VL2 N.C. I VL1 I VL2 4 THREE-STATE VL 8 O VCC1 7 VCC 6 THREE-STATE 5 I VL1 I/O VL2 N.C. I/O VL1 THREE-STATE VL 8 I/O VCC1 7 VCC 6 THREE-STATE 5 I/O VL1
MAX3372E-MAX3379E/MAX3390E-MAX3393E
1
MAX3372E/ MAX3373E
GND VL
2 3
I/O VL2 4
SOT23-8 TOP VIEW
1
MAX3374E
GND 2 VL 3
SOT23-8 TOP VIEW
1
MAX3375E
GND 2 VL 3
SOT23-8 TOP VIEW
A
B
C I VCC2 1 8 I VCC1 7 VCC 6 THREE-STATE 5 O V L1
1 VCC 2 I VCC1 3 I VCC2 GND 3 x 3 UCSP O VL2 N.C. O VL1 THREE-STATE VL
MAX3376E
GND 2 VL 3
O VL2 4
SOT23-8 TOP VIEW
______________________________________________________________________________________
21
15kV ESD-Protected, 1A, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP MAX3372E-MAX3379E/MAX3390E-MAX3393E
Pin Configurations (continued)
A
B
C VL 1 2 3 4 5 6 7 14 13 12 11 10 9 8 VCC I/0 VCC1 I/0 VCC2 I/0 VCC3 I/0 VCC4 N.C. THREE-STATE
1 I/O VL1 2 I/O VL2 3 I/O VL3 THREE-STATE I/O VCC3 4 I/O VL4 GND 3 x 4 UCSP A B C I/O VCC4 VL I/O VCC2 VCC I/O VCC1
IO VL1
MAX3377E/ MAX3378E
IO VL2 IO VL3 O VL4 N.C. GND
TSSOP-14
1 I VL1 2 I VL2 3 I V L3 4 I V L4 GND 3 x 4 UCSP A B C O VCC4 THREE-STATE O VCC3 VL O VCC2 VCC O VCC1
VL I VL1
1 2 3 4 5 6 7
14 VCC 13 O VCC1 12 O VCC2 11 O VCC3 10 O VCC4 9 8 N.C. THREE-STATE
MAX3379E
I VL2 I VL3 I V L4 N.C. GND
TSSOP-14
1 O VL1 2 I VL2 3 I VL3 4 I VL4 GND 3 x 4 UCSP O VCC4 THREE-STATE O VCC3 VL O VCC2 VCC I VCC1
VL O VL1
1 2 3 4 5 6 7
14 VCC 13 I VCC1 12 O VCC2 11 O VCC3 10 O VCC4 9 8 N.C. THREE-STATE
MAX3390E
I VL2 I VL3 I VL4 N.C. GND
TSSOP-14
22
______________________________________________________________________________________
15kV ESD-Protected, 1A, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP
Pin Configurations (continued)
MAX3372E-MAX3379E/MAX3390E-MAX3393E
A
B
C VL 1 14 VCC 13 I VCC1 12 I VCC2 11 I VCC3 10 I VCC4 9 8 N.C. THREE-STATE
1 O VL1 2 O VL2 3 I VL3 4 I VL4 GND 3 x 4 UCSP O VCC4 THREE-STATE O VCC3 VL I VCC2 VCC I VCC1
O VL1
2 3
MAX3391E
O VL2
I V L3 4 I V L4 5 N.C. 6 GND 7
TSSOP-14
A
B
C VL 1 14 VCC 13 I VCC1 12 I VCC2 11 I VCC3 10 O VCC4 9 8 N.C. THREE-STATE
1 O VL1 2 O VL2 3 O VL3 4 I VL4 GND 3 x 4 UCSP O VCC4 THREE-STATE I VCC3 VL I VCC2 VCC I VCC1
O VL1
2 3
MAX3392E
O VL2
O V L3 4 I V L4 5 N.C. 6 GND 7
TSSOP-14
A
B
C VL 1 14 VCC 13 I VCC1 12 I VCC2 11 I VCC3 10 I VCC4 9 8 N.C. THREE-STATE
1 O VL1 2 O VL2 3 O VL3 THREE-STATE I VCC3 4 O V L4 GND 3 x 4 UCSP I VCC4 VL I VCC2 VCC I VCC1
O VL1
2 3
MAX3393E
O VL2
O V L3 4 O V L4 5 N.C. 6 GND 7
TSSOP-14
______________________________________________________________________________________
23
15kV ESD-Protected, 1A, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP MAX3372E-MAX3379E/MAX3390E-MAX3393E
Chip Information
TRANSISTOR COUNT: MAX3372E-MAX3376E: 189 MAX3377E-MAX3379E, MAX3390E-MAX3393E: 295 PROCESS: BiCMOS
Package Information
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information go to www.maxim-ic.com/packages.)
SOT23, 8L.EPS
24
______________________________________________________________________________________
15kV ESD-Protected, 1A, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP
Package Information(continued)
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information go to www.maxim-ic.com/packages.)
TSSOP4.40mm.EPS
MAX3372E-MAX3379E/MAX3390E-MAX3393E
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600 ____________________ 25 (c) 2002 Maxim Integrated Products Printed USA is a registered trademark of Maxim Integrated Products.


▲Up To Search▲   

 
Price & Availability of MAX3377E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X