|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Schottky Barrier Diodes (SBD) MA2J728 (MA728) Silicon epitaxial planar type For super-high speed switching circuit For wave detection circuit 0.5 0.1 K A Unit : mm 0.625 I Features * Sealed in the S-mini (2-pin) mold and super small type * Low forward rise voltage (VF) and satisfactory wave detection efficiency () * Extremely low reverse current IR * Small temperature coefficient of forward characteristic 2 1 0.16 - 0.06 + 0.1 1.25 0.1 0.3 0.4 0.1 1.7 0.1 2.5 0.2 0.4 0.1 I Absolute Maximum Ratings Ta = 25C Parameter Reverse voltage (DC) Peak reverse voltage Peak forward current Forward current (DC) Junction temperature Storage temperature Symbol VR VRM IFM IF Tj Tstg Rating 30 30 150 30 125 -55 to +125 Unit V V mA mA C C 1 : Anode 2 : Cathode S-Mini Type Package (2-pin) Marking Symbol: 2A I Electrical Characteristics Ta = 25C Parameter Reverse current (DC) Forward voltage (DC) Symbol IR VF1 VF2 Terminal capacitance Reverse recovery time* Ct trr VR = 30 V IF = 1 mA IF = 30 mA VR = 1 V, f = 1 MHz IF = IR = 10 mA Irr = 1 mA, RL = 100 Vin = 3 V(peak), f = 30 MHz RL = 3.9 k, CL = 10 pF 1.5 1.0 Conditions Min Typ Max 300 0.4 1.0 Unit nA V V pF ns Detection efficiency 65 Note) 1. Schottky barrier diode is sensitive to electric shock (static electricity, etc.). Due attention must be paid on the charge of a human body and the leakage of current from the operating equipment 2. Rated input/output frequency: 2 000 MHz 3. * : trr measuring instrument Bias Applicaiton Unit N-50BU Input Pulse Output Pulse tr 10% tp t IF trr t Irr = 1 mA IF = 10 mA IR = 10 mA RL = 100 A VR Pulse Generator (PG-10N) Rs = 50 W.F.Analyzer (SAS-8130) Ri = 50 90% tp = 2 s tr = 0.35 ns = 0.05 Note) The part number in the parenthesis shows conventional part number. 500 0.7 0.1 % Schottky Barrier Diodes (SBD) IF V F 103 MA2J728 VF Ta IR VR 103 1.0 102 75C 25C Ta = 125C - 20C Forward current IF (mA) 0.8 102 Forward voltage VF (V) IF = 30 mA 0.6 10 mA 0.4 10 Reverse current IR (A) Ta = 125C 10 75C 1 1 25C 10-1 10-1 0.2 1 mA 10-2 0 0.2 0.4 0.6 0.8 1.0 1.2 0 -40 10-2 0 40 80 120 160 200 0 5 10 15 20 25 30 Forward voltage VF (V) Ambient temperature Ta (C) Reverse voltage VR (V) Ct VR 3.0 f = 1 MHz Ta = 25C IR T a 103 Terminal capacitance Ct (pF) 2.5 102 2.0 Reverse current IR (A) VR = 30 V 10 V 1V 10 1.5 1 1.0 0.5 10-1 0 0 5 10 15 20 25 30 10-2 -40 0 40 80 120 160 200 Reverse voltage VR (V) Ambient temperature Ta (C) 501 Request for your special attention and precautions in using the technical information and semiconductors described in this material (1) An export permit needs to be obtained from the competent authorities of the Japanese Government if any of the products or technologies described in this material and controlled under the "Foreign Exchange and Foreign Trade Law" is to be exported or taken out of Japan. (2) The technical information described in this material is limited to showing representative characteristics and applied circuit examples of the products. It does not constitute the warranting of industrial property, the granting of relative rights, or the granting of any license. (3) The products described in this material are intended to be used for standard applications or general electronic equipment (such as office equipment, communications equipment, measuring instruments and household appliances). Consult our sales staff in advance for information on the following applications: * Special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combustion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the products may directly jeopardize life or harm the human body. * Any applications other than the standard applications intended. (4) The products and product specifications described in this material are subject to change without notice for reasons of modification and/or improvement. At the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date Product Standards in advance to make sure that the latest specifications satisfy your requirements. (5) When designing your equipment, comply with the guaranteed values, in particular those of maximum rating, the range of operating power supply voltage and heat radiation characteristics. Otherwise, we will not be liable for any defect which may arise later in your equipment. Even when the products are used within the guaranteed values, redundant design is recommended, so that such equipment may not violate relevant laws or regulations because of the function of our products. (6) When using products for which dry packing is required, observe the conditions (including shelf life and after-unpacking standby time) agreed upon when specification sheets are individually exchanged. (7) No part of this material may be reprinted or reproduced by any means without written permission from our company. Please read the following notes before using the datasheets A. These materials are intended as a reference to assist customers with the selection of Panasonic semiconductor products best suited to their applications. Due to modification or other reasons, any information contained in this material, such as available product types, technical data, and so on, is subject to change without notice. Customers are advised to contact our semiconductor sales office and obtain the latest information before starting precise technical research and/or purchasing activities. B. Panasonic is endeavoring to continually improve the quality and reliability of these materials but there is always the possibility that further rectifications will be required in the future. Therefore, Panasonic will not assume any liability for any damages arising from any errors etc. that may appear in this material. C. These materials are solely intended for a customer's individual use. Therefore, without the prior written approval of Panasonic, any other use such as reproducing, selling, or distributing this material to a third party, via the Internet or in any other way, is prohibited. 2001 MAR |
Price & Availability of MA2J728 |