Part Number Hot Search : 
M5239 SF2185A 002M0 MA4E1338 TF841S 10N50 U2608B BUL310
Product Description
Full Text Search
 

To Download LTC3778 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Final Electrical Specifications
LTC3778 Wide Operating Range, No RSENSETM Step-Down Controller
FEATURES
s s s s s s s s s s s s s s s s
DESCRIPTIO
July 2001
Wide VIN Range: 4V to 36V No Sense Resistor Required True Current Mode Control 2% to 90% Duty Cycle at 200kHz tON(MIN) 100ns Stable with Ceramic COUT Dual N-Channel MOSFET Synchronous Drive Power Good Output Voltage Monitor 1% 0.6V Reference Adjustable Current Limit Adjustable Switching Frequency Programmable Soft-Start Output Overvoltage Protection Optional Short-Circuit Shutdown Timer Micropower Shutdown: IQ < 30A Available in a 1mm 20-Lead TSSOP Package
The LTC(R)3778 is a synchronous step-down switching regulator controller for CPU power. The controller uses a valley current control architecture to deliver very low duty cycles without requiring a sense resistor. Operating frequency is selected by an external resistor and is compensated for variations in VIN and VOUT. Discontinuous mode operation provides high efficiency operation at light loads. A forced continuous control pin reduces noise and RF interference, and can assist secondary winding regulation by disabling discontinuous operation when the main output is lightly loaded. SENSE+ and SENSE- pins provide true Kelvin sensing across the optional sense resistor or the sychronous MOSFET. Fault protection is provided by internal foldback current limiting, an output overvoltage comparator and optional short-circuit shutdown timer. Soft-start capability for supply sequencing is accomplished using an external timing capacitor. The regulator current limit level is user programmable. Wide supply range allows operation from 4V to 30V (36V maximum) at the input and from 0.6V up to (0.9)VIN at the output.
, LTC and LT are registered trademarks of Linear Technology Corporation. No RSENSE is a trademark of Linear Technology Corporation.
APPLICATIO S
s s s s
Notebook and Palmtop Computers, PDAs Battery Chargers Distributed Power Systems DDR Memory Power Supply
TYPICAL APPLICATIO
CSS 0.1F RUN/SS CC 500pF ITH RC 20k SGND LTC3778 INTVCC BG SENSE
+
RON 1.4M ION VIN TG SW BOOST CB 0.22F DB CMDSH-3 M2 Si4874 D1 B340A R2 40.2k M1 Si4884 L1 1.8H VIN 5V TO 28V CIN 10F 35V VOUT x3 2.5V COUT 10A 180F 4V x2
100 VIN = 5V 90
EFFICIENCY (%)
+
80
+
SENSE - PGOOD PGND VFB
CVCC 4.7F
70
R1 12.7k
3778 F01a
60 0.01
Figure 1. High Efficiency Step-Down Converter
Information furnished by Linear Technology Corporation is believed to be accurate and reliable. However, no responsibility is assumed for its use. Linear Technology Corporation makes no representation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
U
Efficiency vs Load Current
VIN = 25V 1 0.1 LOAD CURRENT (A)
3778 F01b
U
U
10
1
LTC3778
ABSOLUTE
(Note 1)
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
TOP VIEW RUN/SS 1 VON 2 PGOOD 3 VRNG 4 ITH 5 FCB 6 SGND 7 ION 8 VFB 9 EXTVCC 10 20 BOOST 19 TG 18 SW 17 SENSE + 16 SENSE - 15 PGND 14 BG 13 DRVCC 12 INTVCC 11 V IN
Input Supply Voltage (VIN, ION)..................36V to - 0.3V Boosted Topside Driver Supply Voltage (BOOST) ................................................... 42V to - 0.3V SENSE+, SW Voltage.................................... 36V to - 5V EXTVCC, (BOOST - SW), RUN/SS, PGOOD Voltages ................................... 7V to - 0.3V VON, FCB, VRNG Voltages........... INTVCC + 0.3V to - 0.3V SENSE-, ITH, VFB Voltages ....................... 2.7V to - 0.3V TG, BG, DRVCC, INTVCC, EXTVCC Peak Currents ....... 2A TG, BG, INTVCC, EXTVCC RMS Currents .............. 50mA Operating Ambient Temperature Range (Note 4) ................................... - 40C to 85C Junction Temperature (Note 2) ............................ 125C Storage Temperature Range ................. - 65C to 150C Lead Temperature (Soldering, 10 sec).................. 300C
ORDER PART NUMBER LTC3778EF
F PACKAGE 20-LEAD PLASTIC TSSOP TJMAX = 125C, JA = 110C/ W
Consult LTC Marketing for parts specified with wider operating temperature ranges.
ELECTRICAL CHARACTERISTICS
SYMBOL IQ PARAMETER Input DC Supply Current Normal Shutdown Supply Current Feedback Reference Voltage Feedback Voltage Line Regulation Feedback Voltage Load Regulation Error Amplifier Transconductance Forced Continuous Threshold Forced Continuous Pin Current On-Time Minimum On-Time Minimum Off-Time Maximum Current Sense Threshold VPGND - VSW Minimum Current Sense Threshold VPGND - VSW Output Overvoltage Fault Threshold Output Undervoltage Fault Threshold Main Control Loop
The q denotes specifications which apply over the full operating temperature range, otherwise specifications are TA = 25C. VIN = 15V unless otherwise noted.
CONDITIONS MIN TYP MAX UNITS
900 15 ITH = 1.2V, Temp = 0C to 85C (Note 3) ITH = 1.2V (Note 3) VIN = 4V to 30V, ITH = 1.2V (Note 3) ITH = 0.5V to 1.9V (Note 3) ITH = 1.2V (Note 3)
q q
2000 30 0.606 0.606 - 0.3 2 0.63 -2 300 100 500 153 107 214
VFB VFB(LINEREG) VFB(LOADREG) gm(EA) VFCB IFCB tON tON(MIN) tOFF(MIN) VSENSE(MAX)
0.594 0.592
0.600 0.600 0.002 - 0.05
1.4 0.57 200
1.7 0.6 -1 250 110 50 400
VFCB = 0.6V ION = 60A, VON = 1.5V ION = 60A, VON = 0V ION = 180A, VON = 0V ION = 30A VRNG = 1V, VFB = 0.56V VRNG = 0V, VFB = 0.56V VRNG = INTVCC, VFB = 0.56V VRNG = 1V, VFB = 0.64V VRNG = 0V, VFB = 0.64V VRNG = INTVCC, VFB = 0.64V 7.5 340
q q q
113 79 158
133 93 186 - 67 - 47 - 93 10 400
VSENSE(MIN)
VFB(OV) VFB(UV)
12.5 460
2
U
A A V V %/V % mS V A ns ns ns ns mV mV mV mV mV mV % mV
W
U
U
WW
W
LTC3778
ELECTRICAL CHARACTERISTICS
SYMBOL VRUN/SS(ON) VRUN/SS(LE) VRUN/SS(LT) IRUN/SS(C) IRUN/SS(D) UVLO TG RUP TG RDOWN BG RUP BG RDOWN TG tr TG tf BG tr BG tf VINTVCC VLDO(LOADREG) VEXTVCC VEXTVCC VEXTVCC(HYS) PGOOD Output VFBH VFBL VFB(HYS) VPGL PGOOD Upper Threshold PGOOD Lower Threshold PGOOD Hysteresis PGOOD Low Voltage PARAMETER RUN Pin Start Threshold RUN Pin Latchoff Enable Threshold RUN Pin Latchoff Threshold Soft-Start Charge Current Soft-Start Discharge Current Undervoltage Lockout TG Driver Pull-Up On Resistance TG Driver Pull-Down On Resistance BG Driver Pull-Up On Resistance BG Driver Pull-Down On Resistance TG Rise Time TG Fall Time BG Rise Time BG Fall Time Internal VCC Voltage Internal VCC Load Regulation EXTVCC Switchover Voltage EXTVCC Switch Drop Voltage EXTVCC Switchover Hysteresis
The q denotes specifications which apply over the full operating temperature range, otherwise specifications are TA = 25C. VIN = 15V unless otherwise noted.
CONDITIONS
q
MIN 0.8
TYP 1.5 4 3.5
MAX 2 4.5 -3 3 3.9 3 3 4 2
UNITS V V V A A V ns ns ns ns
RUN/SS Pin Rising RUN/SS Pin Falling - 0.5 0.8 Measured at VIN Pin TG High TG Low BG High BG Low CLOAD = 3300pF CLOAD = 3300pF CLOAD = 3300pF CLOAD = 3300pF 6V < VIN < 30V, VEXTVCC = 4V ICC = 0mA to 20mA, VEXTVCC = 4V ICC = 20mA, VEXTVCC Rising ICC = 20mA, VEXTVCC = 5V
q q q
- 1.2 1.8 3.4 2 2 3 1 20 20 20 20
1 1 2 0.2
Internal VCC Regulator 4.7 4.5 5 - 0.1 4.7 150 200 VFB Rising VFB Falling VFB Returning IPGOOD = 5mA 7.5 - 7.5 10 - 10 1 0.15 12.5 - 12.5 2.5 0.4 300 5.3 -2 V % V mV mV % % % V
Note 1: Absolute Maximum Ratings are those values beyond which the life of a device may be impaired. Note 2: TJ is calculated from the ambient temperature TA and power dissipation PD as follows: LTC3778E: TJ = TA + (PD * 110C/W)
Note 3: The LTC3778 is tested in a feedback loop that adjusts VFB to achieve a specified error amplifier output voltage (ITH). Note 4: The LTC3778E is guaranteed to meet performance specifications from 0C to 70C. Specifications over the -40C to 85C operating temperature range are assured by design, characterization and correlation with statistical process controls.
3
LTC3778 TYPICAL PERFOR A CE CHARACTERISTICS
Transient Response Transient Response (Discontinuous Mode)
VOUT 50mV/DIV
IL 5A/DIV
LOAD STEP 0A TO 10A VIN = 15V VOUT = 2.5V FCB = 0V FIGURE 1 CIRCUIT
PI FU CTIO S
RUN/SS (Pin 1): Run Control and Soft-Start Input. A capacitor to ground at this pin sets the ramp time to full output current (approximately 3s/F) and the time delay for overcurrent latchoff (see Applications Information). Forcing this pin below 0.8V shuts down the device. VON (Pin 2): On-Time Voltage Input. Voltage trip point for the on-time comparator. Tying this pin to the output voltage makes the on-time proportional to VOUT. The comparator input defaults to 0.7V when the pin is grounded, 2.4V when the pin is tied to INTVCC. PGOOD (Pin 3): Power Good Output. Open drain logic output that is pulled to ground when the output voltage is not within 10% of the regulation point. VRNG (Pin 4): Sense Voltage Range Input. The voltage at this pin is ten times the nominal sense voltage at maximum output current and can be set from 0.5V to 2V by a resistive divider from INTVCC. The nominal sense voltage defaults to 70mV when this pin is tied to ground, 140mV when tied to INTVCC. ITH (Pin 5): Current Control Threshold and Error Amplifier Compensation Point. The current comparator threshold increases with this control voltage. The voltage ranges from 0V to 2.4V with 0.8V corresponding to zero sense voltage (zero current).
4
UW
20s/DIV
VOUT 50mV/DIV
IL 5A/DIV
1778 G01
LOAD STEP 1A TO 10A VIN = 15V VOUT = 2.5V FCB = INTVCC FIGURE 1 CIRCUIT
20s/DIV
1778 G02
U
U
U
LTC3778
PI FU CTIO S
FCB (Pin 6): Forced Continuous Input. Tie this pin to ground to force continuous synchronous operation at low load, to INTVCC to enable discontinuous mode operation at low load or to a resistive divider from a secondary output when using a secondary winding. SGND (Pin 7): Signal Ground. All small-signal components and compensation components should connect to this ground, which in turn connects to PGND at one point. ION (Pin 8): On-Time Current Input. Tie a resistor from VIN to this pin to set the one-shot timer current and thereby set the switching frequency. VFB (Pin 9): Error Amplifier Feedback Input. This pin connects the error amplifier input to an external resistive divider from VOUT. EXTVCC (Pin 10): External VCC Input. When EXTVCC exceeds 4.7V, an internal switch connects this pin to INTVCC and shuts down the internal regulator so that controller and gate drive power is drawn from EXTVCC. Do not exceed 7V at this pin and ensure that EXTVCC < VIN. VIN (Pin 11): Main Input Supply. Decouple this pin to PGND with an RC filter (1, 0.1F). INTVCC (Pin 12): Internal 5V Regulator Output. The driver and control circuits are powered from this voltage. Decouple this pin to power ground with a minimum of 4.7F low ESR tantalum or ceramic capacitor. DRVCC (Pin 13): Voltage Supply to Bottom Gate Driver. Normally connected to the INTVCC pin through a decoupling RC filter (1, 0.1F). Do not exceed 7V at this pin. BG (Pin 14): Bottom Gate Drive. Drives the gate of the bottom N-channel MOSFET between ground and INTVCC. PGND (Pin 15): Power Ground. Connect this pin closely to the source of the bottom N-channel MOSFET, the (-) terminal of CVCC and the (-) terminal of CIN. SENSE - (Pin 16): Current Sense Comparator Input. The (-) input to the current comparator is used to accurately Kelvin sense the bottom side of the sense resistor or MOSFET. SENSE + (Pin 17): Current Sense Comparator Input. The (+) input to the current comparator is normally connected to the SW node unless using a sense resistor (See Applications Information). SW (Pin 18): Switch Node. The (-) terminal of the bootstrap capacitor CB connects here. This pin swings from a diode voltage drop below ground up to VIN. TG (Pin 19): Top Gate Drive. Drives the top N-channel MOSFET with a voltage swing equal to INTVCC superimposed on the switch node voltage SW. BOOST (Pin 20): Boosted Floating Driver Supply. The (+) terminal of the bootstrap capacitor CB connects here. This pin swings from a diode voltage drop below INTVCC up to VIN + INTVCC.
U
U
U
5
LTC3778
FU CTIO AL DIAGRA
VOUT 2 VON 2.4V 0.7V 8 ION RON
tON =
VVON (10pF) IION
R S Q FCNT ON
+
ICMP
20k
+
IREV SWITCH LOGIC
-
1.4V VRNG 4 x
-
SHDN
0.7V 3.3A
1 240k Q2 Q4 ITHB Q6
Q3 Q1 Q5 OV
+ -
x5.3
0.8V SS EA RUN SHDN
0.6V 0.6V 5 ITH CC1
RC
6
+
-
W
VIN 6 FCB 4.7V 1A 10 EXTVCC 11 VIN
-
+
U
U
+
CIN
+
-
0.6V REF
0.6V
5V REG
-
F
+
BOOST 20 TG 19 SW 18 SENSE+ 17 SENSE - 16 DRVCC 13 BG 14 CVCC PGND 15 3 PGOOD DB CB
INTVCC 12
M1
L1 VOUT
+
COUT M2 3 4 1 RSENSE
(OPTIONAL)*
OV
2
R2
1V UV
+ -
0.54V
VFB 9
+ -
1.2A SENSE+ 6V 1 RUN/SS CSS BG SENSE- 0.66V
R1 SGND 7
+ -
0.6V
M2
*CONNECTION W/O SENSE RESISTOR
1778 FD
LTC3778
OPERATIO
Main Control Loop The LTC3778 is a current mode controller for DC/DC step-down converters. In normal operation, the top MOSFET is turned on for a fixed interval determined by a one-shot timer OST. When the top MOSFET is turned off, the bottom MOSFET is turned on until the current comparator ICMP trips, restarting the one-shot timer and initiating the next cycle. Inductor current is determined by sensing the voltage between the PGND and SW pins using the bottom MOSFET on-resistance . The voltage on the ITH pin sets the comparator threshold corresponding to inductor valley current. The error amplifier EA adjusts this voltage by comparing the feedback signal VFB from the output voltage with an internal 0.6V reference. If the load current increases, it causes a drop in the feedback voltage relative to the reference. The ITH voltage then rises until the average inductor current again matches the load current. At low load currents, the inductor current can drop to zero and become negative. This is detected by current reversal comparator IREV which then shuts off M2, resulting in discontinuous operation. Both switches will remain off with the output capacitor supplying the load current until the ITH voltage rises above the zero current level (0.8V) to initiate another cycle. Discontinuous mode operation is disabled by comparator F when the FCB pin is brought below 0.6V, forcing continuous synchronous operation. The operating frequency is determined implicitly by the top MOSFET on-time and the duty cycle required to maintain regulation. The one-shot timer generates an ontime that is proportional to the ideal duty cycle, thus holding frequency approximately constant with changes in VIN. The nominal frequency can be adjusted with an external resistor RON. Overvoltage and undervoltage comparators OV and UV pull the PGOOD output low if the output feedback voltage exits a 10% window around the regulation point.
U
Furthermore, in an overvoltage condition, M1 is turned off and M2 is turned on and held on until the overvoltage condition clears. Foldback current limiting is provided if the output is shorted to ground. As VFB drops, the buffered current threshold voltage ITHB is pulled down by clamp Q3 to a 1V level set by Q4 and Q6. This reduces the inductor valley current level to one sixth of its maximum value as VFB approaches 0V. Pulling the RUN/SS pin low forces the controller into its shutdown state, turning off both M1 and M2. Releasing the pin allows an internal 1.2A current source to charge up an external soft-start capacitor CSS. When this voltage reaches 1.5V, the controller turns on and begins switching, but with the ITH voltage clamped at approximately 0.6V below the RUN/SS voltage. As CSS continues to charge, the soft-start current limit is removed. INTVCC/EXTVCC Power Power for the top and bottom MOSFET drivers and most of the internal controller circuitry is derived from the INTVCC pin. The top MOSFET driver is powered from a floating bootstrap capacitor CB. This capacitor is recharged from INTVCC through an external Schottky diode DB when the top MOSFET is turned off. When the EXTVCC pin is grounded, an internal 5V low dropout regulator supplies the INTVCC power from VIN. If EXTVCC rises above 4.7V, the internal regulator is turned off, and an internal switch connects EXTVCC to INTVCC. This allows a high efficiency source connected to EXTVCC, such as an external 5V supply or a secondary output from the converter, to provide the INTVCC power. Voltages up to 7V can be applied to EXTVCC for additional gate drive. If the input voltage is low and INTVCC drops below 3.5V, undervoltage lockout circuitry prevents the power switches from turning on.
7
LTC3778
APPLICATIO S I FOR ATIO
The basic LTC3778 application circuit is shown in Figure 1. External component selection is primarily determined by the maximum load current and begins with the selection of the sense resistance and power MOSFET switches. The LTC3778 can use either a sense resistor or the on-resistance of the synchronous power MOSFET for determining the inductor current. The desired amount of ripple current and operating frequency largely determines the inductor value. Finally, CIN is selected for its ability to handle the large RMS current into the converter and COUT is chosen with low enough ESR to meet the output voltage ripple and transient specification. Maximum Sense Voltage and VRNG Pin Inductor current is determined by measuring the voltage across a sense resistance that appears between the SENSE - and SENSE + pins. The maximum sense voltage is set by the voltage applied to the VRNG pin and is equal to approximately (0.133)VRNG. The current mode control loop will not allow the inductor current valleys to exceed (0.133)VRNG/RSENSE. In practice, one should allow some margin for variations in the LTC3778 and external component values and a good guide for selecting the sense resistance is:
RSENSE = VRNG 10 * IOUT(MAX)
An external resistive divider from INTVCC can be used to set the voltage of the VRNG pin between 0.5V and 2V resulting in nominal sense voltages of 50mV to 200mV. Additionally, the VRNG pin can be tied to SGND or INTVCC in which case the nominal sense voltage defaults to 70mV or 140mV, respectively. The maximum allowed sense voltage is about 1.33 times this nominal value.
8
U
Connecting the SENSE + and SENSE - Pins The LTC3778 can be used with or without a sense resistor. When using a sense resistor, it is placed between the source of the bottom MOSFET, M2, and PGND. Connect the SENSE + and SENSE - pins to the top and bottom of the sense resistor. Using a sense resistor provides a well defined current limit, but adds cost and reduces efficiency. Alternatively, one can eliminate the sense resistor and use the bottom MOSFET as the current sense element by simply connecting the SENSE + pin to the SW pin and SENSE - pin to PGND. This improves efficiency, but one must carefully choose the MOSFET on-resistance as discussed below. Power MOSFET Selection The LTC3778 requires two external N-channel power MOSFETs, one for the top (main) switch and one for the bottom (synchronous) switch. Important parameters for the power MOSFETs are the breakdown voltage V(BR)DSS, threshold voltage V(GS)TH, on-resistance RDS(ON), reverse transfer capacitance CRSS and maximum current IDS(MAX). The gate drive voltage is set by the 5V INTVCC and DRVCC supplies. Consequently, logic-level threshold MOSFETs must be used in LTC3778 applications. If the input voltage or DRVCC voltage is expected to drop below 5V, then sublogic level threshold MOSFETs should be considered. When the bottom MOSFET is used as the current sense element, particular attention must be paid to its onresistance. MOSFET on-resistance is typically specified with a maximum value RDS(ON)(MAX) at 25C. In this case, additional margin is required to accommodate the rise in MOSFET on-resistance with temperature:
W
UU
RDS(ON)(MAX) =
RSENSE T
LTC3778
APPLICATIO S I FOR ATIO
The T term is a normalization factor (unity at 25C) accounting for the significant variation in on-resistance with temperature, typically about 0.4%/C as shown in Figure 2. For a maximum junction temperature of 100C, using a value T = 1.3 is reasonable.
2.0
T NORMALIZED ON-RESISTANCE
1.5
1.0
0.5
0 - 50
50 100 0 JUNCTION TEMPERATURE (C)
150
3778 F02
Figure 2. RDS(ON) vs. Temperature
The power dissipated by the top and bottom MOSFETs strongly depends upon their respective duty cycles and the load current. When the LTC3778 is operating in continuous mode, the duty cycles for the MOSFETs are:
DTOP = DBOT VOUT VIN V -V = IN OUT VIN
The resulting power dissipation in the MOSFETs at maximum output current are: PTOP = DTOP IOUT(MAX)2 T(TOP) RDS(ON)(MAX) + k VIN2 IOUT(MAX) CRSS f PBOT = DBOT IOUT(MAX)2 T(BOT) RDS(ON)(MAX) Both MOSFETs have losses and the top MOSFET includes an additional term for transition losses, which are largest at high input voltages. The constant k = 1.7A-1 can be used to estimate the amount of transition loss. The bottom MOSFET losses are greatest when the bottom duty cycle is near 100%, during a short-circuit or at high input voltage. I2R
U
Operating Frequency The choice of operating frequency is a tradeoff between efficiency and component size. Low frequency operation improves efficiency by reducing MOSFET switching losses but requires larger inductance and/or capacitance in order to maintain low output ripple voltage. The operating frequency of LTC3778 applications is determined implicitly by the one-shot timer that controls the on-time tON of the top MOSFET switch. The on-time is set by the current into the ION pin and the voltage at the VON pin according to:
tON = VVON (10pF ) IION
W
UU
Tying a resistor RON from VIN to the ION pin yields an ontime inversely proportional to VIN. For a step-down converter, this results in approximately constant frequency operation as the input supply varies: f= VOUT [Hz] (VVON ) RON (10pF )
To hold frequency constant during output voltage changes, tie the VON pin to VOUT. The VON pin has internal clamps that limit its input to the one-shot timer. If the pin is tied below 0.7V, the input to the one-shot is clamped at 0.7V. Similarly, if the pin is tied above 2.4V, the input is clamped at 2.4V. Because the voltage at the ION pin is about 0.7V, the current into this pin is not exactly inversely proportional to VIN, especially in applications with lower input voltages. To correct for this error, an additional resistor RON2 connected from the ION pin to the 5V INTVCC supply will further stabilize the frequency. RON2 = 5V RON 0.7 V
Changes in the load current magnitude will also cause frequency shift. Parasitic resistance in the MOSFET switches and inductor reduce the effective voltage across the inductance, resulting in increased duty cycle as the load current increases. By lengthening the on-time slightly
9
LTC3778
APPLICATIO S I FOR ATIO
as current increases, constant frequency operation can be maintained. This is accomplished with a resistive divider from the ITH pin to the VON pin and VOUT. The values required will depend on the parasitic resistances in the specific application. A good starting point is to feed about 25% of the voltage change at the ITH pin to the VON pin as shown in Figure 3a. Place capacitance on the VON pin to filter out the ITH variations at the switching frequency. The resistor load on ITH reduces the DC gain of the error amp and degrades load regulation, which can be avoided by using the PNP emitter follower of Figure 3b.
RVON1 30k VOUT RVON2 100k RC ITH CC
3778 F03a
VON CVON 0.01F LTC3778
(3a)
RVON1 3k VOUT 10k INTVCC Q1 2N5087 RVON2 10k CVON 0.01F RC ITH CC
3778 F03b
VON LTC3778
(3b) Figure 3. Correcting Frequency Shift with Load Current Changes
Inductor Selection Given the desired input and output voltages, the inductor value and operating frequency determine the ripple current:
V V IL = OUT 1 - OUT VIN f L
Lower ripple current reduces core losses in the inductor, ESR losses in the output capacitors and output voltage ripple. Highest efficiency operation is obtained at low frequency with small ripple current. However, achieving this requires a large inductor. There is a tradeoff between component size, efficiency and operating frequency.
10
U
A reasonable starting point is to choose a ripple current that is about 40% of IOUT(MAX). The largest ripple current occurs at the highest VIN. To guarantee that ripple current does not exceed a specified maximum, the inductance should be chosen according to:
VOUT VOUT L= 1- f IL(MAX) VIN(MAX)
W
UU
Once the value for L is known, the type of inductor must be selected. High efficiency converters generally cannot afford the core loss found in low cost powdered iron cores, forcing the use of more expensive ferrite, molypermalloy or Kool M(R) cores. A variety of inductors designed for high current, low voltage applications are available from manufacturers such as Sumida, Panasonic, Coiltronics, Coilcraft and Toko. Schottky Diode D1 Selection The Schottky diode D1 shown in Figure 1 conducts during the dead time between the conduction of the power MOSFET switches. It is intended to prevent the body diode of the bottom MOSFET from turning on and storing charge during the dead time, which can cause a modest (about 1%) efficiency loss. The diode can be rated for about one half to one fifth of the full load current since it is on for only a fraction of the duty cycle. In order for the diode to be effective, the inductance between it and the bottom MOSFET must be as small as possible, mandating that these components be placed adjacently. The diode can be omitted if the efficiency loss is tolerable. CIN and COUT Selection The input capacitance CIN is required to filter the square wave current at the drain of the top MOSFET. Use a low ESR capacitor sized to handle the maximum RMS current. IRMS IOUT(MAX) VOUT VIN VIN -1 VOUT
This formula has a maximum at VIN = 2VOUT, where IRMS = IOUT(MAX) / 2. This simple worst-case condition is
Kool M is a registered trademark of Magnetics, Inc.
LTC3778
APPLICATIO S I FOR ATIO
commonly used for design because even significant deviations do not offer much relief. Note that ripple current ratings from capacitor manufacturers are often based on only 2000 hours of life which makes it advisable to derate the capacitor. The selection of COUT is primarily determined by the ESR required to minimize voltage ripple and load step transients. The output ripple VOUT is approximately bounded by:
1 VOUT IL ESR + 8fC OUT
Since IL increases with input voltage, the output ripple is highest at maximum input voltage. Typically, once the ESR requirement is satisfied, the capacitance is adequate for filtering and has the necessary RMS current rating. Multiple capacitors placed in parallel may be needed to meet the ESR and RMS current handling requirements. Dry tantalum, special polymer, aluminum electrolytic and ceramic capacitors are all available in surface mount packages. Special polymer capacitors offer very low ESR but have lower capacitance density than other types. Tantalum capacitors have the highest capacitance density but it is important to only use types that have been surge tested for use in switching power supplies. Aluminum electrolytic capacitors have significantly higher ESR, but can be used in cost-sensitive applications providing that consideration is given to ripple current ratings and long term reliability. Ceramic capacitors have excellent low ESR characteristics but can have a high voltage coefficient and audible piezoelectric effects. The high Q of ceramic capacitors with trace inductance can also lead to significant ringing. When used as input capacitors, care must be taken to ensure that ringing from inrush currents and switching does not pose an overvoltage hazard to the power switches and controller. To dampen input voltage transients, add a small 5F to 50F aluminum electrolytic capacitor with an ESR in the range of 0.5 to 2. High performance through-hole capacitors may also be used,
U
but an additional ceramic capacitor in parallel is recommended to reduce the effect of their lead inductance. Top MOSFET Driver Supply (CB, DB) An external bootstrap capacitor CB connected to the BOOST pin supplies the gate drive voltage for the topside MOSFET. This capacitor is charged through diode DB from INTVCC when the switch node is low. When the top MOSFET turns on, the switch node rises to VIN and the BOOST pin rises to approximately VIN + INTVCC. The boost capacitor needs to store about 100 times the gate charge required by the top MOSFET. In most applications 0.1F to 0.47F, X5R or X7R dielectric capacitor is adequate. Discontinuous Mode Operation and FCB Pin The FCB pin determines whether the bottom MOSFET remains on when current reverses in the inductor. Tying this pin above its 0.6V threshold enables discontinuous operation where the bottom MOSFET turns off when inductor current reverses. The load current at which current reverses and discontinuous operation begins depends on the amplitude of the inductor ripple current and will vary with changes in VIN. Tying the FCB pin below the 0.6V threshold forces continuous synchronous operation, allowing current to reverse at light loads and maintaining high frequency operation. In addition to providing a logic input to force continuous operation, the FCB pin provides a means to maintain a flyback winding output when the primary is operating in discontinuous mode. The secondary output VOUT2 is normally set as shown in Figure 4 by the turns ratio N of the transformer. However, if the controller goes into discontinuous mode and halts switching due to a light primary load current, then VOUT2 will droop. An external resistor divider from VOUT2 to the FCB pin sets a minimum voltage VOUT2(MIN) below which continuous operation is forced until VOUT2 has risen above its minimum.
W
UU
R4 VOUT 2(MIN) = 0.8V 1 + R3
11
LTC3778
APPLICATIO S I FOR ATIO
+
VIN TG LTC3778 EXTVCC SW R4 FCB R3 SGND BG PGND VIN CIN 1N4148 OPTIONAL EXTVCC CONNECTION 5V < VSEC < 7V
+
T1 1:N
*+
Figure 4. Secondary Output Loop and EXTVCC Connection
Fault Conditions: Current Limit and Foldback The maximum inductor current is inherently limited in a current mode controller by the maximum sense voltage. In the LTC3778, the maximum sense voltage is controlled by the voltage on the VRNG pin. With valley current control, the maximum sense voltage and the sense resistance determine the maximum allowed inductor valley current. The corresponding output current limit is: ILIMIT = VSNS(MAX) RDS(ON) 1 + IL T 2
The current limit value should be checked to ensure that ILIMIT(MIN) > IOUT(MAX). The minimum value of current limit generally occurs with the largest VIN at the highest ambient temperature, conditions that cause the largest power loss in the converter. Note that it is important to check for self-consistency between the assumed MOSFET junction temperature and the resulting value of ILIMIT which heats the MOSFET switches. Caution should be used when setting the current limit based upon the RDS(ON) of the MOSFETs. The maximum current limit is determined by the minimum MOSFET onresistance. Data sheets typically specify nominal and maximum values for RDS(ON), but not a minimum. A reasonable assumption is that the minimum RDS(ON) lies the same amount below the typical value as the maximum lies above it. Consult the MOSFET manufacturer for further guidelines.
12
U
VOUT2 CSEC 1F VOUT1 COUT
W
*
UU
To further limit current in the event of a short circuit to ground, the LTC3778 includes foldback current limiting. If the output falls by more than 25%, then the maximum sense voltage is progressively lowered to about one sixth of its full value. Minimum Off-time and Dropout Operation The minimum off-time tOFF(MIN) is the smallest amount of time that the LTC3778 is capable of turning on the bottom MOSFET, tripping the current comparator and turning the MOSFET back off. This time is generally about 350ns. The minimum off-time limit imposes a maximum duty cycle of tON/(tON + tOFF(MIN)). If the maximum duty cycle is reached, due to a dropping input voltage for example, then the output will drop out of regulation. The minimum input voltage to avoid dropout is: VIN(MIN) = VOUT INTVCC Regulator An internal P-channel low dropout regulator produces the 5V supply that powers the drivers and internal circuitry within the LTC3778. The INTVCC pin can supply up to 50mA RMS and must be bypassed to ground with a minimum of 4.7F tantalum or other low ESR capacitor. Good bypassing is necessary to supply the high transient currents required by the MOSFET gate drivers. Applications using large MOSFETs with a high input voltage and high frequency of operation may cause the LTC3778 to exceed its maximum junction temperature rating or RMS current rating. Most of the supply current drives the MOSFET gates unless an external EXTVCC source is used. In continuous mode operation, this current is IGATECHG = f(Qg(TOP) + Qg(BOT)). The junction temperature can be estimated from the equations given in Note 2 of the Electrical Characteristics. For example, the LTC3778CF is limited to less than 14mA from a 30V supply: TJ = 70C + (14mA)(30V)(130C/W) = 125C For larger currents, consider using an external supply with the EXTVCC pin. tON + tOFF(MIN) tON
3778 F04
LTC3778
APPLICATIO S I FOR ATIO
EXTVCC Connection
The EXTVCC pin can be used to provide MOSFET gate drive and control power from the output or another external source during normal operation. Whenever the EXTVCC pin is above 4.7V the internal 5V regulator is shut off and an internal 50mA P-channel switch connects the EXTVCC pin to INTVCC. INTVCC power is supplied from EXTVCC until this pin drops below 4.5V. Do not apply more than 7V to the EXTVCC pin and ensure that EXTVCC VIN. The following list summarizes the possible connections for EXTVCC: 1. EXTVCC grounded. INTVCC is always powered from the internal 5V regulator. 2. EXTVCC connected to an external supply. A high efficiency supply compatible with the MOSFET gate drive requirements (typically 5V) can improve overall efficiency. 3. EXTVCC connected to an output derived boost network. The low voltage output can be boosted using a charge pump or flyback winding to greater than 4.7V. The system will start-up using the internal linear regulator until the boosted output supply is available. External Gate Drive Buffers The LTC3778 drivers are adequate for driving up to about 30nC into MOSFET switches with RMS currents of 50mA. Applications with larger MOSFET switches or operating at frequencies requiring greater RMS currents will benefit from using external gate drive buffers such as the LTC1693. Alternately, the external buffer circuit shown in Figure 5 can be used. Note that the bipolar devices reduce the signal swing at the MOSFET gate, and benefit from an increased EXTVCC voltage of about 6V.
BOOST Q1 FMMT619 GATE OF M1 Q2 FMMT720 SW INTVCC Q3 FMMT619 GATE OF M2 Q4 FMMT720 PGND
3778 F05
10 TG
10 BG
Figure 5. Optional External Gate Driver
U
Soft-Start and Latchoff with the RUN/SS Pin The RUN/SS pin provides a means to shut down the LTC3778 as well as a timer for soft-start and overcurrent latchoff. Pulling the RUN/SS pin below 0.8V puts the LTC3778 into a low quiescent current shutdown (IQ < 30A). Releasing the pin allows an internal 1.2A current source to charge up the external timing capacitor CSS. If RUN/SS has been pulled all the way to ground, there is a delay before starting of about:
W
UU
tDELAY =
1.5V C SS = 1.3s/F C SS 1.2A
(
)
When the voltage on RUN/SS reaches 1.5V, the LTC3778 begins operating with a clamp on ITH of approximately 0.9V. As the RUN/SS voltage rises to 3V, the clamp on ITH is raised until its full 2.4V range is available. This takes an additional 1.3s/F, during which the load current is folded back until the output reaches 75% of its final value. The pin can be driven from logic as shown in Figure 5. Diode D1 reduces the start delay while allowing CSS to charge up slowly for the soft-start function. After the controller has been started and given adequate time to charge up the output capacitor, CSS is used as a short-circuit timer. After the RUN/SS pin charges above 4V, if the output voltage falls below 75% of its regulated value, then a short-circuit fault is assumed. A 1.8A current then begins discharging CSS. If the fault condition persists until the RUN/SS pin drops to 3.5V, then the controller turns off both power MOSFETs, shutting down the converter permanently. The RUN/SS pin must be actively pulled down to ground in order to restart operation. The overcurrent protection timer requires that the softstart timing capacitor CSS be made large enough to guarantee that the output is in regulation by the time CSS has reached the 4V threshold. In general, this will depend upon the size of the output capacitance, output voltage and load current characteristic. A minimum soft-start capacitor can be estimated from: CSS > COUT VOUT RSENSE (10 - 4 [F/V s]) Generally 0.1F is more than sufficient.
13
LTC3778
APPLICATIO S I FOR ATIO
Overcurrent latchoff operation is not always needed or desired. Load current is already limited during a shortcircuit by the current foldback circuitry and latchoff operation can prove annoying during troubleshooting. The feature can be overridden by adding a pull-up current greater than 5A to the RUN/SS pin. The additional current prevents the discharge of CSS during a fault and also shortens the soft-start period. Using a resistor to V IN as shown in Figure 6a is simple, but slightly increases shutdown current. Connecting a resistor to INTV CC as shown in Figure 6b eliminates the additional shutdown current, but requires a diode to isolate CSS . Any pull-up network must be able to maintain RUN/SS above the 4V maximum latch-off threshold and overcome the 4A maximum discharge current.
INTVCC VIN 3.3V OR 5V D1 RUN/SS RSS* RSS* D2* RUN/SS
2N7002 CSS *OPTIONAL TO OVERRIDE OVERCURRENT LATCHOFF
(6a)
(6b)
Figure 6. RUN/SS Pin Interfacing with Latchoff Defeated
Efficiency Considerations The percent efficiency of a switching regulator is equal to the output power divided by the input power times 100%. It is often useful to analyze individual losses to determine what is limiting the efficiency and which change would produce the most improvement. Although all dissipative elements in the circuit produce losses, four main sources account for most of the losses in LTC3778 circuits: 1. DC I2R losses. These arise from the resistances of the sense resistor, MOSFETs, inductor and PC board traces and cause the efficiency to drop at high output currents. In continuous mode the average output current flows through L, but is chopped between the top and bottom MOSFETs. If the two MOSFETs have approximately the same RDS(ON), then the resistance of one MOSFET can simply be summed
14
U
with the resistances of L and the board traces to obtain the DC I2R loss. For example, if RDS(ON) = 0.01 and RL = 0.005, the loss will range from 15mW to 1.5W as the output current varies from 1A to 10A. 2. Transition loss. This loss arises from the brief amount of time the top MOSFET spends in the saturated region during switch node transitions. It depends upon the input voltage, load current, driver strength and MOSFET capacitance, among other factors. The loss is significant at input voltages above 20V and can be estimated from: Transition Loss (1.7A-1) VIN2 IOUT CRSS f 3. INTVCC current. This is the sum of the MOSFET driver and control currents. This loss can be reduced by supplying INTVCC current through the EXTVCC pin from a high efficiency source, such as an output derived boost network or alternate supply if available. 4. CIN loss. The input capacitor has the difficult job of filtering the large RMS input current to the regulator. It must have a very low ESR to minimize the AC I2R loss and sufficient capacitance to prevent the RMS current from causing additional upstream losses in fuses or batteries. Other losses, including COUT ESR loss, Schottky diode D1 conduction loss during dead time and inductor core loss generally account for less than 2% additional loss. When making adjustments to improve efficiency, the input current is the best indicator of changes in efficiency. If you make a change and the input current decreases, then the efficiency has increased. If there is no change in input current, then there is no change in efficiency. Checking Transient Response The regulator loop response can be checked by looking at the load transient response. Switching regulators take several cycles to respond to a step in load current. When a load step occurs, VOUT immediately shifts by an amount equal to ILOAD (ESR), where ESR is the effective series resistance of COUT. ILOAD also begins to charge or discharge COUT generating a feedback error signal used by the regulator to return VOUT to its steady-state value.
CSS
3778 F06
W
UU
LTC3778
APPLICATIO S I FOR ATIO
During this recovery time, VOUT can be monitored for overshoot or ringing that would indicate a stability problem. The ITH pin external components shown in Figure 6 will provide adequate compensation for most applications. For a detailed explanation of switching control loop theory see Application Note 76. Design Example As a design example, take a supply with the following specifications: VIN = 7V to 28V (15V nominal), VOUT = 2.5V 5%, IOUT(MAX) = 10A, f = 250kHz. First, calculate the timing resistor with VON = VOUT:
RON =
(
2.5V 250kHz 10pF
)(
)
= 1M
and choose the inductor for about 40% ripple current at the maximum VIN:
2.5V L= 1- = 2.3H 28V 250kHz 0.4 10A
(
2.5V
)( )( )
2.5V
Selecting a standard value of 1.8H results in a maximum ripple current of:
IL =
(
2.5V 1- = 5.1A 28V 250kHz 1.8H
)(
)
Next, choose the synchronous MOSFET switch. Choosing a Si4874 (RDS(ON) = 0.0083 (NOM) 0.010 (MAX), JA = 40C/W) yields a nominal sense voltage of: VSNS(NOM) = (10A)(1.3)(0.0083) = 108mV Tying VRNG to 1.1V will set the current sense voltage range for a nominal value of 110mV with current limit occurring at 146mV. To check if the current limit is acceptable, assume a junction temperature of about 80C above a 70C ambient with 150C = 1.5:
ILIMIT
(1.5)(0.010) ( )
146mV +
1 5.1A = 12A 2
U
and double check the assumed TJ in the MOSFET: PBOT = 28V - 2 .5V 12A 28V
W
UU
( ) (1.5)(0.010) = 1.97 W
2
TJ = 70C + (1.97W)(40C/W) = 149C Because the top MOSFET is on for such a short time, an Si4884 RDS(ON)(MAX) = 0.0165, CRSS = 100pF, JA = 40C/W will be sufficient. Checking its power dissipation at current limit with 100C = 1.4:
PTOP =
( ) (1.4)(0.0165) + 2 (1.7)(28V) (12A)(100pF )(250kHz)
2.5V 12A 28V
2
= 0.30W + 0.40W = 0.7 W
TJ = 70C + (0.7W)(40C/W) = 98C The junction temperatures will be significantly less at nominal current, but this analysis shows that careful attention to heat sinking will be necessary in this circuit. CIN is chosen for an RMS current rating of about 5A at 85C. The output capacitors are chosen for a low ESR of 0.013 to minimize output voltage changes due to inductor ripple current and load steps. The ripple voltage will be only: VOUT(RIPPLE) = IL(MAX) (ESR) = (5.1A) (0.013) = 66mV However, a 0A to 10A load step will cause an output change of up to: VOUT(STEP) = ILOAD (ESR) = (10A) (0.013) = 130mV An optional 22F ceramic output capacitor is included to minimize the effect of ESL in the output ripple. The complete circuit is shown in Figure 7.
15
LTC3778
APPLICATIO S I FOR ATIO
CSS 0.1F LTC3778 20 1 RUN/SS BOOST 2 R3 11k R4 39k RPG 100k 3 4 6 RC 20k CC2 100pF CON, 0.01F R1 12.7k RON 1M R2 40.2k 5 7 8 9 10 VON PGOOD VRNG FCB ITH SGND ION VFB EXTVCC TG SW SENSE + SENSE - PGND BG DRVCC INTVCC VIN 19 18 17 16
CC1 500pF
15 14 13 12 11 RF 1 CF 0.1F CVCC 4.7F
CIN: UNITED CHEMICON THCR60EIHI06ZT COUT1-2: CORNELL DUBILIER ESRE181E04B L1: SUMIDA CEP125-1R8MC-H
Figure 7. Design Example: 2.5V/10A at 250kHz
PC Board Layout Checklist When laying out a PC board follow one of the two suggested approaches. The simple PC board layout requires a dedicated ground plane layer. Also, for higher currents, it is recommended to use a multilayer board to help with heat sinking power components. * The ground plane layer should not have any traces and it should be as close as possible to the layer with power MOSFETs. * Place CIN, COUT, MOSFETs, D1 and inductor all in one compact area. It may help to have some components on the bottom side of the board. * Place LTC3778 chip with pins 10 to 20 facing the power components. Keep the components connected to pins 1 to 9 close to LTC3778 (noise sensitive components).
16
+
U
DB CMDSH-3 CB 0.22F CIN 10F 35V x3 VIN 5V TO 28V M1 Si4884 L1, 1.8H VOUT 2.5V 10A
W
UU
+
M2 Si4874 D1 B340A
COUT1-2 180F 4V x2
COUT3 22F 6.3V X7R
3778 F07
* Use an immediate via to connect the components to ground plane including SGND and PGND of LTC3778. Use several bigger vias for power components. * Use compact plane for switch node (SW) to improve cooling of the MOSFETs and to keep EMI down. * Use planes for VIN and VOUT to maintain good voltage filtering and to keep power losses low. * Flood all unused areas on all layers with copper. Flooding with copper will reduce the temperature rise of power component. You can connect the copper areas to any DC net (VIN, VOUT, GND or to any other DC rail in your system). When laying out a printed circuit board, without a ground plane, use the following checklist to ensure proper operation of the controller. These items are also illustrated in Figure 8.
LTC3778
APPLICATIO S I FOR ATIO
* Segregate the signal and power grounds. All small signal components should return to the SGND pin at one point which is then tied to the PGND pin close to the source of M2. * Place M2 as close to the controller as possible, keeping the PGND, BG and SW traces short. * Connect the input capacitor(s) CIN close to the power MOSFETs. This capacitor carries the MOSFET AC current.
CSS 1 2 3 4 CC1 RC 5 6 7 CION 8 CFB 9 R1 10 ION VFB EXTVCC DRVCC INTVCC VIN 13 12 11 CVCC LTC3778 RUN/SS VON PGOOD VRNG ITH FCB SGND BOOST TG SW SENSE+ SENSE- PGND BG 20 19 18 17 16 15 14 DB CB
CC2
+
R2
RON
BOLD LINES INDICATE HIGH CURRENT PATHS
Figure 8. LTC3778 Layout Diagram
U
* Keep the high dV/dT SW, BOOST and TG nodes away from sensitive small-signal nodes. * Connect the INTVCC decoupling capacitor CVCC closely to the INTVCC and PGND pins. * Connect the top driver boost capacitor CB closely to the BOOST and SW pins. * Connect the VIN pin decoupling capacitor CF closely to the VIN and PGND pins.
L M1
W
UU
+
D1
CIN VIN
M2
- -
CF RF COUT VOUT
+
3778 F08
17
LTC3778
TYPICAL APPLICATIO S
1.25V/6A Sink and Source at 550kHz
CSS 0.1F 1 2 RPG 100k 3 4 6 CC1 1500pF RC 20k CC2 100pF CON, 0.01F R1 12.7k RON 227k R2 11.7k
LTC3778 20 RUN/SS BOOST VON PGOOD VRNG FCB TG SW SENSE + SENSE - PGND BG DRVCC INTVCC VIN 19 18 17 16 15 14 13 12 11 68
5 7 8 9 10
ITH SGND ION VFB EXTVCC
CIN: UNITED CHEMICON THCR60EIHI06ZT COUT1-2: CORNELL DUBILIER ESRE181E04B L1: SUMIDA CEP125-1R8MC-H
18
+
U
DB CMDSH-3 CB 0.22F
VIN 5V TO 25V CIN 10F 35V x3 330F 25V, SANYO ELECTROLYTIC VOUT 1.25V 6A
M1 IRF7811 L1, 1.8H
+
1.2k
COUT1-2 180F 4V x2
M2 IRF7811
D1 B340A
COUT3 22F 6.3V X7R
CVCC 4.7F
RF 1 CF 0.1F
3778 F09
LTC3778
TYPICAL APPLICATIO S
Intel Compatible Tualatin Mobile CPU Power Supply with AVP
3 3 1 Q1 2N7002 2 R3 OPT VIN C1, 0.01F INTVCC SGND PGND R16 0 1 2 QT IRF7811A x2 VIN 7.5V CIN TO 24V 10F 35V x4
3.3V
1
VRON
2 R2 100k
1
Q2 2N7002 2 R1 100k
C2, 0.01F R4 2k R5 100 R6 1k VOUT PWRGOOD 3 1 Q3 MMMT3906-7 3 2 1 Q6 MMBT3904-7 R14 2 10k 1 R8 1k 2 3 C7 1F 6.3V 0603 R10 1k R13 10k C8, 0.1F 6 C9, 220pF R15 20k 7 8 R17 24.9k, 1% R18 221k, 1% R40 OPT R41 0 R19 330k VIN C18, 1000pF R29 12.1k 1 DPSLP# 2 R37 100k Q14 2N7002 2 R33 100k 3 1 Q13 2N7002 2 3.3V 9 10 ITH R12 OPT 4 5
3.3V
U
+
LTC3778E RUN/SS VON PGOOD VRNG FCB BOOST TG SW SENSE + SENSE - PGND BG DRVCC INTVCC VIN
20 19 18
D1 CMDSH-3 C10 0.22F
L1 0.68H SUMIDA CEP125-4712F011 VCORE 1.35V/1.15V/0.85V D2 UPS840 COUT 270F 3 2V, SP x4
1 17 16 15 14 13 12 11 R7 1 VIN 5V C19 4.7F 16V R23 1 C21 1F QB IRF7811A x3 2 R21 0.003
+
SGND ION VFB EXTVCC
C11, 220pF
C41, 1F C42, 1F
R9 221k 1% R30 11.8k 1% R28 100k GMUXSEL 3 1 2 Q12 2N7002 3 1 2 R39 1M Q15 2N7002 R34 33.2k 1% R31 10k VCORE 1% 1 R11 9.76k Q17 2N7002 1% 2 1 3 1 R49* 178k 1% 3 2 3 2 *OPTIONAL Q20* 2N7002 Q19* 2N7002
3 1 R38 1M DPRSLPVR
3778 F10
19
LTC3778
PACKAGE DESCRIPTIO U
F Package 20-Lead Plastic TSSOP (4.4mm)
(Reference LTC DWG # 05-08-1650)
6.40 - 6.60* (.252 - .260) 20 19 18 17 16 15 14 13 12 11 6.25 - 6.50 (.246 - .256) 1 2 3 4 5 6 7 8 9 10 4.30 - 4.48** (.169 - .176) 0 - 8 1.10 (.0433) MAX NOTE: 1. CONTROLLING DIMENSION: MILLIMETERS MILLIMETERS 2. DIMENSIONS ARE IN (INCHES) 3. DRAWING NOT TO SCALE *DIMENSIONS DO NOT INCLUDE MOLD FLASH. MOLD FLASH SHALL NOT EXCEED .152mm (.006") PER SIDE **DIMENSIONS DO NOT INCLUDE INTERLEAD FLASH. INTERLEAD FLASH SHALL NOT EXCEED .254mm (.010") PER SIDE .65 (.0256) BSC .18 - .30 (.0071 - .0118) .05 - .15 (.002 - .006)
F20 TSSOP 0501
.09 - .18 (.0035 - .0071)
.50 - .70 (.020 - .028)
RELATED PARTS
PART NUMBER LTC1622 LTC1625/LTC1775 LTC1628-PG LTC1628-SYNC LTC1709-7 LTC1709-8 LTC1735 LTC1736 LTC1772 LTC1773 LTC1778 LTC1874 LTC1876 LTC3714 LTC3716 DESCRIPTION 550kHz Step-Down Controller No RSENSETM Current Mode Synchronous Step-Down Controller Dual, 2-Phase Synchronous Step-Down Controller Dual, 2-Phase Synchronous Step-Down Controller High Efficiency, 2-Phase Synchronous Step-Down Controller with 5-Bit VID High Efficiency, 2-Phase Synchronous Step-Down Controller High Efficiency, Synchronous Step-Down Controller High Efficiency, Synchronous Step-Down Controller with 5-Bit VID ThinSOTTM Step-Down Controller Synchronous Step-Down Controller Wide Operating Range, No RSENSE Step-Down Controller Dual, Step-Down Controller 2-Phase, Dual Synchronous Step-Down Controller with Step-Up Regulator Intel Compatible, Wide Operating Range, No RSENSE Step-Down Controller with Internal Op Amp High Efficiency, 2-Phase Synchronous Step-Down Controller with 5-Bit Mobile VID COMMENTS 8-Pin MSOP; Synchronizable; Soft-Start; Current Mode 97% Efficiency; No Sense Resistor; 16-Pin SSOP Power Good Output; Minimum Input/Output Capacitors; 3.5V VIN 36V Synchronizable 150kHz to 300kHz, VIN to 36V Up to 42A Output; 0.925V VOUT 2V Up to 42A Output; VRM 8.4; 1.3V VOUT 3.5V Burst ModeTM Operation; 16-Pin Narrow SSOP; 3.5V VIN 36V Mobile VID; 0.925V VOUT 2V; 3.5V VIN 36V Current Mode; 550kHz; Very Small Solution Size Up to 95% Efficiency, 550kHz, 2.65V VIN 8.5V, 0.8V VOUT VIN, Synchronizable to 750kHz GN16-Pin, 0.8V FB Reference Current Mode; 550kHz; Small 16-Pin SSOP, VIN < 9.8V 3.5V VIN 36V, Power Good Output, 300kHz Operation G28 Package, VOUT = 0.6V to 1.75V 5-Bit Mobile VID, Active Voltage Positioning IMVP2, VIN to 36V VOUT = 0.6V to 1.75V, Active Voltage Positioning IMVP2, VIN to 36V
Burst Mode and ThinSOT are trademarks of Linear Technology Corporation.
3778i LT/TP 0701 1.5K * PRINTED IN USA
20
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507
q
www.linear.com
(c) LINEAR TECHNOLOGY CORPORATION 2001


▲Up To Search▲   

 
Price & Availability of LTC3778

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X