Part Number Hot Search : 
LC864424 AD8015 ADC110TM CMD5D11 DQ2864H Z1117CM RF2045 LQ150X
Product Description
Full Text Search
 

To Download LTC1068-25 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Final Electrical Specifications
LTC1068-25 High Speed, Low Noise Quad Universal Filter Building Block FEATURES
s s
DESCRIPTIO
February 1998
s s s s s s
s
Four Identical 2nd Order Filters in an SSOP Package Maximum Center Frequency up to 200kHz (VS = 5V) Center Frequency Error: 0.3% (Typ) Low Noise: 40VRMS per 2nd Order Section, Q 5 High Dynamic Range: THD + Noise 0.05% Low DC Offsets: 10mV per 2nd Order Section Clock-to-Center Frequency Ratio: 25:1 No Aliasing for Input Frequencies up to 50 x fCUTOFF Operates from 2.375V to 5V Power Supplies
The LTC (R)1068-25 consists of four identical, low noise, high accuracy 2nd order switched-capacitor filter building blocks. Each building block, together with three to five resistors, can provide 2nd order filter functions like lowpass, bandpass, highpass and notch. High precision, high performance, quad 2nd order, dual 4th order or 8th order filters can also be designed with an LTC1068-25. The center frequency of each 2nd order section is tuned by an external clock. The clock-to-center frequency ratio is internally set to 25:1 and can be modified by external resistors. The sampling rate of the LTC1068-25 is twice the clock frequency. The maximum input frequency can approach twice the clock frequency before aliasing occurs. A customized version of the LTC1068-25 in a 16-lead SO with internal thin film resistors can be obtained. Clock-tocenter frequency ratios higher or lower than 25:1 can also be obtained. Please contact LTC Marketing for details. The LTC1068-25 is available in a 28-pin SSOP surface mount package and is supported by FilterCADTM 2.0 filter design software.
APPLICATI
s s s
S
High Selectivity Bandpass Filters (40kHz to 140kHz) Dual 4th Order Lowpass Filters up to 200kHz Elliptic Lowpass Filters up to 140kHz
, LTC and LT are registered trademarks of Linear Technology Corporation. FilterCAD is a trademark of Linear Technology Corporation.
TYPICAL APPLICATI
1 R21, 4.99k R11, 29.4k VIN R31, 24.9k R41, 20.5k R51 4.99k R61, 11.3k 7 5V 0.1F 8 9 10 R43, 43.2k R33, 59k R23, 4.99k 11 12 13 14 RL3 45.3K 2 3 4 5 6 INV B HPB/NB BPB LPB SB NC AGND V
+
8th Order 70kHz Elliptic Bandpass Filter
RH1, 28k RL2, 23.2k RH2, 11.3k INV C HPB/NC BPC LPC SC 28 27 26 25 24 R52 4.99k R62, 56.2k -5V 0.1F 1.75MHz R64, 10k R54 4.99k R44, 17.4k R34, 63.4k R24, 7.5k R22, 4.99k R32, 107k
10 0 -10 -20
GAIN (dB)
23 V- NC CLK LTC1068-25 NC SD LPD BPD HPD INV D RH3, 15.4k 22 21 20 19 18 17 16 15
-30 -40 -50 -60 -70 -80 -90 20 30 40 50 60 70 80 FREQUENCY (kHz) 90 100
NC SA LPA BPA HPA/NA INV A
VOUT
1068-25 TA01
Information furnished by Linear Technology Corporation is believed to be accurate and reliable. However, no responsibility is assumed for its use. Linear Technology Corporation makes no representation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
U
Gain vs Frequency
UO
UO
1068-25 TA02
1
LTC1068-25 ABSOLUTE AXI U RATI GS PACKAGE/ORDER I FOR ATIO
TOP VIEW INV B HPB/NB BPB LPB SB NC AGND V+ NC 1 2 3 4 5 6 7 8 9 28 INV C 27 HPC/NC 26 BPC 25 LPC 24 SC 23 V - 22 NC 21 CLK 20 NC 19 SD 18 LPD 17 BPD 16 HPD/ND 15 INV D
Total Supply Voltage (V + to V -) .............................. 12V Power Dissipation ............................................. 500mW Operating Temperature Range LTC1068CG-25 ........................................ 0C to 70C LTC1068IG-25 ................................... - 40C to 85C Input Voltage at Any Pin ... V - - 0.3V VIN V + + 0.3V Storage Temperature Range ................. - 65C to 150C Lead Temperature (Soldering, 10 sec).................. 300C
ORDER PART NUMBER LTC1068CG-25 LTC1068IG-25
SA 10 LPA 11 BPA 12 HPA/NA 13 INV A 14
G PACKAGE 28-LEAD PLASTIC SSOP TJMAX = 125C, JA = 95C/W
Consult factory for Military grade parts.
ELECTRICAL CHARACTERISTICS
PARAMETER Operating Supply Voltage Range Voltage Swings CONDITIONS
(Internal Op Amps) VS = 5V, TA = 25C, unless otherwise specified.
MIN 1.57
q q q
TYP 1.6 3.4 4.1 17/6 20/15 85 6 10
MAX 5.5
UNITS V VP-P VP-P V mA mA dB MHz V/s
VS = 3.14V, RL = 5k (Note 1) VS = 4.75V, RL = 5k (Note 2) VS = 5V, RL = 5k VS = 4.75V VS = 5V RL = 5k
1.2 2.6 3.4
Output Short-Circuit Current (Source/Sink) DC Open-Loop Gain GBW Product Slew Rate
(Complete Filter) VS = 5V, TA = 25C, unless otherwise specified.
PARAMETER Clock-to-Center Frequency, fCLK/fO (Note 5) CONDITIONS VS = 4.75V, fCLK = 500kHz, Mode 1 (Note 2), fO = 20kHz, Q = 5, VIN = 0.5VRMS, R1 = R3 = 49.9k, R2 = 10k VS = 5V, fCLK = 1MHz, Mode 1, fO = 40kHz, Q = 5, VIN = 1VRMS, R1 = R3 = 49.9k, R2 = 10k Clock-to-Center Frequency Ratio, Side-to-Side Matching (Note 5) Q Accuracy (Note 5) VS = 4.75V, fCLK = 500kHz, Q = 5 (Note 2) VS = 5V, fCLK = 1MHz, Q = 5 VS = 4.75V, fCLK = 500kHz, Q = 5 (Note 2) VS = 5V, fCLK = 1MHz, Q = 5
q
MIN
TYP 25 0.3%
MAX 25 0.8% 25 0.9% 25 0.8% 25 0.9% 0.9 0.9 3 3
UNITS
25 0.3%
q q q q q
0.25 0.25 1 1
2
U
% % % %
W
U
U
WW
W
LTC1068-25
ELECTRICAL CHARACTERISTICS
PARAMETER
fO Temperature Coefficient Q Temperature Coefficient DC Offset Voltage (Note 5) (See Table 1)
(Complete Filter) VS = 5V, TA = 25C, unless otherwise specified.
CONDITIONS
MIN
TYP
1 5
MAX UNITS
ppm/C ppm/C 15 25 40 mV mV mV mVRMS MHz 8 11 15 mA mA mA
VS = 5V, fCLK = 1MHz, VOS1 (DC Offset of Input Inverter) VS = 5V, fCLK = 1MHz, VOS2 (DC Offset of First Integrator) VS = 5V, fCLK = 1MHz, VOS3 (DC Offset of Second Integrator)
q q q
0 -2 -5 0.25 5.6
Clock Feedthrough Maximum Clock Frequency (Note 4) Power Supply Current
VS = 5V, fCLK = 1MHz VS = 5V, Q 1.6, Mode 1 VS = 3.14V, fCLK = 1MHz (Note 1) VS = 4.75V, fCLK = 1MHz (Note 2) VS = 5V, fCLK = 1MHz
q q q
3.5 6.5 9.5
The q denotes specifications which apply over the full operating temperature range. Note 1: Production testing for single 3.14V supply is achieved by using the equivalent dual supplies of 1.57V. Note 2: Production testing for single 4.75V supply is achieved by using the equivalent dual supplies of 2.375V.
Note 3: Pin 7 (AGND) is the internal analog ground of the device. For single supply applications this pin should be bypassed with a 1F capacitor. The biasing voltage of AGND is set with an internal resistive divider from Pin 8 to Pin 23 (see Block Diagram). Note 4: See performance characteristics. Note 5: Side D is guaranteed by design.
Table 1. Output DC Offsets One 2nd Order Section
MODE 1 1B 2 3 VOSN VOS1[(1/Q) + 1 + HOLP] - VOS3/Q VOS1[(1/Q) + 1 + R2/R1] - VOS3/Q [VOS1(1 + R2/R1 + R2/R3 + R2/R4) - VOS3(R2/R3)X [R4/(R2 + R4)] + VOS2[R2/(R2 + R4)] VOS2 VOSBP VOS3 VOS3 VOS3 VOS3 VOSLP VOSN - VOS2 ~(VOSN - VOS2)(1 + R5/R6) VOSN - VOS2 VOS1[1 + R4/R1 + R4/R2 + R4/R3] - VOS2(R4/R2) - VOS3(R4/R3)
TYPICAL PERFORMANCE CHARACTERISTICS
Maximum Q vs Frequency (Modes 1, 1B, 2)
55 50 45 40 35 30 25 20 15 10 5 0 0 32 64 96 128 160 FREQUENCY, fO (kHz) 192 224 A B C A: VS = 3.3V, fCLK(MAX) = 1.2MHz B: VS = 5V, fCLK(MAX) = 3.4MHz C: VS = 5V, fCLK(MAX) = 6.1MHz (FOR MODE 2, R4 10R2) 55 50 45 40 35 30 25 20 15 10 5 0 0 32 64 96 128 160 FREQUENCY, fO (kHz) 192 224 A B C A: VS = 3.3V, fCLK(MAX) = 1MHz B: VS = 5V, fCLK(MAX) = 3MHz C: VS = 5V, fCLK(MAX) = 5MHz (FOR MODE 2, R4 < 10R2)
TYPICAL MAXIMUM Q
1068-25 G01
TYPICAL MAXIMUM Q
UW
Maximum Q vs Frequency (Modes 2, 3)
1068-25 G02
3
LTC1068-25
BLOCK DIAGRAM
V+ NC AGND 8 9 7
NC 6 V - 23 NC 22
CLK 21 NC 20
PACKAGE DESCRIPTION
0.205 - 0.212** (5.20 - 5.38)
0 - 8
0.005 - 0.009 (0.13 - 0.22)
0.022 - 0.037 (0.55 - 0.95)
0.0256 (0.65) BSC
*DIMENSIONS DO NOT INCLUDE MOLD FLASH. MOLD FLASH SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE **DIMENSIONS DO NOT INCLUDE INTERLEAD FLASH. INTERLEAD FLASH SHALL NOT EXCEED 0.010" (0.254mm) PER SIDE
RELATED PARTS
PART NUMBER LTC1068 LTC1068-50 LTC1068-200 LTC1064 LTC1164 LTC1264 DESCRIPTION Low Noise Universal Filter Low Power Universal Filter Universal Filter Universal Filter Low Power Universal Filter High Speed Universal Filter COMMENTS 100:1 Clock-to-fO Ratio, fC to 50kHz 50:1 Clock-to-fO Ratio, fC to 25kHz 200:1 Clock-to-fO Ratio, fC to 25kHz 50:1 and 100:1 Clock-to-fO Ratios, fC to 100kHz, VS = Up to 7.5V 50:1 and 100:1 Clock-to-fO Ratios, fC to 20kHz, VS = Up to 7.5V 20:1 Clock-to-fO Ratio, fC to 200kHz, VS = Up to 7.5V
106825i LT/TP 0298 4K * PRINTED IN USA
4
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417 q (408) 432-1900 FAX: (408) 434-0507q TELEX: 499-3977 q www.linear-tech.com
U
W
INV A 14 Ra 10k INV B 1 HPA/NA 13 BPA 12 LPA 11
- +
HPB/NB 2
+
-
BPB 3
LPB 4
10 SA
Rb 10k
- +
HPC/NC
+
-
BPC 26
LPC 25
5 SB
INV C 28
27
- +
HPD
+
-
BPD 17
LPD 18
24 SC
INV D 15
16
- +
+
-
1068-25 BD
19 SD NOTE: THE RATIO OF Ra/Rb CAN VARY BY 0.8%. THE ABSOLUTE VALUE OF Ra OR Rb CAN VARY BY 25%
Dimensions in inches (millimeters) unless otherwise noted. G Package 28-Lead Plastic SSOP (0.209)
(LTC DWG # 05-08-1640)
0.397 - 0.407* (10.07 - 10.33) 28 27 26 25 24 23 22 21 20 19 18 17 16 15
0.068 - 0.078 (1.73 - 1.99) 0.301 - 0.311 (7.65 - 7.90)
0.010 - 0.015 (0.25 - 0.38)
0.002 - 0.008 (0.05 - 0.21) 1 2 3 4 5 6 7 8 9 10 11 12 13 14
G28 SSOP 0694
(c) LINEAR TECHNOLOGY CORPORATION 1998


▲Up To Search▲   

 
Price & Availability of LTC1068-25

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X