Part Number Hot Search : 
02112 251952B SM6T30A EP9107 NCE3407 PG100R 7CBT6 PA2002NL
Product Description
Full Text Search
 

To Download LN01201CALU Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ultra Bright GaAIAs Lamps
Small Type
Unit: mm
0.4 0.1 2.2 0.2 1.7 0.7 Max
1.8 Max. NOT SOLDERED
LN01201CAL(U) ****** LNG201C2A ************ Red
1.0
1.0
1.0 1.5 0.2
3.0 0.2 3.4 0.2
0.15
s Absolute Maximum Ratings (Ta = 25C) Lighting Color PD(mW) IF(mA) IFP(mA) VR(V) Topr(C) Tstg(C) Red 50 100 20 3 -25 +85 -30 +100
Pulse width 1 msec. The condition of IFP is duty 10%, Pulse width 1 msec
0.5 0.1
0.7 Max
2 2 Min. 2 Min. 2.8 0.2
1
1: Anode 2: Cathode
s Electro-Optical Characteristics (Ta = 25C) Conventional Lighting Lens Color Part No. Color LN01201CAL(U) Red Clear Unit - - IO Typ 12 mcd Min 5 mcd IF 20 mA Typ 1.8 V VF Max 2.6 V P Typ 665 nm Typ 20 nm IR IF 20 mA Max 100 A VR 3 V
IO IF
100 50 100 50
IF VF
Relative Luminous Intensity
500 300
IO Ta
Luminous Intensity
Forward Current
30
30
10 5 3
10 5 3
100 50 30
1 1
3
5
10
30
50
100
1
1.6
1.8
2.0
2.2
2.4
10 -20
0
20
40
60
0.5
80
2.1 0.2
Conventional Part No.
Global Prat No.
Lighting Color
8.5 Min. 3.0 0.2 8.5 Min. 2.5 0.2
100
Forward Current
Forward Voltage
Ambient Temperature
Relative Luminous Intensity Wavelength Characteristics
Relative Luminous Intensity
100 80 30 40 60 40 20 0 500 50 60 60 70 80 600 700 800 90 100 80 60 40 20 40 20 0 20 40 60 80 60 70 80 90 100 80
IF Ta
25
Directive Characteristics
20 10 0 10 20 30 40 50
Forward Current
20
15
10
5
0
0
20
40
60
80
100
Wavelength
Relative Luminous Intensity
Ambient Temperature
245
Caution for Safety
Gallium arsenide material (GaAs) is used in this product.
DANGER
Therefore, do not burn, destroy, cut, crush, or chemically decompose the product, since gallium arsenide material in powder or vapor form is harmful to human health. Observe the relevant laws and regulations when disposing of the products. Do not mix them with ordinary industrial waste or household refuse when disposing of GaAs-containing products.
Request for your special attention and precautions in using the technical information and semiconductors described in this material
(1) An export permit needs to be obtained from the competent authorities of the Japanese Government if any of the products or technologies described in this material and controlled under the "Foreign Exchange and Foreign Trade Law" is to be exported or taken out of Japan. (2) The technical information described in this material is limited to showing representative characteristics and applied circuit examples of the products. It does not constitute the warranting of industrial property, the granting of relative rights, or the granting of any license. (3) The products described in this material are intended to be used for standard applications or general electronic equipment (such as office equipment, communications equipment, measuring instruments and household appliances). Consult our sales staff in advance for information on the following applications: * Special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combustion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the products may directly jeopardize life or harm the human body. * Any applications other than the standard applications intended. (4) The products and product specifications described in this material are subject to change without notice for reasons of modification and/or improvement. At the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date Product Standards in advance to make sure that the latest specifications satisfy your requirements. (5) When designing your equipment, comply with the guaranteed values, in particular those of maximum rating, the range of operating power supply voltage and heat radiation characteristics. Otherwise, we will not be liable for any defect which may arise later in your equipment. Even when the products are used within the guaranteed values, redundant design is recommended, so that such equipment may not violate relevant laws or regulations because of the function of our products. (6) When using products for which dry packing is required, observe the conditions (including shelf life and afterunpacking standby time) agreed upon when specification sheets are individually exchanged. (7) No part of this material may be reprinted or reproduced by any means without written permission from our company.
Please read the following notes before using the datasheets
A. These materials are intended as a reference to assist customers with the selection of Panasonic semiconductor products best suited to their applications. Due to modification or other reasons, any information contained in this material, such as available product types, technical data, and so on, is subject to change without notice. Customers are advised to contact our semiconductor sales office and obtain the latest information before starting precise technical research and/or purchasing activities. B. Panasonic is endeavoring to continually improve the quality and reliability of these materials but there is always the possibility that further rectifications will be required in the future. Therefore, Panasonic will not assume any liability for any damages arising from any errors etc. that may appear in this material. C. These materials are solely intended for a customer's individual use. Therefore, without the prior written approval of Panasonic, any other use such as reproducing, selling, or distributing this material to a third party, via the Internet or in any other way, is prohibited. 2001 MAR


▲Up To Search▲   

 
Price & Availability of LN01201CALU

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X