Part Number Hot Search : 
DL6SNA T8930 QS3L383Q B1063 QS3L383Q MAX23 S72N42N M5267
Product Description
Full Text Search
 

To Download IXSP15N120B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Advance Technical Information
HIGH Voltage IGBT
IXSA 15N120B IXSP 15N120B
"S" Series - Improved SCSOA Capability
VCES IC25 VCE(sat)
=1200 V = 30 A = 3.4 V
Symbol VCES VCGR VGES VGEM IC25 IC90 ICM SSOA (RBSOA) tSC PC TJ TJM Tstg Md
Test Conditions TJ = 25C to 150C TJ = 25C to 150C; RGE = 1 M Continuous Transient TC = 25C TC = 90C TC = 25C, 1 ms VGE= 15 V, TJ = 125C, RG = 10 Clamped inductive load
Maximum Ratings 1200 1200 20 30 30 15 60 ICM = 40 @ 0.8 VCES 10 150 -55 ... +150 150 -55 ... +150 V V V V A A A A s W C C C
TO-220AB (IXSP)
GC E
C (TAB)
TO-263 AA (IXSA)
G E
C (TAB)
TJ = 125C, VGE = 720 V; VGE = 15 V, RG = 10 Non repetitive TC = 25C
Mounting torque
(TO-247)
1.13/10 Nm/lb.in. 300 C C g g
Features
Maximum lead temperature for soldering 1.6 mm (0.062 in.) from case for 10 s Maximum tab temperature for soldering Weight (TO-263) TO-220 TO-263
*International
260 4 2
*Low switching losses, low V *MOS Gate turn-on
- drive simplicity Applications
standard packages JEDEC TO-220AB and TO-263AA
(sat)
Symbol Test Conditions (TJ = 25C, unless otherwise specified) BVCES VGE(th) ICES IC = 250 A, VGE = 0 V IC = 250 A, VCE = VGE VCE = VCES VGE = 0 V IGES VCE(sat) VCE = 0 V, VGE = 20 V IC = ICE90, VGE = 15
Min. 1200 3 TJ = 25C TJ = 125C
Characteristic Values Typ. Max. V 6 50 2.5 100 3.0 2.8 3.4 V A mA nA V V
* AC motor speed control * DC servo and robot drives * DC choppers * Uninterruptible power supplies (UPS) * Switch-mode and resonant-mode
power supplies Advantages
TJ = 125C
* Easy to mount with one screw * Reduces assembly time and cost * High power density
98922 (5/02)
(c) 2002 IXYS All rights reserved
IXSA 15N120B IXSP 15N120B
Symbol Test Conditions (TJ = 25C, unless otherwise specified) gfs Cies Coes Cres Qg Qge Qgc td(on) tri td(off) tfi Eoff td(on) tri Eon td(off) tfi Eoff RthJC RthCK TO-220 0.5 Inductive load, TJ = 125C IC = IC90, VGE = 15 V VCE = 960 V, RG = Roff = 10 Note3 Inductive load, TJ = 25C IC = IC90, VGE = 15 V VCE = 960 V, RG = Roff = 10 Note3 IC = IC90, VGE = 15 V, VCE = 0.5 VCES VCE = 25 V, VGE = 0 V, f = 1 MHz IC = IC90; VCE = 10 V, Note2 1400 98 37 57 14 25 30 25 148 160 1.75 30 25 1.1 265 298 3.1 0.83 280 320 3.0 pF pF pF nC nC nC ns ns ns ns mJ ns ns mJ ns ns mJ K/W K/W TO-263 AA Outline Notes: 1. Device must be heatsunk for high temperature leakage current measurements to avoid thermal runaway. Pulse test, t 300 s, duty cycle 2 % Switching times may increase for VCE (Clamp) > 0.8 VCES, higher TJ or increased RG.
Pins: 1 - Gate 3 - Emitter 2 - Collector 4 - Collector Bottom Side
Characteristic Values Min. Typ. Max. 7 9.5 S
TO-220 AB Dimensions
2. 3.
1. 2. 3. 4.
Gate Collector Emitter Collector Bottom Side
Min. Recommended Footprint (Dimensions in inches and mm)
Dim. A A1 b b2 c c2 D D1 E E1 e L L1 L2 L3 L4 R
Millimeter Min. Max. 4.06 2.03 0.51 1.14 0.46 1.14 8.64 7.11 9.65 6.86 2.54 14.61 2.29 1.02 1.27 0 0.46 4.83 2.79 0.99 1.40 0.74 1.40 9.65 8.13 10.29 8.13 BSC 15.88 2.79 1.40 1.78 0.38 0.74
Inches Min. Max. .160 .080 .020 .045 .018 .045 .340 .280 .380 .270 .100 .575 .090 .040 .050 0 .018 .190 .110 .039 .055 .029 .055 .380 .320 .405 .320 BSC .625 .110 .055 .070 .015 .029
IXYS reserves the right to change limits, test conditions, and dimensions.
IXYS MOSFETs and IGBTs are covered by one or more of the following U.S. patents: 4,835,592 4,850,072 4,881,106 4,931,844 5,017,508 5,034,796 5,049,961 5,063,307 5,187,117 5,237,481 5,486,715 5,381,025 6,306,728B1


▲Up To Search▲   

 
Price & Availability of IXSP15N120B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X