Part Number Hot Search : 
LM5171 ZL301 LT18121 2N60F 30M25 CPDF24V LL4934G DM0365RN
Product Description
Full Text Search
 

To Download IRFN9240 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD - 91554D
POWER MOSFET SURFACE MOUNT(SMD-1)
Product Summary
Part Number IRFN9240 RDS(on) ID 0.51 -11A
IRFN9240 JANTX2N7237U JANTXV2N7237U REF:MIL-PRF-19500/595 200V, P-CHANNEL
HEXFET MOSFET TECHNOLOGY
(R)
HEXFET(R) MOSFET technology is the key to International
Rectifier's advanced line of power MOSFET transistors. The efficient geometry design achieves very low on-state resistance combined with high transconductance. HEXFET transistors also feature all of the well-established advantages of MOSFETs, such as voltage control, very fast switching, ease of paralleling and electrical parameter temperature stability. They are well-suited for applications such as switching power supplies, motor controls, inverters, choppers, audio amplifiers, high energy pulse circuits, and virtually any application where high reliability is required. The HEXFET transistor's totally isolated package eliminates the need for additional isolating material between the device and the heatsink. This improves thermal efficiency and reduces drain capacitance.
SMD-1
Features:
n n n n n n n
Simple Drive Requirements Ease of Paralleling Hermetically Sealed Electrically Isolated Surface Mount Dynamic dv/dt Rating Light-weight
Absolute Maximum Ratings
Parameter
ID @ VGS = -10V, TC = 25C ID @ VGS = -10V, TC = 100C IDM PD @ TC = 25C VGS EAS IAR EAR dv/dt TJ T STG Continuous Drain Current Continuous Drain Current Pulsed Drain Current Max. Power Dissipation Linear Derating Factor Gate-to-Source Voltage Single Pulse Avalanche Energy Avalanche Current Repetitive Avalanche Energy Peak Diode Recovery dv/dt Operating Junction Storage Temperature Range Package Mounting Surface Temperature Weight For footnotes refer to the last page -11 -7.0 -44 125 1.0 20 500 -11 12.5 -5.5 -55 to 150 300 (for 5 S) 2.6(typical)
Units A
W
W/C
V mJ A mJ V/ns
o
C
g
www.irf.com
1
01/29/02
IRFN9240
Electrical Characteristics @ Tj = 25C (Unless Otherwise Specified)
Parameter Min Typ Max Units
-- -0.2 -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- 4.0 -- -- 0.51 0.52 -4.0 -- -25 -250 -100 100 60 15 38 35 85 85 65 -- V V/C V S( ) A
Test Conditions
VGS = 0V, ID = -1.0mA Reference to 25C, ID = -1.0mA VGS = -10V, ID = -7.0A VGS = -10V, ID = -11A VDS = VGS, ID = -250A VDS > -15V, IDS = -7.0A VDS= -160V, VGS= 0V VDS = -160V VGS = 0V, TJ = 125C VGS = -20V VGS =20V VGS = -10V, ID= -11A VDS = -100V VDD = -100V, ID = -11A, RG =9.1, VGS = -10V
BVDSS Drain-to-Source Breakdown Voltage -200 BV DSS /T J Temperature Coefficient of Breakdown -- Voltage RDS(on) Static Drain-to-Source On-State -- Resistance -- VGS(th) Gate Threshold Voltage -2.0 g fs Forward Transconductance 4.0 IDSS Zero Gate Voltage Drain Current -- -- IGSS IGSS Qg Q gs Q gd td(on) tr td(off) tf LS + LD Gate-to-Source Leakage Forward Gate-to-Source Leakage Reverse Total Gate Charge Gate-to-Source Charge Gate-to-Drain (`Miller') Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Total Inductance -- -- -- -- -- -- -- -- -- --
nA
nC
ns
nH
Measured from the center of drain pad to center of source pad VGS = 0V, VDS = -25V f = 1.0MHz
C iss C oss C rss
Input Capacitance Output Capacitance Reverse Transfer Capacitance
-- -- --
1200 570 81
-- --
pF
Source-Drain Diode Ratings and Characteristics
Parameter
IS ISM VSD t rr Q RR ton Continuous Source Current (Body Diode) Pulse Source Current (Body Diode) Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge Forward Turn-On Time
Min Typ Max Units
-- -- -- -- -- -- -- -- -- -- -11 -44 -4.6 440 7.2
Test Conditions
A
V nS c
Tj = 25C, IS = -11A, VGS = 0V Tj = 25C, IF = -11A, di/dt -100A/s VDD -30V
Intrinsic turn-on time is negligible. Turn-on speed is substantially controlled by LS + LD.
Thermal Resistance
Parameter
RthJC RthJ-PCB Junction to Case Junction to PC Board
Min Typ Max Units
-- -- -- 4.0 1.0 --
C/W
Test Conditions
Soldered to a copper-clad PC board
For footnotes refer to the last page
2
www.irf.com
IRFN9240
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance Vs. Temperature
www.irf.com
3
IRFN9240
13a & b
Fig 5. Typical Capacitance Vs. Drain-to-Source Voltage
Fig 6. Typical Gate Charge Vs. Gate-to-Source Voltage
Fig 7. Typical Source-Drain Diode Forward Voltage
Fig 8. Maximum Safe Operating Area
4
www.irf.com
IRFN9240
V DS VGS RG
RD
D.U.T.
+
-10V
Pulse Width 1 s Duty Factor 0.1 %
Fig 10a. Switching Time Test Circuit
td(on) tr t d(off) tf
VGS 10%
90%
Fig 9. Maximum Drain Current Vs. Case Temperature
VDS
Fig 10b. Switching Time Waveforms
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
www.irf.com
-
V DD
5
IRFN9240
VDS
L
RG
-10V -20V
D .U .T
IA S
VD D A D R IV E R
tp
0.0 1
15V
Fig 12a. Unclamped Inductive Test Circuit
IAS
Fig 12c. Maximum Avalanche Energy Vs. Drain Current
tp V (BR)DSS
Fig 12b. Unclamped Inductive Waveforms
Current Regulator Same Type as D.U.T.
50K
QG
-10V 12V
.2F .3F
VG
VGS
-3mA
Charge
IG
ID
Current Sampling Resistors
Fig 13a. Basic Gate Charge Waveform
Fig 13b. Gate Charge Test Circuit
6
www.irf.com
+
QGS
QGD
D.U.T.
-
-10V
VDS
IRFN9240
Repetitive Rating; Pulse width limited by
maximum junction temperature. VDD =-50V, starting TJ = 25C, L = 8.3mH Peak IL = -11A, VGS = -10V
Foot Notes:
VDD -200V, TJ 150C Suggested RG =7.5 Pulse width 300 s; Duty Cycle 2%
ISD -11A, di/dt -150A/s,
Case Outline and Dimensions -- SMD-1
PAD ASSIGNMENTS 1- DRAIN 2- GATE 3- SOURCE
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information. Data and specifications subject to change without notice. 01/02
www.irf.com
7


▲Up To Search▲   

 
Price & Availability of IRFN9240

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X