Part Number Hot Search : 
03S2N 2N542 30DQ60 82402304 NJU7662M REF4304 CONTRO ADC1010S
Product Description
Full Text Search
 

To Download HFJ11-S101 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FastJackTM Single Port 10BASE-T RJ-45 Connectors
HALO is pleased to offer this complete range of single port Integrated RJ-45 connectors. The FastJackTM series integrates the high performance of HALO magnetics into an industry standard connector design. The result is an extremely robust, IEEE802.3 compliant, solution. Single and multi-port FastJacksTM are available for most 10BASE-T and 10/100BASE-TX IC's.
FastJackTM Single Port 10BASE-T RJ-45 Connectors
Mechanical Drawing
Recommended Panel Cut-out
HALO FastJackTM
Recommended PCB Layout
Circuit A
FastJack TM P/N Circuit A HFJ11-1041E HFJ11-1043E HFJ11-1066E HFJ11-1075E HFJ11-1081E HFJ11-1086E
Turns Ratio TX RX 1:2.5 1:1 1:1.41 1:1 2:1 1:1 1:2 1:1 1:2 1:1 1:1 1:1
Pri Inductance (H) TX RX 35 Min 200 Min 140 Typ 140 Typ 150 Min 150 Min 25 Typ 100 Typ 50 Min 140 Typ 100 Typ 200 Min
Cw/w (pF Max) 15 15 10 15 9 11
LED options are also available. Please refer to the LED option datasheet for more information.
HALO Electronics * 1861 Landings Drive, Mountain View, CA 94043 * PH: 650-903-3800 www.haloelectronics.com * info@haloelectronics.com * This Datasheet: fastjack-10base-t.pdf Rev. 7/03
Single Port FastJacksTM With Integrated Filters
Single Port FastJacksTM With Integrated Filters
HALO is pleased to offer this new series of small footprint 10BASE-T FastJacksTM, with integrated filters. This series is ideal for low cost Ethernet Controller chip applications requiring signal filtering. IEEE 802.3 compliant and real estate effective. Check the HALO 10BASE-T selector guide for the FastJackTM that is correct for your design.
Mechanical Drawing
Filter Circuit A
HALO FastJackTM
Filter Circuit B
Recommended PCB Layout
Electrical Specifications @ 25C Operating Temp: 0 to +70C Isolation Voltage: 1,500 Vrms Insertion Loss (5-10MHz): -1dB max Return Loss (5-10MHz): -15dB min Attenuation @ 30MHz Transmit: -30dB min Receive: -18dB min Cut Off Freq. 17MHz typ Crosstalk (1-10MHz): -30dB min
HALO Part Number HFJ11-S101E HFJ11-S114E
Circuit A B
Turns Ratio TX RX 1CT:1 1CT:1 1CT:1.41 1CT:1
Pri Impedance TX RX 100 100 50 100
LED options are also available. Please refer to the LED option datasheet for more information.
HALO Electronics * 1861 Landings Drive, Mountain View, CA 94043 * PH: 650-903-3800 www.haloelectronics.com * info@haloelectronics.com * This Datasheet: fastjack-10base-t.pdf Rev. 7/03
FastJackTM Selector Guide
10BASE-T
Vendor AMD Cirrus Logic Cirrus Logic Intel Intel LSI NSC RealTek SMSC SMSC Ubicom Silicon P / N Am79C984A, 985, 988A, 989 CS8900-CQ/IQ, CS8920, CS8904-CM5 CS8900-CQ3/IQ3, CS8904-CM3 LXT901/1A, 907/7A, LXT914/915 LXT905, LXT908 80C24/25 DP83907, DP83953 RTL8019 LAN91C95/96 (5V) LAN91C96 (3.3V) IP2022 Single HFJ11-1081E HFJ11-1043E HFJ11-1041E HFJ11-1043E HFJ11-1075E HFJ11-1066E HFJ11-1086E HFJ11-S101E HFJ11-S101E HFJ11-S114E HFJ11-S114E FastJackTM Part Number Ganged* Stacked/Ganged* HFJ1x-1081E HFJ1x-1043E HFJ1x-1041E HFJ1x-1043E HFJ1x-1075E HFJ1x-1066E HFJ1x-1086E HFJ2x-1081E HFJ2x-1043E HFJ2x-1041E HFJ2x-1043E HFJ2x-1075E HFJ2x-1066E HFJ2x-1086E -
FastJackTM Selector Guide
10/100BASE-TX
FastJackTM Part Number Vendor AMD AMD ASIX Broadcom Broadcom Crystal Davicom IDT IDT Intel Intel Kendin Kendin LSI LSI Marvell Marvell NSC RealTek SMSC ST Micro ST Micro TDK T.I. Silicon P / N 79C873/4/5 79C973/5 AX88796L AC101, AC104, AC205/6/7/8 BCM52xx, BCM531x CS8952 DM9000 QS6611 QS6612 82558/9, LXT970/1/2/3, LXT976X/978X LXT974A, LXT975A, LXT980/2/3 KS8761 KS8721, KS8737, KS899x 80C220/80C221 80223/84220 88E3061/81/82/83, 88E6050/1/2 88E6021, 88E6023 DP83223/83843/83846A/83847 RTL8139C, RTL8201 LAN91C111, LAN91C113 STE10/100A, STE100P STE400P, STE800P* 78Q2120/1 TNETE2101 Single HFJ11-2450E HFJ11-2441E HFJ11-2450E HFJ11-2450E HFJ11-2450E HFJ11-2450E HFJ11-2450E HFJ11-2431E HFJ11-2439E HFJ11-2450E HFJ11-2420E HFJ11-2431E HFJ11-2450E HFJ11-2420E HFJ11-2450E HFJ11-2450E HFJ11-2450E HFJ11-2450E HFJ11-2450E HFJ11-2450E HFJ11-2450E HFJ11-2431E HFJ11-2450E HFJ11-2450E Ganged* HFJ1x-2450E HFJ1x-2441E HFJ1x-2450E HFJ1x-2450E HFJ1x-2450E HFJ1x-2450E HFJ1x-2450E HFJ1x-2431E HFJ1x-2439E HFJ1x-2450E HFJ1x-2420E HFJ1x-2431E HFJ1x-2450E HFJ1x-2420E HFJ1x-2450E HFJ1x-2450E HFJ1x-2450E HFJ1x-2450E HFJ1x-2450E HFJ1x-2450E HFJ1x-2450E HFJ1x-2431E HFJ1x-2450E HFJ1x-2450E Stacked/Ganged* HFJ2x-2450E HFJ2x-2441E HFJ2x-2450E HFJ2x-2450E HFJ2x-2450E HFJ2x-2450E HFJ2x-2450E HFJ2x-2431E HFJ2x-2439E HFJ2x-2450E HFJ2x-2420E HFJ2x-2431E HFJ2x-2450E HFJ2x-2420E HFJ2x-2450E HFJ2x-2450E HFJ2x-2450E HFJ2x-2450E HFJ2x-2450E HFJ2x-2450E HFJ2x-2450E HFJ2x-2431E HFJ2x-2450E HFJ2x-2450E
* For Ganged and Stacked/Ganged connectors replace x with the number of ports per row.
HALO Electronics * 1861 Landings Drive, Mountain View, CA 94043 * PH: 650-903-3800 www.haloelectronics.com * info@haloelectronics.com * This Datasheet: fastjack-10base-t.pdf Rev. 7/03


▲Up To Search▲   

 
Price & Availability of HFJ11-S101

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X