Part Number Hot Search : 
MC101 B39212B LBN41505 TC55400 5KE18CA S1M8833 MTDK3S6R FQD5N20
Product Description
Full Text Search
 

To Download HA17339A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HA17339/A Series
Quadruple Comparators
ADE-204-065A (Z) Rev. 1 Mar. 2001 Description
The HA17339A and HA17339 series products are comparators designed for general purpose, especially for power control systems. These ICs operate from a single power-supply voltage over a wide range of voltages, and feature a reduced power-supply current since the supply current is independent of the supply voltage. These comparators have the merit which ground is included in the common-mode input voltage range at a single-voltage power supply operation. These products have a wide range of applications, including limit comparators, simple A/D converters, pulse/square-wave/time delay generators, wide range VCO circuits, MOS clock timers, multivibrators, and high-voltage logic gates.
Features
* * * * * * * * Wide power-supply voltage range: 2 to 36 V Very low supply current: 0.8 mA Low input bias current: 25 nA Low input offset current: 5 nA Low input offset voltage: 2 mV The common-mode input voltage range includes ground. Low output saturation voltage: 1 mV (5 A), 70 mV (1 mA) Output voltages compatible with CMOS logic systems
HA17339/A Series
Features only for "A" series
* Low electro-magnetic susceptibility
Measurement Condition
Vcc = 5 V 1k 1k + - Vcc 5.1 k
6.0 5.0 4.0
HA17339A Vout vs. Vin
Vout
Vout (V)
3.0 2.0 1.0 0.0 -1.0 0.85 0.90 0.95 1.00 Vin (V) HA17339A (0 Hz) HA17339A (10 MHz) HA17339A (100 MHz) 1.05 1.10 1.15
Vin
1V
0.01 F -10 dBm RF signal source (for quasi-RF noise)
6.0 5.0 4.0 Vout (V) 3.0 2.0 1.0 0.0 -1.0 0.85 0.90
HA17339 Vout vs. Vin
HA17339 (0 Hz) HA17339 (10 MHz) HA17339 (100 MHz) 0.95 1.00 Vin (V) 1.05 1.10 1.15
Ordering Information
Type No. HA17339AP HA17339ARP HA17339AFP HA17339 HA17339F Commercial use Application Industrial use Commercial use Package DP-14 FP-14DN FP-14DA DP-14 FP-14DA
2
HA17339/A Series
Pin Arrangement
Vout2 Vout1 VCC Vin(-)1 Vin(+)1 Vin(-)2 Vin(+)2
1 2 3 4 5 6 7
- + + -+
14 Vout3 13 Vout4
1
-+
4
12 GND 11 Vin(+)4 10 Vin(-)4 9 8 Vin(+)3 Vin(-)3
2
3-
(Top view)
Circuit Structure (1/4)
VCC
Q2 Vin(+) Q1
Q3 Q4 Vout Q8
Vin(-) Q7 Q5 Q6
3
HA17339/A Series
Absolute Maximum Ratings (Ta = 25C)
Ratings Item Power supply voltage Differential input voltage Input voltage Output current Allowable power dissipation Operating temperature Storage temperature Output pin voltage Symbol VCC Vin(diff) Vin Iout * 2 PT Topr Tstg Vout 17339AP 36 VCC -0.3 to +VCC 20 625 *
1
17339AFP 36 VCC -0.3 to +VCC 20 625 *
3
17339ARP 36 VCC -0.3 to +VCC 20 625 *
3
17339 36 VCC -0.3 to +VCC 20 625 *
1
17339F 36 VCC -0.3 to +VCC 20 625 *
3
Unit V V V mA mW C C V
-40 to +85 -55 to +125 36
-40 to +85 -55 to +125 36
-40 to +85 -55 to +125 36
-20 to +75 -55 to +125 36
-20 to +75 -55 to +125 36
Notes: 1. These are the allowable values up to Ta = 50C. Derate by 8.3 mW/C above that temperature. 2. These products can be destroyed if the output and VCC are shorted together. The maximum output current is the allowable value for continuous operation. 3. Tjmax = j-a * PCmax + Ta (j-a; Thermal resistor between junction and ambient at set board use). The wiring density and the material of the set board must be chosen for thermal conductance of efficacy board. And P C max cannot be over the value of P T.
240 220 Thermal resistor j-a (C) 200 180 160 140 120 100 80 0.5 1 2 5 10 Thermal conductance of efficacy board (W/m C) 20
SO P1 4-
40 mm a b
SO
P1
4-
no
1.5 t epoxy
co mp ou nd
wit
hc om
po
un
a. Class epoxy board of 10% wiring density b. Class epoxy board of 30% wiring density
d
4
HA17339/A Series
Electrical Characteristics (VCC = 5 V, Ta = 25C)
Item Input offset voltage Input bias current Input offset current Common-mode input voltage *1 Supply current Voltage Gain Response time * Output sink current Output saturation voltage Output leakage current
2
Symbol VIO I IB I IO VCM I CC AV tR Iosink VO sat I LO
Min 0 6
Typ 2 25 5 0.8 200 1.3 16 200 0.1
Max 7 250 50 VCC - 1.5 2 400
Unit mV nA nA V mA V/mV s mA mV nA
Test Condition Output switching point: when VO = 1.4V, RS = 0 I IN(+) or IIN(-) I IN(+) - IIN(-)
RL = RL = 15k VRL = 5V, RL = 5.1k VIN(-) = 1V, VIN(+) = 0, VO 1.5V VIN(-) = 1V, VIN(+) = 0, Iosink = 3mA VIN(+) = 1V, VIN(-) = 0, VO = 5V
Notes: 1. Voltages more negative than -0.3 V are not allowed for the common-mode input voltage or for either one of the input signal voltages. 2. The stipulated response time is the value for a 100 mV input step voltage that has a 5 mV overdrive.
5
HA17339/A Series
Test Circuits
1. Input offset voltage (VIO), input offset current (IIO), and Input bias current (IIB) test circuit
Rf 5k SW1 RS 50 RS 50 R 20 k R 20 k SW2 VCC - + RL 51k VO
+ 470 -
V
SW1 On Off On Off
SW2 On Off Off On
Vout VO1 1 VC1 = V 2 CC VO2 VO3 VC2 = 1.4V VO4
VC1
Rf 5 k VC2
VIO =
| VO1 | 1 + Rf / RS | VO2 - VO1 | R(1 + Rf / RS) | VO4 - VO3 | 2 R(1 + Rf / RS)
(mV)
IIO =
(nA)
IIB =
(nA)
2. Output saturation voltage (VO sat) output sink current (Iosink), and common-mode input voltage (VCM) test circuit
VCC 50 SW1 1 2 VC1 VC2 5k SW2 1 2 50 - + 50 1.6k SW3 4.87k VC3
Item VC1 VOsat 2V
VC2 0V
VC3
SW1 1
SW2 1
Iosink 2V VCM 2V
0V -1 to VCC
1.5V
1 2
SW3 Unit 1 at V VCC = 5V 3 at VCC = 15V 1 2 mA Switched 3 V between 1 and 2
3. Supply current (ICC) test circuit
+ 1V - A VCC ICC: RL =
6
HA17339/A Series
4. Voltage gain (AV) test circuit (RL = 15k)
+V 20k Vin 10k 20k -V 50 30k 10
+ -
VCC + - 50 RL 15k VO
AV = 20 log
VO1 - VO2 VIN1 - VIN2
(dB)
5. Response time (tR) test circuit
VCC +V Vin 24k VR 5k -V 50 P.G 30k 50 120k SW 12V - + RL 5.1k VO
tR: RL = 5.1k, a 100mV input step voltage that has a 5mV overdrive * With VIN not applied, set the switch SW to the off position and adjust VR so that VO is in the vicinity of 1.4V. * Apply VIN and turn the switch SW on.
90%
10% tR
7
HA17339/A Series
Characteristic Curves
Input Bias Current vs. Ambient Temperature Characteristics
90 VCC = 5 V 80 60 Ta = 25C 50 40 30 20 10
Input Bias Current vs. Power-Supply Voltage Characteristics
Input Bias Current IIB (nA)
70 60 50 40 30 20 10 0 -55 -35 -15 5 25 45 65 85 105 125
Input Bias Current IIB (nA)
0
10
20
30
40
Ambient Temperature Ta (C)
Power-Supply Voltage VCC (V)
Supply Current vs. Ambient Temperature Characteristics
1.8 1.6 VCC = 5 V RL = 1.6 1.4 1.2 1.0 0.8 0.6
Supply Current vs. Power-Supply Voltage Characteristics
Ta = 25C RL =
Supply Current ICC (mA)
1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 -55 -35 -15 5 25 45 65 85 105 125
Supply Current ICC (mA)
0
10
20
30
40
Ambient Temperature Ta (C)
Power-Supply Voltage VCC (V)
8
HA17339/A Series
Output Sink Current vs. Ambient Temperature Characteristics
45
Output Sink Current vs. Power-Supply Voltage Characteristics
30
Output Sink Current Iosink (mA)
Output Sink Current Iosink (mA)
40 35 30 25 20 15 10 5 0 -55 -35 -15 5 25 45 65
VCC = 5 V Vin(-) = 1 V Vin(+) = 0 Vout = 1.5 V
25 20 15 10 5 0 0 10 20 30 40
85 105 125
Ambient Temperature Ta (C)
Power-Supply Voltage VCC (V)
Voltage Gain vs. Ambient Temperature Characteristics
130 125 VCC = 5 V RL = 15 k 120 130
Voltage Gain vs. Power-Supply Voltage Characteristics
Ta = 25C RL = 15 k
Voltage Gain AV (dB)
115 110 105 100 95 90 85 -55 -35 -15
Voltage Gain AV (dB)
120
110 100 90 80 70
5
25
45
65
85 105 125
0
10
20
30
40
Ambient Temperature Ta (C)
Power-Supply Voltage VCC (V)
9
HA17339/A Series
HA17339/A Application Examples
The HA17339/A houses four independent comparators in a single package, and operates over a wide voltage range at low power from a single-voltage power supply. Since the common-mode input voltage range starts at the ground potential, the HA17339/A is particularly suited for single-voltage power supply applications. This section presents several sample HA17339/A applications. HA17339/A Application Notes 1. Square-Wave Oscillator The circuit shown in figure one has the same structure as a single-voltage power supply astable multivibrator. Figure 2 shows the waveforms generated by this circuit.
VCC 4.3k
100k 75pF C VCC 100k 100k 100k VCC R - HA17339 +
Vout
Figure 1 Square-Wave Oscillator
(1) Horizontal: 2 V/div, Vertical: 5 s/div, VCC = 5 V
(2) Horizontal: 5 V/div, Vertical: 5 s/div, VCC = 15 V
Figure 2 Operating Waveforms
10
HA17339/A Series
2. Pulse Generator The charge and discharge circuits in the circuit from figure 1 are separated by diodes in this circuit. (See figure 3.) This allows the pulse width and the duty cycle to be set independently. Figure 4 shows the waveforms generated by this circuit.
VCC R1 1M D1 IS2076
R2 100k D2 IS2076 C 80pF VCC 1M 1M 1M - VCC Vout
HA17339 +
Figure 3 Pulse Generator
Horizontal: 2 V/div, Vertical: 20 s/div, VCC = 5 V
Horizontal: 5 V/div, Vertical: 20 s/div, VCC = 15 V
Figure 4 Operating Waveforms
3. Voltage Controlled Oscillator In the circuit in figure 5, comparator A1 operates as an integrator, A2 operates as a comparator with hysteresis, and A3 operates as the switch that controls the oscillator frequency. If the output Vout1 is at the low level, the A3 output will go to the low level and the A1 inverting input will become a lower level than the A1 noninverting input. The A1 output will integrate this state and its output will increase towards the high level. When the output of the integrator A1 exceeds the level on the comparator A2 inverting input, A2 inverts to the high level and both the output Vout1 and the A3 output go to the high level. This causes the integrator to integrate a negative state, resulting in its output decreasing towards the low level. Then, when the A1 output level becomes lower than the level on the A2 noninverting input, the output Vout1 is once again inverted to the low level. This operation generates a square wave on Vout1 and a triangular wave on Vout2.
11
HA17339/A Series
VCC 100k +VC 0.1 Frequency control voltage input 20k 50k A3 VCC = 30V +250mV < +VC < +50V 700Hz < / < 100kHz 20k VCC - VCC/2 Output 2 10 - VCC 500p A1 3k 0.01 VCC/2 5.1k + - 100k VCC 3k A2 Output 1 HA17339 VCC
HA17339 +
HA17339 +
Figure 5 Voltage Controlled Oscillator
4. Basic Comparator The circuit shown in figure 6 is a basic comparator. When the input voltage VIN exceeds the reference voltage VREF, the output goes to the high level.
VCC Vin VREF + HA17339 - 3k
Figure 6 Basic Comparator
5. Noninverting Comparator (with Hysteresis) Assuming +VIN is 0V, when VREF is applied to the inverting input, the output will go to the low level (approximately 0V). If the voltage applied to +VIN is gradually increased, the output will go high when the value of the noninverting input, +VIN x R2/(R1 + R2), exceeds +VREF. Next, if +VIN is gradually lowered, Vout will be inverted to the low level once again when the value of the noninverting input, (Vout - V IN) x R1/(R1 + R2), becomes lower than VREF. With the circuit constants shown in figure 7, assuming VCC = 15V and +VREF = 6V, the following formula can be derived, i.e. +VIN x 10M/(5.1M + 10M) > 6V, and Vout will invert from low to high when +VIN is > 9.06V.
(Vout - VIN) x R1 + VIN < 6V R1 + R2
(Assuming Vout = 15V)
When +VIN is lowered, the output will invert from high to low when +VIN < 1.41V. Therefore this circuit has a hysteresis of 7.65V. Figure 8 shows the input characteristics.
12
HA17339/A Series
VCC +VREF +Vin R1 5.1M - HA17339 + 10M R2 VCC 3k Vout
Figure 7 Noninverting Comparator
20
Output Voltage Vout (V)
VCC = 15 V, +VREF = 6 V +Vin = 0 to 10 V 16 12 8 4 0 0 5 10 15
Input Voltage VIN (V)
Figure 8 Noninverting Comparator I/O Transfer Characteristics
6. Inverting Comparator (with Hysteresis) In this circuit, the output Vout inverts from high to low when +VIN > (VCC + Vout)/3. Similarly, the output Vout inverts from low to high when +V IN < VCC/3. With the circuit constants shown in figure 9, assuming VCC = 15V and Vout = 15V, this circuit will have a 5V hysteresis. Figure 10 shows the I/O characteristics for the circuit in figure 9.
VCC +Vin VCC 1M - HA17339 + 1M 1M VCC 3k Vout
Figure 9 Inverting Comparator
13
HA17339/A Series
20
Output Voltage Vout (V)
16 12 8 4 0
VCC = 15 V
0
5
10
15
Input Voltage VIN (V)
Figure 10 Inverting Comparator I/O Transfer Characteristics
7. Zero-Cross Detector (Single-Voltage Power Supply) In this circuit, the noninverting input will essentially beheld at the potential determined by dividing VCC with 100k and 10k resistors. When VIN is 0V or higher, the output will be low, and when VIN is negative, Vout will invert to the high level. (See figure 11.)
VCC 100k 5.1k 100k VCC - HA17339 + 10k 20M Vout 5.1k
Vin
5.1k 1S2076
Figure 11 Zero-Cross Detector
14
HA17339/A Series
Package Dimensions
Unit: mm
19.20 20.32 Max 14 8
6.30 7.40 Max
1 2.39 Max
1.30
7 7.62
0.51 Min
2.54 Min 5.06 Max
2.54 0.25
0.48 0.10
0.25 - 0.05 0 - 15
+ 0.10
Hitachi Code JEDEC EIAJ Mass (reference value)
DP-14 Conforms Conforms 0.97 g
Unit: mm
10.06 10.5 Max 14 8
5.5
1
7
*0.22 0.05 0.20 0.04 2.20 Max
7.80 - 0.30 1.15
+ 0.20
1.42 Max
1.27 *0.42 0.08 0.40 0.06
0.10 0.10
0 - 8 0.70 0.20
0.15 0.12 M
Hitachi Code JEDEC EIAJ Mass (reference value) FP-14DA -- Conforms 0.23 g
*Dimension including the plating thickness Base material dimension
15
HA17339/A Series
Unit: mm
8.65 9.05 Max 14 8 3.95 1 1.75 Max 7
*0.20 0.05
6.10 - 0.30 1.08
+ 0.10
0.635 Max
0 - 8
0.11 0.14 + 0.04 -
1.27 *0.40 0.06
0.67 0.60 + 0.20 -
0.15 0.25 M
Hitachi Code JEDEC EIAJ Mass (reference value) FP-14DN Conforms Conforms 0.13 g
*Pd plating
16
HA17339/A Series
Cautions
1. Hitachi neither warrants nor grants licenses of any rights of Hitachi's or any third party's patent, copyright, trademark, or other intellectual property rights for information contained in this document. Hitachi bears no responsibility for problems that may arise with third party's rights, including intellectual property rights, in connection with use of the information contained in this document. 2. Products and product specifications may be subject to change without notice. Confirm that you have received the latest product standards or specifications before final design, purchase or use. 3. Hitachi makes every attempt to ensure that its products are of high quality and reliability. However, contact Hitachi's sales office before using the product in an application that demands especially high quality and reliability or where its failure or malfunction may directly threaten human life or cause risk of bodily injury, such as aerospace, aeronautics, nuclear power, combustion control, transportation, traffic, safety equipment or medical equipment for life support. 4. Design your application so that the product is used within the ranges guaranteed by Hitachi particularly for maximum rating, operating supply voltage range, heat radiation characteristics, installation conditions and other characteristics. Hitachi bears no responsibility for failure or damage when used beyond the guaranteed ranges. Even within the guaranteed ranges, consider normally foreseeable failure rates or failure modes in semiconductor devices and employ systemic measures such as failsafes, so that the equipment incorporating Hitachi product does not cause bodily injury, fire or other consequential damage due to operation of the Hitachi product. 5. This product is not designed to be radiation resistant. 6. No one is permitted to reproduce or duplicate, in any form, the whole or part of this document without written approval from Hitachi. 7. Contact Hitachi's sales office for any questions regarding this document or Hitachi semiconductor products.
Hitachi, Ltd.
Semiconductor & Integrated Circuits. Nippon Bldg., 2-6-2, Ohte-machi, Chiyoda-ku, Tokyo 100-0004, Japan Tel: Tokyo (03) 3270-2111 Fax: (03) 3270-5109
URL
NorthAmerica Europe Asia Japan
: : : :
http://semiconductor.hitachi.com/ http://www.hitachi-eu.com/hel/ecg http://sicapac.hitachi-asia.com http://www.hitachi.co.jp/Sicd/indx.htm
Hitachi Asia Ltd. Hitachi Tower 16 Collyer Quay #20-00, Singapore 049318 Tel : <65>-538-6533/538-8577 Fax : <65>-538-6933/538-3877 URL : http://www.hitachi.com.sg Hitachi Asia Ltd. (Taipei Branch Office) 4/F, No. 167, Tun Hwa North Road, Hung-Kuo Building, Taipei (105), Taiwan Tel : <886>-(2)-2718-3666 Fax : <886>-(2)-2718-8180 Telex : 23222 HAS-TP URL : http://www.hitachi.com.tw Hitachi Asia (Hong Kong) Ltd. Group III (Electronic Components) 7/F., North Tower, World Finance Centre, Harbour City, Canton Road Tsim Sha Tsui, Kowloon, Hong Kong Tel : <852>-(2)-735-9218 Fax : <852>-(2)-730-0281 URL : http://semiconductor.hitachi.com.hk
For further information write to:
Hitachi Semiconductor (America) Inc. 179 East Tasman Drive, San Jose,CA 95134 Tel: <1> (408) 433-1990 Fax: <1>(408) 433-0223 Hitachi Europe Ltd. Electronic Components Group. Whitebrook Park Lower Cookham Road Maidenhead Berkshire SL6 8YA, United Kingdom Tel: <44> (1628) 585000 Fax: <44> (1628) 585200 Hitachi Europe GmbH Electronic Components Group Dornacher Strae 3 D-85622 Feldkirchen, Munich Germany Tel: <49> (89) 9 9180-0 Fax: <49> (89) 9 29 30 00
Copyright (c) Hitachi, Ltd., 2001. All rights reserved. Printed in Japan.
Colophon 3.0
17


▲Up To Search▲   

 
Price & Availability of HA17339A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X