Part Number Hot Search : 
2805A AD849AQ BFR90A LA7285 IRF7413A HG25504 MX315A 16080
Product Description
Full Text Search
 

To Download FU-68PDF-520M16B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MITSUBISHI (OPTICAL DEVICES)
FU-68PDF-V520MxxB
1.55 mm DFB-LD MODULE WITH POLARIZATION MAINTAINING FIBER PIGTAIL (WAVELENGTH SELECTED, BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
DESCRIPTION Mod ule type FU-68PDF-V520MxxB is a 1.55mm DFBLD module with polarization maintaining optical fiber. Th is module is suitable to a CW light source for external modulator for use in 2.5Gb/s and 10Gb/s digital optical communication systems. Th is module is pre pared in accordance with ITU-T reco mmend ation wavelength channel plan for DenseWDM transmission. FEATURES Multi qu antum wells (MQW) DFB Laser Diode module Input impedance is 25W Emission wavelength is in 1.55mm band Polarization maintaining optical fiber pig-tail Built-in optical isolator Built-in thermal electric cooler Butterfly package With photodiode for optical output monitor APPLICATION High speed transmission systems (~10Gb/s) Dense-WDM systems
ABSOLUTE MAXIMUM RATINGS (Tld=Tset) Parameter Symbol Laser diode Optical output Pf power Forward current If Reverse voltage Vrl Photodiode Reverse voltage Vrd Forward current Ifd ThermoCooler current Ipe electric co oler Cooler voltage Vpe (Note) Operating case temperature Tc Storage temperature Tstg
Conditions CW CW
Rating 24 150 2 20 2 1.3 3.1 -20 ~ 70 -40 ~ 85
Unit mW mA V V mA A V C C
Note) Even if the thermo-electric cooler (TEC) is operated within the rated conditions, uncontrolled current loading or operation without heatsink may easily damage the module by exceeding the storage temperature range. Thermistor resistance should be properly monitored by the feedback circuit during TEC operation to avoid the catastrophic damage.
MITSUBISHI (OPTICAL DEVICES)
FU-68PDF-V520MxxB
1.55 mm DFB-LD MODULE WITH POLARIZATION MAINTAINING FIBER PIGTAIL (WAVELENGTH SELECTED, BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
ELECTRICAL/OPTICAL CHARACTERISTICS (Tld=Tset, Tc=25C unless otherwise noted) Parameter Threshold current Operating current Operating voltage Input impedance Light-emission central wavelength Central wavelength drift with case temp. Laser operating temperature Spectral line width Side mode suppression ratio Cutoff frequency (-1.5dB optical) Polarization extinction ratio Relative intensity noise Tracking error (Note 2) Differential efficiency Monitor current Optical isolation Dark current (PD) Symbol Ith Iop Vop Zin lc Dlc/DTc Tset Df Sr fc Ex Nr Er h Imon Iso Id Test Conditions CW CW, Pf=20mW CW, Pf=20mW Pf=20mW CW, Pf=20mW Tc=-20~70C CW, Pf=20mW CW, Pf=20mW Pf=20mW CW, Pf=20mW CW, Pf=20mW, 0.5~3GHz Tc=-20~70C, APC, ATC CW, Pf=20mW CW, Pf=20mW, Vrd=5V Tc=25C Tc=-20~70C Vrd=5V, Tc=-20~70C Vrd=5V, f=1MHz -1 15 33 2 20 0.15 0.2 35 23 Min. Limits Typ. 10 25 (Note 1) 40 25 -155 0 35 20 -145 0.5 4 0.1 10 Unit Max. 25 130 2 mA mA V W nm pm/C C MHz dB GHz dB dB/Hz dB mW/ mA mA dB mA pF
Capacitance (PD) Ct Note 1) See Table 1. Note 2) Er=max|10log(Pf / Pf@25C)|
MITSUBISHI (OPTICAL DEVICES)
FU-68PDF-V520MxxB
1.55 mm DFB-LD MODULE WITH POLARIZATION MAINTAINING FIBER PIGTAIL (WAVELENGTH SELECTED, BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
THERMAL CHARACTERISTICS (Tld=Tset, Tc=-20~70C) Parameter Symbol Test Conditions Thermistor resistance B constant of Rth Cooling capacity Cooler current Rth B DT Ipe Tld=25 Pf=20mW, Tc=70C Pf=20mW, Tc=65C, Tld=Tset Pf=20mW, Tc=70C, Tld=Tset Pf=20mW, Tc=65C, Tld=Tset Pf=20mW, Tc=70C, Tld=Tset Min. 9.5 55 -
Limits Typ. 10 3950 0.7 0.9 1.4 2
Unit Max. 10.5 1 1.2 2.3 2.6 kW K C A A V V
Cooler voltage
Vpe
FIBER PIGTAIL SPECIFICATIONS Parameter Type Mode field diameter Cladding diameter Secondary coating outer diameter Polarization axis Connector Optical return loss of connector Note 3) PMF - Sumitomo Panda fiber (PM-155)
Limits PM (Note 3) 11 1 125 3 0.9 0.1 slow axis FC/PC 40 (min)
Unit mm mm mm dB
DOCUMENTATION (Tld=Tset) Fiber output power vs. Laser forward current at Tld=Tset and Tc=-20,25,70C Threshold current (Ith) Laser forward current (Iop) at Pf=20mW Laser forward voltage (Vop) at Pf=20mW Laser operating temperature (Tset) at lc (Note 4) Monitor current (Imon) at Pf=20mW Thermistor resistance (Rth) Cooler current (Ipe) at Pf=20mW and Tc=70C Cooler voltage (Vpe) at Pf=20mW and Tc=70C Note 4) Tset is attached as a reference data. Rth should be used in order to tune the wavelength to the specified value accurately.
MITSUBISHI (OPTICAL DEVICES)
FU-68PDF-V520MxxB
1.55 mm DFB-LD MODULE WITH POLARIZATION MAINTAINING FIBER PIGTAIL (WAVELENGTH SELECTED, BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
Table 1. Type number
Type number lc (nm) FU-68PDF-520M9B 1529.55 FU-68PDF-520M39B FU-68PDF-520M10B 1529.94 FU-68PDF-520M40B FU-68PDF-520M11B 1530.33 FU-68PDF-520M41B FU-68PDF-520M12B 1530.72 FU-68PDF-520M42B FU-68PDF-520M13B 1531.12 FU-68PDF-520M43B FU-68PDF-520M14B 1531.51 FU-68PDF-520M44B FU-68PDF-520M15B 1531.90 FU-68PDF-520M45B FU-68PDF-520M16B 1532.29 FU-68PDF-520M46B FU-68PDF-520M17B 1532.68 FU-68PDF-520M47B FU-68PDF-520M18B 1533.07 FU-68PDF-520M48B FU-68PDF-520M19B 1533.47 FU-68PDF-520M49B FU-68PDF-520M20B 1533.86 FU-68PDF-520M50B FU-68PDF-520M21B 1534.25 FU-68PDF-520M51B FU-68PDF-520M22B 1534.64 FU-68PDF-520M52B FU-68PDF-520M23B 1535.04 FU-68PDF-520M53B FU-68PDF-520M24B 1535.43 FU-68PDF-520M54B FU-68PDF-520M25B 1535.82 FU-68PDF-520M55B FU-68PDF-520M26B 1536.22 FU-68PDF-520M56B FU-68PDF-520M27B 1536.61 FU-68PDF-520M57B FU-68PDF-520M28B 1537.00 FU-68PDF-520M58B FU-68PDF-520M29B 1537.40 FU-68PDF-520M59B FU-68PDF-520M30B 1537.79 FU-68PDF-520M60B FU-68PDF-520M31B 1538.19 FU-68PDF-520M61B FU-68PDF-520M32B 1538.58 FU-68PDF-520M62B FU-68PDF-520M33B 1538.98 FU-68PDF-520M63B FU-68PDF-520M34B 1539.37 FU-68PDF-520M64B FU-68PDF-520M35B 1539.77 FU-68PDF-520M65B FU-68PDF-520M36B 1540.16 FU-68PDF-520M66B FU-68PDF-520M37B 1540.56 FU-68PDF-520M67B FU-68PDF-520M38B 1540.95 FU-68PDF-520M68B All wavelengths are referred to vacuum. Tolerance is lc 0.05nm.
lc (nm) 1541.35 1541.75 1542.14 1542.54 1542.94 1543.33 1543.73 1544.13 1544.53 1544.92 1545.32 1545.72 1546.12 1546.52 1546.92 1547.32 1547.72 1548.11 1548.51 1548.91 1549.32 1549.72 1550.12 1550.52 1550.92 1551.32 1551.72 1552.12 1552.52 1552.93
Type number FU-68PDF-520M69B FU-68PDF-520M70B FU-68PDF-520M71B FU-68PDF-520M72B FU-68PDF-520M73B FU-68PDF-520M74B FU-68PDF-520M75B FU-68PDF-520M76B FU-68PDF-520M77B FU-68PDF-520M78B FU-68PDF-520M79B FU-68PDF-520M80B FU-68PDF-520M81B FU-68PDF-520M82B FU-68PDF-520M83B FU-68PDF-520M84B FU-68PDF-520M85B FU-68PDF-520M86B FU-68PDF-520M87B FU-68PDF-520M88B FU-68PDF-520M89B FU-68PDF-520M90B FU-68PDF-520M91B FU-68PDF-520M92B FU-68PDF-520M93B FU-68PDF-520M94B FU-68PDF-520M95B FU-68PDF-520M96B FU-68PDF-520M97B
lc (nm) 1553.33 1553.73 1554.13 1554.54 1554.94 1555.34 1555.75 1556.15 1556.55 1556.96 1557.36 1557.77 1558.17 1558.58 1558.98 1559.39 1559.79 1560.20 1560.61 1561.01 1561.42 1561.83 1562.23 1562.64 1563.05 1563.45 1563.86 1564.27 1564.68
MITSUBISHI (OPTICAL DEVICES)
FU-68PDF-V520MxxB
1.55 mm DFB-LD MODULE WITH POLARIZATION MAINTAINING FIBER PIGTAIL (WAVELENGTH SELECTED, BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
OUTLINE DIAGRAM (Unit : mm)
28.4
FU-68PDF-V520MxxB


▲Up To Search▲   

 
Price & Availability of FU-68PDF-520M16B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X