|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Ordering number:ENN6217 NPN Epitaxial Planar Silicon Composite Transistor FH103 High-Frequency Low-Noise Amplifier, Differential Amplifier Applications Features * Composite type with 2 transistors contained in the MCP package currently in use, improving the mounting efficiency greatly. * The FH103 is formed with two chips, being equivalent to the 2SC4867, placed in one package. * Excellent in thermal equilibrium and pair capability. Electrical Connection B1 B2 E2 12 0.65 2.0 3 0.2 0.425 Package Dimensions unit:mm 2149 [FH103] 0.425 0.15 6 5 4 1.25 2.1 0 to 0.1 C1 E1 C2 Specifications Absolute Maximum Ratings at Ta = 25C Parameter Collector-to-Base Voltage Collector-to-Emitter Voltage Emitter-to-Base Voltage Collector Current Collector Dissipation Total Dissipation Junction Temperature Storage Temperature Symbol VCBO VCEO VEBO IC PC PT Tj Tstg Mounted on a ceramic board (250mm2x0.8mm) 1unit Mounted on a ceramic board (250mm2x0.8mm) Conditions 0.9 Tr1 Tr2 Ratings 16 8 1.5 50 300 500 150 -55 to +150 0.2 0.25 1 : Collector1 2 : Emitter1 3 : Collector2 4 : Emitter2 5 : Base2 6 : Base1 SANYO : MCP6 Unit V V V mA mW mW C C Electrical Characteristics at Ta = 25C Parameter Collector Cutoff Current Emitter Cutoff Current DC Current Gain DC Current Gain Ratio Base-to-Emitter Voltage Difference Symbol ICBO IEBO hFE hFE VCB=10V, IE=0 VEB=1V, IC=0 VCE=5V, IC=15mA VCE=5V, IC=15mA VCB=5V, IC=15mA 90 0.7 0.95 1.0 mV Conditions Ratings min typ max 1.0 10 200 Unit A A (small/large) (large-small) VBE Continued on next page. Note) The specifications shown above are for each individual transistor. Marking : 103 Any and all SANYO products described or contained herein do not have specifications that can handle applications that require extremely high levels of reliability, such as life-support systems, aircraft's control systems, or other applications whose failure can be reasonably expected to result in serious physical and/or material damage. Consult with your SANYO representative nearest you before using any SANYO products described or contained herein in such applications. SANYO assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges,or other parameters) listed in products specifications of any and all SANYO products described or contained herein. SANYO Electric Co.,Ltd. Semiconductor Company TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN N0199TS (KOTO) TA-1706 No.6217-1/4 FH103 Continued from preceding page. Parameter Gain-Bandwidth Product Output Capacitance Forward Transfer Gain Noise Figure Symbol fT Cob | S21e |2 NF VCE=5V, IC=15mA VCB=10V, f=1MHz VCE=5V, IC=15mA, f=1GHz VCE=5V, IC=5mA, f=1GHz 10 Conditions Ratings min typ 9 0.6 13 1.2 2.5 1.1 max Unit GHz pF dB dB Note) The specifications shown above are for each individual transistor. Marking : 103 3 2 hFE -- IC VCE=5V Gain-Bandwidth Product, fT - GHz 2 fT -- IC VCE=5V 10 7 5 3 2 DC Current Gain, hFE 100 7 5 3 2 1.0 7 5 3 10 7 5 3 5 7 1.0 2 3 5 7 10 2 3 5 7 100 2 5 7 1.0 2 3 5 7 10 2 3 5 Collector Current, IC - mA 5 3 IT00300 5 Collector Current, IC - mA 7 100 IT00301 Cob -- VCB Reverse Transfer Capacitance, Cre - pF f=1MHz Cre -- VCB f=1MHz 3 2 Output Capacitance, Cob - pF 2 1.0 7 5 3 2 1.0 7 5 3 2 0.1 7 5 7 0.1 2 3 5 7 1.0 2 3 5 7 10 2 3 5 0.1 7 5 7 0.1 2 3 5 7 1.0 2 3 5 7 10 2 3 5 Collector-to-Base Voltage, VCB -- V IT00302 16 Collector-to-Base Voltage, VCB -- V 10 NF -- IC Forward Transfer Gain, S21e - dB VCE=5V f=1GHz S21e2 -- IC IT00303 14 12 10 8 6 4 2 0 VCE=5V f=1GHz 8 Noise Figure, NF - dB 6 4 2 0 7 1.0 2 3 5 7 10 2 3 5 7 2 3 5 7 Collector Current, IC - mA 1.0 2 3 5 IT00304 Collector Current, IC - mA 7 10 2 3 5 7 100 IT00305 No.6217-2/4 FH103 600 PC -- Ta Mounted on a ceramic board (250mm2x0.8mm) Collector Dissipation, PC - mW 500 400 To t 300 al di ss ip ati 200 1u nit on 100 0 0 20 Ambient Temperature, Ta - C 40 60 80 100 120 140 160 IT00306 S parameter VCE=5V f=200MHz to 2000MHz(200MHz Step) j50 j25 j100 j150 j10 25 j200 j250 VCE=5V f=200MHz to 2000MHz(200MHz Step) 90 0.2G 120 Hz IC =1 5m A 0.2GHz I C=5m 150 A 2.0G 60 30 2.0 GH z 100 150 250 z GH 2.0 Hz 2.0GHz 0 10 50 180 4 8 12 16 20 0 =1 IC 5m A =5 IC --j10 0.2 GH z 0.2G --j25 --j50 Hz --j250 --j200 --j150 --j100 z VCE=5V f=200MHz to 2000MHz(200MHz Step) 90 2.0 mA --150 --30 --120 IT00307 --60 --90 IT00308 VCE=5V f=200MHz to 2000MHz(200MHz Step) GH 120 IC = 15m A 60 j25 30 j10 j50 j100 j150 j200 j250 0.2 G Hz 0.2 180 GH z IC = 5 mA 150 2.0 GH z 0.04 0.08 0.12 0.16 0.2 0 0 10 25 50 100 150 250 --j10 --150 --30 5m A z GH z 2.0 GH IC=5mA 2.0 IC =1 --j250 --j200 --j150 --120 --60 --90 IT00309 --j25 --j50 --j100 IT00310 No.6217-3/4 FH103 S Parameters (Common emitter) VCE=5V, IC=5mA, ZO=50 Freq (MHz) 200 400 600 800 1000 1200 1400 1600 1800 2000 | S11 | 0.749 0.583 0.487 0.428 0.405 0.387 0.377 0.365 0.362 0.361 S11 -50.7 -85.7 -109.6 -126.6 -139.3 -150.6 -160.1 -166.8 -174.3 178.3 | S21 | 12.229 8.900 6.636 5.276 4.379 3.731 3.258 2.924 2.589 2.363 S21 141.6 118.1 103.7 93.9 85.9 78.7 72.6 67.5 61.9 56.8 | S12 | 0.044 0.068 0.081 0.093 0.106 0.117 0.130 0.142 0.156 0.171 S12 65.4 54.3 51.6 51.6 52.6 53.6 54.4 55.2 55.6 55.9 | S22 | 0.847 0.655 0.538 0.473 0.443 0.421 0.405 0.393 0.387 0.383 S22 -25.4 -37.4 -42.3 -44.4 -46.2 -48.1 -49.6 -52.1 -54.3 -56.4 VCE=5V, IC=15mA, ZO=50 Freq (MHz) 200 400 600 800 1000 1200 1400 1600 1800 2000 | S11 | 0.507 0.382 0.341 0.332 0.320 0.316 0.315 0.314 0.311 0.313 S11 -81.6 -119.5 -140.9 -154.0 -163.0 -170.9 -178.0 176.7 171.2 165.4 | S21 | 19.422 11.595 8.046 6.182 5.063 4.263 3.716 3.270 2.922 2.656 S21 124.2 103.8 93.3 86.4 79.8 74.1 69.2 64.3 60.0 55.9 | S12 | 0.033 0.050 0.065 0.081 0.099 0.116 0.134 0.150 0.167 0.186 S12 61.9 61.0 63.3 65.1 65.6 65.7 65.0 64.4 63.3 62.1 | S22 | 0.650 0.445 0.365 0.330 0.318 0.311 0.304 0.297 0.293 0.295 S22 -36.9 -43.0 -43.5 -43.3 -43.8 -45.9 -47.4 -50.3 -52.6 -54.8 Specifications of any and all SANYO products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer's products or equipment. To verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer's products or equipment. SANYO Electric Co., Ltd. strives to supply high-quality high-reliability products. However, any and all semiconductor products fail with some probability. It is possible that these probabilistic failures could give rise to accidents or events that could endanger human lives, that could give rise to smoke or fire, or that could cause damage to other property. When designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. Such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. In the event that any or all SANYO products(including technical data,services) described or contained herein are controlled under any of applicable local export control laws and regulations, such products must not be expor ted without obtaining the expor t license from the authorities concerned in accordance with the above law. No part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior written permission of SANYO Electric Co., Ltd. Any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification" for the SANYO product that you intend to use. Information (including circuit diagrams and circuit parameters) herein is for example only ; it is not guaranteed for volume production. SANYO believes information herein is accurate and reliable, but no guarantees are made or implied regarding its use or any infringements of intellectual property rights or other rights of third parties. This catalog provides information as of November, 1999. Specifications and information herein are subject to change without notice. PS No.6217-4/4 |
Price & Availability of FH103 |