Part Number Hot Search : 
1N4489 P53N05 CS4281 16LF87 SN102 EMK12 4BC20 6034R8F
Product Description
Full Text Search
 

To Download DM74ALS874B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DM74ALS874B Dual 4-Bit D-Type Edge-Triggered Flip-Flop with 3-STATE Outputs
April 1984 Revised July 2001
DM74ALS874B Dual 4-Bit D-Type Edge-Triggered Flip-Flop with 3-STATE Outputs
General Description
This dual 4-bit register features totem-pole 3-STATE outputs designed specifically for driving highly-capacitive or relatively low-impedance loads. The high-impedance state and increased high-logic-level drive provide this register with the capability of being connected directly to and driving the bus lines in a bus-organized system without need for interface or pull-up components. It is particularly attractive for implementing buffer registers, I/O ports, bidirectional bus drivers, and working registers. The eight flip-flops of the DM74ALS874B are edge-triggered D-type flip-flops. On the positive transition of the clock, the Q outputs will be set to the logic states that were set up at the D inputs. A buffered output control input can be used to place the eight outputs in either a normal logic state (HIGH or LOW logic levels) or a high-impedance state. In the high-impedance state the outputs neither load nor drive the bus lines significantly. The output control does not affect the internal operation of the flip-flops. That is, the old data can be retained or new data can be entered even while the outputs are OFF.
Features
s Switching specifications at 50 pF s Switching specifications guaranteed over full temperature and VCC range s Advanced oxide-isolated, ion-implanted Schottky TTL process s 3-STATE buffer-type outputs drive bus lines directly s Space saving 300 mil wide package s Asynchronous clear
Ordering Code:
Order Number DM74ALS874BWM DM74ALS874BNT Package Number M24B N24C Package Description 24-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide 24-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide
Devices also available in Tape and Reel. Specify by appending the suffix letter "X" to the ordering code.
Connection Diagram
(c) 2001 Fairchild Semiconductor Corporation
DS006244
www.fairchildsemi.com
DM74ALS874B
Function Table
Inputs CLR X L H H H D X X H L X CLK X X OC H L L L L Output Q Z L H L Q0
Logic Diagram

L
L = LOW State H = HIGH State X = Don't Care = Positive Edge Transition Z = High Impedance State Q0 = Previous Condition of Q
www.fairchildsemi.com
2
DM74ALS874B
Absolute Maximum Ratings(Note 1)
Supply Voltage Input Voltage Voltage Applied to Disabled Output Operating Free Air Temperature Range Storage Temperature Range Typical JA N Package M Package 51.0C/W 86.5C/W 7V 7V 5.5V 0C to +70C
Note 1: The "Absolute Maximum Ratings" are those values beyond which the safety of the device cannot be guaranteed. The device should not be operated at these limits. The parametric values defined in the Electrical Characteristics tables are not guaranteed at the absolute maximum ratings. The "Recommended Operating Conditions" table will define the conditions for actual device operation.
-65C to +150C
Recommended Operating Conditions
Symbol VCC VIH VIL IOH IOL fCLK tWCLK tWCLR tSU tH tSU TA Supply Voltage HIGH Level Input Voltage LOW Level Input Voltage HIGH Level Output Current LOW Level Output Current Clock Frequency Width of Clock Pulse Width of Clear Pulse Data Setup Time (Note 2) Data Hold Time (Note 2) Clear Inactive Free Air Operating Temperature HIGH LOW LOW 0 16.5 16.5 10 15 0 12 0 70 Parameter Min 4.5 2 0.8 Nom 5 Max 5.5 Units V V V mA mA MHz ns ns ns ns ns ns
-2.6
24 30
C
Note 2: The () arrow indicates the positive edge of the Clock is used for reference.
3
www.fairchildsemi.com
DM74ALS874B
Electrical Characteristics
over recommended operating free air temperature range. All typical values are measured at VCC = 5V, TA = 25C. Symbol Parameter Conditions Min Typ VIK VOH Input Clamp Voltage HIGH Level Output Voltage VOL LOW Level Output Voltage II IIH IIL IO IOZH IOZL ICC Input Current @ Maximum Input Voltage HIGH Level Input Current LOW Level Input Current Output Drive Current OFF-State Output Current HIGH Level Voltage Applied OFF-State Output Current LOW Level Voltage Applied Supply Current VCC = 5.5V, VIH = 2.7V VCC = 5.5V, VIL = 0.4V VCC = 5.5V, VO = 2.25V VCC = 5.5V, VIH = 2V VO = 2.7V VCC = 5.5V, VIH = 2V VO = 0.4V VCC = 5.5V Outputs OPEN Outputs HIGH Outputs LOW Outputs Disabled 14 19 20 -30 VCC = 4.5V, II = -18 mA VCC = 4.5V VIL = VIL Max VCC = 4.5V to 5.5V VCC = 4.5V VIH = 2V IOL = 24 mA VCC = 5.5V, VIH = 7V IOH = -400 A IOL = 12 mA IOH = Max 2.4 VCC - 2 0.25 0.35 0.4 0.5 0.1 20 -0.2 -112 20 -20 21 30 32 3.2 Max -1.2 Units V V V V V mA A mA mA A A mA mA mA
Switching Characteristics
over recommended operating free air temperature range. Symbol Parameter fMAX tPLH tPHL tPZH tPZL tPHZ tPLZ tPHL Maximum Clock Frequency Propagation Delay Time LOW-to-HIGH Level Output Propagation Delay Time HIGH-to-LOW Level Output Output Enable Time to HIGH Level Output Output Enable Time to LOW Level Output Output Disable Time from HIGH Level Output Output Disable Time from LOW Level Output Propagation Delay Time HIGH-to-LOW Level Output RL = 500,, CL = 50 pF Conditions From To Min 30 Clock Clock Output Control Output Control Output Control Output Control Clear Any Q Any Q Any Q Any Q Any Q Any Q Any Q 4 4 4 4 2 3 5 Max MHz 14 14 18 18 10 12 17 ns ns ns ns ns ns ns Units VCC = 4.5V to 5.5V
www.fairchildsemi.com
4
DM74ALS874B
Physical Dimensions inches (millimeters) unless otherwise noted
24-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide Package Number M24B
5
www.fairchildsemi.com
DM74ALS874B Dual 4-Bit D-Type Edge-Triggered Flip-Flop with 3-STATE Outputs
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
24-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide Package Number N24C
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and Fairchild reserves the right at any time without notice to change said circuitry and specifications. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user. www.fairchildsemi.com 6 2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of DM74ALS874B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X