Part Number Hot Search : 
IRU431L BD506 BD506 152SV24 XY6112P 74911 2SA1599 1608X7R
Product Description
Full Text Search
 

To Download DB107S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Surface Mount Bridge Rectifier
DB101S THRU DB107S
Glass passivated type
Formosa MS
DFS
.310(7.9) .290(7.4) .255(6.5) .245(6.2)
~ ~
Features
Plastic package has Underwriters Laboratory Flammability Classification 94V-O Utilizing Flame Retardant Epoxy Molding Compound. For surface mounted applications. Exceeds environmental standards of MIL-S-19500 / 228 High surge current capability Ideal for printed circuit board
+
.042(1.1) .038(1.0) .365(9.3) .355(9.0)
.013(.33) .003(.08) .410(10.4) .360(9.4) .060(1.5) .040(1.0) .135(3.4) .115(2.9)
.205(5.2) .195(5.0)
Mechanical data
Case : Molded plastic, DFS Terminals : Solder plated, solderable per MIL-STD-750, Method 2026 Polarity : Marked on body Mounting P osition : Any Weight : 1.0 gram
Dimensions in inches and (millimeters)
MAXIMUM RATINGS (AT TA=25oC unless otherwise noted)
PARAMETER Forward rectified current Forward surge current See Fig.1 8.3ms single half sine-wave superimposed on rate load (JEDEC methode) VR = VRRM TA = 25o C
o
CONDITIONS
Symbol IO IFSM
MIN.
TYP.
MAX. 1.0 50 10 500
UNIT A A uA uA
o
Reverse current Storage temperature
IR TSTG -55
VR = VRRM TA = 125 C
+150
C
SYMBOLS
MARKING CODE DB101S DB102S DB103S DB104S DB105S DB106S DB107S
V RRM
(V)
*1
V RMS
(V) 35 70 140 280 420 560 700
*2
VR
*3
VF
*4
Operating temperature ( o C)
(V) 50 100 200 400 600 800 1000
(V)
DB101S DB102S DB103S DB104S DB105S DB106S DB107S
50 100 200 400 600 800 1000
*1 Repetitive peak reverse voltage
1.1 -55 to +125
*2 RMS voltage *3 Continuous reverse voltage *4 Maximum forward voltage
RATING AND CHARACTERISTIC CURVES (DB101S THRU DB107S)
FIG.1-TYPICAL FORWARD CURRENT DERATING CURVE
1.2 1.0 0.8 0.6 0.4 0.2
Single Phase Half Wave 60Hz Resistive Or Inductive Load
FIG.2-MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
PEAK FORWAARD SURGE CURRENT,(A)
50
AVERAGE FORWARD CURRENT,(A)
40
30
Tj=25 C 8.3ms Single Half Sine Wave JEDEC method
20
10
0
25
50
75
100 125
150
175
AMBIENT TEMPERATURE ( C)
0 1 5 10 50 100
NUMBER OF CYCLES AT 60Hz
FIG.3-TYPICAL FORWARD CHARACTERISTICS 50
INSTANTANEOUS FORWARD CURRENT,(A)
FIG.4-TYPICAL REVERSE CHARACTERISTICS 50
3.0 1.0
Tj=25 C Pulse Width 300us 1% Duty Cycle
REVERSE LEAKAGE CURRENT, (mA)
10
10 3.0 1.0
0.1
0.1
Tj=25 C
.01
0
.2
.4
.6
.8
1.0
1.2
1.4
.01
20
40
60
80
100 120 140
FORWARD VOLT AGE,(V)
PERCENTAGE OF PEAK REVERSE VOLT AGE, (%)


▲Up To Search▲   

 
Price & Availability of DB107S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X