Part Number Hot Search : 
DB101G MAX706 25NTT 4016506 022SC TF8N65 BU705DF 2V220
Product Description
Full Text Search
 

To Download CY2309NZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CY2309NZ
Nine-Output 3.3V Buffer
Features
* One-input to nine-output buffer/driver * Supports two DIMMs or four SO-DIMMs with one additional output for feedback to an external or chipset PLL * Low power consumption for mobile applications -- Less than 32 mA at 66.6 MHz with unloaded outputs * 8.7-ns Input-Output delay * Buffers all frequencies from DC to 133.33 MHz * Output-output skew less than 250 ps * Multiple VDD and VSS pins for noise and electromagnetic interference (EMI) reduction * Space-saving 16-pin 150-mil SOIC package * 3.3V operation * Industrial temperature available
Functional Description
The CY2309NZ is a low-cost buffer designed to distribute high-speed clocks in mobile PC systems and desktop PC systems with SDRAM support. The part has nine outputs, eight of which can be used to drive 2 DIMMs or 4 SO-DIMMs, and the remaining can be used for external feedback to a PLL. The device operates at 3.3V and outputs can run up to 133.33 MHz. The CY2309NZ is designed for low EMI and power optimization. It has multiple VSS and VDD pins for noise optimization and consumes less than 32 mA at 66.6 MHz, making it ideal for the low-power requirements of mobile systems. It is available in an ultra-compact 150-mil 16-pin SOIC package.
Block Diagram
BUF_IN OUTPUT1 OUTPUT2 OUTPUT3 OUTPUT4 OUTPUT5 OUTPUT6 OUTPUT7 OUTPUT8 OUTPUT9
Pin Configuration
16 SOIC Top View
BUF_IN OUTPUT1 OUTPUT2 VDD GND OUTPUT3 OUTPUT4 VDD
1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9
OUTPUT9 OUTPUT8 OUTPUT7 VDD GND OUTPUT6 OUTPUT5 GND
Pin Description for CY2309NZ
Pin 4, 8, 13 5, 9, 12 1 VDD GND BUF_IN Signal 3.3V Digital Voltage Supply Ground Input Clock Outputs Description
2, 3, 6, 7, 10, 11, OUTPUT [1:9] 14, 15, 16
Cypress Semiconductor Corporation Document #: 38-07182 Rev. *C
*
3901 North First Street
*
San Jose, CA 95134 * 408-943-2600 Revised February 24, 2004
CY2309NZ
Maximum Ratings
Supply Voltage to Ground Potential ............... -0.5V to +7.0V DC Input Voltage (Except REF) ............-0.5V to VDD + 0.5V DC Input Voltage REF......................................... -0.5V to 7V Storage Temperature ................................. -65C to +150C Junction Temperature ................................................. 150C Static Discharge Voltage (per MIL-STD-883, Method 3015) ............................ >2,000V
Operating Conditions for Commercial and Industrial Temperature Devices
Parameter VDD TA CL CIN BUF_IN, SDRAM [1:9] tPU Supply Voltage (Ambient Operating Temperature) Commercial (Ambient Operating Temperature) Industrial Load Capacitance, Fout < 100 MHz Load Capacitance,100 MHz < Fout < 133.33 MHz Input Capacitance Operating Frequency Power-up time for all VDDs to reach minimum specified voltage (power ramps must be monotonic) DC 0.05 Description Min. 3.0 0 -40 Max. 3.6 70 85 30 15 7 133.33 50 Unit V
C C
pF pF pF MHz ms
Electrical Characteristics for Commercial and Industrial Temperature Devices
Parameter VIL VIH IIL IIH VOL VOH IDD Description Input LOW Voltage[1] Input HIGH Voltage[1] VIN = 0V VIN = VDD IOL = 8 mA IOH = -8 mA Unloaded outputs at 66.66 MHz 2.4 32 2.0 50.0 100.0 0.4 Input LOW Current Input HIGH Current Output LOW Voltage[2] Output HIGH Voltage[2] Supply Current Test Conditions Min. Max. 0.8 Unit V V A A V V mA
Switching Characteristics for Commercial and Industrial Temperature Devices[3]
Parameter t3 t4 t5 t6 Rise Name Duty Cycle[2] = t2 / t1 Time[2]
[2]
Description Measured at 1.4V Measured between 0.8V and 2.0V Measured between 0.8V and 2.0V All outputs equally loaded
Min. 40.0
Typ. 50.0
Max. 60.0 1.50 1.50 250
Unit % ns ns ps ns
Fall Time[2] Output to Output Skew
Propagation Delay, BUF_IN Measured at VDD/2 Rising Edge to OUTPUT Rising Edge[2]
1
5
9.2
Switching Waveforms
Duty Cycle Timing
t1 t2 1.4V 1.4V 1.4V
Notes: 1. BUF_IN input has a threshold voltage of VDD/2. 2. Parameter is guaranteed by design and characterization. It is not 100% tested in production. 3. All parameters specified with loaded outputs.
Document #: 38-07182 Rev. *C
Page 2 of 5
CY2309NZ
Switching Waveforms (continued)
All Outputs Rise/Fall Time
OUTPUT 2.0V 0.8V t3 2.0V 0.8V t4 3.3V 0V
Output-Output Skew
OUTPUT 1.4V
OUTPUT t5
1.4V
Input-Output Propagation Delay
INPUT VDD/2
OUTPUT t6
VDD/2
Test Circuits 0.1 F
VDD
OUTPUTS
CLK out C LOAD
VDD 0.1 F
GND GND
Ordering Information
Ordering Code CY2309NZSC-1H CY2309NZSI-1H Package Name S16 S16 Package Type 16-pin 150-mil SOIC 16-pin 150-mil SOIC Operating Range Commercial Industrial
Document #: 38-07182 Rev. *C
Page 3 of 5
CY2309NZ
Package Diagram
16 Lead (150 Mil) SOIC
8 1
16-Lead (150-Mil) SOIC S16
PIN 1 ID
DIMENSIONS IN INCHES[MM] MIN. MAX. REFERENCE JEDEC MS-012
0.150[3.810] 0.157[3.987] 0.230[5.842] 0.244[6.197]
PACKAGE WEIGHT 0.15gms
PART # S16.15 STANDARD PKG. 9 16 SZ16.15 LEAD FREE PKG.
0.386[9.804] 0.393[9.982]
SEATING PLANE
0.010[0.254] 0.016[0.406]
X 45
0.061[1.549] 0.068[1.727] 0.004[0.102] 0.050[1.270] BSC 0.0138[0.350] 0.0192[0.487] 0.004[0.102] 0.0098[0.249]
0~8
0.016[0.406] 0.035[0.889]
0.0075[0.190] 0.0098[0.249]
51-85068-*B
All product and company names mentioned in this document are the trademarks of their respective holders.
Document #: 38-07182 Rev. *C
Page 4 of 5
(c) Cypress Semiconductor Corporation, 2003. The information contained herein is subject to change without notice. Cypress Semiconductor Corporation assumes no responsibility for the use of any circuitry other than circuitry embodied in a Cypress Semiconductor product. Nor does it convey or imply any license under patent or other rights. Cypress Semiconductor does not authorize its products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress Semiconductor products in life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies Cypress Semiconductor against all charges.
CY2309NZ
Document History Page
Document Title: CY2309NZ Nine-Output 3.3V Buffer Document Number: 38-07182 REV. ** *A *B *C ECN NO. 111858 121834 130563 212991 Issue Date 12/09/01 12/14/02 10/23/03 See ECN Orig. of Change DSG RBI SDR Description of Change Change from Spec number: 38-00709 to 38-07182 Power-up requirements added to Operating Conditions Information Added industrial operating temperature to operating conditions
RGL/GGK Updated the propagation delay T6 spec to 9.2 ns in the Switching Characteristics table
Document #: 38-07182 Rev. *C
Page 5 of 5


▲Up To Search▲   

 
Price & Availability of CY2309NZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X