Part Number Hot Search : 
AZ2280 HP6N1 CAT523WI C1315 57X00 W9412G6 SO445420 91000
Product Description
Full Text Search
 

To Download CY2309NZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CY2309NZ
Nine Output, 3.3V SDRAM Buffer for 2 DIMMs or 4 SO-DIMMs
Features
* One input to nine output buffer/driver * Supports two SDRAM DIMMs or four SO-DIMMs with one additional output for feedback to an external or chipset PLL * Low power consumption for mobile applications -- Less than 25 mA at 66.6 MHz with unloaded outputs * 8.7-ns Input-Output delay * Buffers all frequencies from DC to 100 MHz * Output-output skew less than 250 ps * Multiple VDD and VSS pins for noise and EMI reduction * Space-saving 16-pin 150-mil SOIC package * 3.3V operation
Functional Description
The CY2309NZ is a low-cost SDRAM buffer designed to distribute high-speed clocks in mobile PC systems and desktop PC systems with SDRAM support. The part has nine outputs, eight of which can be used to drive 2 DIMMs or 4 SO-DIMMs, and the remaining can be used for external feedback to a PLL. The device operates at 3.3V and outputs can run up to 100 MHz, making it compatible with Pentium II(R) processors and 100-MHz chipsets. The CY2309NZ can be used in conjunction with the CY2281, CY2282, CY2283, CY2284 or similar clock synthesizers for a full Pentium II motherboard solution. The CY2309NZ is designed for low EMI and power optimization. It has multiple VSS and VDD pins for noise optimization and consumes less than 25 mA at 66.6 MHz, making it ideal for the low power requirements of mobile systems. It is available in an ultra-compact 150-mil 16-pin SOIC package.
Block Diagram
BUF_IN SDRAM1 SDRAM2 SDRAM3 SDRAM4 SDRAM5 SDRAM6 SDRAM7 SDRAM8 SDRAM9
Pin Configuration
16 SOIC Top View
BUF_IN SDRAM1 SDRAM2 V DD GND SDRAM3 SDRAM4 V DD
1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9
SDRAM9 SDRAM8 SDRAM7 VDD GND SDRAM6 SDRAM5 GND
Pin Description for CY2309NZ
Signal VDD GND BUF_IN SDRAM [1:9] Pin 4, 8, 13 5, 9, 12 1 2, 3, 6, 7, 10, 11, 14, 15, 16 3.3V Digital Voltage Supply Ground Input Clock SDRAM Clock Outputs Description
Intel and Pentium are registered trademarks of Intel Corporation.
Cypress Semiconductor Corporation
*
3901 North First Street
*
San Jose
*
CA 95134
*
408-943-2600 October 14, 1999
CY2309NZ
Maximum Ratings
Supply Voltage to Ground Potential ............... -0.5V to +7.0V DC Input Voltage (Except REF) ............-0.5V to VDD + 0.5V DC Input Voltage REF......................................... -0.5V to 7V Storage Temperature ................................. -65C to +150C Max. Soldering Temperature (10 sec.) ....................... 260C Junction Temperature ................................................. 150C Static Discharge Voltage (per MIL-STD-883, Method 3015) ............................ >2,000V
Operating Conditions
Parameter VDD TA CL CIN BUF_IN, SDRAM [1:9] Supply Voltage Operating Temperature (Ambient Temperature) Load Capacitance Input Capacitance Operating Frequency DC Description Min. 3.0 0 Max. 3.6 70 30 7 100 Unit V
C
pF pF MHz
Electrical Characteristics
Parameter VIL VIH IIL IIH VOL VOH IDD Description Input LOW Voltage
[1] [1]
Test Conditions
Min. 2.0
Max. 0.8
Unit V V A A V V mA
Input HIGH Voltage Input LOW Current Input HIGH Current
VIN = 0V VIN = V DD
[2] [2]
50.0 100.0 0.4 2.4 35
Output LOW Voltage Supply Current
IOL = 8 mA IOH = -8 mA Unloaded outputs at 66.66 MHz, SEL inputs at VDD or GND
Output HIGH Voltage
Switching Characteristics [3] Over the Operating Range
Parameter t3 t4 t5 t6 Rise Time Fall Time Name Duty Cycle
[2]
Description Measured at 1.4V Measured between 0.8V and 2.0V Measured between 0.8V and 2.0V All outputs equally loaded Measured at VDD/2
Min. 40.0
Typ. 50.0
Max. 60.0 1.50 1.50 250
Unit % ns ns ps ns
= t2 / t1
[2]
[2]
Output to Output Skew[2] Propagation Delay, BUF_IN Rising Edge to SDRAM Rising Edge[2]
1
5
8.7
Notes: 1. BUF_IN input has a threshold voltage of VDD/2. 2. Parameter is guaranteed by design and characterization. Not 100% tested in production. 3. All parameters specified with loaded outputs.
2
CY2309NZ
Switching Waveforms
Duty Cycle Timing
t1 t2 1.4V 1.4V 1.4V
All Outputs Rise/Fall Time
2.0V 0.8V t3 2.0V 0.8V t4 3.3V 0V
OUTPUT
Output-Output Skew
OUTPUT
1.4V
OUTPUT t5
1.4V
Input-Output Propagation Delay
INPUT
VDD /2
OUTPUT t6
VDD/2
3
CY2309NZ
Test Circuits VDD 0.1 F CLK out
OUTPUTS
C LOAD VDD 0.1 F
GND GND
Ordering Information
Ordering Code CY2309NZSC-1H Document #: 38-00709-C Package Name S16 Package Type 16-pin 150-mil SOIC Operating Range Commercial
Package Diagram
16-Lead (150-Mil) Molded SOIC S16
51-85068-A
(c) Cypress Semiconductor Corporation, 1999. The information contained herein is subject to change without notice. Cypress Semiconductor Corporation assumes no responsibility for the use of any circuitry other than circuitry embodied in a Cypress Semiconductor product. Nor does it convey or imply any license under patent or other rights. Cypress Semiconductor does not authorize its products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress Semiconductor products in life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies Cypress Semiconductor against all charges.


▲Up To Search▲   

 
Price & Availability of CY2309NZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X