Part Number Hot Search : 
08783 MIC2586 MURA210G S3C9648 1C102 0HSR3 MPC4D VG024
Product Description
Full Text Search
 

To Download CDBA240 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Schottky Barrier Rectifier
COMCHIP
www.comchip.com.tw
CDBA220 Thru CDBA2100
Reverse Voltage: 20 - 100 Volts Forward Current: 2.0 Amp
Features
DO-214AC (SMA)
Ideal for surface mount applications Easy pick and place Plastic package has Underwriters Lab. flammability classification 94V-0 Built-in strain relief Low forward voltage drop
0.067(1.70) 0.051(1.29) 0.180(4.57) 0.160(4.06)
0.110(2.79) 0.086(2.18)
Mechanical Data
0.091(2.31) 0.067(1.70)
0.012(0.31) 0.006(0.15)
Case: JEDEC DO-214AC molded plastic Terminals: solderable per MIL-STD-750, method 2026 Polarity: Color band denotes cathode end Mounting position: Any Approx. Weight:0.064 gram
0.059(1.50) 0.035(0.89)
0.209(5.31) 0.185(4.70)
0.008(0.20) 0.004(0.10)
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characterics
Parameter
Max.Repetitive Peak Reverse Voltage Max. DC Blocking Voltage Max. RMS Voltage Peak Surge Forward Current 8.3ms single half sine-wave superimposed on rate load ( JEDEC method ) Max. Average Forward Current Max. Instantaneous Forward Current at 2.0 A Max. DC Reverse Current at Rated DC Blocking Voltage Ta=25 C Ta=100 C Max. Thermal Resistance (Note 1) Operating Junction temperature Storage Temperature R R
JA JL
Symbol
VRRM VDC VRMS IFSM
CDBA220
CDBA240
CDBA260
CDBA2100
Unit
V V V A
20 20 14
40 40 28
60 60 42
100 100 70
50
Io VF IR 20 0.50
2.0 0.70 0.85
A V mA 10
0.5
75 17 -50 to +125 -65 to +150
C/W
C C
Tj TSTG
Note 1: Thermal resistance from junction to ambient and junction to to lead P.C.B. Mounted on 0.2 x 0.2 copper pad areas
MDS0208008B
Page 1
SMD Schottky Barrier Rectifier
COMCHIP
www.comchip.com.tw
Rating and Characteristic Curevs (CDBA220 Thru CDBA2100)
Fig. 1 - Reverse Characteristics
100 100
Fig.2 - Forward Characteristics
CDBA220-240
CDBA260
Reverse Current ( mA )
10
Forward Current ( A )
10
CDBA280-2100
1
Tj=75 C
1
0.1
0.1
Tj=25 C
0.01 0.01
Tj=25 C Pulse width 300uS 4% duty cycle
0
20
40
60
80
100 120 140 160 180 200
0.1 0.3 0.5 0.7 0.9 1.1 1.3 1.5 1.7 Forward Voltage (V)
1.9 2.1
Percent of Rated Peak Reverse Voltage (%)
Fig. 3 - Junction Capacitance
350
Fig. 4 - Current Derating Curve
Junction Capacitance (pF)
250 200 150 100 50 0 0.01 0.1 1.0 10 100
Average Forward Current ( A )
300
=1MHz and applied 4VDC reverse voltage
2.4 2.0
CD
1.6
1.2 0.8 0.4 0
20 40 60 80
BA
Reverse Voltage (V)
Ambient Temperature ( C)
CD
100
26
BA 22 024 0
021 00
120 140 160
Fig. 5 - Non Repetitive Forward Surge Current
Peak Surge Forward Current ( A )
50
8.3mS Single Half Sine Wave JEDEC methode
40
30
Tj=25 C
20
10 0
1 5 10 50 1 00
Number of Cycles at 60Hz
MDS0208008B
Page 2


▲Up To Search▲   

 
Price & Availability of CDBA240

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X