Part Number Hot Search : 
PEMB10 FST2030 EN29F080 MAX5234 MBR40 MIC94060 YAAMUA SFS2324
Product Description
Full Text Search
 

To Download CD4099BC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CD4099BC 8-Bit Addressable Latch
October 1987 Revised April 2002
CD4099BC 8-Bit Addressable Latch
General Description
The CD4099BC is an 8-bit addressable latch with three address inputs (A0-A2), an active low enable input (E), active high clear input (CL), a data input (D), and eight outputs (Q0-Q7). Data is entered into a particular bit in the latch when that bit is addressed by the address inputs and the enable (E) is LOW. Data entry is inhibited when enable (E) is HIGH. When clear (CL) and enable (E) are HIGH, all outputs are LOW. When clear (CL) is HIGH and enable (E) is LOW, the channel demultiplexing occurs. The bit that is addressed has an active output which follows the data input while all unaddressed bits are held LOW. When operating in the addressable latch mode (E = CL = LOW), changing more than one bit of the address could impose a transient wrong address. Therefore, this should only be done while in the memory mode (E = HIGH, CL = LOW).
Features
s Wide supply voltage range: 3.0V to 15V s High noise immunity: 0.45 VDD (typ.) s Low power TTL: fan out of 2 driving 74L compatibility: or 1 driving 74LS s Serial to parallel capability s Storage register capability s Random (addressable) data entry s Active high demultiplexing capability s Common active high clear
Ordering Code:
Order Number CD4099BCN Package Number N16E Package Description 16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide
Connection Diagram
Top View
Truth Table
Mode Selection E CL L H L H L L Addressed Latch Follows Data Unaddressed Latch Holds Previous Data Addressable Latch Reset to "0" Reset to "0" Demultiplexer Clear Mode
Holds Previous Data Holds Previous Data Memory
H Follows Data H Reset to "0"
(c) 2002 Fairchild Semiconductor Corporation
DS005984
www.fairchildsemi.com
CD4099BC
Logic Diagram
www.fairchildsemi.com
2
CD4099BC
Absolute Maximum Ratings(Note 1)
(Note 2) DC Supply Voltage (VDD) Input Voltage (VIN) Storage Temperature Range (TS) Power Dissipation (PD) Dual-In-Line Small Outline Lead Temperature (TL) (Soldering, 10 seconds) 260C (Note 2) 700 mW 500 mW
Recommended Operating Conditions (Note 2)
DC Supply Voltage (VDD) Input Voltage (VIN) Operating Temperature Range (TA) 3.0 to 15 VDC 0 to VDD VDC
-0.5 to +18 VDC -0.5 to VDD +0.5 VDC -65C to +150C
-55C to +125C
Note 1: "Absolute Maximum Ratings" are those values beyond which the safety of the device cannot be guaranteed; they are not meant to imply that the devices should be operated at these limits. The tables of "Recommended Operating Conditions" and "Electrical Characteristics" provide conditions for actual device operation. Note 2: VSS = 0V unless otherwise specified.
DC Electrical Characteristics
Symbol IDD Parameter Quiescent Device Current VOL LOW Level Output Voltage
Conditions VDD = 5V, VIN = VDD or VSS VDD = 10V, VIN = VDD or VSS VDD = 15V, VIN = VDD or VSS |IO| 1A VDD = 5V VDD = 10V VDD = 15V
-55C Min Max 5.0 10 20 0.05 0.05 0.05 4.95 9.95 14.95 1.5 3.0 4.0 3.5 7.0 11.0 0.64 1.6 4.2 -0.64 -1.6 -4.2 -0.1 0.1 3.5 7.0 11.0 0.51 1.3 3.4 -0.51 -1.3 -3.4 4.95 9.95 14.95 Min
+25C Typ 0.02 0.02 0.02 0 0 0 5 10 15 2.25 4.5 6.75 2.75 5.5 8.25 0.88 2.25 8.8 -0.88 -2.25 -8.8 -10-5 10-5 -0.1 0.1 1.5 3.0 4.0 Max 5.0 10 20 0.05 0.05 0.05
+125C Min Max 150 300 600 0.05 0.05 0.05 4.95 9.95 14.95 1.5 3.0 4.0 3.5 7.0 11.0 0.36 0.9 2.4 -0.36 -0.9 -2.4 -1.0 1.0
Units
A
V
VOH
HIGH Level Output Voltage
|IO| 1 A VDD = 5V VDD = 10V VDD = 15V V
VIL
LOW Level Input Voltage
VDD = 5V, VO = 0.5V or 4.5V VDD = 10V, VO = 1.0V or 9.0V VDD = 15V, VO = 1.5V or 13.5V VDD = 5V, VO = 0.5V or 4.5V VDD = 10V, VO = 1.0V or 9.0V VDD = 15V, VO = 1.5V or 13.5V VDD = 5V, VO = 0.4V VDD = 10V, VO = 0.5V VDD = 15V, VO = 1.5V VDD = 5V, VO = 4.6V VDD = 10V, VO = 9.5V VDD = 15V, VO = 13.5V VDD = 15V, VIN = 0V VDD = 15V, VIN = 15V
V
VIH
HIGH Level Input Voltage
V
IOL
LOW Level Output Current (Note 3)
mA
IOH
HIGH Level Output Current (Note 3)
mA
IIN
Input Current
A
Note 3: IOH and IOL are tested one output at a time.
3
www.fairchildsemi.com
CD4099BC
AC Electrical Characteristics
Symbol tPHL, tPLH Parameter Propagation Delay Data to Output tPLH, tPHL Propagation Delay Enable to Output tPHL Propagation Delay Clear to Output tTLH, tTHL Propagation Delay Address to Output tTHL, tTLH Transition Time (Any Output) TWH, TWL Minimum Data Pulse Width tWH, tWL Minimum Address Pulse Width tWH Minimum Clear Pulse Width tSU Minimum Set-Up Time Data to E tH Minimum Hold Time Data to E tSU Minimum Set-Up Time Address to E tH Minimum Hold Time Address to E CPD CIN Power Dissipation Capacitance Input Capacitance
(Note 4)
Conditions Min Typ 200 75 50 200 80 60 175 80 65 225 100 75 100 50 40 100 50 40 200 100 65 75 40 25 40 20 15 60 30 25 -15 0 0 -50 -20 -15 100 5.0 7.5 Max 400 150 100 400 160 120 350 160 130 450 200 150 200 100 80 200 100 80 400 200 125 150 75 50 80 40 30 120 60 50 50 30 20 15 10 5 pF pF ns ns ns ns ns ns ns ns ns ns ns ns Units
TA = 25C, CL = 50 pF, RL = 200k, Input tr = tf = 20 ns, unless otherwise noted VDD = 5V VDD = 10V VDD = 15V VDD = 5V VDD = 10V VDD = 15V VDD = 5V VDD = 10V VDD = 15V VDD = 5V VDD = 10V VDD = 15V VDD = 5V VDD = 10V VDD = 15V VDD = 5V VDD = 10V VDD = 15V VDD = 5V VDD = 10V VDD = 15V VDD = 5V VDD = 10V VDD = 15V VDD = 5V VDD = 10V VDD = 15V VDD = 5V VDD = 10V VDD = 15V VDD = 5V VDD = 10V VDD = 15V VDD = 5V VDD = 10V VDD = 15V Per Package (Note 5) Any Input
Note 4: AC Parameters are guaranteed by DC correlated testing. Note 5: Dynamic power dissipation (PD) is given by: PD = (CPD + C L) VCC2f + PQ; where CL = load capacitance; f = frequency of operation; for further details, see application note AN-90, "54C/74C Family Characteristics".
www.fairchildsemi.com
4
CD4099BC
Switching Time Waveforms
5
www.fairchildsemi.com
CD4099BC 8-Bit Addressable Latch
Physical Dimensions inches (millimeters) unless otherwise noted
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide Package Number N16E
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and Fairchild reserves the right at any time without notice to change said circuitry and specifications. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user. www.fairchildsemi.com 6 2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of CD4099BC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X