Part Number Hot Search : 
7EREH601 LM7812 VIPER12A B0520LW TL431A VP11C 91000 LB361
Product Description
Full Text Search
 

To Download BR100031DO-41 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BR 100/03 DO-41 ... BR 100/04 DO-41 Bidirectional Si-Trigger-Diodes (DIAC) Bidirektionale Si-Trigger-Dioden (DIAC)
Breakdown voltage Durchbruchsspannung Peak pulse current - Max. Triggerimpuls Plastic case Kunststoffgehause Plastic material has UL classification 94V-0 Gehausematerial UL94V-0 klassifiziert Weight approx. - Gewicht ca.
Dimensions / Mae in mm
28 ... 45 V 2A DO-41 DO-204AL
0.13 g see page 16 siehe Seite 16
Standard packaging taped in ammo pack Standard Lieferform gegurtet in Ammo-Pack
Maximum ratings Power dissipation - Verlustleistung Peak pulse current (120 pulse repetition rate) Max. Triggerstrom (120 Impulse) Operating junction temperature - Sperrschichttemperatur Storage temperature - Lagerungstemperatur TA = 50 /C tP # 10 :s Ptot IPM Tj TS
Grenzwerte 150 mW 1) 2 A 1) - 40...+100/C - 40...+150/C
Characteristics Breakdown voltage Durchbruchspannung dV/dt = 10V/:s BR 100/03 DO-41 BR 100/031 DO-41 BR 100/04 DO-41 V = 98 % VBO
*V(BO)F - V(BO)R*
Kennwerte VBO VBO VBO IBO 28 ... 36 V 30 ... 34 V 35 ... 45 V < 50 :A < 3.8 V >5V
Breakdown current - Durchbruchstrom Asymmetry of breakdown voltage Unsymmetrie der Durchbruchspannug Foldback voltage - Spannungs-Rucksprung )I = IBR to/auf IF = 10 mA Thermal resistance junction to ambient air Warmewiderstand Sperrschicht - umgebende Luft
)VBO )VF/R
dV/dt = 10V/:s
RthA < 0.3 K/mW 1)
) Valid, if leads are kept at ambient temperature at a distance of 10 mm from case Gultig, wenn die Anschludrahte in 10 mm Abstand vom Gehause auf Umgebungstemperatur gehalten werden 394 28.02.2002
1
BR 100/03 DO-41 ... BR 100/04 DO-41
Typical characteristic of a DIAC - Typische DIAC-Kennlinie
Test circuit for a thyristor trigger - Meschaltung fur Thyristor-Zundschaltung
28.02.2002
395


▲Up To Search▲   

 
Price & Availability of BR100031DO-41

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X