Part Number Hot Search : 
AQV255 IRFZ4 SB8150CT BCM5238 W56932CY IPECRG NE5537 ADUM330
Product Description
Full Text Search
 

To Download BH3563FV Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Optical disc ICs
Post amplifier applicable with 1- bit D / A converter
BH3563FV
The BH3563FV is a post amplifier applicable with 1-bit D / A converter for compact disc players. FApplications Portable CD players, etc. FFeatures 1) 2-channel analog filter IC for 1-bit D / A converters. 2) Internal partial CR for two channels (left and right) LPF. FAbsolute maximum ratings (Ta = 25_C)
3) Operates on a single power supply. 4) Operates on a power supply voltage as low as 3.1V.
FRecommended operation conditions (Ta = 25_C)
133
Optical disc ICs
FBlock diagram
BH3563FV
134
Optical disc ICs
FPin descriptions
BH3563FV
135
Optical disc ICs
FElectrical characteristics (unless otherwise noted, Ta = 25_C, VCC = 3.5V, RL = 10k)
BH3563FV
136
Optical disc ICs
FMeasurement circuit
BH3563FV
137
Optical disc ICs
FApplication example
BH3563FV
FOperation notes (1) When the MUTE pin voltage reaches 1.5V or higher, the output voltage is muted and the bias level is output. (2) Frequency characteristics can be changed by adjusting the capacitor attached to pin 3 (pin18) or pin 5 (pin16). (3) Gain can be changed by attaching a resistor to pin 4 (pin17).
(4) To prevent popping sounds due to sudden fluctuation in the mute pin voltage, attach a capacitor (approximately 1F) to pin 7. (5) Be sure to connect the IC to a 0.1F bypass capacitor to the power supply, at the base of the IC.
138
Optical disc ICs
FElectrical characteristic curve
BH3563FV
FExternal dimensions (Units: mm)
139


▲Up To Search▲   

 
Price & Availability of BH3563FV

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X