Part Number Hot Search : 
CEEH64TW L7611 URR80 33405 MMA6270Q LBT09611 12MHZ 16245
Product Description
Full Text Search
 

To Download BF421-AP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
BF421
SMALL SIGNAL PNP TRANSISTOR
PRELIMINARY DATA
Ordering Code BF421 BF421-AP
s
Marking BF421 BF421
Package / Shipment TO-92 / Bulk TO-92 / Ammopack
s
s
SILICON EPITAXIAL PLANAR PNP HIGH VOLTAGE TRANSISTOR TO-92 PACKAGE SUITABLE FOR THROUGH-HOLE PCB ASSEMBLY THE NPN COMPLEMENTARY TYPE IS BF420 TO-92 Bulk TO-92 Ammopack
APPLICATIONS s VIDEO AMPLIFIER CIRCUITS (RGB CATHODE CURRENT CONTROL) s TELEPHONE WIRELINE INTERFACE (HOOK SWITCHES, DIALER CIRCUITS)
INTERNAL SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol V CBO V CEO V EBO IC I CM P tot T stg Tj Parameter Collector-Base Voltage (I E = 0) Collector-Emitter Voltage (I B = 0) Emitter-Base Voltage (I C = 0) Collector Current Collector Peak Current (t p < 5ms) Total Dissipation at T C = 25 C Storage Temperature Max. Operating Junction Temperature
o
Value -300 -300 -5 -500 -600 830 -65 to 150 150
Unit V V V mA mA mW
o o
C C
February 2003
1/5
BF421
THERMAL DATA
R thj-amb * Thermal Resistance Junction-Ambient R thj-Case * Thermal Resistance Junction-Case Max Max 150 50
o o
C/W C/W
ELECTRICAL CHARACTERISTICS (Tcase = 25 oC unless otherwise specified)
Symbol I CBO Parameter Collector Cut-off Current (I E = 0) Emitter Cut-off Current (I C = 0) Test Conditions V CB = -200 V V CB = -200 V V CB = -300 V V EB = -5 V I C = -10 mA -300 T C = 150 o C Min. Typ. Max. -10 -10 -100 -50 Unit nA A A nA V
I EBO
V (BR)CEO Collector-Emitter Breakdown Voltage (I B = 0) V (BR)CBO Collector-Base Breakdown Voltage (I E = 0) Emitter-Base Breakdown Voltage (I C = 0) Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage DC Current Gain Transition Frequency
I C = -10 A
-300
V
V (BR)EBO
I E = -100 A
-5
V
V CE(sat) V BE(sat) h FE fT
I C = -30 mA I C = -30 mA I C = -25 mA
I B = -5 mA I B = -5 mA V CE = -20 V V CB = -30 V f = 1MHz 50 60
-0.6 -1.2
V V
I C = -10 mA V CE = -10 V f =100MHz
MHz 1.6 pF
C RE Reverse Capacitance IE = 0 Pulsed: Pulse duration 300 s, duty cycle 2 %
2/5
BF421
TO-92 MECHANICAL DATA
mm MIN. A b D E e e1 L R S1 W V 4.32 0.36 4.45 3.30 2.41 1.14 12.70 2.16 1.14 0.41 4 degree TYP. MAX. 4.95 0.51 4.95 3.94 2.67 1.40 15.49 2.41 1.52 0.56 6 degree MIN. 0.170 0.014 0.175 0.130 0.095 0.045 0.500 0.085 0.045 0.016 4 degree inch TYP. MAX. 0.195 0.020 0.194 0.155 0.105 0.055 0.609 0.094 0.059 0.022 6 degree
DIM.
3/5
BF421
TO-92 AMMOPACK SHIPMENT (Suffix"-AP") MECHANICAL DATA
DIM. A1 T T1 T2 d P0 P2 F1,F2 delta H W W0 W1 W2 H H0 H1 D0 t L I1 delta P mm TYP. inch TYP.
MIN.
12.50 5.65 2.44 -2.00 17.50 5.70 8.50 18.50 15.50 3.80
12.70 6.35 2.54 18.00 6.00 9.00
16.00 4.00
MAX. 4.80 3.80 1.60 2.30 0.48 12.90 7.05 2.94 2.00 19.00 6.30 9.25 0.50 20.50 16.50 25.00 4.20 0.90 11.00 1.00
MIN.
0.492 0.222 0.096 -0.079 0.689 0.224 0.335 0.728 0.610 0.150
0.500 0.250 0.100 0.709 0.236 0.354
0.630 0.157
MAX. 0.189 0.150 0.063 0.091 0.019 0.508 0.278 0.116 0.079 0.748 0.248 0.364 0.020 0.807 0.650 0.984 0.165 0.035 0.433 0.039
3.00 -1.00
0.118 -0.039
4/5
BF421
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specification mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a trademark of STMicroelectronics (c) 2003 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco Singapore - Spain - Sweden - Switzerland - United Kingdom - United States. http://www.st.com
5/5


▲Up To Search▲   

 
Price & Availability of BF421-AP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X